Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download PA831TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon transistor m mm m PA831TF npn silicon epitaxial transistor (with 2 different elements) in a 6-pin thin-type small mini mold package preliminary data sheet document no. p12723ej1v0ds00 (1st edition) date published august 1997 n printed in japan 199 7 ? description package drawings (unit:mm) the m PA831TF has two different built-in transistors (q1 and q2) for low noise amplification i n th e vh f ban d t o uhf band. features ? low noise q1 : nf = 1.2 db typ., q2 : nf = 1.4 db typ. @f = 1 ghz, v ce = 3 v, i c = 7 ma ? high gain q1 : | s21 e | 2 = 9.0 db typ. q2 : | s21 e | 2 = 12.0 db typ. @f = 1 ghz, v ce = 3 v, i c = 7 ma ? 6-pin thin-type small mini mold package ? 2 different transistors on-chip (2sc4226, 2sc4227) on-chip transistors q1 q2 3-pin small mini mold part no. 2sc4226 2sc4227 the m pa834tf features the q1 and q2 in inverted positions. ordering information part number quantity packing style m PA831TF loose products (50 pcs) m PA831TF-t1 taping products (3 kpcs/reel) caution is required concerning excess input, such as from stati c electricity , becaus e th e high-frequency process is used for this device. v24 2.000.2 1.30 0.600.1 0 to 0.1 0.45 0.65 32 1 45 6 0.65 2.100.1 1.250.1 0.130.05 0.22 +0.1 - 0.05 b1 q1 q2 6 5 4 3 2 1 e2 b2 c1 e1 c2 1. collector (q1) 2. emitter (q1) 3. collector (q2) pin connections 4. base (q2) 5. emitter (q2) 6. base (q1) 8-mm wide embossed tape. pin 6 (q1 base), pin 5 (q2 emitter), and pin 4 (q2 base) face perforated side of tape. pin configuration (top view) the information in this document is subject to change without notice.
2 m m m m PA831TF absolute maximum ratings (t a = 25 c) rating q1 q2 collector to base voltage v cbo 20 20 v collector to emitter voltage v ceo 12 10 v emitter to base voltage v ebo 3 1.5 v collector current i c 100 65 ma total power dissipation p t 150 in 1 element 150 in 1 element mw 200 in 2 elements note junction temperature t j 150 150 c storage temperature t stg - 65 to +150 c note 110 mw must not be exceeded for 1 element. (1) q1 electrical characteristics parameter symbol condition min. typ. max. unit collector cutoff current i cbo v cb = 10 v, i e = 0 1 m a emitter cutoff current i ebo v eb = 1 v, i c = 0 1 m a dc current gain h fe v ce = 3 v, i c = 7 ma note 1 100 145 gain bandwidth product f t v ce = 3 v, i c = 7 ma, f = 1 ghz 3.0 4.5 ghz feedback capacitance c re v cb = 3 v, i e = 0, f = 1 mhz note 2 0.7 1.5 pf insertion power gain | s 21e | 2 v ce = 3 v, i c = 7 ma, f = 1 ghz 7 9 db noise figure nf v ce = 3 v, i c = 7 ma, f = 1 ghz 1.2 2.5 db notes 1. pulse measurement: pw 350 m s, duty cycle 2% 2. collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with emitter connected to guard pin of capacitance meter. unit symbol parameter
3 m m m m PA831TF (2) q2 electrical characteristics parameter symbol condition min. typ. max. unit collector cutoff current i cbo v cb = 10 v, i e = 0 0.8 m a emitter cutoff current i ebo v eb = 1 v, i c = 0 0.8 m a dc current gain h fe v ce = 3 v, i c = 7 ma note 1 70 150 gain bandwidth product f t v ce = 3 v, i c = 7 ma, f = 1 ghz 4.5 7.0 ghz feedback capacitance c re v cb = 3 v, i e = 0, f = 1 mhz note 2 0.45 0.9 pf insertion power gain | s 21e | 2 v ce = 3 v, i c = 7 ma, f = 1 ghz 10 12 db noise figure nf v ce = 3 v, i c = 7 ma, f = 1 ghz 1.4 2.7 db notes 1. pulse measurement: pw 350 m s, duty cycle 2% 2. collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with emitter connected to guard pin of capacitance meter. h fe classification rank fb marking v24 h fe value of q1 100 to 145 h fe value of q2 70 to 150
4 m m m m PA831TF typical characteristics (t a = 25 c) 200 100 0 50 100 150 ambient temperature t a ( c ) total power dissipation p t (mw) total power dissipation vs. ambient temperature q1 + q2 total free air q1 when using 2 elements collector current vs. dc base voltage 20 10 0 0.5 1.0 v ce = 3 v dc base voltage v be (v) collector current i c (ma) collector current vs. collector to emitter voltage 25 20 15 10 5 0 510 collector current i c (ma) collector to emitter voltage v ce (v) 140 a 120 a i b =160 a m m m 80 a 40 a 20 a 60 a 200 100 0 50 100 150 ambient temperature t a ( c) total power dissipation p t (mw) total power dissipation vs. ambient temperature q1 q2 q1 + q2 total 20 10 0 0.5 1.0 v ce = 3 v collector current i c (ma) collector current vs. dc base voltage dc base voltage v be (v) 25 20 15 10 5 0 0.5 1.0 collector current vs. collector to emitter voltage collector current i c (ma) collector to emitter voltage v ce (v) i b = 20 a 40 a 60 a 80 a 100 a 120 a 140 a 160 a free air q1 when using 1 element q2 when using 2 elements q2 when using 1 element 100 a m m m m m m m m m m m m m
5 m m m m PA831TF dc current gain vs. collector current collector current i c (ma) 200 100 50 20 10 0.5 1 5 10 50 v ce = 3 v dc current gain h fe gain bandwidth product vs. collector current 20 10 5 2 1 0.5 1 5 10 50 collector current i c (ma) f = 1.0 gh z v ce = 3 v gain bandwidth product f t (gh z ) insertion power gain vs. collector current 15 10 5 0 0.5 1 5 10 50 100 insertion power gain s 21e 2 (db) collector current i c (ma) v ce = 3 v f = 1.0 gh z collector current i c (ma) 200 100 50 20 10 0.5 1 5 10 50 v ce = 3 v dc current gain h fe dc current gain vs. collector current q1 q2 gain bandwidth product f t (gh z ) 10 6 4 2 0 0.5 1.0 5.0 10 50 gain bandwidth product vs. collector current collector current i c (ma) 8 v ce = 3 v f = 1 ghz 15 10 5 0 0.5 1 5 10 50 insertion power gain s 21e 2 (db) collector current i c (ma) v ce = 3 v f = 1 ghz insertion power gain vs. collector current
6 m m m m PA831TF insertion power gain vs. frequency 24 20 16 12 8 4 0 0.1 0.2 0.5 1.0 2.0 5.0 frequency f (ghz) insertion power gain s 21e 2 (db) v ce = 3 v i c = 7 ma feedback capacitance vs. collector to base voltage feedback capacitance c re (pf) 5.0 1.0 0.5 0.2 0.1 12 51020 50 f = 1 mhz collector to base voltage v cb (v) 2.0 5 3 4 1 2 0 0.5 1.0 5.0 10 50 v ce = 3 v f = 1 ghz collector current i c (ma) noise figure nf (db) noise figure vs. collector current 25 20 15 10 5 0 0.1 0.2 0.5 1.0 2.0 5.0 frequency f (ghz) insertion power gain s 21e 2 (db) insertion power gain vs. frequency v ce = 3 v i c = 7 ma feedback capacitance c re (pf) 5.0 1.0 0.5 0.2 0.1 12 51020 50 f = 1 mhz feedback capacitance vs. collector to base voltage collector to base voltage v cb (v) 2.0 noise figure vs. collector current q2 q1 6 4 2 0 0.5 1.0 5.0 10 50 100 v ce = 3 v f = 1 gh z collector current i c (ma) noise figure nf (db)
7 m m m m PA831TF s-parameters q1 v ce = 3 v, i c = 1 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .97 .94 .90 .86 .82 .79 .76 .74 .72 .71 .71 .70 .71 .71 .71 .72 .72 .73 .74 .75 .75 .76 .77 .77 .78 .79 .79 .80 .81 .81 - 20.45 - 40.17 - 59.57 - 77.29 - 94.54 - 110.15 - 124.06 - 136.61 - 148.19 - 158.16 - 167.38 - 175.72 176.48 169.61 162.88 157.03 151.31 146.29 141.40 136.95 132.61 128.64 124.97 121.29 117.97 114.71 111.76 108.85 106.05 103.52 2.38 2.31 2.25 2.10 2.03 1.92 1.80 1.69 1.59 1.48 1.39 1.30 1.22 1.15 1.09 1.03 .97 .92 .87 .83 .79 .76 .72 .69 .66 .63 .60 .58 .56 .54 162.85 148.19 135.26 123.99 113.53 104.19 95.54 87.82 80.80 74.49 68.76 63.28 58.43 53.77 49.18 45.04 41.14 37.65 34.21 31.08 27.91 25.12 22.56 20.26 18.15 16.20 14.55 12.80 11.46 10.02 .04 .08 .11 .13 .15 .16 .16 .16 .16 .16 .15 .15 .14 .13 .13 .12 .12 .11 .11 .11 .11 .11 .12 .12 .13 .14 .15 .16 .18 .19 76.56 63.82 52.97 43.63 36.13 29.28 23.65 19.18 15.47 12.65 10.12 8.37 7.41 7.31 7.58 9.20 11.56 14.82 18.79 23.61 28.60 33.65 38.01 41.76 45.08 47.62 49.09 49.98 50.29 50.48 .98 .94 .89 .83 .78 .74 .70 .67 .65 .64 .62 .61 .60 .59 .59 .58 .58 .58 .57 .57 .57 .57 .57 .57 .57 .57 .57 .58 .58 .58 - 8.59 - 16.05 - 22.20 - 27.30 - 31.16 - 34.67 - 37.55 - 40.06 - 42.54 - 44.88 - 47.25 - 49.79 - 52.21 - 54.99 - 57.73 - 61.04 - 64.34 - 67.77 - 71.13 - 74.83 - 78.77 - 82.60 - 86.85 - 90.91 - 95.23 - 99.78 - 104.24 - 109.00 - 113.69 - 118.13 v ce = 3 v, i c = 3 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .90 .83 .75 .70 .65 .62 .60 .59 .59 .59 .59 .59 .60 .60 .61 .62 .63 .64 .65 .66 .67 .68 .69 .69 .70 .71 .72 .73 .74 .75 - 29.24 - 56.61 - 82.38 - 104.35 - 122.97 - 138.09 - 150.60 - 161.35 - 170.46 - 178.60 174.04 167.50 161.38 156.04 150.72 146.09 141.52 137.65 133.69 130.09 126.52 123.26 120.27 117.15 114.27 111.71 109.21 106.70 104.47 102.28 6.73 6.15 5.66 5.08 4.52 4.00 3.57 3.21 2.90 2.65 2.43 2.25 2.08 1.95 1.82 1.71 1.61 1.53 1.45 1.38 1.32 1.26 1.20 1.15 1.10 1.06 1.02 .97 .94 .91 156.08 138.83 124.38 112.82 102.90 94.98 88.01 82.00 76.74 71.87 67.34 62.99 59.07 55.38 51.53 48.04 44.61 41.49 38.35 35.44 32.33 29.70 26.91 24.44 21.83 19.60 17.12 14.96 12.97 10.82 .04 .07 .09 .10 .11 .11 .11 .11 .12 .12 .12 .12 .12 .13 .13 .13 .14 .14 .15 .15 .16 .16 .17 .18 .19 .19 .20 .21 .22 .22 70.94 55.92 46.12 39.45 35.38 32.50 30.78 30.02 29.88 30.03 30.52 31.42 32.31 33.59 34.65 35.76 36.98 38.11 38.91 39.97 40.67 41.25 41.76 42.09 42.08 42.18 42.29 41.78 41.42 41.10 .93 .82 .70 .61 .54 .49 .45 .42 .40 .38 .37 .36 .35 .34 .33 .33 .32 .32 .32 .31 .31 .31 .31 .31 .31 .31 .32 .32 .33 .33 - 16.82 - 29.40 - 37.28 - 42.73 - 45.93 - 48.61 - 50.55 - 52.19 - 54.08 - 55.78 - 57.60 - 59.72 - 61.84 - 64.46 - 67.05 - 70.23 - 73.46 - 76.96 - 80.43 - 84.11 - 88.21 - 92.12 - 96.67 - 100.78 - 105.22 - 109.89 - 114.66 - 119.25 - 124.21 - 128.59
8 m m m m PA831TF s-parameters q1 v ce = 3 v, i c = 5 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .84 .74 .65 .60 .57 .55 .54 .54 .54 .54 .55 .55 .56 .57 .58 .59 .60 .61 .62 .63 .64 .65 .66 .67 .68 .68 .69 .70 .71 .72 - 37.26 - 70.72 - 100.14 - 122.73 - 139.98 - 153.16 - 163.95 - 173.01 179.14 172.20 165.80 160.12 154.92 150.12 145.43 141.31 137.23 133.70 130.17 126.82 123.64 120.71 117.99 115.08 112.54 110.13 107.78 105.52 103.31 101.25 10.52 9.17 7.97 6.76 5.74 4.95 4.33 3.85 3.44 3.13 2.86 2.63 2.43 2.27 2.12 1.99 1.88 1.78 1.68 1.60 1.53 1.46 1.40 1.33 1.28 1.23 1.18 1.14 1.10 1.06 150.99 131.67 116.47 105.34 96.73 89.92 84.13 78.92 74.44 70.19 66.20 62.35 58.82 55.44 51.94 48.73 45.70 42.72 39.69 37.07 34.06 31.55 28.81 26.41 23.75 21.72 19.41 17.04 15.04 12.85 .04 .06 .07 .08 .09 .09 .10 .10 .11 .11 .12 .12 .13 .13 .14 .15 .15 .16 .16 .17 .18 .18 .19 .20 .21 .21 .22 .23 .23 .24 67.19 52.38 44.81 41.17 39.62 38.83 38.89 39.22 40.21 40.98 41.45 42.12 42.51 43.29 43.44 43.67 44.06 44.00 43.77 43.80 43.62 43.25 42.92 42.38 41.92 41.46 40.69 39.95 39.10 38.40 .89 .72 .58 .48 .42 .37 .34 .31 .30 .28 .27 .26 .25 .24 .23 .23 .22 .22 .22 .22 .22 .22 .22 .22 .22 .22 .23 .24 .24 .25 - 23.52 - 38.66 - 46.62 - 51.47 - 54.25 - 56.48 - 58.22 - 59.93 - 61.82 - 63.63 - 65.68 - 68.02 - 70.57 - 73.51 - 76.52 - 80.31 - 84.21 - 88.16 - 92.09 - 96.22 - 101.16 - 105.74 - 110.57 - 115.34 - 120.22 - 125.18 - 130.36 - 134.71 - 139.65 - 144.01 v ce = 3 v, i c = 7 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .79 .67 .59 .55 .52 .52 .51 .51 .52 .52 .53 .54 .54 .55 .56 .57 .58 .59 .60 .61 .62 .63 .64 .65 .66 .67 .68 .69 .70 .71 - 44.32 - 82.73 - 113.49 - 134.72 - 150.16 - 161.98 - 171.56 - 179.64 173.30 167.06 161.26 156.05 151.22 146.81 142.49 138.66 134.85 131.54 128.16 125.10 122.05 119.27 116.70 113.87 111.51 109.16 106.97 104.65 102.63 100.68 13.71 11.45 9.41 7.67 6.37 5.44 4.71 4.17 3.73 3.38 3.08 2.83 2.61 2.44 2.28 2.14 2.02 1.91 1.81 1.72 1.64 1.57 1.50 1.43 1.37 1.32 1.27 1.22 1.18 1.14 146.95 126.15 111.03 100.87 93.24 87.20 81.95 77.28 73.14 69.28 65.48 61.95 58.77 55.41 52.20 49.11 46.08 43.25 40.43 37.91 34.92 32.41 29.76 27.41 25.17 22.83 20.70 18.35 16.37 14.21 .04 .05 .07 .07 .08 .08 .09 .10 .10 .11 .12 .12 .13 .14 .14 .15 .16 .17 .17 .18 .19 .20 .20 .21 .22 .22 .23 .24 .25 .25 64.19 50.70 45.71 44.09 43.89 44.29 44.90 45.68 46.53 47.24 47.44 47.51 47.41 47.76 47.48 47.27 47.00 46.66 45.91 45.50 44.78 44.24 43.38 42.59 41.98 41.02 40.16 39.22 38.29 37.45 .84 .64 .49 .40 .35 .31 .28 .26 .24 .23 .22 .21 .20 .19 .19 .18 .18 .18 .18 .18 .18 .18 .18 .18 .19 .19 .20 .21 .22 .23 - 28.71 - 44.98 - 52.71 - 57.18 - 59.82 - 62.08 - 63.86 - 65.85 - 67.95 - 70.01 - 72.42 - 75.34 - 78.33 - 81.85 - 85.78 - 90.06 - 94.72 - 99.13 - 103.95 - 108.59 - 114.11 - 118.98 - 124.21 - 129.50 - 134.34 - 139.54 - 144.26 - 148.76 - 153.16 - 157.18
9 m m m m PA831TF s-parameters q2 v ce = 3 v, i c = 1 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .98 .96 .93 .90 .87 .83 .79 .75 .71 .68 .65 .62 .60 .58 .57 .56 .55 .55 .55 .55 .55 .55 .55 .56 .57 .57 .58 .59 .60 .60 - 10.86 - 21.63 - 32.48 - 42.91 - 53.63 - 64.20 - 74.42 - 84.40 - 94.53 - 103.53 - 112.84 - 121.59 - 129.96 - 137.90 - 145.60 - 152.58 - 159.13 - 165.54 - 171.51 - 177.12 177.71 172.74 168.14 163.90 159.65 155.86 152.13 148.79 145.37 142.54 2.42 2.38 2.38 2.31 2.29 2.25 2.19 2.13 2.10 2.02 1.96 1.90 1.83 1.77 1.71 1.65 1.59 1.54 1.49 1.44 1.40 1.35 1.31 1.28 1.24 1.21 1.17 1.14 1.11 1.08 168.67 158.63 149.52 140.98 133.17 125.99 118.72 112.19 105.36 99.41 93.81 88.26 83.34 78.40 73.71 69.43 65.42 61.40 57.68 54.11 50.42 47.14 43.70 40.75 37.59 34.64 31.65 28.80 26.00 23.49 .03 .05 .08 .10 .11 .13 .14 .14 .15 .15 .16 .16 .16 .16 .16 .16 .16 .15 .15 .16 .16 .16 .16 .16 .17 .18 .18 .19 .20 .21 82.29 75.10 68.06 61.46 56.13 50.41 46.33 42.16 38.75 36.15 33.86 32.01 30.54 29.59 29.15 28.80 29.10 29.88 30.88 32.04 33.77 35.33 37.46 69.67 41.52 43.20 44.96 46.21 47.12 47.77 .99 .97 .94 .91 .87 .83 .80 .76 .73 .70 .67 .65 .62 .60 .58 .57 .55 .53 .52 .51 .49 .48 .47 .46 .44 .43 .42 .41 .40 .39 - 5.27 - 10.32 - 15.03 - 19.41 - 22.87 - 26.69 - 29.29 - 32.26 - 34.46 - 36.40 - 38.57 - 40.20 - 42.02 - 43.95 - 45.97 - 47.82 - 49.98 - 52.18 - 54.64 - 57.16 - 59.87 - 62.87 - 66.21 - 69.77 - 73.66 - 77.93 - 82.33 - 87.47 - 92.35 - 97.59 v ce = 3 v, i c = 3 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .92 .87 .80 .73 .65 .59 .53 .49 .45 .43 .41 .40 .39 .39 .39 .39 .39 .39 .40 .41 .41 .42 .43 .44 .45 .46 .47 .49 .50 .51 - 16.40 - 32.07 - 47.67 - 62.40 - 76.67 - 89.52 - 101.31 - 112.10 - 121.85 - 130.75 - 139.20 - 146.82 - 154.09 - 160.74 - 166.97 - 172.58 - 177.84 177.23 172.58 168.36 164.52 160.70 157.30 154.02 150.91 148.07 145.25 142.65 139.98 138.06 6.78 6.39 6.14 5.78 5.43 5.01 4.64 4.29 3.96 3.67 3.42 3.20 3.00 2.82 2.67 2.53 2.41 2.30 2.20 2.11 2.03 1.96 1.89 1.83 1.77 1.71 1.66 1.62 1.57 1.52 162.42 149.12 137.78 127.84 118.67 111.01 103.74 97.61 92.07 87.21 82.77 78.56 74.75 71.06 67.56 64.32 61.15 58.00 54.87 52.04 49.15 46.40 43.44 40.90 38.21 35.73 32.88 30.44 27.86 25.73 .03 .05 .06 .08 .09 .09 .10 .11 .11 .12 .12 .13 .13 .14 .15 .15 .16 .17 .17 .18 .19 .19 .20 .21 .22 .23 .24 .25 .26 .27 78.93 69.04 61.85 56.50 53.06 50.34 49.05 48.17 47.67 47.43 47.62 47.88 48.07 48.31 48.47 48.70 48.92 49.32 49.37 49.48 49.28 49.06 48.89 48.71 48.34 47.76 47.41 46.67 45.98 45.20 .96 .90 .81 .74 .67 .61 .57 .53 .50 .47 .45 .43 .41 .39 .37 .36 .34 .33 .31 .30 .28 .27 .26 .24 .23 .21 .20 .18 .17 .16 - 10.26 - 19.01 - 25.29 - 30.21 - 33.01 - 35.62 - 36.97 - 38.30 - 39.13 - 39.97 - 40.84 - 41.51 - 42.38 - 43.48 - 44.78 - 45.86 - 47.49 - 48.98 - 50.86 - 52.76 - 54.99 - 57.53 - 60.32 - 63.52 - 67.38 - 71.54 - 76.23 - 81.94 - 87.86 - 94.47
10 m m m m PA831TF s-parameters q2 v ce = 3 v, i c = 5 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .87 .78 .68 .58 .50 .44 .40 .37 .35 .34 .33 .33 .33 .33 .33 .33 .34 .35 .36 .37 .38 .39 .40 .41 .42 .43 .45 .46 .47 .48 - 21.14 - 40.83 - 60.06 - 77.36 - 92.42 - 105.23 - 116.35 - 126.53 - 135.66 - 143.84 - 151.49 - 158.47 - 164.93 - 170.67 - 176.15 178.94 174.48 170.19 166.22 162.68 159.35 156.09 153.11 150.30 147.53 145.08 142.49 140.30 137.82 136.02 10.54 9.60 8.88 8.02 7.14 6.32 5.64 5.09 4.61 4.22 3.89 3.61 3.37 3.16 2.98 2.81 2.67 2.55 2.43 2.33 2.24 2.15 2.07 2.00 1.94 1.88 1.82 1.76 1.71 1.66 157.81 142.32 129.34 118.40 109.32 102.30 96.25 91.05 86.42 82.27 78.59 74.93 71.63 68.50 65.28 62.44 59.53 56.72 53.90 51.31 48.56 46.03 43.46 41.00 38.54 35.97 33.27 31.11 28.59 26.58 .02 .04 .06 .07 .07 .08 .09 .10 .10 .11 .12 .13 .13 .14 .15 .16 .17 .17 .18 .19 .20 .21 .22 .23 .24 .25 .25 .26 .27 .28 75.42 65.90 60.29 56.88 55.62 54.62 54.78 54.68 54.91 55.25 55.23 55.53 55.49 55.41 55.16 54.93 54.56 54.03 53.71 53.22 52.54 51.87 51.10 50.45 49.58 48.60 47.69 46.60 45.56 44.44 .93 .83 .71 .62 .55 .50 .46 .43 .41 .38 .36 .35 .33 .32 .30 .29 .27 .26 .25 .23 .22 .20 .19 .17 .16 .14 .13 .11 .10 .08 - 14.27 - 24.65 - 30.56 - 34.29 - 35.99 - 37.17 - 37.50 - 38.10 - 38.22 - 38.54 - 38.98 - 39.34 - 39.85 - 40.67 - 41.72 - 42.66 - 43.96 - 45.25 - 46.88 - 48.42 - 50.34 - 52.64 - 55.18 - 58.24 - 62.15 - 66.33 - 71.05 - 78.26 - 85.54 - 95.21 v ce = 3 v, i c = 7 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .82 .70 .58 .48 .41 .36 .33 .31 .30 .29 .29 .29 .29 .30 .30 .31 .32 .33 .34 .35 .36 .37 .38 .39 .41 .42 .43 .44 .46 .47 - 25.53 - 48.93 - 70.56 - 88.76 - 103.39 - 115.73 - 126.32 - 135.93 - 144.44 - 152.17 - 159.26 - 165.53 - 171.36 - 176.72 178.39 173.90 169.88 166.06 162.59 159.36 156.27 153.42 150.63 148.12 145.66 143.34 140.96 138.81 136.66 135.02 13.87 12.25 10.84 9.35 8.02 6.95 6.11 5.46 4.92 4.48 4.11 3.81 3.55 3.32 3.12 2.95 2.80 2.66 2.54 2.43 2.33 2.25 2.16 2.09 2.02 1.96 1.89 1.83 1.78 1.73 154.03 136.79 122.67 111.78 103.61 97.46 92.14 87.62 83.59 79.82 76.41 73.17 70.09 67.05 64.12 61.44 58.72 56.07 53.39 50.86 48.28 45.89 43.05 40.78 38.61 36.14 33.67 31.28 29.14 26.84 .02 .04 .05 .06 .07 .08 .08 .09 .10 .11 .12 .13 .13 .14 .15 .16 .17 .18 .19 .20 .21 .22 .23 .24 .24 .25 .26 .27 .28 .29 74.13 64.47 60.39 58.88 58.61 58.55 58.93 59.18 59.34 59.51 59.53 59.39 59.05 58.84 58.27 57.62 57.18 56.32 55.76 55.01 54.16 52.97 52.00 51.15 50.13 48.95 47.89 46.76 45.56 44.44 .90 .76 .63 .55 .49 .44 .41 .38 .36 .34 .32 .31 .29 .28 .27 .25 .24 .23 .21 .20 .19 .17 .16 .14 .13 .11 .09 .08 .06 .05 - 17.35 - 28.32 - 33.36 - 35.74 - 36.45 - 36.82 - 36.53 - 36.68 - 36.49 - 36.62 - 36.78 - 37.07 - 37.41 - 38.01 - 39.05 - 39.87 - 41.01 - 42.06 - 43.61 - 44.79 - 46.76 - 48.48 - 50.86 - 53.66 - 57.04 - 61.10 - 66.21 - 73.49 - 83.84 - 97.11
11 m m m m PA831TF s-parameters q2 v ce = 3 v, i c = 10 ma, z 0 = 50 w frequency s11 s21 s12 s22 ghz mag ang mag ang mag ang mag ang .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 .75 .60 .46 .38 .33 .30 .28 .27 .27 .26 .26 .27 .27 .28 .29 .30 .30 .32 .32 .34 .35 .36 .37 .38 .40 .41 .42 .44 .45 .46 - 31.69 - 59.65 - 83.01 - 100.85 - 114.89 - 126.72 - 136.66 - 145.74 - 153.56 - 160.53 - 166.88 - 172.68 - 177.77 177.46 173.18 169.29 165.76 162.29 159.29 156.32 153.54 150.92 148.50 146.21 143.83 141.72 139.53 137.55 135.45 133.92 18.15 15.27 12.63 10.36 8.65 7.39 6.44 5.71 5.13 4.66 4.27 3.95 3.68 3.44 3.23 3.05 2.89 2.75 2.62 2.51 2.40 2.31 2.22 2.15 2.08 2.00 1.94 1.88 1.83 1.77 149.45 130.00 115.55 105.74 98.71 93.39 88.76 84.77 81.10 77.73 74.64 71.54 68.67 65.84 63.03 60.50 58.07 55.43 52.94 50.27 47.83 45.61 42.91 40.75 38.52 36.05 33.72 31.41 29.26 27.15 .02 .04 .05 .05 .06 .07 .08 .09 .10 .11 .12 .13 .14 .15 .16 .17 .17 .18 .19 .20 .21 .22 .23 .24 .25 .26 .27 .28 .29 .30 72.88 64.34 61.90 62.10 62.36 62.91 63.12 63.61 63.35 63.27 62.91 62.53 62.04 61.42 60.56 59.82 58.92 57.96 57.13 56.28 55.15 53.97 52.83 51.67 50.51 49.30 48.15 46.86 45.59 44.27 .86 .68 .56 .48 .43 .39 .36 .34 .32 .31 .29 .28 .27 .25 .24 .23 .22 .20 .19 .17 .16 .15 .13 .12 .10 .08 .07 .05 .03 .02 - 20.87 - 31.44 - 34.79 - 35.76 - 35.53 - 35.09 - 34.48 - 34.25 - 33.89 - 33.85 - 34.07 - 34.09 - 34.41 - 35.12 - 35.98 - 36.56 - 37.60 - 38.49 - 39.89 - 40.62 - 42.62 - 43.94 - 45.84 - 48.25 - 50.92 - 54.37 - 58.39 - 66.06 - 77.18 - 101.29
m m m m PA831TF no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. while nec corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. to minimize risks of damage or injury to persons or property arising from a defect in an nec semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. nec devices are classified into the following three quality grades: "standard", "special", and "specific". the specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. the recommended applications of a device depend on its quality grade, as indicated below. customers must check the quality grade of each device before using it in a particular application. standard: computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots special: transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) specific: aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. the quality grade of nec devices is "standard" unless otherwise specified in nec's data sheets or data books. if customers intend to use nec devices for applications other than those specified for standard quality grade, they should contact an nec sales representative in advance. anti-radioactive design is not implemented in this product. m4 96. 5


▲Up To Search▲   

 
Price & Availability of PA831TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X