Part Number Hot Search : 
MGF4919E C1210 16N50 E170CA G0906 L7805A PYQ28 SG256
Product Description
Full Text Search
 

To Download MTCF032A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 4mb-32mb compactflash micron technology, inc., reserves the right to change products or specifications without notice. fc02_b.p65 C rev. 2, pub. 12/00 ?2000, micron technology, inc. 4mb-32mb compactflash mtcf004a, mtcf008a, mtcf010a, mtcf016a, MTCF032A compactflash ata/ata (ide) features ? implements a highly integrated memory controller C fully compatible with compactflash? specification C ata (ide) compatible C 16-bit pc card ata standard with optional adapter C also pcmcia 2.1 compatible with optional adapter ? smallest ata-compatible form factor C 36.4mm x 42.8mm x 3.3mm ? uses standard ata software drivers; no additional software drivers required ? high reliability C no moving parts C noiseless C 10,000 card insertions/removals C high shock and vibration tolerance ? powerful reed-solomon error detection and correction ? optimized power consumption C selectable based on performance and power requirements C automatic sleep mode with fast wake-up ? supports standard power-management commands C power-down command C sleep command ? high performance C 6 mb/s burst rate ? available densities C 4mb, 8mb, 10mb, 16mb, 32mb ? 3.3v or 5v supply voltage ? customer-specific labeling; contact factory for details compactflash ? card compactflash card general description the micron ? compactflash card is a small form fac- tor, 50-pin connector, solid-state disk card with densities ranging from 4mb to 32mb. maximum compatibility across various platforms is ensured because the compactflash card implements an industry-standard pcmcia ata- and ide-compatible electrical interface. additionally, the card is mechanically and electrically compliant with the compactflash association (cfa) compactflash specification, version 1.3. (for details on this specification, refer to www.compactflash.org .) microns mediaflash memory components are used on the card, which is specifically designed for high- performance, low-cost, mass-storage applications. microns compactflash card can be used in any appli- cation designed for the compactflash specification. although it maintains compatibility with the electrical in- terface of a standard pcmcia card, compactflash has a 66 percent smaller form factor that makes it an ideal choice for space-constrained, portable applications. with a 50- pin to 68-pin pcmcia adapter, the compactflash card can be used in any type ii or type iii pcmcia slot. microns compactflash card provides a superior memory solution for any application requiring rugged, compact, low- power (battery-powered) and reliable mass storage. please refer to the micron web site ( www.micronsemi.com/datasheets/flashds.html ) for the latest data sheet. mb compact flash tm
2 4mb-32mb compactflash micron technology, inc., reserves the right to change products or specifications without notice. fc02_b.p65 C rev. 2, pub. 12/00 ?2000, micron technology, inc. 4mb-32mb compactflash performance (0oc t a +60oc; v cc = 3.3v 5% or 5v 10%) parameter typ max units notes reset to ready C 50 ms sustained rate (read) 1.5 C mb/s 1 sustained rate (write) 400 C kb/s 1 burst rate C 6 mb/s 2 data path x8 or x16 C bits buffer/burst size 512 C bytes command to drq (read) C 2 ms command to drq (write) C 1 ms specification summary current drain (0oc t a +60oc; v cc = 3.3v 5% or 5v 10%) parameter max units notes operating current (3.3v 5%) 75 ma 3 operating current (5v 10%) 100 ma 3 sleep mode current (3.3v 5%) 0.6 ma sleep mode current (5v 10%) 1.0 ma note: 1. parameter depends on application and host overhead. 2. parameter is specified for a read or write. 3. maximum average rms current. capacity model formatted sectors sectors/ number capacity per card heads track cylinders mtcf004a 4,030,464 7,872 2 32 123 mtcf008a 8,028,160 15,680 2 32 245 mtcf010a 10,485,760 20,480 2 32 320 mtcf016a 16,056,320 31,360 2 32 490 MTCF032A 32,112,640 62,720 4 32 490
3 4mb-32mb compactflash micron technology, inc., reserves the right to change products or specifications without notice. fc02_b.p65 C rev. 2, pub. 12/00 ?2000, micron technology, inc. 4mb-32mb compactflash specification summary (continued) environmental conditions parameter min max units notes temperature (operating) 0 +60 oc temperature (nonoperating) -25 +85 oc shock (operating/nonoperating) C 2,000 g 1 vibration (operating/nonoperating) C 15 g 2 humidity (operating/nonoperating) 8% 95% C 3 noise C0db note: 1. parameter is specified for any axis or direction. 2. measured peak to peak. 3. noncondensing. ordering information part number density mtcf004a- ____ 4mb mtcf008a- ____ 8mb mtcf010a- ____ 10mb mtcf016a- ____ 16mb MTCF032A- ____ 32mb note: all part numbers end with a three-place code (not shown), designating asic, flash component and pcb revision. consult factory for current revision codes. example: mtcf004a- cab
4 4mb-32mb compactflash micron technology, inc., reserves the right to change products or specifications without notice. fc02_b.p65 C rev. 2, pub. 12/00 ?2000, micron technology, inc. 4mb-32mb compactflash compactflash card 36.40 .15 (1.433 .008) 1 26 25 50 .99 .05 (.039 .002) 1.60 .05 (.063 .002) 1.01 .07 (.039 .003) top 42.80 .10 (1.685 .004) .5 .10 r(4x) (.020 .004) r(4x) 3.00 .07 (2x) (.118 .003) (2x) 12.00 .10 (2x) (.472 .004) (2x) 25.78 .07 (2x) (1.015 .003) (2x) 2.15 .07 (.085 .003) .76 .07 (.030 .003) .63 .7 (.025 .003) 41.66 .13 (1.640 .005) 1.01 .07 (.039 .003) 3.30 .10 (.130 .004) note: 1. all dimensions in millimeters (inches) max or typical where noted. min 8000 s. federal way, p.o. box 6, boise, id 83707-0006, tel: 208-368-3900 e-mail: prodmktg@micron.com, internet: http://www.micron.com, customer comment line: 800-932-4992 micron is a registered trademark of micron technology, inc. micron technology, inc., is an authorized licensee of the compactflash and the cf logo trademarks.


▲Up To Search▲   

 
Price & Availability of MTCF032A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X