Part Number Hot Search : 
1215Z SIS43 VIPER50B P4KE47 2N6796 34907 UZ15BSA EW6018
Product Description
Full Text Search
 

To Download IXGT35N120B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 - 2 ? 2000 ixys all rights reserved hiperfast tm igbt advance technical information v ces = 1200 v i c2 = 70 a v ce(sat) = 3.3 v t fi(typ) = 160 ns ixgh 35n120b ixgt 35n120b c (tab) g = gate, c = collector, e = emitter, tab = collector g c e to-247 ad (ixgh) features ? international standard packages jedec to-268 and jedec to-247 ad  low switching losses, low v (sat)  mos gate turn-on - drive simplicity applications  ac motor speed control  dc servo and robot drives  dc choppers  uninterruptible power supplies (ups)  switched-mode and resonant-mode power supplies advantages  high power density  suitable for surface mounting  easy to mount with 1 screw, (isolated mounting screw hole) 98665 (11/99) symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. bv ces i c = 1 ma, v ge = 0 v 1200 v v ge(th) i c = 750  a, v ce = v ge 2.5 5 v i ces v ce = v ces t j = 25  c 250  a v ge = 0 v t j = 125  c5ma i ges v ce = 0 v, v ge =  20 v  100 na v ce(sat) i c = i c90 , v ge = 15 v 3.3 v t j = 125  c 2.7 v symbol test conditions maximum ratings v ces t j = 25  c to 150  c 1200 v v cgr t j = 25  c to 150  c; r ge = 1 m  1200 v v ges continuous  20 v v gem transient  30 v i c25 t c = 25  c70a i c90 t c = 90  c35a i cm t c = 25  c, 1 ms 140 a ssoa v ge = 15 v, t vj = 125  c, r g = 5  i cm = 90 a (rbsoa) clamped inductive load @ 0.8 v ces p c t c = 25  c 300 w t j -55 ... +150  c t jm 150  c t stg -55 ... +150  c maximum lead temperature for soldering 300  c 1.6 mm (0.062 in.) from case for 10 s maximum tab temperature for soldering smd devices for 10 s 260  c m d mounting torque (m3) 1.13/10 nm/lb.in. weight to-247 ad 6 g to-268 4 g to-268 (ixgt) g e c (tab) ixys reserves the right to change limits, test conditions, and dimensions.
2 - 2 ? 2000 ixys all rights reserved remarks: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g remarks: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. g fs i c = i c90 ; v ce = 10 v, 30 40 s pulse test, t  300  s, duty cycle  2 % c ies 4620 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 260 pf c res 90 pf q g 170 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 28 nc q gc 57 nc t d(on) 50 ns t ri 27 ns t d(off) 180 280 ns t fi 160 320 ns e off 3.8 7.3 mj t d(on) 55 ns t ri 31 ns e on 2.6 mj t d(off) 300 ns t fi 360 ns e off 8.0 mj r thjc 0.42 k/w r thck (to-247) 0.25 k/w (to-268) 0.3 k/w inductive load, t j = 125  c i c = i c90 , v ge = 15 v v ce = 0.8 v ces , r g = r off = 5  inductive load, t j = 25  c i c = i c90 , v ge = 15 v v ce = 0.8 v ces , r g = r off = 5  ixgh 35n120b ixgt 35n120b to-247 ad (ixgh) outline dim. millimeter inches min. max. min. max. a 19.81 20.32 0.780 0.800 b 20.80 21.46 0.819 0.845 c 15.75 16.26 0.610 0.640 d 3.55 3.65 0.140 0.144 e 4.32 5.49 0.170 0.216 f 5.4 6.2 0.212 0.244 g 1.65 2.13 0.065 0.084 h - 4.5 - 0.177 j 1.0 1.4 0.040 0.055 k 10.8 11.0 0.426 0.433 l 4.7 5.3 0.185 0.209 m 0.4 0.8 0.016 0.031 n 1.5 2.49 0.087 0.102 to-268aa (d 3 pak) dim. millimeter inches min. max. min. max. a 4.9 5.1 .193 .201 a 1 2.7 2.9 .106 .114 a 2 .02 .25 .001 .010 b 1.15 1.45 .045 .057 b 2 1.9 2.1 .75 .83 c .4 .65 .016 .026 d 13.80 14.00 .543 .551 e 15.85 16.05 .624 .632 e 1 13.3 13.6 .524 .535 e 5.45 bsc .215 bsc h 18.70 19.10 .736 .752 l 2.40 2.70 .094 .106 l1 1.20 1.40 .047 .055 l2 1.00 1.15 .039 .045 l3 0.25 bsc .010 bsc l4 3.80 4.10 .150 .161 min. recommended footprint ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025


▲Up To Search▲   

 
Price & Availability of IXGT35N120B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X