Part Number Hot Search : 
74AUP1 5742EUB LTC6255 MC34063C 9248DF 03203 C829K 2SK158
Product Description
Full Text Search
 

To Download IXGK120N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions maximum ratings v ces t j = 25 c to 150 c 600 v v cgr t j = 25 c to 150 c; r gs = 1 m ? 600 v v ces continuous 20 v v gem transient 30 v i c25 t c = 25 c 200 a i c90 t c = 90 c 120 a i l(rms) external lead limit 76 a i cm t c = 25 c, 1 ms 300 a ssoa v ge = 15 v, t vj = 125 c, r g = 2.4 ? i cm = 200 a (rbsoa) clamped inductive load @ 0.8 v ces p c t c = 25 c 660 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.063 in.) from case for 10 s 300 c m d mounting torque to-264 0.4/6 nm/lb.in. weight plus 247 6 g to-264 10 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 1 ma, v ge = 0 v 600 v v ge(th) i c = 1 ma, v ce = v ge 2.5 5.5 v i ces v ce = v ces t j = 25 c 200 a v ge = 0 v t j = 125 c 2 ma i ges v ce = 0 v, v ge = 20 v 400 na v ce(sat) i c = i c90 , v ge = 15 v 2.1 v features z international standard packages z very high current, fast switching igbt z low v ce(sat) - for minimum on-state conduction losses z mos gate turn-on - drive simplicity applications z ac motor speed control z dc servo and robot drives z dc choppers z uninterruptible power supplies (ups) z switch-mode and resonant-mode power supplies advantages z plus 247 tm package for clip or spring mounting z space savings z high power density hiperfast tm igbt ds98602b(08/04) plus 247 tm (ixgx) g c (tab) g = gate e = emitter c = collector tab = collector ixgk 120n60b v ces = 600 v ixgx 120n60b i c25 = 200 a v ce(sat) = 2.1 v e g c (tab) to-264 aa (ixgk) e
ixys reserves the right to change limits, test conditions, and dimensions. symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 60 a; v ce = 10 v, 50 75 s pulse test, t 300 s, duty cycle 2 % c ies 11000 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 680 pf c res 190 pf q g 350 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 72 nc q gc 131 nc t d(on) 60 ns t ri 45 ns e on 2.4 mj t d(off) 200 360 ns t fi 160 280 ns e off 5.5 9.6 mj t d(on) 60 ns t ri 60 ns e on 4.8 mj t d(off) 290 ns t fi 250 ns e off 8.7 mj r thjc 0.19 k/w r thck 0.15 k/w dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190 terminals: 1 - gate 2 - drain (collector) 3 - source (emitter) 4 - drain (collector) plus 247 tm outline ixgk 120n60b ixgx 120n60b to-264 aa outline millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 t 1.57 1.83 .062 .072 dim. inductive load, t j = 25 c i c = 100a, v ge = 15 v v ce = 0.8 v ces , r g = r off = 2.4 ? remarks: switching times may increase for v ce (clamp) > 0.8 ? v ces , higher t j or increased r g inductive load, t j =125 c i c = 100a, v ge = 15 v v ce = 0.8 v ces , r g = r off = 2.4 ? remarks: switching times may increase for v ce (clamp) > 0.8 ? v ces , higher t j or increased r g ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463
? 2004 ixys all rights reserved ixgk 120n60b ixgx 120n60b fig. 2. extended output characteristics @ 25 o c 0 50 100 150 200 250 300 00.511.522.533.54 v c e - volts i c - amperes v ge = 15v 13v 11v 5v 7v 9v fig. 3. output characteristics @ 125 o c 0 25 50 75 100 125 150 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 v ce - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 1. output characteristics @ 25 o c 0 25 50 75 100 125 150 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 v c e - volts i c - amperes v ge = 15v 13v 11v 9v 5v 7v fig. 4. dependence of v ce(sat) on temperature 0.7 0.8 0.8 0.9 0.9 1.0 1.0 1.1 1.1 1.2 1.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade v c e (sat) - normalized i c = 100a i c = 50a v ge = 15v i c = 150a fig. 5. collector-to-em itter voltage vs. gate-to-emitter voltage 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 6789101112131415 v g e - volts v c e - volts t j = 25 o c i c = 150a 100a 50a fig. 6. input admittance 0 20 40 60 80 100 120 140 160 180 44.555.566.577.58 v g e - volts i c - amperes t j = 125 o c 25 o c -40 o c
ixys reserves the right to change limits, test conditions, and dimensions. ixgk 120n60b ixgx 120n60b fig. 7. transconductance 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 140 160 180 i c - amperes g f s - siemens t j = -40 o c 25 o c 125 o c fig. 8. dependence of turn-off energy loss on r g 1 2 3 4 5 6 7 8 9 10 2345678910 r g - ohms e o f f - millijoules t j = 125 o c v ge = 15v v ce = 480v i c = 50a i c = 100a fig. 9. dependence of turn-off energy loss on i c 2 2 3 3 4 4 5 5 50 55 60 65 70 75 80 85 90 95 100 i c - amperes e o f f - millijoules r g = 2.7 ? v ge = 15v v ce = 480v t j = 125 o c t j = 25 o c fig. 10. dependence of turn-off energy loss on temperature 1 2 2 3 3 4 4 5 5 6 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e o f f - millijoules i c = 100a r g = 2.7 ? v ge = 15v v ce = 480v i c = 50a fig. 11. dependence of turn-off sw itching tim e on r g 100 200 300 400 500 600 700 2345 678910 r g - ohms switching time - nanoseconds t d(off) t fi - - - - - - t j = 125oc v ge = 15v v ce = 480v i c = 50a 100a i c = 100a 50a fig. 12. dependence of turn-off sw itching tim e on i c 50 100 150 200 250 300 350 50 60 70 80 90 100 i c - amperes switching time - nanoseconds t d(off) t fi - - - - - r g = 2.7 ? v ge = 15v v ce = 480v t j = 125 o c t j = 25 o c
? 2004 ixys all rights reserved ixgk 120n60b ixgx 120n60b fig. 14. gate charge 0 2 4 6 8 10 12 14 16 0 100 200 300 400 500 q g - nanocoulombs v g e - volts v ce = 300v i c = 100a i g = 10m a fig. 15. capacitance 100 1000 10000 100000 0 5 10 15 20 25 30 35 40 v c e - volts capacitance - p f c ies c oes c res f = 1 mhz fig. 13. dependence of turn-off sw itching time on temperature 50 100 150 200 250 300 350 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade switching time - nanoseconds t d( off) , t fi - - - - - r g = 2.7 ? , v ge = 15v v ce = 480v i c = 100a 50a i c = 50a i c = 100a fig. 16. reverse-bias safe ope r ating ar e a 0 20 40 60 80 100 120 140 160 180 200 220 100 150 200 250 300 350 400 450 500 550 600 v c e - volts i c - amperes t j = 125 o c r g = 2.7 ? dv/dt < 5v/ns fig. 17. maxim um transient therm al resistance 0.01 0.1 1 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w


▲Up To Search▲   

 
Price & Availability of IXGK120N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X