Part Number Hot Search : 
FTZ56E 0N60B3 WFY3P02 212DH3 90010 226X0025 V54C3 EP2600PD
Product Description
Full Text Search
 

To Download BCM5665 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM5665 ? strataxgs? BCM5665 integrated multi-layer switch BCM5665 high density scalable 48 x 10/100 mbps and 4 x 10/100/1000 mbps multi-layer switch application ? 48 10/100-mbit ports, four 10/100/1000-mbps ethernet ports, and one higig (10-gbps) port  28-mpps (line rate) aggregate l2/l3 switching capacity  integrated l2 table with auto-learning/aging  integrated l3 table with longest prefix match  double 802.1q (q in q) vlan stacking  mpls tunnel/vc packet labeling for l2 vpn  scalable to hundreds fast/gigabit ethernet in a system  eight classes of service (cos ) with wred and wrr, dscp/ 802.1p priority  spanning trees (802.1s and 802.1w)  32-link aggregation trunk groups; ecmp/wcmp; mirroring  ipmc groups and hardware packet replication  flow control (802.3x) and hol blocking prevention  128-bit ddr sdram interface with up to 64 mb of buffer memory  contentaware? network processing per port  line rate multi-field packet classification  support for 802.1p, tos/diffserv, rate limiting, policing, priority/vlan (single or double) tagging and remapping  ultra-scalable high-density 10/100/1000 mbps l2/l3 ethernet switches-standalone, modular or stackable  new service offerings for isps  metro ethernet-l2 vlan (q-in-q) and mpls vpn  voice over ip-guaranteed low-latency prioritization  advanced traffic management-metering, shaping, and scheduling (sp, rr, wrr, wfq) down to 64-kbps flows  contentaware classification, tagging, and remapping provide maximum security and flexibility  broadcom switch api compatability enables software reuse and faster time to market  high-density multi-layer scalable enterprise  10/100/1000-mbps l2/l3 ethernet switches  multi-tenant unit (mtu) metro ethernet vpn multi-layer switches  service provider metro ethernet vpn edge switches features summary of benefits applications cpu rj-45 rj-45 rj-45 rj-45 bcm 54 64 bcm 5464 BCM5665 2 x 6 port rj-45 2 x 6 port rj-45 2 x 6 port rj-45 2 x 6 port rj-45 10/100 mbps 10/100/1000 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248 scalable with all strataxgs product lines via higig interface higig bcm 5238 bcm 5248
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2004 by broadcom corporation. all rights reserved. 5665-pb04-r 10/12/04 broadcom ? , the pulse logo, strataxgs?, and connecting everything ? are trademarks of broadcom corporation and/or its subsidiaries in the united stat es and certain other countries. all other trademarks mentioned are the property of their respective owners. high-density and line rate performance the BCM5665 network switch is the most advanced multi-layer scalable, single-chip solution for high density 48 x 10/100 mbps ports and 4 x 10/100/1000 mbps ethernet uplinks at aggregate line rate of 28 mpps performance. ultra-scalability an integrated 10 gbps xaui higi g port allows the BCM5665 to scale with other strataxgs family switches. multiple units can be networked for stackable or modular switch configuration in a system providing up to providing up to hundreds of fast ethernet, gigabit ethernet and 10 gigabit ethernet ports. the 10 gbps higig expansion port supports all key switch features, such as explicit priority, port trunking, mirroring and vc label swap functions, transparently across switch elements. metro ethernet l2 vpn support supporting the latest metro ethernet l2 vpn applications, the BCM5665 offers double 802.1q vlan stacking, also known as q-in-q. this allows enterprise and service provider networks to breakthrough the 4k vlan tag limitation. further, the BCM5665 also provides mpls tunnel/vc packet labeling for st andards-based ietf l2 vpn via mpls. advanced qos with eight class of service (cos) queues via sp, rr, wfq, and wrr distribution, the BCM5665 enables full range of service applications such as low latency voip and real time video, as well as mission-critical data. l2/l3 switching optimized for the most demanding network switching requirement, the BCM5665 integrates both auto-learning/aging mac and ip lpm tables. advanced ethernet features, such as multiple and rapid spanning tree (802.1s and 802.1w), flow control (802.3x), prioritization (802.1p) and 9k jumbo frames, are fully integrated. all l2/l3 traffic is switched at line rate. for load balancing as well as redundancy purposes, ecmp and wcmp are incorporated. up to 32 trunk groups (8 links per group) can be assigned for link aggregation (802.3ad). hardware-based traffic management providing line rate packet filtering and classification, the advanced fast filter processor (ffp) offers contentawaretm network processing per port. it supports tos/diffserv, rate limiting, policing, shaping, metering, scheduling, priority tagging and remapping down to flows as small as 64 kbps making it ideal for committed bandwidth usage and firewall applications. layer 2 and ip multicast designed for increasing multicast applications, the BCM5665 switches all l2/l3 multicast packet sizes at line rate. ipmc packets are hardware replicated up to 8 and 32 vlans across the fast and gigabit ethernet ports, respectively. multicast traffic can also be managed by three port filtering modes to control the distribution behavior cpu i/o ffp arl l3 advanced mmu higig ddr sdram interface for non-blocking performance mac(s) mac(s) mac(s) layer 3 on-chip tables BCM5665 block diagram


▲Up To Search▲   

 
Price & Availability of BCM5665

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X