Part Number Hot Search : 
SP50001 M300004 SQS460EN JANTXV HER202 338M00 OA406 SZ45D0
Product Description
Full Text Search
 

To Download BCM5655 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM5655 ? strataxgs? BCM5655 integrated multi-layer switch BCM5655 application diagram ? 48 x 10/100 mbits, 4 x 10/100/1000 mbps ethernet ports  integrated l2 table with auto learning/aging  integrated l3 table with longest prefix match  double 802.1q (q in q) vlan stacking  mpls tunnel/vc packet labeling for l2 vpn  scalable to hundreds fast/gigabit ethernet in a system  8 classes of service (cos) with wred and wrr, dscp/ 802.1p priority  spanning trees (802.1s and 802.1w)  32 link aggregation trunk groups; ecmp/wcmp; mirroring  ipmc groups and hardware packet replication  flow control (802.3x) and hol blocking prevention  64-bit ddr sdram with up to 32 mb of buffer memory  contentaware tm network processing per port  line-rate, multi-field packet classification  support for 802.1p, tos/diffserv, rate limiting, policing, and priority/vlan (single or double) tagging and remapping  high-density 10/100/1000 mbps l2/l3 ethernet switches  new service offerings for isps - metro ethernet-l2 vlan (q-in-q) and mpls vpn - voice over ip-guaranteed low latency prioritization  advanced traffic management-metering, shaping, and scheduling (sp, rr, wrr, wfq), down to 64-kbps flows  contentaware classification, tagging, and remapping provides maximum security and flexibility  broadcom switch api compatability enables software reuse and faster time-to-market  high-density multi-layer scalable enterprise 10/100/1000 mbps l2/l3 ethernet switches  multi-tenant unit (mtu) metro ethernet vpn multi-layer switches  service provider metro ethernet vpn edge switches features summary of benefits target applications cpu rj-45 rj-45 rj-45 rj-45 bcm 54 64 bcm 5464 BCM5655 2 x 6 port rj-45 2 x 6 port rj-45 2 x 6 port rj-45 2 x 6 port rj-45 10/100 mbps 10/100/1000 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248 bcm 5238 bcm 5248
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2004 by broadcom corporation. all rights reserved. 5655-pb03-r 10/12/04 broadcom ? , the pulse logo, and connecting everything ? are trademarks of broadcom corporation and/ or its subsidiaries in the united states and certain other countries. all other trademarks mentioned are the property of their respective owners. BCM5655 block diagram the BCM5655 network switch is the most advanced multi-layer, single chip solution for high density 48 x 10/100 mbps ports and 4 x 10/100/ 1000 mbps ethernet uplinks. designed for multi-layer switching, the BCM5655 offers hardware switching on both l2 and l3 traffic. filtering, policing, priority tagging can be performed in real time with no impact on forwarding performance. supporting the latest metro ethernet l2 vpn applications, the BCM5655 offers double 802.1q vlan stacking, also known as q-in-q. this allows enterprise and service provider networks to breakthrough the 4k vlan tag limitation. furthermore, the BCM5655 also provides mpls tunnel/vc packet labeling for standards-based ietf l2 vpn via mpls. with 8 class of service (cos) queues via sp, rr, wfq and wrr distribution, the BCM5655 enables full range of service applications such as low latency voip and real time video, as well as mission critical data. optimized for the most demanding network switching requirements, the BCM5655 integrates an auto-learning/aging mac and ip lpm tables. advanced ethernet features such as multiple and rapid spanning tree (802.1s and 802.1w), flow control (802.3x), prioritization (802.1p) and 9k jumbo frame are fully integrated. for load balancing as well as redundancy purposes, ecmp and wcmp are incorporated. up to 32 trunk groups (eight links per group) can be assigned for link aggregation (802.3ad). providing line rate packet filtering and classification, the advanced fast filter processor (ffp) offers contentaware tm network processing per port. it supports tos/diffserv, rate limiting, policing, shaping, metering, scheduling, priority tagging, and remapping down to flows as small as 64 kbps, making it ideal for committed bandwidth usage and firewall applications. designed for increasing multicast applications, the BCM5655 supports l2/l3 multicast packets via hardware replication. ipmc packets are hardware replicated up to 8 and 32 vlans across the fast and gigabit ethernet ports, respectively. multicast traffic can also be managed by three port filtering modes to control the distribution behavior. cpu i/o ffp arl l3 advanced mmu ddr sdram interface for non-blocking performance mac(s) mac(s) mac(s) layer 3 on-chip tables


▲Up To Search▲   

 
Price & Availability of BCM5655

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X