Part Number Hot Search : 
GRM31CR6 1020100 SWE1270 NTE2535 8016A P80N0 02F20 4963B
Product Description
Full Text Search
 

To Download TSX-5032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pin connection footprint [dimensions in mm] package outlines [dimensions in mm] specifications crystal units 2.2 1.8 1.2 1.2 TSX-5032 (previously tsx-8a) ceramic seam weld (2004. 7.) marking 5.0 0.15 3.2 0.15 0.8max. 1.4 0.1 2.4 0.1 1.2 0.8 #1 #2 #3 #4 frequency range mode of vibration frequenc y toleranc e frequenc y sta b ilit y load capacitance ( c l ) resonance resistance ( rr ) driv e l e v el a g in g 10 mhz to 32 mhz fundamental 10 ppm (at +25 c 2 c) 10 ppm (-20 c to +75 c, ref. 25 c) series, 9 pf, 12 pf, 16 pf, etc. 10 to 12mhz : 60 ? max. / 13 to 32mhz : 40 ? max. 100 w max. 1.0 ppm max. / year features ultra miniature size low profile unit (5.0 x 3.2 x 0.8 mm max.) excellent shock-proof characteristics (10,000 g min.) high reliable lcc package available to surface mount technology and ir-reflow process #1, #3 #2, #4 in/out gnd c0.3min. application reference oscillator bluetooth type TSX-5032


▲Up To Search▲   

 
Price & Availability of TSX-5032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X