Part Number Hot Search : 
H8SX1663 C74VH LC25ETCA D74LVC HV6008DJ NCP152 MG100 AD1886
Product Description
Full Text Search
 

To Download TS4405P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TS4405P - single p-channel 1.8v specified microsurf? general description taiwan semiconductor?s new low cost, state of the art microsurf? lateral mosfet process technology in chipscale bondwireless packaging minimizes pcb space and r ds(on) plus provides an ultra- low qg x r ds(on) figure of merit. absolute maximum ratings t a =25c unless otherwise noted symbol parameter ratings units v dss drain-source voltage -12 v v gss gate-source voltage + 8v i d drain current ? continuous -4.9 a ? pulsed -10 p d power dissipation (steady state) 1.5 w t j , t stg operating and storage junction temperature range -55 to +150 oc thermal characteristics r ja thermal resistance, junction-to-ambient 85 c/w r jr thermal resistance, junction-to-ball 20 r jc thermal resistance, junction-to-case 1.8 microsurf? for load switching and pa switch patent pending features ? -4.9a, -12v r ds(on) =50m ? at -4.5 volts ? -4.4a, -12v r ds(on) =70m ? at -2.5 volts ? -4.0a, -12v r ds(on) = 90m ? at -1.8 volts ? low profile package: less than 0. 8mm height when mounted on pcb. ? occupies only 1.21 mm 2 of pcb area. less than 30% of the area of a sc-70. ? excellent thermal characteristics. ? lead free solder bumps available. preliminary data sheet for information only 1 6/8/03 rev0 bump side view ss g d
electrical characteristics t a =25c unless otherwise specified 2 6/8/03 rev0 symbol parameter test condition min typ max units v (bd)ss drain-source breakdow n voltage v gs =0v, i d =-250a -11 v i dss zero gate voltage drain current v ds =-12v, v gs =0v -1 a zero gate voltage drain current v ds =-12v, v gs =0v, t=70c -5 a i gss gate-body leakage v gs =8v, v ds =0v 100 na v gs(th) gate threshold voltage v ds =v gs , i d =-250a -0,58 v drain-source on-state resistance v gs =-4.5v, i d =-1a 50 m ? drain-source on-state resistance v gs =-2.5v, i d =-1a 70 m ? drain-source on-state resistance v gs =-1.8v, i d =-1a 90 m ? c is s input capacitance v ds =-12v, v g =0v, f=1mhz 300 pf c oss output capacitance v ds =-12v, v g =0v, f=1mhz 200 pf c rss reverse transfer capacitance v ds =-12v, v g =0v, f=1mhz 80 pf q g total gate charge v gs =-4.5v, i d =-4a, v ds =-8v 10 nc q gs gate source-charge v gs =-4.5v, i d =-4a, v ds =-8v 2 nc q gd gate drain-charge v gs =-4.5v, i d =-4a, v ds =-8v 1 nc v sd diode forw ard voltage i s =-4a, v gs =0v 0.7 v r ds(on) preliminary data sheet TS4405P
dimensional outline and pad layout 0.50mm 0.50mm ? 0.25mm solder mask ? ~ 0.35mm land pattern recommendation ss d g d = drain pad s = source pad g = gate pad silicon 0.80mm max 0.27mm 0.50mm 1.10mm 0.50mm 0.30mm 0.30mm bump ? 0.37mm 1.10mm 3 6/8/03 rev0 44xxx mark on backside of die xxx = date/lot traceability code bumps are eutectic solder 63/37 sn/pb preliminary data sheet TS4405P


▲Up To Search▲   

 
Price & Availability of TS4405P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X