Part Number Hot Search : 
RUSBF160 C1228A T5111 2SB1180 D8LC40 67L110 HDL15PLC BUL1280
Product Description
Full Text Search
 

To Download TQTRX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  released process TQTRX gaas mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 1 of 7; rev 1.0 11/15/01 TQTRX process cross-section production process tqtrp advanced passives & mesfet foundry service features ? high density interconnects: ? 3 global ? 1 local ? 9 m total thickness ? high-q passives; >50 @ 2 ghz ? 0.6 m gate length mesfet op- tional: power & general purpose d-fets; e-fet ? schottky-barrier diodes ? bulk & thin film resistors ? high value capacitors ? dielectric encapsulated metals ? planarized surface; simplified plastic packaging ? substrate vias available ? volume production processes ? low cost passives-only option applications ? active and/or passive components ? circuits requiring high q passive elements ? ideal for mixers, converters, and phase-shifters with baluns, trans- formers, e-m structures ? mobile phone front end blocks ? rf module front-ends general description triquint?s tqtrp process has advanced metal systems and mesfet devices. it is targeted at high performance, small size passive-only or passive/active circuits and utilizes over 9 m of gold metal. high density interconnections are accomplished with three thick global and one surface metal interconnect lay- ers. the four metal layers are encapsulated in a high perform- ance dielectric that allows wiring flexibility and plastic packag- ing simplicity. precision nicr resistors, implanted resistors, and high value mim capacitors are included. advanced 0.6 m enhancement/depletion mode mesfet devices include an inte- grated power mesfet, general purpose d-mode mesfet, and enhancement mode mesfet and are based on the TQTRX process, currently triquint?s highest volume process. the tqtrp process is available on 150-mm (6 inch) wafers. semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 1 of 6; rev 2.1 8/10/02 tqtrp process cross-section e,d,g mesfet nicr resistor mim capacitor isolation implant semi-insulating gaas substrate mim metal n+ metal 0 metal 1 metal 1 metal 1 - 2 um n+ passivation via metal 2 metal 3 dielectric dielectric metal 3 - 5 um metal 2 - 2 um dielectric n-/p- channel nicr e,d,g mesfet nicr resistor mim capacitor isolation implant semi-insulating gaas substrate mim metal n+ metal 0 metal 1 metal 1 metal 1 - 2 um n+ passivation via metal 2 metal 3 dielectric dielectric metal 3 - 5 um metal 2 - 2 um e,d,g mesfet nicr resistor mim capacitor isolation implant semi-insulating gaas substrate mim metal n+ metal 0 metal 1 metal 1 metal 1 - 2 um n+ passivation via metal 2 metal 3 dielectric dielectric metal 3 - 5 um metal 2 - 2 um dielectric n-/p- channel nicr
released process TQTRX mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 2 of 7; rev 1.0 11/15/01 specifications subject to change fet operating channel temp -55 to +150 c capacitor breakdown voltage - design 10 v - typical 20 v maximum ratings production process tqtrp advanced passives & mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 2 of 6; rev 2.1 8/10/02 element parameter value units interconnects metal layers four: 0.5,2,2,5 um mim caps values 1200 pf/mm2 resistors nicr 50 ohms/sq bulk 700 ohms/sq gate length (all fets) 0.6 um e-fet; threshold voltage +0.15 vth?v imax 90 ma/mm ft @ idss 18 ghz gm 225 ms/mm breakdown, vgd 22 v fmin, 6 ghz 0.90 db d-fet pinchoff voltage -0.6 vp?v idss 70 ma/mm gm 200 ms/mm breakdown, vgd 18.5 v fmin, 6 ghz 0.54 db g-fet pinchoff voltage -2.2 vp?v idss 270 ma/mm imax 365 ma/mm gm 170 ms/mm breakdown, vgd 19 v vias yes mask layers no vias 18 with vias 20 n+ diode vforward 0.55 v tqtrp process details
production process tqtrp advanced passives & mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 3 of 6; rev 2.1 8/10/02 freq (0.1ghz to 26.1ghz) s12 / .05 -6 -4 -2 0 2 4 6 s21 s11 s22 efet 300 um vds=3v 50% idmax freq (0.1ghz to 26.1ghz) s12 / .05 -4 -3 -2 -1 0 1 2 3 4 s21 s11 s22 dfet 300 um vds=3v 50% idss freq (0.1ghz to 26.1ghz) s12 / .05 -4 -3 -2 -1 0 1 2 3 4 s21 s11 s22 gfet 300 um vds=3v 50% idss
production process tqtrp advanced passives & mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 4 of 6; rev 2.1 8/10/02 gmax vs vgs vs frequency 300 um fets; three types vds = 1.5 & 3.0 v; t=27c efet ft vs vgs 0.00 5.00 10.00 15.00 20.00 0 . 2 0 0 . 3 0 0 . 4 0 0 . 5 0 0 . 6 0 vgs (v) ft (ghz) vds = 1.5v vds = 3.0 v dfet ft vs vgs 10.0 13.0 16.0 19.0 22.0 25.0 - 0 . 4 0 - 0 . 2 0 0 . 0 0 0 . 2 0 0 . 4 0 vgs (v) ft (ghz) vds = 1.5v vds = 3.0 v gfet ft vs vgs 15.0 17.0 19.0 21.0 23.0 25.0 -1.6 0 -1.40 -1.20 - 1 .00 -0.80 - 0.6 0 -0.40 -0.20 0 . 00 0. 20 vgs (v) ft (ghz) vds = 1.5v vds = 3.0v ft versus vgs; 300 um fets; three types; vds = 1.5 & 3.0 v; t=27c dfet gmax vs vgs vs freq 6.0 10.0 14.0 18.0 22.0 26.0 -0. 4 - 0 . 2 0. 0 0. 2 0. 4 vgs (v) gmax (db) vds = 1.5v @ 1.1ghz vds = 1.5v @ 2.2ghz vds = 1.5v @ 5.8ghz vds = 1.5v @ 7.9ghz vds = 1.5v @ 12.1ghz vds = 3.0v @ 1.1ghz vds = 3.0v @ 2.2ghz vds = 3.0v @ 5.8ghz vds = 3.0v @ 7.9ghz vds = 3.0v @ 12.1ghz gfet gm ax vs vgs vs freq 6.0 10.0 14.0 18.0 22.0 26.0 -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0.0 0.2 vgs (v) gmax (db) vds = 1.5v @ 1.1ghz vds = 1.5v @ 2.2ghz vds = 1.5v @ 5.8ghz vds = 1.5v @ 7.9ghz vds = 1.5v @ 12.1ghz vds = 3.0v @ 1.1ghz vds = 3.0v @ 2.2ghz vds = 3.0v @ 5.8ghz vds = 3.0v @ 7.9ghz vds = 3.0v @ 12.1ghz efet gmax vs vgs vs freq. 4.0 8.0 12.0 16.0 20.0 24.0 0 . 2 0 . 3 0.4 0.5 0 .6 vgs (v) gmax (db) vds = 1.5v @ 1.1ghz vds + 1.5v @ 2.2ghz vds + 1.5v @ 5.8ghz vds = 1.5v @ 7.9ghz vds = 1.5v @ 12.1ghz vds = 3.0v @ 1.1ghz vds = 3.0v @ 2.2ghz vds = 3.0v @ 5.8ghz vds = 3.0v @ 7.9ghz vds = 3.0v @ 12.1ghz
production process tqtrp advanced passives & mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 5 of 6; rev 2.1 8/10/02 efet iv curves 300 um dfet iv curves 300 um gfet iv curves 300 um
production process tqtrp advanced passives & mesfet foundry service semiconductors for communications www.triquint.com triquint semiconductor 2300 ne brookwood pkwy hillsboro, oregon 97124 phone: 503-615-9000 fax: 503-615-8905 email: info@triquint.com page 6 of 6; rev 2.1 8/10/02 applications support services ? tiling of gdsii stream files including pcm on 15 x 15 mm maximum tile size ? design rule check services ? layout versus schematic check services ? engineering services: ? packaging development ? on-wafer test development ? packaged parts ? thermal analysis ? yield enhancement ? part qualification services ? failure analysis manufacturing services ? mask making ? production 150 mm wafer fab ? wafer thinning ? wafer sawing ? substrate vias ? dc die sort testing ? rf on-wafer testing ? plastic packaging ? rf packaged part testing please contact your local triquint semiconductor representative or foundry services staff for additional information: e-mail: sales@triquint.com phone: (503) 615-9000 fax: (503) 615-8905 prototyping and development ? prototype development quickturn (pdq): ? shared mask set; ? run monthly; ? hot lot cycle; ? via and non-via options. ? prototype wafer option (pwo): ? customer-specific masks, customer schedule ? 2 wafers delivered ? hot lot cycle time ? with thinning and sawing; optional backside vias ? design sensitivity test (dst) wafer run ? yield analysis ? design sensitivity to process variation ? 14 wafer start; spread of vp values process qualification status ? tqtrp is a fully released qualified process ? reliability reports ? tqtrp process qualification ? TQTRX element qualification report (for fets) ? for more information on quality and reliability, contact triquint or visit www.tqs.com/manufacturing/qr/bdy_qr-pubs.htm. design tool status ? design manual available now ? device library of circuit elements: fets, diodes, thin film and implanted resistors, capacitors, inductors ? parameters for ?triquint?s own model? (tom) ? agilent ads design kit available now ? pspice models available q2?02 ? cadence layout library available now ? layout/verification kit for iceditors in q4?02 training ? gaas design classes: ? half day introduction; upon request ? four day technical training; fall & spring at triquint oregon facility ? for training schedules please visit: www.triquint.com/foundry


▲Up To Search▲   

 
Price & Availability of TQTRX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X