Part Number Hot Search : 
HR0519 INTER ASM3P2 5KP20 40430X A8287 5KP20 ADN2850
Product Description
Full Text Search
 

To Download TL22SCAG015F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series tl fully illuminated toggles www.nkk.com a118 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles general specifcations electrical capacity (resistive load) power level (silver): 6a @ 125v ac or 3a @ 250v ac or 6a @ 12v dc for silver logic level (gold): 0.4va maximum @ 28v ac/dc maximum for gold (applicable range 0.1ma ~ 0.1a @ 20mv ~ 28v) note: see supplement index for explanation of operating range. other ratings contact resistance: 10 milliohms maximum for silver; 20 milliohms maximum for gold insulation resistance: 1,000 megohms minimum @ 500v dc dielectric strength: 1,000v ac minimum between contacts for 1 minute minimum; 1,500v ac minimum between contacts & case for 1 minute minimum mechanical life: 50,000 operations minimum electrical life: 25,000 operations minimum for silver; 50,000 operations minimum for gold static capability: withstands 20 kilovolts esd minimum nominal operating force: 1.9n for .689 (17.5mm) toggle; 2.5n for .433 (11.0mm) toggle angle of throw: 25 materials & finishes toggle: polycarbonate housing: glass fber reinforced polyamide sealing ring: nitrile butadiene rubber base: diallyl phthalate (ul94v-0) movable contactor: phosphor bronze with silver or gold plating movable contacts: silver alloy or copper with gold plating stationary contact: silver plus copper with silver plating or copper with gold plating lamp contacts: beryllium copper with silver plating power terminals: copper with silver or gold plating lamp terminals: brass with silver plating environmental data operating temperature range: C10c through +55c (+14f through +131f) humidity: 90 ~ 95% humidity for 240 hours @ 40c (104f) vibration: 10 ~ 55hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 1.75 hours shock: 50g (490m/s 2 ) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) installation mounting torque: .98nm (8.67 lb ? in) maximum soldering time & temperature: manual soldering: see profle b in supplement section. standards & certifications flammability standards: ul94v-0 base
series tl fully illuminated toggles www.nkk.com a119 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable a toggles rockers touch tilt distinctive characteristics actual size choice of long or short toggles in translucent colors combine with bright leds available in red, amber, and green, plus super bright leds available in white, green, and blue. black face nut enhances front panel appearance. antistatic material used for toggle withstands 20 kilovolts electrostatic discharge. panel seal, achieved with use of optional exterior o-ring, conforms to ip65 of iec60529 standards. interior o-ring protects contacts from oil, dust, water, and other contaminants. ul94v-0 fammability rated for base. high insulating barriers protect against crossover. terminals are molded in and epoxy sealed to lock out fux, dust, and other contaminants.
series tl fully illuminated toggles www.nkk.com a120 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles pole 2 dpdt typical switch ordering example 2 w01 d a toggle colors for bright c red d amber f green for super bright n no color terminals, contacts & ratings w01 solder lug terminals * silver 6a @ 125v ac for .689 (17.5mm) toggle only g01 solder lug terminals * gold 0.4va @ 28v ac/dc for .433 (11.0mm) toggle only tl 6g led colors bright 5c red 5d amber 5f green super bright 6b white 6f green 6g blue description for typical ordering example tl22dnaw016g 2 n circuit 2 on none on .689 (17.5mm) toggle length; no color (matte fnish of clear material) blue, super bright led black housing silver contacts with 6-amp rating dpdt on-none-on circuit solder lug terminals toggle lengths d .689 (17.5mm) (combines with silver contacts only) s .433 (11.0mm) (combines with gold contacts only) housing a black * wire harness & cable assemblies offered only in americas
series tl fully illuminated toggles www.nkk.com a121 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable a toggles rockers touch tilt exopy seal (3.0) .118 (2.0) .079 solder lug thk = (0.8) ty p .031 (1.17) .046 (2.0) ty p .079 (1.1) ty p .043 (5.0) .197 (5.4) .213 tu rret led thk = (0.6) .024 (3.5) .138 contact materials, ratings, & terminals silver contacts power level 6a @ 125v ac & 3a @ 250v ac & 6a @ 12v dc w 01 g gold contacts logic level 0.4va maximum @ 28v ac/dc see supplement index for complete explanation of operating range. toggle lengths & colors .689 (17.5mm) d (17.5) .689 (11.0) .433 s combines with silver contacts only material: polycarbonate combines with gold contacts only material: polycarbonate housing black a the housing consists of the one-piece bushing/case of glass fber reinforced polyamide in black color only. the diallyl phthalate material used for the base is ul fammability rated 94v-0; housing material is not. colors available for bright led red amber green c d f n color available for super bright led no color (appearance is matte fnish of clear material) solder lug terminals .433 (11.0mm) pole & circuit toggle position connected terminals throw & power/lamp schematics pole model down center up down center up notes: terminal numbers are not actually on switch. lamp circuit is isolated and requires an external power source. dp tl22 on none on 1-1b 2-2b open 1-1a 2-2a dpdt (+) (-) keyway keyway 1 1b 2b 2 (com) 1a 2a led codes & specifications electrical specifcations are determined at a basic temperature of 25c. lamp circuit is independent of switch operation. if the source voltage is greater than rated voltage, a ballast resistor is required. the ballast resistor calculation and more lamp detail are shown in supplement section. colored toggles clear toggles bright super bright led factory assembled not available separately color red amber green white green blue forward peak current i fm 30ma 30ma 50ma 30ma 30ma 30ma continuous forward current i f 20ma 20ma 20ma 20ma 20ma 20ma forward voltage v f 2.0v 2.1v 2.27v 3.6v 3.5v 3.6v reverse peak voltage v rm 4v 4v 4v 5v 5v 5v current reduction rate above 25c ?i f 0.32ma/c 0.32ma/c 0.50ma/c 0.50ma/c 0.50ma/c 0.50ma/c ambient temperature range C10c ~ +55c C10c ~ +55c 5 d f c g b f 6 a ttention electros ta ti c sensitive devices
series tl fully illuminated toggles www.nkk.com a122 indicators accessories supplement tactiles keylocks rotaries pushbuttons illuminated pb slides programmable rockers touch tilt a toggles at527ma black hex nut use as face nut chrome/steel at527m hex nut use as backup nut nickel/steel at508 lockwasher not to use with panel seal steel with chromate/zinc at401p o-ring use for panel seal natural rubber panel cutouts tl22dnaw016g typical switch dimensions 17.5mm toggle 2b 1b 2a 1a v l ( ) i l i ( ) v i (1.17) ty p .046 (2.0) ty p .079 (5.0) ty p .197 (2.5) .098 (6.0) dia .236 25 m12 p1 (17.5) .689 (10.0) .394 (21.0) .827 (5.4) .213 (0.5) ty p .020 (3.5) .138 (0.6) ty p .024 (4.7) ty p .185 (0.8) ty p .031 (13.5) .531 (1.1) x (2.0) ty p .043 x .079 keyway (4.5) .177 (18.0) sq .709 tl22scag015c 11.0mm toggle 2b 1b 2a 1a v l ( ) i l i ( ) v i (1.17) ty p .046 (2.0) ty p .079 (5.0) ty p .197 25 m12 p1 (11.0) .433 (10.0) .394 (21.0) .827 (5.4) .213 (0.5) ty p .020 (3.5) .138 (0.6) ty p .024 (4.7) ty p .185 (0.8) ty p .031 (13.5) .531 (1.1) x (2.0) ty p .043 x .079 (2.5) .098 keyway (6.0) .236 (18.0) sq .709 optional hardware standard hardware (0.5) .020 (1.0) .039 (12.1) .476 (15.8) dia .622 (13.8) dia .543 m12 p1 (14.0) .551 (16.0) .630 (2.0) .079 (1.5) .059 (12.1) dia .476 (17.5) dia .689 (14.0) .551 m12 p1 (16.0) .630 (2.0) .079 hardware details in accessories & hardware section. maximum panel thickness with standard hardware .157 (4.0mm) maximum panel thickness with standard hardware & at401p o-ring .236 (6.0mm) (12.5) dia .492 (12.5) dia .492 (11.5) .453 (1.5) .060


▲Up To Search▲   

 
Price & Availability of TL22SCAG015F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X