Part Number Hot Search : 
CF553K5 S2065K IN493 KIA7434F MRF316 D201ED M7555 C2404
Product Description
Full Text Search
 

To Download SICFHPE16BKSV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  harness sectioning connectors panel-through connectors sicma 14/16/34 way sealed connector system for 1.5 + 2.8 mm terminals 14/ 16 a nd 34 position housings available for 1.5 + 2.8 mm terminals real sealing ensured by mat-seal male housing incorporates a mobile grid to support blade terminals guiding and mating te rminal position assurance (t.p.a.) protected locking cam on female housing features 5.33 performance characteristics te mperature range: from -40c to +125c contact retention force: > 60 n contact insertion force: < 10 n connector mating force: < 65 n sealing protection: ip 67 acceptable wire range: from 0.35 mm 2 to 2.5 mm 2 construction housing material: pbt interfacial seal: silicone (grommet) connector compatibility usable terminals: - sicma-2 1.5 mm female terminals - sicma-2 1.5 mm male terminals - sicma-2 2.8 mm female terminals - sicma-2 2.8 mm male terminals - sicma-3 1.5 mm female terminals - sicma-3 1.5 mm male terminals` - sicma-3 2.8 mm female terminals - sicma-3 2.8 mm male terminals part numbers no. of position terminal size type colour dtb fh pe 34 bk 34 30 x [1.5 mm] + 4 x [2.8 mm] female housing black dtb m h pe 34 bk 34 30 x [1.5 mm] + 4 x [2.8 mm] male housing black dtb fh pe 14 bk 14 10 x [1.5 mm] + 4 x [2.8 mm] female housing black dtb m h pe 14 bk 14 10 x [1.5 mm] + 4 x [2.8 mm] male housing black dtb fh pe 14 bk sv* 14 10 x [1.5 mm] + 4 x [2.8 mm] female housing black dtb m h pe 14 bk sv* 14 10 x [1.5 mm] + 4 x [2.8 mm] male housing black sic fh pe 16 bk sv* 16 16 x 1.5 mm female housing black sic mh pe 16 bk sv* 16 16 x 1.5 mm male housing black * sv: sealed version
panel-through connectors sicma 5.34 harness sectioning connectors dimensional characteristics 34 way female housing 14/16 way female housing 34 way male housing 14/16 way male housing 14/16/34 way sealed system for 1.5 + 2.8 mm terminals
harness sectioning connectors panel-through connectors sicma 5.35 notes: dimensional characteristics 14 way male housing for head-lamp version 14/16/34 way sealed system for 1.5 + 2.8 mm terminals


▲Up To Search▲   

 
Price & Availability of SICFHPE16BKSV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X