Part Number Hot Search : 
GH1420 UDZ15B MCD139B 44749 56F80 430450 SKKD81H4 MA568
Product Description
Full Text Search
 

To Download RD81THS210RTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rotary switches 7.4 x 7.4 mm sealed mini rotary dip switches (thr) rd81t series general speci?cations: features ? sealing: ip 67(dust & waterproof ) ? thr (thru hole reflow solderable) mechanical ? life cycle: 25.000 steps ? operating force: 12030 gf max. electrical ? contact rating: 150ma, 24v (switching) 400ma, 24v (none-switching) soldering processes ? solder condition: solder reflow max:10s./260c solder iron max: 2s./340c solder bath max: 5s/280c rd81t how to order: 1 2 3 4 5 sales@greatecs.com www.greatecs.com 1 rd81th tht top adjust type terminals h s s1 10 16 type of terminals: tht top adjust type smt top type rotor type (see above drawings): shaft rotor type 1 no. of positions: 10 positions 16 positions r s tb tr code: real code complementary code packaging type: tube tape & reel (rd81ts only) 1 2 3 4 5 s2 s3 shaft rotor type 3 shaft rotor type 2 s1 s2 s3 shaft rotor type code real code complement code ? contact resistance: 80m max ? insulation resistance: 100m min rd81ts smd top type terminals


▲Up To Search▲   

 
Price & Availability of RD81THS210RTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X