Part Number Hot Search : 
BS616 40000 SI7308DN T89C51 IRG4PC30 R8C35A T351513 LTC222CN
Product Description
Full Text Search
 

To Download PEC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. PEC12 - 12 mm incremental encoder features compact design, long life and high reliability low cost compared to optical type encoders available in a wide variety of configura- tions to meet many user requirements applications level control, tuning and timer settings in: audio-visual equipment consumer electric appliances radios musical instrumentation communications equipment electrical characteristics output ......................................................................................................................... .......................................................................................2-bit gray code closed circuit resistance ...................................................................................................... ........................................................................3 ohms maximum contact rating ................................................................................................................. ...................................................................................1 ma @ 5 vdc insulation resistance .......................................................................................................... ................................................................10 megohms @ 250 vdc dielectric withstanding voltage sea level ...................................................................................................................... ..............................................................................50 vac minimum electrical travel .............................................................................................................. ..........................................................................................continuous contact bounce (15 rpm) ........................................................................................................ ......................................................................5.0 ms. maximum rpm (operating) ................................................................................................................ ..................................................................................100 maximum environmental characteristics operating temperature range .................................................................................................... ......................................-30 c to +70 c (-22 f to +158 f) storage temperature range ...................................................................................................... ......................................-40 c to +85 c (-40 f to +185 f) humidity....................................................................................................................... .............................................mil-std-202, method 103b, condition b vibration ...................................................................................................................... ........................................................................................................30 g contact bounce ................................................................................................................. .................................10~55~10 hz / 1 min. / amplitude 1.5 mm shock .......................................................................................................................... ......................................................................................................100 g rotational life................................................................................................................ ........................................................................30,000 cycles minimum switch life .................................................................................................................... ........................................................................20,000 cycles minimum ip rating ...................................................................................................................... ........................................................................................................ip 40 mechanical characteristics mechanical angle ............................................................................................................... .............................................................................360 continuous running torque ................................................................................................................. .............................................30.6 to 204 g-cm (0.42 to 2.83 oz.-in.) shaft side load (static) ....................................................................................................... ...........................................................2.04 kgf (4.5 lbs.) minimum weight ......................................................................................................................... .........................................................................3 gm (0.1 oz.) maximum terminals ...................................................................................................................... ..............................................................printed circuit board terminals terminals ...................................................................................................................... ..............................................................printed circuit board terminals soldering condition wave soldering........................................................................................sn95.5/ag2.8/cu0.7 solder with no-clean flux: 260 c max. for 3-5 seconds hand soldering ................................................................................................................. ...................................................................not recommended hardware ....................................................................................................................... ...........................................................................no hardware supplied switch characteristics switch type .................................................................................................................... ..................................................contact push on momentary spst power rating (resistive load) .................................................................................................. ......................................................................10 ma at 5 v dc switch travel.................................................................................................................. ..................................................................................0.5 +0.4/-0.3 mm switch actuation force ......................................................................................................... .........................................360 +153/-102 gf (5 +2.1/-1.4 oz.-in.) how to order PEC12 - 4 0 20 f - s 0012 model terminal configuration 2 = pc pin vertical/down facing 4 = pc horizontal/rear facing detent option 0 = no detents 1 = 12 detents (available with 12 pulses only) 2 = 24 detents (available with 24 pulses only) standard shaft length 17 = 17.5 mm 20 = 20.0 mm 25 = 25.0 mm 30 = 30.0 mm (available with switch option only) shaft style f = insulated flatted shaft switch configuration s = push momentary switch n = no switch resolution 0012 = 12 pulses per 360 rotation 0024 = 24 pulses per 360 rotation quadrature output table *rohs compliant a signal cw d on off b signal
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. PEC12 - 12 mm incremental encoder product dimensions switch travel PEC12-2xxxf-sxxxx PEC12-4xxxf-sxxxx 3.5 (.138) 7.5 (.295) 10.2 (.402) 12.4 (.488) l f dia. 5 plcs. 2.5 (.098) 3.5 (.138) 2.1 +0.2/-0 (.083 +.008/-0) 2 plcs. 2.1 +0.2/-0 (.083 +.008/-0) 2 plcs. 1.0 +0.2/-0 (.039 +.008/-0) 0.9 (.035) 5.0 (.197) 1.9 (.075) 1.9 (.075) f 0.5 (.020) 3.5 (.138) 0.5 x 0.5 (.020 x .020) 5.0 (.197) 6.0 (.236) l 5.0 (.197) 6.0 (.236) 5.0 (.197) 10.2 (.402) 13.2 (.520) 3.5 (.138) 4.5 (.177) 6.0 +0/-0.1 (.236 +0/-.004) dia. 10.8 (.425) 10.0 (.394) 7.5 (.295) 7.0 (.276) 6.8 (.268) dia. 6.8 (.268) dia. 0.9 (.035) 14.0 (.551) 12.4 (.488) 5.0 (.197) 5.0 (.197) c0.5 0.5 (.020) 4.5 (.177) 6.0 +0/-0.1 (.236 +0/-.004) a c b a c b 7.5 (.295) dia. 5 plcs. 1.0 +0.2/-0 (.039 +.008/-0) 2.1 +0.2/-0 (.083 +.008/-0) 2 plcs. 13.2 (.520) 2.0 +0.2/-0 (.079 +.008/-0) 2 plcs. 5.0 (.197) a c b a c b 7.0 (.276) c b a channel a common channel b c b a channel a common channel b l f 17.5 (.688) 5.0 (.197) 20.0 (.787) 7.0 (.276) 25.0 (.984) 12.0 (.472) 30.0 (1.181) 12.0 (.472) dimensions: mm (inches)
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. PEC12 - 12 mm incremental encoder product dimensions PEC12-2xxxf-nxxxx PEC12-4xxxf-nxxxx 2.5 (.098) 0.8 (.031) 2.4 (.094) 4.1 (.161) 10.2 (.402) 12.4 (.488) 8.2 (.323) l f dia. 3 plcs. 2.5 (.098) 2.0 +0.2/-0 (.079 +.008/-0) 2 plcs. 2.1 +0.2/-0 (.083 +.008/-0) 2 plcs. 1.0 +0.2/-0 (.039 +.008/-0) 0.9 (.035) 5.0 (.197) 1.9 (.075) 1.9 (.075) 3.5 (.138) 0.5 x 0.5 (.020 x .020) 5.0 (.197) 5.0 (.197) l f 5.0 (.197) 5.0 (.197) 5.0 (.197) 10.2 (.402) 13.2 (.520) 3.5 (.138) 4.5 (.177) 6.0 +0/-0.1 (.236 +0/-.004) dia. 10.8 (.425) 10.0 (.394) 7.5 (.295) 6.8 (.268) dia. 6.8 (.268) dia. 0.9 (.035) 0.8 (.031) 7.5 (.295) 14.0 (.551) 12.4 (.488) 5.0 (.197) 10.2 (.402) 13.2 (.520) dia. 5 plcs. 1.0 +0.2/-0 (.039 +.008/-0) 2.1 +0.2/-0 (.083 +.008/-0) 2 plcs. 13.2 (.520) 2.0 +0.2/-0 (.079 +.008/-0) 2 plcs. 0.5 x 0.5 (.020 x .020) 4.5 (.177) 6.0 +0/-0.1 (.236 +0/-.004) 5.0 (.197) a c b a c b a c b c b a channel a common channel b c b a channel a common channel b a c b dimensions: mm (inches) rev. 08/07 l f 17.5 (.688) 5.0 (.197) 20.0 (.787) 7.0 (.276) 25.0 (.984) 12.0 (.472)


▲Up To Search▲   

 
Price & Availability of PEC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X