Part Number Hot Search : 
DTC143 LH28F 17S30LVI W78LE516 263373 HDBL155G SB102 3055L
Product Description
Full Text Search
 

To Download LSD1505-62-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 25 - jun. - 2008 lsd1505/62-pf doc. no : qw0905- rev. : date : single digit led display (1.5 inch) pb lead-free parts lsd1505/62-pf data sheet ligitek electronics co.,ltd. property of ligitek only
pin 6 pin 10 pin 5 pin 1 4.4(0.17") 5.0 0.51 typ 2.54x4=10.16 (0.4") 38.0 (1.5") 12.5 (0.492") 46.9 (1.846") 40.64 (1.614") ligitek electronics co.,ltd. property of ligitek only 1/8 page part no. package dimensions lsd1505/62-pf note : 1.all dimension are in millimeters and (lnch) tolerance is
lsd15052-pf 1,5 7 a 7 a lsd15062-pf 1,5 10 3 4 6 9 2 d b c e f 8 g dp 10 3 4 6 9 2 d b c e f 8 g dp page2/8 internal circuit diagram ligitek electronics co.,ltd. property of ligitek only lsd1505/62-pf part no.
cathode g f cathode cathode dp b cathode common anode c cathode cathode e anode g anode f anode dp anode a anode b common cathode anode c anode d anode e 3/8 page pin no. d 3. 2. 4. 5. cathode 1. lsd15052-pf common cathode lsd15062-pf common anode ligitek electronics co.,ltd. property of ligitek only a 7. 9. 10. 8. cathode 6. 3. 2. 4. 5. 1. 7. 9. 10. 8. 6. pin no. electrical connection lsd1505/62-pf part no.
4/8 page unit ma ma
page5/8 if=20ma if=20ma if=20ma if=10ma unit volt mcd nm nm vf symbol
fig.3 forward voltage vs. temperature fig.5 relative intensity vs. wavelength ambient temperature(
page 7/8 ligitek electronics co.,ltd. property of ligitek only time(sec) 150 260
page8/8 reliability test: the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. this test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. the purpose of this test is the resistance of the device under tropical for hours. the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. operating life test high temperature storage test high temperature high humidity test thermal shock test low temperature storage test 1.ta=105


▲Up To Search▲   

 
Price & Availability of LSD1505-62-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X