Part Number Hot Search : 
EPSA1 PWR1142C F1034 8L12A BYM36A LP1OA1AW SA2002 SPN6435
Product Description
Full Text Search
 

To Download LA7565E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ordering number :en5636a 23099ha(ot) / 83097ha(ot) no. 5636-1/17 overview the la7565b/m is a pal/ntsc multi-system audio vif/sif signal-processing ic that adopts a minimal- adjustment technique. the vif circuit adopts a minimal- adjustment technique in which aft adjustment is made unnecessary by vco adjustment to simply end product adjustment. the fm detector circuit uses pll detections to support multi-system audio detection. since the la7565bm include an sif converter on chip, it is easy to implement multi-system audio. in addition, it also includes a buzz canceller that suppresses nyquist buzz to achieve improved audio quality. functions [vif block] minimal adjustment pll detector aft rf agc equalizer amplifier sif converter [first sif block] first sif detector inter/split switch hpf [sif block] pll type fm detector [mute block] av mute features allows the use of a switch circuit to switch between spilt and intercarrier operation. improved buzz and buzz beat characteristics provided by a pll detector plus buzz canceller system. the if agc second filter is built in. pal/ntsc multi-system audio can be implemented easily. adjustment-free circuit design that does not require aft and sif coils. package dimensions unit: mm 3067-dip24s unit: mm 3112-mfp24s 0.48 3.25 3.3 3.9max 0.51min 21.2 0.81 1.78 0.25 7.62 6.4 1 12 24 13 0.95 [la7565b] 112 24 13 12.6 0.8 1.0 0.15 0.35 5.4 6.35 7.6 0.625 1.8max 1.5 0.1 sanyo: mfp24s [la7565bm] la7565b, 7565bm sanyo electric co.,ltd. semiconductor bussiness headquarters tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan if signal-processing ic for pal/ntsc multi-system audio tv and vcr products monolithic linear ic sanyo: dip24s any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft? control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein.
no. 5636- 2 /17 la7565b, 7565bm parameter symbol conditions ratings unit maximum supply voltage v cc max 10 v circuit voltage v13, v17 v cc v i6 ? ma circuit current i10 ?0 ma i24 ? ma (la7565b) ta 68 c 720 mw allowable power dissipation pd max (la7565bm) ta 50 c, independent ic 420 mw (la7565bm) * mounted on a printed circuit board 720 mw operating temperature topr ?0 to +70 c storage temperature tstg ?5 to +150 c specifications maximum rating at ta = 25 c parameter symbol conditions ratings unit recommended supply voltage v cc 9 v operating supply voltage v cc op 8.5 to 9.5 v operating conditions note: * when mounted on a 65 72 1.6 mm epoxy glass laminate printed circuit board. parameter symbol conditions ratings unit min typ max [vif block] circuit current i 5 37.4 44 50.6 ma maximum rf agc voltage v 14h 7.5 8.1 v minimum rf agc voltage v 14l 0 0.5 v input sensitivity v in s1 = off 26 32 38 db v agc range g r 62 68 db maximum allowable input v in max 92 97 db v no-signal video output voltage v 6 3.5 3.8 4.2 v synchronizing signal tip voltage v 6 tip 1.15 1.45 1.74 v video output level v o 1.7 2.0 2.3 vp-p black noise threshold voltage v bth 0.5 0.8 1.1 v black noise clamp voltage v bcl 2.5 2.8 3.1 v video s/n ratio s/n 48 50 db c-s beat ic-s 38 43 db frequency characteristics f c 6 mhz ? ?.5 db differential gain dg 3 6.5 % differential phase dp 3 5 deg no-signal aft voltage v 13 3.5 4.4 5.5 v maximum aft voltage v 13h 8 8.7 9 v minimum aft voltage v 13l 0 0.18 1 v aft detection sensitivity sf 25 36 47 mv/khz vif input resistance ri 38.9 mhz 1.5 k vif input capacitance ci 38.9 mhz 3 pf apc pull-in range (u) f pu 0.8 1.3 mhz apc pull-in range (l) f pl ?.5 ?.8 mhz aft tolerance frequency 1 dfa 1 ?00 0 +500 khz vco1 maximum frequency range (u) dfu 1.0 1.3 mhz vco1 maximum frequency range (l) dfl ?.5 ? mhz vco control sensitivity b 0.9 1.8 3.6 khz/mv operating characteristics at ta = 25 c, v cc = 9 v, fp = 38.9 mhz continued on next page.
no. 5636- 3 /17 la7565b, 7565bm parameter symbol conditions ratings unit min typ max [first sif block] conversion gain vg 37.5 43 49.5 db 5.5 mhz output level s o 46 100 150 mvrms first sif maximum input si max 112 223 mvrms first sif input resistance ri (sif) 33.4 mhz 2 k first sif input capacitance ci (sif) 33.4 mhz 3 pf [sif block] limiting voltage vi (lim) 43 48 53 db v fm detector output voltage v o (fm) 5.5 mhz 30 khz 720 900 1100 mvrms am rejection ratio amr 50 60 db total harmonic distortion thd 0.3 0.8 % sif s/n ratio s/n (fm) 57 62 db [sif converter] conversion gain vg (sif) 7 11 14 db maximum output level v max 102 108 111 db v carrier suppression ratio vgr (5.5) 14 26 db oscillator level v osc 70 mvp-p oscillator leakage oscleak 8 24 db oscillator stopped current i 4 300 a continued from preceding page. mounted on a 65 72 1.6 mm printed circuit board ambient temperature, ta ? c ambient temperature, ta ? c allowable power dissipation, pdmax ?w allowable power dissipation, pdmax ?w independent ic pin assignment
internal equivalent circuit and external circuit diagram no. 5636- 4 /17 la7565b, 7565bm 68
ac characteristics test circuit test circuit no. 5636- 5 /17 la7565b, 7565bm impedance analyzer 68
sample application circuit pal split nt (us) split no. 5636- 6 /17 la7565b, 7565bm 68
japan split nt (us) inter no. 5636- 7 /17 la7565b, 7565bm note: * for r, use a resistor with a value in the range 10 to 15 k . select a value in that range that minimizes degradation of the distortion characteristics.
sample application circuit (2) when the sif, first sif, aft, and rf agc circuits are not used. when the sif circuit is not used: leave pins 1, 23, and 24 open. insert a 2-k resistor between pin 2 and ground. when the first sif circuit is not used: leave pins 3, 4, 15, and 22 open. connect pin 16 to ground. when the aft circuit is not used: since there is no way to defeat the aft circuit, connect a 100-k resistor and a 0.01- f capacitor in parallel between pin 13 and ground. when the rf agc circuit is not used: leave pins 14 and 21 open. a 0.01- f capacitor must be inserted between pin 21 and ground to prevent oscillation. no. 5636- 8 /17 la7565b, 7565bm
pin no. pin pin function equivalent circuit no. 5636- 9 /17 la7565b, 7565bm pin functions 1 sif input the input impedance is about 1 k . if interference signals enter via this pin, those signals may cause buzz and buzz beat noise. (here, signals such as video signals or chrominance signals are the main audio interference signals. the vif carrier signal may also appear as interference.) the application printed circuit board pattern layout should be designed carefully to prevent interference from entering at this pin. 2 fm power supply filter the fm s/n ratio can be improved by inserting a filter in the fm detector bias line. the capacitor c1 should have a value of 0.47 f or greater, and 1 f is recommended. a 2-k resistor must be inserted between pin 2 and ground if the fm detector is not used. this stops the fm detector vco. 3 4 sif converter pin 3 is the sif converter output. this signal is passed through a 6-mhz band-pass filter and input to the sif circuit. a 200- resistor is inserted in series with the emitter-follower output. pin 4 is the sif converter 500-khz oscillator pin. since the oscillator circuit includes an alc circuit, the oscillator level is controlled at a fixed, relatively low level. an external 10-k resistor must be inserted between pin 3 and ground if this circuit is not used. attaching this external resistor stops the 500-khz oscillator and the converter can be used as an amplifier. continued on next page. 3
no. 5636- 10 /17 la7565b, 7565bm pin no. pin pin function equivalent circuit 5 6 7 8 v cc eq amp v cc and ground should be decoupled with as small a separation as possible. connections for the equalizer circuit. this circuit corrects the frequency characteristics of the video signal. pin 8 is the equalizer amplifier input. a 1.5-vp-p video signal is input and amplified to 2.0 vp-p by the equalizer amplifier. the equalizer amplifier is designed as a voltage-follower amplifier with a gain of about 2.3 db. when frequency characteristic correction is used, a capacitor, an inductor, and a resistor must be connected in series between pin 7 and ground. ?using the equalizer amplifier if vi is the input signal and vo is the output signal, then: r1/z + 1 (vi + vin) = vo g where, g: gain of the voltage follower amplifier vin: imaginary short g: about 2.3 db assuming vin ? 0: then, av = vog/vi = r1/z + 1. r1 is an ic internal resistor with a value of 1 k . simply select a z according to the desired characteristics. however, since the equalizer amplifier is maximum at the z resonance point, care is required to prevent distortion from occurring at that frequency. continued from preceding page. 9 apc filter pll detector apc filter connection. the apc time constant is switched internally. when the pll is locked, the vco is controlled over the path marked a in the figure and the loop gain is lowered. when the pll is unlocked and in weak field reception conditions, the vco is controlled over the path marked b in the figure and the loop gain is increased. we recommend values of: r = between 150 and 390 , and c = 0.47 f for this apc filter. continued on next page.
no. 5636- 11 /17 la7565b, 7565bm pin no. pin pin function equivalent circuit 10 composite video output output for the video signal that includes the sif carrier. to acquire adequate drive capabilities, a resistor must be inserted between pin 10 and ground. r 3 300 continued from preceding page. 11 12 vco tank this is the vco tank circuit used for the video detector. refer to the coil specifications provided separately for more information on the tank circuit. this vco is a vector synthesis vco. 13 aft output the aft center voltage is created by an external bleeder resistor. the aft gain increases as the value of this external bleeder resistor is increased. note that the value of this resistor must not exceed 390 k . this circuit includes a control function that naturally brings the aft voltage to its center value under weak field reception conditions. 14 rf agc output this output controls the tuner rf agc. there is a 200- series protection resistor inserted in the emitter output. determine the value of the external bleeder resistor based on the characteristics of the tuner used. continued on next page. to tuner
no. 5636- 12 /17 la7565b, 7565bm pin no. pin pin function equivalent circuit 15 first sif input a dc cut capacitor must be used in the input to this circuit. ?when using a saw filter: the first sif sensitivity can be increased by inserting an inductor between the saw filter and the ic input to counteract the saw filter output capacitance and the ic input capacitance. ?when used with an intercarrier sound system: this pin may be left open. continued from preceding page. 16 first sif agc filter this ic adopts an average-value agc technique. the first sif conversion gain is about 30 db, and the agc range is 50 db or greater. a capacitor of 0.01 f is normally used as the filter connected to this pin. ?when used with an intercarrier sound system: this pin (pin 16) should be shorted to ground. the ic internal switch will operate and the intercarrier output will be connected to the sif converter input. 17 if agc filter the internal agc peak detector output signal is converted to the agc voltage at pin 17. additionally, a second agc filter (a lag-lead filter) used to create dual time constants internally to the ic is built in. a 0.022- f external capacitor is used. the value of this capacitor must be adjusted based on an analysis of the sag, agc speed, and other aspects. continued on next page.
no. 5636- 13 /17 la7565b, 7565bm pin no. pin pin function equivalent circuit 18 19 vif input input for the vif amplifier. the input circuit creates an averaged input and has an input impedance determined by the following resistor and capacitor values. r ? 1.5 k c ? 3 pf continued from preceding page. 20 gnd 21 rf agc vr rf agc vr connection. this pin sets the tuner rf agc operating point. also, the fm output and the video output can be muted at the same time by shorting this pin to ground. 22 first sif output a 600- resistor is attached to the emitter follower internally for signal output. when an intercarrier sound system is used, the buzz characteristics can be improved by forming a chrominance carrier trap on this pin. continued on next page. construct a chrominance carrier trap here.
no. 5636- 14 /17 la7565b, 7565bm pin no. pin pin function equivalent circuit fm filter connection for a filter used to hold the fm detector output at a fixed dc voltage. normally, a 1- f electrolytic capacitor is used. if the low area (around 50 hz) frequency characteristics are seen as a problem, this capacitance should be increased. continued from preceding page. 24 23 fm detector output audio fm detector output. a 200- resistor is inserted in series after the emitter follower. ?in applications that support stereo: in applications that input to a stereo decoder, the reduced input impedance can cause distortion in the l-r signal. this may degrade the stereo characteristics. if this is a problem add the resistor r1 between pin 24 and ground. r1 3 5.1 k ?in applications that support mono: attach an external de-emphasis circuit with the following time constant. t = cr2
notes on sanyo saw filters there are two types of saw filters, which differ in the piezoelectric substrate material, as follows: 1. lithium tantalate (litao3) saw filter tsf11 n n n n japan tsf12 n n n n us although lithium tantalate saw filters have the low temperature coefficient of ?8 ppm/ c, they suffer from a large insertion loss. however, it is possible, at the cost of increasing the number of external components required, to minimize this insertion loss by using a matching circuit consisting of coils and other components at the saw filter output. at the same time as minimizing insertion loss, this technique also allows the frequency characteristics, level, and other aspects to be varied, and thus provides increased circuit design flexibility. also, since the saw filter reflected wave level is minimal, the circuit can be designed with a small in-band ripple level. 2. lithium niobate (linbo3) saw filter tsf52 n n n n us tsf53 n n n n pal although lithium niobate saw filters have the high temperature coefficient of ?2 ppm/ c, they feature an insertion loss about 10 db lower than that of lithium tantalate saw filters. accordingly, there is no need for a matching circuit at the saw filter output. although the in-band ripple is somewhat larger than with lithium tantalate saw filters, since they have a low impedance and a small field slew, they are relatively immune to influences from peripheral circuit components and the geometry of the printed circuit board pattern. this allows stable out-of-band trap characteristics to be acquired. due to the above considerations, lithium tantalate saw filters are used in applications for the us and japan that have a high if frequency, and lithium niobate saw filters are used in pal and us applications that have a low if frequency. notes on saw filter matching in saw filter input circuit matching, rather than matching the if frequency, flatter video band characteristics can be acquired by designing the tuning point to be in the vicinity of the audio carrier rather than near the chrominance carrier. the situation shown in figure on the right makes it easier to acquire flat band characteristics than that in figure on the left . with the tuning set to the if frequency with the tuning set to the vicinity of s and c no. 5636- 15 /17 la7565b, 7565bm the high band is reduced saw filter characteristics the high band is extended frequency frequency
no. 5636- 16 /17 la7565b, 7565bm coil specifications toko co., ltd. 2-1-17 higashi-yukigaya, ohota-ku, tokyo, japan tel: +81-3-3727-1167 notes on vco tank circuits 1. built-in capacitor vco tank circuits when the power is turned on, the heat generated by the ic is transmitted through the printed circuit board to the vco transformer. at this point, the vco coil frame functions as a heat sink and the ic heat is dissipated. as a result, it becomes more difficult to transmit heat to the vco transformer's built-in capacitor, and the influence of drift at power on is reduced. therefore, it suffices to design the circuit so that the coil and capacitor thermal characteristics cancel. ideally, it is better to use a coil with a core material that has low temperature coefficient characteristics. 2. external capacitor vco tank circuits when an external capacitor is used, heat generated by the ic is transmitted through the printed circuit board directly to the vco tank circuit external capacitor. while this capacitor is heated relatively early after the power is turned on, the coil is not influenced as much by this heat, and as a result the power-on drift is increased. accordingly, a coil whose core material has low temperature coefficient characteristics must be used. it is also desirable to use a capacitor with similarly low temperature coefficient characteristics. note: applications that use an external capacitor here must use a chip capacitor. if an ordinary capacitor is used, problems such as the oscillator frequency changing with the capacitor orientation may occur. japan us pal f = 58.75 mhz f = 45.75 mhz f = 38.9 mhz vco coil test production no. v291xcs-3220z toko co., ltd. test production no. 291xcs-3188z toko co., ltd. test production no. 292gcs-7538z toko co., ltd. saw filter (split) picture tsf1137u sound picture tsf1241 sound picture tsf5315 sound saw filter (inter) tsf5220 tsf5221 tsf5321 tsf5344
ps no. 5636- 17 /17 la7565b, 7565bm this catalog provides information as of february, 1999. specifications and information herein are subject to change without notice. specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer? products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer? products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the ?elivery specification for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.


▲Up To Search▲   

 
Price & Availability of LA7565E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X