Part Number Hot Search : 
EPVP6300 GABJ506 P1252 10010 65110 SN102 A473Y HCPL2411
Product Description
Full Text Search
 

To Download HV5522PG-M919 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hv5522 features processed with hvcmos ? technology sink current minimum 100ma shift register speed 8.0mhz polarity and blanking inputs cmos compatible inputs forward and reverse shifting options diode to vpp allows ef?cient power recovery ? ? ? ? ? ? ? general description the hv5522 is a low-voltage serial to high-voltage parallel converter with open drain outputs. this device has been designed for use as a driver for ac-electroluminescent displays. it can also be used in any application requiring multiple output high voltage current sinking capabilities such as driving inkjet and electrostatic print heads, plasma panels, vacuum ?uorescent, or large matrix lcd displays. this device consists of a 32-bit shift register, 32 latches, and control logic to perform the polarity select and blanking of the outputs. data is shifted through the shift register on the high to low transition of the clock. the hv5522 shifts in the counter clockwise direction when viewed from the top of the package. a data output buffer is provided for cascading devices. this output re?ects the current status of the last bit of the shift register. operation of the shift register is not affected by the le (latch enable), bl (blanking), or the pol (polarity) inputs. transfer of data from the shift register to the latch occurs when the le (latch enable) input is high. the data in the latch is stored when le is low. functional block diagram 32-channel serial to parallel converter with open drain outputs polarity blanking latch enable data input clock data out 32-bit shift register hv ou t 1 (outputs 3 to 30 not shown) latch latch hv ou t 2 hv ou t 31 hv ou t 32 latch latch
2 hv5522 ordering information device package options 44-lead quad plastic gullwing 10.00x10.00mm body 2.45mm height (max) 0.80mm pitch 44-lead quad plastic chip carrier .690x.690in body .180in height (max) .050in pitch hv5522 hv5522pg-g hv5522pj-g -g indicates package is rohs compliant (green) absolute maximum ratings supply voltage, v dd 1 -0.5v to +15v output voltage, v pp 1 -0.5v to +230v logic input levels 1 -0.5v to v dd +0.5v ground current 2 1.5a continuous total power dissipation 3 1200mw operating temperature range -40 o c to +85 o c storage temperature range -65 o c to +150 o c lead temperature 4 260 o c parameter value sym parameter min max units recommended operating conditions v dd logic voltage supply 10.8 13.2 v hv out high voltage output -0.3 +220 v v ih input high voltage v dd -2.0 v dd v v il input low voltage 0 2.0 v f clk clock frequency - 8.0 mhz t a operating free-air temperature -40 +85 o c pin con?gurations absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. continuous operation of the device at the absolute rating level may affect device reliability. all voltages are referenced to device ground. notes: all voltages are referenced to v ss duty cycle is limited by the total power dissipated in the package for operation above 25c ambient derate linearly to maximum operating temperature at 20mw/c 1.6mm (1/16inch) from case for 10 seconds 1. 2. 3. 4. 1 44 1 44 6 40 yy = year sealed ww = week sealed l = lot number c = country of origin* a = assembler id* = green packagin g *may be part of top markin g top marking bottom marking y y w w hv5522pg l l l l l l l l l cccccccc aa a yy = year sealed ww = week sealed l = lot number c = country of origin* a = assembler id* = green packagin g *may be part of top marking top marking bottom marking yyww hv5522pj llllllllll ccccccccccc aaa 44-lead pqfp (pg) (top view) 44-lead plcc (pj) (top view) product marking 44-lead pqfp (pg) 44-lead plcc (pj) power-up sequence power-up sequence should be the following: connect ground apply v dd set all inputs to a known state power-down sequence should be the reverse of the above. 1. 2. 3.
3 hv5522 input and output equivalent circuits vdd inpu t hvou t logic inputs data ou t logic data outpu t high voltage outputs vdd hvi n vss vss vss sym parameter min max units conditions electrical characteristics (over recommended operating conditions unless otherwise noted) dc characteristics ac characteristics (v dd = 12v, t c = 25 o c) sym parameter min max units conditions f clk clock frequency - 8.0 mhz --- t w clock width, high or low 62 - ns --- t su data set-up time before clk falls 25 - ns --- t h data hold time after clk falls 10 - ns --- t on turn-on time, hv out from enable - 500 ns r l = 2.0k to v pp max. t dhl delay time clock to data high to low - 100 ns c l = 15pf t dlh delay time clock to data low to high - 100 ns c l = 15pf t dle delay time clock to le low to high 50 - ns --- t wle width of le pulse 50 - ns --- t sle le setup time before clock falls 50 - ns --- i dd v dd supply current - 15 ma f clk = 8.0mhz, f data = 4.0mhz i ddq v dd supply current (quiescent) - 100 a v in = 0v i o(off) off state output current - 10 a all outputs high, all sws parallel i ih high-level logic input current - 1.0 a v ih = v dd i il low-level logic input current - -1.0 a v il = 0v v oh high-level output data out v dd -1.0v - v i dout = -100a v ol low-level output voltage hv out - 15 v i hvout = +100ma data out - 1.0 v i dout = +100a v oc hv out clamp voltage - -1.5 v i ol = -100ma
4 hv5522 switching waveforms latch enable hv out w/ s/r high data vali d 50% 50 % data input clock data ou t 50% 50% 50% t su t h t wh t wl 50 % 50 % t dlh t dh l 50 % t wle t dle t sle 50 % 50 % 10 % t on v i h v i l v ih v il v o h v o l v oh v o l v ih v i l v o h v ol functional table function inputs outputs data clk le bl pol shift reg hv outputs data out * 1 2...32 1 2...32 all on x x x l l * *...* on on...on * all off x x x l h * *...* off off...off * invert mode x x l h l * *...* * *...* * load s/r h or l l h h h or l *...* * *...* * load latches x h or l h h * *...* * *...* * x h or l h l * *...* * *...* * transparent latch mode l h h h l *...* off *...* * h h h h h *...* on *...* * notes: h = high level, l = low level, x = irrelevant, = high-to-low transition, = low-to-high transistion. * dependent on previous stages state before the last clk or last le high.
5 hv5522 44-lead pqfp pin assignment (pg) pin # function description 1 hv out 11 high voltage outputs. 2 hv out 12 3 hv out 13 4 hv out 14 5 hv out 15 6 hv out 16 7 hv out 17 8 hv out 18 9 hv out 19 10 hv out 20 11 hv out 21 12 hv out 22 13 hv out 23 14 hv out 24 15 hv out 25 16 hv out 26 17 hv out 27 18 hv out 28 19 hv out 29 20 hv out 30 21 hv out 31 22 hv out 32 23 data out data output pin. 24 n/c no internal connection. 25 n/c 26 n/c 27 pol inverts the polarity of the hv out pins 28 clk clock pin, shift registers shifts data on falling edge of input clock. 29 vss reference voltage, usually ground. 30 vdd logic supply voltage. 31 le latch enable pin, data is shifted from shift register to latches on logic input high. 32 data in data input pin. 33 blanking blanking pin sets all hv out pins low or high depending upon state of polarity. see function table. 34 n/c no internal connection. 35 hv out 1 high voltage outputs. 36 hv out 2 37 hv out 3 38 hv out 4 39 hv out 5 40 hv out 6 41 hv out 7 42 hv out 8 43 hv out 9 44 hv out 10
6 hv5522 44-lead plcc pin assignment (pj) pin # function description 1 hv out 16 high voltage outputs. 2 hv out 17 3 hv out 18 4 hv out 19 5 hv out 20 6 hv out 21 7 hv out 22 8 hv out 23 9 hv out 24 10 hv out 25 11 hv out 26 12 hv out 27 13 hv out 28 14 hv out 29 15 hv out 30 16 hv out 31 17 hv out 32 18 data out data output pin. 19 n/c no internal connection. 20 n/c 21 n/c 22 pol inverts the polarity of the hv out pins 23 clk clock pin, shift registers shifts data on falling edge of input clock. 24 vss reference voltage, usually ground. 25 vdd logic supply voltage. 26 le latch enable pin, data is shifted from shift register to latches on logic input high. 27 data in data input pin. 28 blanking blanking pin sets all hv out pins low or high depending upon state of polarity. see function table. 29 n/c no internal connection. 30 hv out 1 high voltage outputs. 31 hv out 2 32 hv out 3 33 hv out 4 34 hv out 5 35 hv out 6 36 hv out 7 37 hv out 8 38 hv out 9 39 hv out 10 40 hv out 11 41 hv out 12 42 hv out 13 43 hv out 14 44 hv out 15
7 hv5522 44-lead pqfp package outline (pg) 10.00x10.00mm body, 2.35mm height (max), 0.80mm pitch symbol a a1 a2 b d d1 e e1 e l l1 l2 dimension (mm) min 1.95* 0.00 1.95 0.30 13.65* 9.80* 13.65* 9.80* 0.80 bsc 0.73 1.95 ref 0.25 bsc 0 o nom - - 2.00 - 13.90 10.00 13.90 10.00 0.88 3.5 o max 2.35 0.25 2.10 0.45 14.15* 10.20* 14.15* 10.20* 1.03 7 o jedec registration mo-112, variation aa-2, issue b, sep.1995. * this dimension is not speci?ed in the original jedec drawing. the value listed is for reference only. drawings not to scale. supertex doc. #: dspd-44pqfppg, version b101708. 1 44 seating plane gauge plane l l1 l2 vi ew b vi ew b seating plane top view d d1 e e1 b e side view a2 a a1 note 1 (index area d1/4 x e1/4) note: a pin 1 identi?er must be located in the index area indicated. the pin 1 identi?er can be: a molded mark/identi?er; an embedded metal marker; or a printed indicator. 1.
supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such appl ications unless it receives an adequate product liability indemnification insurance agreement. supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. no responsibility is assumed for possible omissions and inaccuracies. circuitry and specifications are subject to change without notice. for the latest product specifications refer to the supertex inc. website: http//www .supertex.com . ?2008 all rights reserved. unauthorized use or reproduction is prohibited . 1235 bordeaux drive, sunnyvale, ca 9408 9 te l: 408-222-8888 www .supertex.com 8 hv5522 doc.# dsfp-hv5522 a111908 44-lead plcc package outline (pj) .653x.653in body, .180in height (max), .050in pitch symbol a a1 a2 b b1 d d1 e e1 e dimension (inches) min .165 .090 .062 .013 .026 .685 .650 .685 .650 .050 bsc nom .172 .105 - - - .690 .653 .690 .653 max .180 .120 .083 .021 .036 ? .695 .656 .695 .656 jedec registration ms-018, variation ac, issue a, june, 1993. ? this dimension is a non-jedec dimension. drawings not to scale. supertex doc. #: dspd-44plccpj, version d092408. .150 ma x .048/.042 x 45 o 1 .075 ma x 6 40 d d1 e1 e to p v iew horizontal side v iew v iew b a a2 a1 seating plane e b note 1 (index area) .056/.042 x 45 o .020max (3 places) .020 min ve rtical side v iew v iew b note 2 44 b1 base plane notes: a pin 1 identi?er must be located in the index area indicated. the pin 1 identi?er can be: a molded mark/identi?er; an embedded metal marker; or a printed indicator. actual shape of this feature may vary. 1. 2.


▲Up To Search▲   

 
Price & Availability of HV5522PG-M919

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X