Part Number Hot Search : 
284871 MM4148 29F002 7912CI KSP10 TF251 TF251 23NQ10T
Product Description
Full Text Search
 

To Download HTV546 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
     tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 06 mar 2000       
                ! "#$ % !! "&$ ! ! ! %'  %( ) (     (! ! "#$ * (! "#$    ? stratum 3 compliant ? hcmos output ? excellent frequency stability ? wide temperature range ? low cost for volume production product name + frequency eg: htf546 19.440mhz HTV546 44.7360mhz option code x (eg HTV546/x) denotes a custom specification.       standard.  optional - please specify required code(s) when ordering option codes htf546 HTV546 product parameters scale 1:1 frequencies in mhz     other frequencies available. please consult our sales office.    1.5440 2.0480 6.1440 6.1760 6.4000 8.1920 12.2880 13.0000 14.3360 15.3600 16.3840 19.4400 20.4800 29.4912 32.7680 34.3680 38.8800 44.2360 44.7360 49.1520 51.8400 frequency range: 110khz ~ 52.0mhz  frequency stability: 4.6ppm  (inclusive of calibration tolerance temperature, voltage, load, 10years ageing, shock & vibration) temperature range: 0 to +70c  other  specify storage temperature range: -40 to +85c  supply voltage (v dd ): +5.0v (5%)  supply current: 35ma max  driving ability: 15pf hcmos  logic levels: ?0? level = 0.4v max  ?1? level = 90%v dd min  output current: ?0? level = 4.0ma  ?1? level = -4.0ma  waveform symmetry: 40:60 max at 2.5v  rise / fall time: 6ns max  frequency adjustment: none  10ppm min, +2.5 2v  10k  input impedance  15% linearity 


▲Up To Search▲   

 
Price & Availability of HTV546

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X