Part Number Hot Search : 
GA833 RF2317 MAX6392 A5800312 50002 5248B A105K 25Q128A
Product Description
Full Text Search
 

To Download E558CNA-100032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  106 molded coils for surface mounting type mc152 type mc152 without case toko number color part number (1) of turns c range** q (2) code inductance (3) ferrite core e558cn-100020 1 1 / 2 80.4pf 2% 90 20% (at 100mhz) white 32nh e558cn-100021 2 1 / 2 53.8pf 3% 110 20% (at 100mhz) violet 47nh e558cn-100022 3 1 / 2 37.0pf 3% 110 20% (at 100mhz) orange 68nh e558cn-100023 4 1 / 2 28.0pf 3% 115 20% (at 100mhz) yellow 90nh *e558cn-100024 5 1 / 2 22.7pf 3% 120 20% (at 100mhz) white 112nh *e558cn-100025 6 1 / 2 17.8pf 3% 120 20% (at 100mhz) blue 142nh air core e558hn-100096 1 1 / 2 86.9pf 10% 85 20% (at 100mhz) white 29nh e558hn-100097 2 1 / 2 61.2pf 10% 100 20% (at 100mhz) violet 41nh e558hn-100098 3 1 / 2 44.9pf 10% 105 20% (at 100mhz) orange 56nh e558hn-100099 4 1 / 2 34.6pf 10% 105 20% (at 100mhz) yellow 73nh e558hn-100100 5 1 / 2 27.9pf 10% 120 20% (at 100mhz) white 91nh e558hn-100101 6 1 / 2 22.9pf 10% 120 20% (at 100mhz) blue 111nh brass core e558an-100040 1 1 / 2 88.6pf 1% 52 20% (at 100mhz) white 29nh e558an-100041 2 1 / 2 66.5pf 3% 63 20% (at 100mhz) violet 38nh e558an-100042 3 1 / 2 52.4pf 3% 56 20% (at 100mhz) orange 48nh e558an-100043 4 1 / 2 44.1pf 2% 50 20% (at 100mhz) yellow 57nh e558an-100044 5 1 / 2 35.3pf 2% 50 20% (at 100mhz) white 72nh e558an-100045 6 1 / 2 30.0pf 2% 50 20% (at 100mhz) blue 84nh continued on next page * minimum inductance values with core 2 turns above top of bobbin. ** c range shows tolerance. mc152 close wound frequency range: 30-150mhz (with ferrite core) inductance range: 29~142nh (without case) 27~94nh (with case) temperature coefficient: 150 100ppm/ c (without case) 100 100ppm/ c (with case) standard coils selection guide (1) alternate use of brass core will increase the usable frequency of any specific coil form, however inductance is reduced. these cores may also be substituted for ferrite as a means of lowering q. (2) q measured by q meter (3) inductance measured by hp-4191a at 100mhz for reference only. features ? low profile smt molded coil. ? ideal for use in rf circuit for communication and car radio applications. ? shielded case also available. unshielded shielded unit: mm unit: mm
107 molded coils for surface mounting type mc152 continued from previous page type mc152 (cont'd) with case toko number color part number (1) of turns c range** q (2) code inductance (3) ferrite core E558CNA-100032 1 1 / 2 89.0pf 1.5% 63 20% (at 100mhz) white 28nh e558cna-100033 2 1 / 2 64.2pf 2.0% 77 20% (at 100mhz) violet 39nh e558cna-100034 3 1 / 2 48.2pf 2.0% 76 20% (at 100mhz) orange 53nh e558cna-100035 4 1 / 2 37.9pf 2.0% 81 20% (at 100mhz) yellow 67nh *e558cna-100036 5 1 / 2 31.9pf 2.0% 86 20% (at 100mhz) white 79nh *e558cna-100037 6 1 / 2 27.0pf 2.0% 80 20% (at 100mhz) blue 94nh brass core e558ana-100050 1 1 / 2 92.2pf 1.0% 58 20% (at 100mhz) white 27nh e558ana-100051 2 1 / 2 73.6pf 2.0% 55 20% (at 100mhz) violet 34nh e558ana-100052 3 1 / 2 59.1pf 2.0% 54 20% (at 100mhz) orange 43nh e558ana-100053 4 1 / 2 48.7pf 2.0% 52 20% (at 100mhz) yellow 52nh e558ana-100054 5 1 / 2 41.6pf 2.0% 49 20% (at 100mhz) white 61nh e558ana-100055 6 1 / 2 37.1pf 2.0% 47 20% (at 100mhz) blue 68nh air core e558hna-100090 1 1 / 2 90.7pf 10% 60 20% (at 100mhz) white 28nh e558hna-100091 2 1 / 2 68.2pf 10% 70 20% (at 100mhz) violet 37nh e558hna-100092 3 1 / 2 52.8pf 10% 80 20% (at 100mhz) orange 48nh e558hna-100093 4 1 / 2 42.7pf 10% 80 20% (at 100mhz) yellow 59nh e558hna-100094 5 1 / 2 35.5pf 10% 86 20% (at 100mhz) white 71nh e558hna-100095 6 1 / 2 30.3pf 10% 83 20% (at 100mhz) blue 84nh * minimum inductance values with core 2 turns above top of bobbin. ** c range shows tolerance. standard coils selection guide


▲Up To Search▲   

 
Price & Availability of E558CNA-100032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X