Part Number Hot Search : 
TA8532F 307014 LTC31 P0111 F45ITR 106D1 TL594CD 52104496
Product Description
Full Text Search
 

To Download C8062-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c8061/C8062-01 series are high sensitivity multichannel detector heads for use with ingaas linear image sensors. c8061-01 is de signed for the one- stage te-cooled ingaas linear image sensors and C8062-01 for two-stage te-cooled ingaas linear image sensors. c8061-01 and C8062-01 incorporate a low-noise driver/amplifier circuit that provide reliable operation from simple external sig nals. they also include a highly stable temperature controller that cools the sensor to a preset temperature level (c8061-01: ts= -10 ?c, c8062 -01: ts= -20 ?c) as soon as the power is turned on. if the cooler fails and overheat occurs, the built-in protection circuit automatically turns of f the power to maintain safety. despite its compact size, the housing configuration is designed for good heat dissipation, and threaded mounting holes on the front panel allow connections to other devices such as monochromators. controller for multichannel detector head c7557 is also available. the software supplied with the c7557 allows easy control of the multichannel detector head and data acquisition. features l designed for ingaas linear image sensor c8061-01: one-stage te-cooled type C8062-01: two-stage te-cooled type l built-in driver/amplifier and temperature circuit l highly stable temperature controller cooling temperature (ta=10 to 30 ?c) fixed at -10 ?0.1 ?c (c8061-01), -20 ?0.1 ?c (C8062-01) l simple signal input operation l compact configuration applications l near infrared multichannel spectroscopy l radiation thermometry l non-destructive inspection l optical fiber transmittance measurement image sensor ingaas multichannel detector head designed for ingaas linear image sensor c8061/C8062-01 selection guide the table below shows ingaas image sensors applicable for the c8061/C8062-01. scince the c8061/C8062-01 do not include a ingaas image sensor, so select the desired sensor and order it sparately. ingaas linear image sensor type no. type no. cooling number of pixels number of active pixels *1 pixel size [m(h) m(v)] active area [mm (h) mm (v)] g9201-256s 256 256 50 250 12.8 0.25 g9202-512s 512 512 25 250 12.8 0.25 g9203-256s 256 256 50 500 12.8 0.50 g9204-512s 512 512 25 500 12.8 0.50 g9211-256s 256 >251 50 250 12.8 0.25 g9212-512s 512 >502 25 250 12.8 0.25 g9213-256s 256 >251 50 500 12.8 0.50 c8061-01 g9214-512s one-stage te-cooled 512 >502 25 500 12.8 0.50 g9205-256w g9206-256w g9207-256w C8062-01 g9208-256w two-stage te-cooled 256 >244 50 250 12.8 0.25 *1: number of active pixels: the total number of pixels whose dark current and sensitivity uniformity do not exceed the maximum values. 1
ingaas multichannel detector head c8061/C8062-01 absolute maximum ratings parameter symbol min. typ. max. unit supply voltage (for digital circuitry) v d1, v d2 -0.5 - +7 v a+ - - +18 supply voltage (for analog circuitry) v a- - - -18 vp - - +7 supply voltage v f --+14 digital input voltage - - - v d1, v d2 v operating temperature topr +10 to +30 storage temperature tstg 0 to +50 c electrical characteristics [unless otherwise noted, ta=25 c, c8061-01: v d1 , 2 =+5 v, v a+ =+15 v, v a- =-15 v, v d2 =+5 v, v p =+5 v, v f =+12 v C8062-01: v d1 =+5 v, v a+ =+15 v, v a- =-15 v, v d2 =+6 v, v p =+6 v, v f =+12 v] parameter symbol min. typ. max. unit high level v ih +2.0 - v d1, 2 v digital input low level v il -0.5 - +0.8 v master clock (clk) pulse frequency f clk - - 4 mhz data video readout frequency fv - - f clk /8 hz master start (start) pulse width tst 1/f clk - - s high level (io= -6 ma) vo h +2.0 - - v digital output low level (io=+6 ma) vo l --+0.8v power supply conditions digital circuitry v d1 +4.75 +5.0 +5.25 v v a1+ +14.5 +15.0 +15.5 v analog circuitry v a1- -14.5 -15.0 -15.5 v c8061-01 +4.75 +5.0 +5.25 v C8062-01 v d2 +5.75 +6.0 +6.25 v c8061-01 +4.75 +5.0 +5.25 v C8062-01 vp +5.75 +6.0 +6.25 v voltage other v f +11.75 +12.0 +12.25 v v d1 (+5 vdc) - - - +100 ma v a+ (+15 vdc) - - - +200 ma v a- (-15 vdc) - - - -50 ma v d2 c8061-01: +5 vdc C8062-01: +6 vdc ---+50ma c8061-01: +5 vdc - - +1.2 +1.7 a vp C8062-01: +6 vdc - - +2.0 +3.0 a current v f (+12 vdc) - - - +200 ma 2
ingaas multichannel detector head c8061/C8062-01 electrical and optical characteristics [unless otherwise noted, ta=25 c, c8061-01: ts=-10 c, g9211-256s (cf=10 pf) , v d1 =+5 v v a+ =+15 v, v a- =-15 v, v d2 =+5 v, v p =+5 v, v f =+12 v C8062-01: ts=-20 c, g9208-256w (cf=10 pf), v d1 =+5 v, v a+ =+15 v, v a- =-15 v, v d2 =+6 v, v p =+6 v, v f =+12 v ] parameter symbol min. typ. max. unit c8061-01 - 0.9 to 1.7 - m spectral response range C8062-01 - 1.2 to 2.6 - m c8061-01 - 1.55 - m peak sensitivity wavelength C8062-01 p - 2.3 - m saturation output charge qsat - 30 - pc conversion gain *2 g - 0.3 - v/pc c8061-01 - 0.1 3 pa/pixel dark current C8062-01 i d - 1000 4000 pa/pixel c8061-01 - - 5 % photo response non-uniformity *3 C8062-01 prnu - - 10 % *2: including the circuit gain. *3: measured at 50 % of the saturated output charge. except for the start pixel and the last pixel. specifications for temperature controller [unless otherwise noted, ta=25 c, c8061-01: ts=-10 c, v d =+5 v, v a+ =+15 v, v a- =-15 v, v d2 =+5 v, v p =+5 v, v f =+12 v C8062-01: ts=-20 c, v d =+5 v, v a+ =+15 v, v a- =-15 v, v d2 =+6 v, v p =+6 v, v f =+12 v] parameter *4 symbol min. typ. max. unit c8061-01 -11 -10 -9 c cooling temperature C8062-01 ts -21 -20 -19 c temperature control range ? ts -0.1 - +0.1 c c8061-01 - - 7 w power dissipation of peltier element C8062-01 pp --11w cool down time to preset temperature to - - 5 min. setting temperature for overheat protection *5 to - +45 - c *4: other functions include error display, automatic power off, and detection of electrical oepns and shorts by the thermosenso r. *5: temperature at back side of housing. (between housing and fin) 3
ingaas multichannel detector head c8061/C8062-01 0.5 1.0 1.5 2.0 2.5 3.0 0 0.5 1.0 1.5 wavelength (m) photo sensitivity (a/w) (typ.) t=25 ? c t= -10 ? c (g9208-256w: t= -20 ? c) g9211 to g9214 series g9208-256w spectral response kmirb0022ea equivalent circuit kmirc0010eb cds 1 pixel inp shift register offset compensation video ad-trig cf=0.5 pf cf=10 pf timing generator clk external input reset vref vss vdd photodiode 4
ingaas multichannel detector head c8061/C8062-01 block diagram 1 (c8061/C8062-01) block diagram 2 (c8061-01) kaccc0193eb kaccc0194eb led th. h te+ te- therm timing generator d. gnd v a1+ (+15 v) a. gnd clk start eos trigger cf sel thermo-electric cooler ingaas image sensor buffer amplifier data video amplifier voltage regulator g9201-256s g9203-256s g9211-256s g9213-256s g9205-256w g9206-256w g9207-256w g9208-256w clk reset cf select ad-trig therm inp vref vdd vss v p *1 p. gnd v d2 *1 d. gnd v f (+12 v) f. gnd temp monitor video *1: +5 v (c8061-01), +6 v (C8062-01) amplifier mux & amplifier dc clamp cooling control v d1 (+5 v) v a1 - (-15 v) temperature controller led te+ te- therm timing generator d. gnd v a1+ (+15 v) a. gnd clk start eos trigger cf sel thermo-electric cooler ingaas image sensor buffer amplifier data video voltage regulator g9202-512s g9204-512s g9212-512s g9214-512s clk-odd, clk-even reset-odd, reset-even cf select ad-trig-odd, ad-trig-even therm inp vref vdd vss v p (+5 v) p. gnd v d2 (+5 v) d. gnd v f (+12 v) f. gnd temp monitor video-odd video-even mux & amplifier dc clamp cooling control v d1 (+5 v) v a1- (-15 v) th. h temperature controller amplifier amplifier 5
ingaas multichannel detector head c8061/C8062-01 8 clocks 8 (n-1) clocks 10 clocks ch 1 ch (n-3) ch (n-1) ch (n-2) ch n ch 3 ch 2 ch 4 start clk clock-odd reset-odd vided-odd ad-trig-odd ad-trig-even vided-even clock-even reset-even trigger data valid eos start clk clock-odd reset-odd vided-odd ad-trig-odd ad-trig-even vided-even clock-even reset-even trigger data valid eos ch 4 ch n ch 3 ch 2 ch 1 ch (n-1) ch (n-2) ch (n-3) ch 1 ch 3 ch 2 ch 3 ch 2 ch 1 note: n is the number of pixels (n=512) integration period 2 clocks timing chart 1 (256 pixels) timing chart 2 (512 pixels) kaccc0196ea kaccc0195ea start clk clock reset video trigger data valid eos 8 clocks 8 (n-1) clocks 10 clocks ch 1 ch 1 ch 2 ch 3 ch 4 ch 2 ch 3 ch 4 ch (n-3) ch (n-2) ch (n-1) ch n ch (n-3) ch (n-2) ch (n-1) ch n start clk clock reset video trigger data valid eos integration period note: n is the number of pixels (n=256) ch 1 ch 2 ch 3 ch 1 ch 2 ch 3 2 clocks 6
ingaas multichannel detector head c8061/C8062-01 pin assignment of ?signal i/o? connector 15-pin d-sub connector 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 pin no. terminal name description 1 cf sel digital input signal used to select conversion gain of charge amplifier in ingaas image sensor. hcmos compatible high level or left open: low gain (0.3 v/pc) low level: high gain (6 v/pc) 2 data video * analog video output positive polarity (typ. 10 v) 3v a1+ (+15 v) analog power supply 4 v a1- (-15 v) analog power supply 5v d1 (+5 v) digital power supply 6 start digital input signal for initializing the circuit hcmos compatible. positive logic 7clk digital input signal for operating the circuit hcmos compatible rising edge operation 8 eos digital input signal for indicating end-of-scan of the image sensor hcmos compatible negative logic 9 a. gnd analog ground 10 a. gnd analog ground 11 nc no connection 12 d. gnd digital ground 13 d. gnd digital ground 14 d. gnd digital ground 15 trigger digital output signal for a/d conversion hcmos compatible positive logic * depending on the individual sensor to install, some channels might have a dark output lower than ground potential so use a bipolar a/d converter. kaccc0069ea 7
ingaas multichannel detector head c8061/C8062-01 pin assignment of ? te control i/o ? connector 9-pin d-sub connector 1 2 3 4 5 6 7 8 9 pin no. terminal name description 1v d2 (+6v) power supply. 2 temp monitor analog output signal of the temperature of the ingaas image sensor. 3 coolin g control digital input signal for starting to cool down. hcmos compatible. h-level or left open : cooling l-level : stand-by 4 vp (+6v) power supply for the thermoelectric cooler in the ingaas image sensor. 5v f (+12 v) power supply for cooling fan. 6 d. gnd ground. 7 d. gnd ground. 8 p. gnd power supply return of the thermoelectric cooler mounted in the ingaas image sensor. 9 f. gnd ground return for cooling fan. note: available for using same power supply (+6 v) for ? v d2 ? and ? v p ? . caution: do not connect ? v d2 ? and ? v p ? together on the backside of the 9-sub d-sub connector. these may be connected (shorted) at the power supply end, not 9-pin d-sub connector. kaccc0075ea 8
ingaas multichannel detector head c8061/C8062-01 dimensional outlines (unit: mm) 9 kacca0089ea 100.0 90.0 77.0 focal plane 34.0 35.0 80.0 60.0 82.0 62.0 11.0 50.0 50.0 focal plane 2.05 0.5 (4 ) m3 depth 4 te control i/o signal i/o c8061-01 kacca0090ea 100.0 90.0 focal plane 65.0 80.0 60.0 50.0 50.0 focal plane 2.25 0.5 (4 ) m3 depth 4 88.4 75.4 81.0 te control i/o signal i/o 34.0 C8062-01
ingaas multichannel detector head c8061/C8062-01 10 connection example kaccc0197eb power supply v f (+12 v) f. gnd v p * p.gnd v d2 * d. gnd controller cooling control d. gnd te controller controller cf sel d. gnd power supply i/o signal v d1 (+5 v) d. gnd v a+ (+15 v) v a- (-15 v) a. gnd pulse generator clk d. gnd start d. gnd s/h or a/d analog input a. gnd s/h input d. gnd oscilloscope ch1 gnd ext.trig gnd 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 * c8061-01: +5 v, C8062-01: +6 v multichannel detector head controller c7557 when connected to a hamamatsu multichannel detector head and a personal computer, c7557 allows easy control of the detector head and data acquisition by using dedicated software that comes with the unit. accessories scsi terminator fuse (2.5 a) detector head connection cables ac cable software (compatible os: windows 98/me *) operation manual * this software may be run on windows 2000/nt/xp with a simple task. for information on how to do this, please consult with our sales office. suitable multichannel detector head c7020/-02, c7021/-02, c7025/-02, c7040, c7041, c7043, c7044, c7180, c7181, c8061-01, C8062-01, c10150, c10151
ingaas multichannel detector head c8061/C8062-01 hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv ? gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 7 hamamatsu photonics k.k. cat. no. kacc1089e04 jan. 2007 dn 11  connection pc (windows98/me) c7557 scsi * 2 cable dedicated cable (with c7557) image sensor + multichannel detector head (integrated scsi board) *1: shutter, etc. are not available. *2: scsi cable and scsi board (card) are not supplied with c7557. trig. shutter * 1 timing pulse power te control i/o signal i/o kaccc0077ed


▲Up To Search▲   

 
Price & Availability of C8062-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X