Part Number Hot Search : 
LCX03 B1608 76650 5240MTC LC82751B 20500 MAX96107 4LCX1
Product Description
Full Text Search
 

To Download C5905 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power transistors 1 publication date: june 2004 sjd00306bed 2sC5905 silicon npn triple diffusion mesa type horizontal deflection output for tv, crt monitor features ? high breakdown voltage: v cbo 1 700 v ? high-speed switching: t f < 200 ns ? wide safe operation area absolute maximum ratings t c = 25 c electrical characteristics t c = 25 c 3 c unit: mm note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. parameter symbol conditions min typ max unit collector-base cutoff current (emitter open) i cbo v cb = 1 000 v, i e = 050 a v cb = 1 700 v, i e = 01ma emitter-base cutoff current (collector open) i ebo v eb = 7 v, i c = 050 a forward current transfer ratio h fe v ce = 5 v, i c = 10 a 5 12 ? collector-emitter saturation voltage v ce(sat) i c = 10 a, i b = 2.5 a 3 v base-emitter saturation voltage v be(sat) i c = 10 a, i b = 2.5 a 1.5 v transition frequency f t v ce = 10 v, i c = 0.1 a, f = 0.5 mhz 3 mhz storage time t stg i c = 10 a, resistance loaded 3.0 s fall time t f i b1 = 2.5 a, i b2 = ? 5.0 a 0.2 s parameter symbol rating unit collector-base voltage (emitter open) v cbo 1 700 v collector-emitter voltage (e-b short) v ces 1 700 v collector-emitter voltage (base open) v ceo 600 v emitter-base voltage (collector open) v ebo 7v base current i b 8a collector current i c 20 a peak collector current * i cp 30 a collector power dissipation p c 70 w t a = 25 c 3.5 junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c 15.5 0.5 3.0 0.3 (4.0) 2.0 0.2 1.1 0.1 5.45 0.3 0.7 0.1 5? 5? 5? 5? 5? 10.9 0.5 1 5? 23 (10.0) (1.2) (2.0) solder dip 3.3 0.3 5.5 0.3 (2.0) 26.5 0.5 (23.4) 22.0 0.5 18.6 0.5 (2.0) 3.2 0.1 (4.5) note) * : non-repetitive peak collector current 1: base 2: collector 3: emitter eiaj: sc-94 top-3e-a1 package internal connection b c e .com .com .com .com 4 .com u datasheet
2sC5905 2 sjd00306bed p c ? t a i c ? v ce i c ? v be v ce(sat) ? i c h fe ? v ce t f ? i b(end) t stg ? i b(end) area of safe operation area of safe operation (horizontal operation) 3 2 1 0 0 50 100 150 ambient temperature t a ( c ) collector power dissipation p c ( w ) without heat sink 0 2 4 6 8 10 0246810 1.6 a 1.4 a 1.2 a 1.0 a 0.8 a 0.6 a 0.4 a 0.2 a i b = 0 a collector current i c ( a ) collector-emitter voltage v ce ( v ) collector current i c ( a ) base-emitter voltage v be ( v ) 0 4 8 12 0 0.4 0.8 1.2 t a = 120 c ? 40 c 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 10 ? 2 10 ? 1 1 10 10 ? 1 110 2 10 t a = 120 c ? 40 c 25 c 1 10 10 2 10 ? 2 10 ? 1 11010 2 t a = 120 c ? 40 c 25 c forward current transfer ratio h fe collector-emitter voltage v ce ( v ) fall time t f ( ns ) base current i b(end) ( a ) 0 200 400 600 800 1 000 0.4 0.8 1.2 1.6 f h = 32 khz i c = 10 a l load 0 0.4 0.8 1.2 1.6 2.0 0.4 0.8 1.2 1.6 storage time t stg ( s ) base current i b(end) ( a ) f h = 32 khz i c = 10 a l load collector current i c ( a ) collector-emitter voltage v ce ( v ) 10 ? 1 10 ? 2 10 ? 3 10 1 10 2 11010 2 10 3 i cp = 30 a i c = 20 a dc operation t = 100 s 1 ms 10 ms t c = 25 c single pulse p c = 70 w 30 20 10 0 01 000 500 1 500 2 000 collector current i c ( a ) collector-emitter voltage v ce ( v ) < 1 ma f h = 32 khz, t c < 90 c aso for a single pulse load caused by eht flashover during horizontal operation. .com .com .com .com .com 4 .com u datasheet
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep .com .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of C5905

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X