c2004.21.02 product sku: hook-up wire, ul 1007, ul 1569, csa tr-64, gauge size (awg): 22, conductor/strands: solid, product description: jacket: premium grade pvc, temperature range: -20aoc to +105aoc - white - 1000 ft. spool product category: electronics - hook-up wire - ul 1007, ul 1569, csa tr-64 - solid conductors - white product construction: conductor: 24 thru 16 awg fully-annealed, tinned copper per astm b-33 solid or stranded insulation: color code: see chart below premium grade color-coded pvc temperature range: -20ac to +105ac product specification: conductor size (awg): 22 conductor/strands: solid no. of pairs: 1 jacket color: white nominal insulation thickness 0.016 (in): nominal insulation thickness 0.40 (mm): nominal outside diameter (in): 0.057 nominal outside diameter 1.45 (mm): standard packaging: 1000' spool
standard package quantity: 1 upc #: 079407765300 put-up: 1000 scc-14: 50079407765300 cube: 205.758 weight per unit of measure: .0039 coloroption: white product information: applications: internal wiring of electrical and electronic equipment internal wiring of panels and meters point-to-point wiring suggested voltage rating: 300 volts compliances: csa tr-64 - 90aoc, 300v designed to meet ul vw-1 vertical wire flame test ul style 1007 - 80ac, 300v ul style 1569 - 105ac, 300v packaging: 10,000 foot (3048m) reels 1000' (305m) spools other put-ups available- consult customer service reference charts color code chart technical specifications unit conversion factors cable design equations - balanced pair insulation and jacket properties temperature conversion chart decimal and unit conversion factors cable design equations - braid shield
awg conductor chart conduit capacity chart cable design equations - coaxial cable engineering prefixes coax connector cross reference glossary
|