Part Number Hot Search : 
2KBP005M KBU6A01 2SA2140 DH71010 DS8005 CMD65 FQB9P25 CBTS3257
Product Description
Full Text Search
 

To Download BA9741A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  utc BA9741A linear integrated circuit utc unisonic technologies co., ltd. 1 qw-r103-019,a two-channel switching regulator contorller description the utc BA9741A is a two-channel switching regulator controllers that use the pwm method. it can be used for dc to dc conversion for step-up, step-down, and inverting. the ic comes in a compact package, making it ideal for use in portable equipment. features *high-accuracy reference voltage circuit ( 1%). *time-latch, short-circuit protection circuit. *miss-operation prevention circuit for low-voltage input *reference voltage with output (2.5v) *rest period adjustment is possible over the entire duty * range. application *dc/dc converters for video cameras and notebook computers etc. dip-16 sop-16 tssop-16 pin configurations ct rt non1 inv1 fb1 dt1 out1 gnd vcc out2 dt2 inv2 scp vref non2 fb2 error amplifier 1 error amplifier 2 1 2 3 4 5 6 7 89 10 11 12 13 14 15 16
utc BA9741A linear integrated circuit utc unisonic technologies co., ltd. 2 qw-r103-019,a pin descriptions pin no. pin name functoin 1 ct external timing capacitor 2 rt external timing resistor 3 non1 positive input for error amplifier 1 4 inv1 negative input for error amplifier 1 5 fb1 error amplifier 1 output 6 dt1 output 1 dead time/soft start setting 7 out1 output 1 8 gnd ground 9 vcc power supply 10 out2 output 2 11 dt2 output 2 dead time / soft start setting 12 fb2 error amplifier 2 output 13 inv2 negative input for error amplifier 2 14 non2 positive input for error amplifier 2 15 scp time latch setting 16 vref reference voltage output (2.5v) block diagram vcc 2 1 9 reference voltage 3 4 5 6 8 7 triangle oscillator 16 14 13 12 15 11 10 vref vref + - + - + - + + - + + - + non 1 inv 1 fb 1 non 2 inv 2 fb 2 scp err amp 1 err amp 2 vref sr timer latch r uvlo scp comp vref vref dt1 dt2 gnd pwm comp2 pw m comp1 ct rt out1 out2
utc BA9741A linear integrated circuit utc unisonic technologies co., ltd. 3 qw-r103-019,a absolute maximum ratings ( ta=25 c ) parameter symbol value unit power supply voltage vcc 36 v power dissipation (note 1) sop-16 dip-16 pd 500 650 mw operating temperature topr -40 to 85 c storage temperature tstg -55 to 125 c output current io 120(note 2) ma output voltage vo 36 v note 1: when mounted on 70mm*70mm*1.6mm glass epoxy board. reduced by 5.0mw,for each increase in ta of 1 c over 25 c note 2: should not exceed pd and aso values. recommended operating conditions ( ta=25 c ) parameter symbol min typ. max unit power supply voltage vcc 3.6 6.0 35 v output current io 100 ma output voltage vo 35 v error amplifier input voltage v om 0.3 1.6 v timing capacitor c ct 100 15000 pf timing resistor r rt 5.1 50 k ? oscillator frequency f osc 10 800 khz electrical characteristics ( ta=25 c ,v cc =6v,unless otherwise noted.) parameter symbol test coniditions min typ. max unit reference voltage block output voltage vref iref =1ma 2.4 2.5 2.6 v input stability v dli vcc =3.6~35v 1 10 mv load stability v dlo iref =0~5ma 1 10 mv triangular wave oscillator oscillation frequency fosc r rt =10 k ? ,c ct =220pf 320 400 480 khz frequency deviation f dv vcc=3.6~35v 1 % protection circuit threshold voltage v it 1.48 1.64 1.80 v standby voltage v stb no pull up 50 100 mv latch voltage v lt no pull up 30 100 mv source current i scp 1.5 2.5 3.5 a comparator threshold voltage v ct 5pin,12pin 0.9 1.05 1.2 v rest period adjustment circuit v t0 duty cycle =0% 1.79 1.97 2.15 v input threshold voltage (fosc=10khz) v t100 duty cycle =100% 1.32 1.48 1.64 v
utc BA9741A linear integrated circuit utc unisonic technologies co., ltd. 4 qw-r103-019,a parameter symbol test coniditions min typ. max unit on duty cycle d on divide vref using 13 k ? and27 k ? 45 55 65 % input bias current i bdt dt1,dt2=2.0v 0.1 1 a latch mode source current i dt dt1,dt2=0v 200 560 a latch input voltage v dt i dt =40 a 2.28 2.48 v low-voltage input miss-operation prevention circuit threshold voltage v ut 2.53 v error amplifier input offset voltage v io 6 mv input offset current i io 30 na input bias current i ib 15 100 na open circuit gain av 70 85 db common-mode input voltage range vom vcc=3.6~35v 0.3 1.6 v common-mode rejection ratio cmrr 60 80 db maximum output voltage v oh 2.3 2.5 v minimum input voltage v ol 0.7 0.9 v output sink current i oi fb=1.25v 3 20 ma output source current i oo fb=1.25v 45 75 a pwm comparator v t0 duty cycle =0% 1.79 1.97 2.15 v input threshold voltage (fosc=10khz) v t100 duty cycle =100% 1.32 1.48 1.64 v output block saturation voltage v sat io=75ma 0.8 1.2 v leak current i reak vo=35v 0 5 a total device standby current iccs when output is off 1.3 1.8 ma average current consumption icc a r rt =10 k ? 1.6 2.3 ma timing chart 1.97v 1.05v 1.48v 1.64v 2.53v tdt > = vcc 3.6v triangular wave output(from oscillator) error amplifier output dead-time input voltage short protection comparator pwm comparator output output waveform scp waveform short protection comparator output power supply voltage lockout release figure. 1
utc BA9741A linear integrated circuit utc unisonic technologies co., ltd. 5 qw-r103-019,a electrical characteristic curves -40 -20 02040 2.0 -2.0 ambient temperature : ta ( ) figure 2. reference voltage vs.ambient temperature reference voltage variation: vref (%) -1.5 100 1k 10k 100k 1m -30 -50 -40 frequency :f (hz) gain :av (db) av 2.2 2.0 10k 100k 1m figure 3. swing voltage vs. frequency 1.2 swing voltage :vosc(v) figure 5. error amplifier ac gain characteristic (40db close) v cc =6v rt1=10k upper voltage lower voltage 60 80 100 -1.0 -0.5 0 0.5 1.0 1.5 v cc =6v iref = -1ma 1.8 1.6 1.4 0 20 40 60 80 0 output current :io (ma) figure4. output current vs.output saturation voltage output saturation voltage: vosat (v) 0.2 100 120 140 0.4 0.6 0.8 1.0 1.2 -20 -10 0 10 20 30 40 50 180 90 0 -90 -180 phase : (deg) oscillator frequency :fosc (hz)


▲Up To Search▲   

 
Price & Availability of BA9741A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X