.347" (0.016)
8.81mm (0.41) .15
3.81mm .430
10.92mm .295" (?.012) 7.50mm (?.30) blade-type fuses atm 32 volts dc, 2 to 30 amps form no. atm page 1 of 1 bif doc #2048 bussmann 11-1-00 e00131 the only controlled copy of this bif document is the electronic read-only version located on the bussmann network drive. all ot her copies of this document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with de sign applications. bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. bussmann also reserves the rig ht to change or update, without notice, any technical information con- tained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. .4 1 10 100 200 current in amperes 1 00 10 1 .1 .01 time in seconds ampere rating 2a 3a 4a 5a 7.5a 10a 15a 20a 25a 30a catalog symbol: atm fast-acting ampere ratings: 2 to 30 amperes voltage rating: 32 volts dc (or less) interrupting rating: 1,000 amperes electrical ratings (catalog symbol, amp rating, and color) atm-2 gray atm-7?a brown atm-25 natural white atm-3 violet atm-10 red atm-30 green atm-4 pink atm-15 lt. blue ? ? atm-5 tan ATM-20 yellow ? ? shelf carton quantity and weight fuse fuse no. of wgt. dimensions volume type qty. boxes (lbs.) (inches) (cu. ins.) atm 100 20 (5-in) 0.40 2.88 ? 3.5 ? 1.75 17.6 recommended bussmann fuseholders blade-type part description fuse size wire size hhm fuseholder w/cover #12 lead wire; hhm-b body only 3-30 amps 4 length atm hhm-c cover only ? hhl fuseholder w/cover 2-20 amps #16 lead wire; hhl-b body only 4 length time-current characteristic curves?verage melt dimensional data
|