Part Number Hot Search : 
122MPD BIP015DU XXXMCXX FM250 ADV7312 PA142 KBPC35 205S35
Product Description
Full Text Search
 

To Download AA105-86LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com 200201 rev. b  skyworks proprietary information  products and product information are subject to change without notice.  june 8, 2006 1 aa105-86, AA105-86LF: gaas ic 4-bit digital attenuator, 1 db lsb 0.5?3.0 ghz data sheet features attenuation 1 db steps to 15 db with high accuracy single positive control (3 to 5 v) for each bit low dc power consumption miniature, low-cost msop-10 plastic package available lead (pb)-free and rohs-compliant msl-1 @ 260 c per jedec j-std-020 description the aa105-86 is a 4-bit, single positive control gaas ic fet digital attenuator. it requires dc blocking capacitors, positive supply voltage (v s ) and four individual positive bit control volt- ages (v 1 ?v 4 ). the aa105-86 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. typical applications include cellular radio, wireless data, and wireless local loop gain level control circuits. dc blocking capacitors (c bl ) and biasing resistor must be supplied externally for positive voltage operation. c bl = 47 pf for operation >500 mhz. 10 9 1 2 3 4 5 6 7 8 g nd g nd g nd v 4 v 3 v 2 g nd v 1 c bl c bl j 1 j 2 10 k ? v s 8 db 4 db 2 db 1 db pin out skyworks offers lead (pb)-free, rohs (restriction of hazardous substances)-compliant packaging. new
skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com june 8, 2006  skyworks proprietary information  products and product information are subject to change without notice.  2 00201 rev. b data sheet ? aa105-86, AA105-86LF 2 parameter (1) condition frequency min. typ. max. unit insertion loss 0.5?1.0 ghz 1.5 1.8 db 1.0?2.0 ghz 2.1 2.4 db 2.0?2.5 ghz 2.4 2.7 db 2.5?3.0 ghz 2.7 3.0 db attenuation range 15 db attenuation accuracy (2) 0.5?1.0 ghz (0.2 + 2% of db attenuation setting in db) 1.0?3.0 ghz (0.3 + 3% of db attenuation setting in db) vswr (i/o) (3) 0.5?2.5 ghz 1.5:1 2.0:1 2.5?3.0 ghz 1.7:1 2.2:1 switching characteristics rise, fall 10/ 9 0% or 9 0/10% rf 180 ns on, off 50% ctl to 9 0/10% rf 270 ns video feedthru t rise = 1 ns, bw = 500 mhz 50 mv input power for 1 db compression v s = 3 v 0.5?3.0 ghz 20 24 dbm v s = 5 v 0.5?3.0 ghz 25 2 9 dbm intermodulation intercept point (ip3) for two-tone input power +5 dbm v s = 3 v 0.5?3.0 ghz 43 4 9 dbm v s = 5 v 0.5?3.0 ghz 44 50 dbm control voltages v low = 0 to 0.2 v @ 20 a max. v high = 3 v @ 100 a max. to 5 v @ 200 a max. v s = v high 0.2 v electrical specifications at 25 c (0, 5 v) 1. all measurements made in a 50 ? system, unless otherwise specified. 2. attenuation referenced to insertion loss. 3. input/output.
data sheet  aa105-86, AA105-86LF skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com 200201 rev. b  skyworks proprietary information  products and product information are subject to change without notice.  june 8, 2006 3 insertion loss (db) frequency (ghz) insertion loss vs. frequency 0 0.5 1.0 1.5 2.0 2.5 3.0 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 25 c 85 c -40 c ip3 (dbm) attenuation (db) ip3 vs. attenuation and temperature (500 mhz) 012345678 9 10 11 12 13 14 15 44 46 48 50 52 54 56 58 60 25 c 85 c -40 c vswr 0 0.5 1.0 1.5 2.0 2.5 3.0 frequency (ghz) vswr vs. frequency (25 ?c) 1.0 1.2 1.4 1.6 1.8 2.0 15 db ins. loss 1 db 2 db 4 db 8 db vswr frequency (ghz) vswr vs. frequency (85 ?c) 0 0.5 1.0 1.5 2.0 2.5 3.0 1.0 1.2 1.4 1.6 1.8 2.0 ins. loss 1 db 2 db 4 db 8 db 15 db vswr frequency (ghz) vswr vs. frequency (-40 ?c) 0 0.5 1.0 1.5 2.0 2.5 3.0 1.0 1.2 1.4 1.6 1.8 2.0 ins. loss 1 db 2 db 4 db 8 db 15 db typical performance data (0, 5 v) compression point vs. attenuation, voltage, and temperature attenuation control input power @ 1 db compression state voltage (v) 25 c (dbm) 85 c (dbm) -40 c (dbm) ins. loss 5 31.1 30. 9 31.2 1 db 5 31.3 31.4 31.3 2 db 5 31 30.8 31.1 4 db 5 32.5 31.4 33.6 8 db 5 33 32.4 33.5 15 db 5 2 9 . 9 28 31.4
skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com june 8, 2006  skyworks proprietary information  products and product information are subject to change without notice.  2 00201 rev. b data sheet  aa105-86, AA105-86LF 4 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal attenuation (db) frequency (ghz) attenuation accuracy vs. frequency (25 ?c) -0.5 -0.4 -0.3 -0.2 -0.1 0.1 0.2 0.3 0.4 0 0.5 1 db 2 db 4 db 8 db 15 db -0.5 -0.4 -0.3 -0.2 -0.1 0.1 0.2 0.3 0.4 0 0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal attenuation (db) frequency (ghz) attenuation accuracy vs. frequency (85 ?c) 1 db 2 db 4 db 8 db 15 db 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal insertion phase (deg.) frequency (ghz) attenuation phase accuracy vs. frequency (25 ?c) -10 -5 0 5 10 15 20 25 30 1 db 2 db 4 db 8 db 15 db 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal insertion phase (deg.) frequency (ghz) attenuation phase accuracy vs. frequency (85 ?c) -10 -5 0 5 10 15 20 25 30 1 db 2 db 4 db 8 db 15 db -0.5 -0.4 -0.3 -0.2 -0.1 0.1 0.2 0.3 0.4 0 0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal attenuation (db) frequency (ghz) attenuation accuracy vs. frequency (-40 ?c) 1 db 2 db 4 db 8 db 15 db 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal insertion phase (deg.) frequency (ghz) attenuation phase accuracy vs. frequency (-40 ?c) -10 -5 0 5 10 15 20 25 30 1 db 2 db 4 db 8 db 15 db
data sheet  aa105-86, AA105-86LF skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com 200201 rev. b  skyworks proprietary information  products and product information are subject to change without notice.  june 8, 2006 5 insertion loss (db) frequency (ghz) insertion loss vs. frequency 0 0.5 1.0 1.5 2.0 2.5 3.0 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 25 c 85 c -40 c vswr vs. frequency (25 ?c) vswr 0 0.5 1.0 1.5 2.0 2.5 3.0 frequency (ghz) 1.0 1.2 1.4 1.6 1.8 2.0 ins. loss 1 db 2 db 4 db 8 db 15 db -0.5 -0.4 -0.3 -0.2 -0.1 0.1 0.2 0.3 0.4 0 0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal attenuation (db) frequency (ghz) attenuation accuracy vs. frequency (25 ?c) 1 db 2 db 4 db 8 db 15 db -0.5 -0.4 -0.3 -0.2 -0.1 0.1 0.2 0.3 0.4 0 0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal attenuation (db) frequency (ghz) attenuation accuracy vs. frequency (85 ?c) 1 db 2 db 4 db 8 db 15 db 0 0.5 1.0 1.5 2.0 2.5 3.0 deviation from nominal insertion phase (deg.) frequency (ghz) attenuation phase accuracy vs. frequency (25 ?c) -10 -5 0 5 10 15 20 25 30 1 db 2 db 4 db 8 db 15 db -0.5 -0.4 -0.3 -0.2 -0.1 0.1 0.2 0.3 0.4 0 0.5 deviation from nominal attenuation (db) frequency (ghz) attenuation accuracy vs. frequency (-40 ?c) 0 0.5 1.0 1.5 2.0 2.5 3.0 1 db 2 db 4 db 8 db 15 db typical performance data (0, 3 v)
skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com june 8, 2006  skyworks proprietary information  products and product information are subject to change without notice.  2 00201 rev. b data sheet  aa105-86, AA105-86LF 6 truth table v 1 v 2 v 3 v 4 attenuation 8 db 4 db 2 db 1 db j 1 ?j 2 v high v high v high v high reference i.l. v high v high v high 01 db v high v high 0v high 2 db v high 0v high v high 4 db 0v high v high v high 8 db 0 0 0 0 15 db max. atten. v high = 3 to 5 v (v s = v high 0.2 v). characteristic value rf input power 1 w > 500 mhz 0/8 v 0.5 w @ 50 mhz 0/8 v supply voltage 8 v control voltage -0.2 v, +8 v operating temperature -40 c to +85 c storage temperature -65 c to +150 c absolute maximum ratings ip3 (dbm) attenuation (db) ip3 vs. attenuation and temperature (500 mhz) 012345678 9 10 11 12 13 14 15 45 46 47 48 4 9 50 51 52 53 54 55 56 57 25 c 85 c -40 c compression point vs. attenuation, voltage, and temperature attenuation control input power @ 1 db compression state voltage (v) 25 c (dbm) 85 c (dbm) -40 c (dbm) ins. loss 3 24.7 24.2 24.4 1 db 3 25.2 24. 9 25 2 db 3 24.8 24.2 24.7 4 db 3 31.1 30.5 31. 9 8 db 3 25.1 25. 9 27.3 15 db 3 24. 9 24.4 27 msop-10 pin 10 pin 1 pin 1 indicator 0.034 (0.86 mm) 0.004 (0.10 mm) 0.118 (3.00 mm) 0.006 (0.15 mm) 0.1 9 3 (4. 9 0 mm) 0.006 (0.15 mm) 0??6 ? 8??16? 0.118 (3.00 mm) 0.006 (0.15 mm) 0.022 (0.55 mm) 0.006 (0.15 mm) 0.006 (0.15 mm) max. 0.002 ( 0.05 mm ) min. 0.01 9 7 (0.500 mm) bsc 0.00 9 (0.23 mm) ref. 0.043 (1.0 9 mm) max. performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the absolute maximum specifications. exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty. caution: although this device is designed to be as robust as possible, esd (electrostatic discharge) can damage this device. this device must be protected at all times from esd. static charges may easily produce poten- tials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions must be employed at all times. re c ommen d e d s ol d er reflow profiles refer to the ?recommended solder reflow profile? application note. t ape an d reel information refer to the ?discrete devices and ic switch/attenuators tape and reel package orientation? application note.
data sheet  aa105-86, AA105-86LF skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com 200201 rev. b  skyworks proprietary information  products and product information are subject to change without notice.  june 8, 2006 7 copyright ? 2002, 2003, 2004, 2005, 2006, skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyworks solutions, inc. (?skyworks?) products or services. these mate rials, including the information contained herein, are provided by skyworks as a service to its customers and may be used for informational purposes only by the customer. skyworks assumes no r esponsibility for errors or omissions in these materials or the information contained herein. skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other diffic ulties arising from any future changes. no license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. sky works assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of skyworks products, information or material s, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are provided ?as is? without warranty of any kind, whether express, implied, statutory, or ot herwise, including fitness for a particular purpose or use, merchantability, performance, quality or non-infringement of any intellectual property right; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, graphics or other items contained wit hin these materials. skyworks shall not be liable for any damages, including but not limited to any special, indirect, incidental, statutory, or consequential dam ages, including without limitation, lost revenues or lost profits that may result from the use of the materials or information, whether or not the recipient of mate rials has been advised of the possibility of such damage. skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which th e failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyworks customers using or selling skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications using skyworks products, which may deviate from published specific ations as a result of design defects, errors, or operation of products outside of published parameters or design specifications. customers should include design and operating safeguards to m inimize these and other risks. skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of skyworks products outside of stated published specifications or parameters. skyworks, the skyworks symbol, and ?breakthrough simplicity? are trademarks or registered trademarks of skyworks solutions, inc., in the united states and other countries. third-party brands and names are for identification purposes only, and are the property of their respective owners. additional information, including rel evant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.


▲Up To Search▲   

 
Price & Availability of AA105-86LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X