Part Number Hot Search : 
UES702 BZT55B27 VDXXXX 3425L 114TU 25ETTT IN74H IN74H
Product Description
Full Text Search
 

To Download 87705-9101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0877059101 status: active description: 1.00mm (.039") pitch ddr-ii dimm socket, vertical, center keys, 2.67mm (.105") tail length, black latches, 0.38m (15") gold (au) plating, with beveled metal pins, 240 circuits, lead-free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family memory module sockets series 87705 comments
  • latches in black color component type socket jedec outline mo-237 product name ddr2 dimm physical circuits (loaded) 240 color - resin black durability (mating cycles max) 25 entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.105 in pc tail length (mm) 2.67 mm pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 101.6 plating min: termination (m) 2.54 temperature range - operating -10c to +85c termination interface: style through hole electrical current - maximum per contact 0.5a voltage - maximum 30v voltage key 1.8v, center solder process data duration at max. process temperature (seconds) 5 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 1 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87705 series mates with jedec standard 1.27mm modules
    process temperature max. c 260 material info reference - drawing numbers sales drawing sd-87705-001 this document was generated on 05/27/2010 please check www.molex.com for latest part information







  • ▲Up To Search▲   

     
    Price & Availability of 87705-9101

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X