Part Number Hot Search : 
B0416 AOL1436 SMF36CA NTE336 SM4112 U7004B T7500 MCJ10A
Product Description
Full Text Search
 

To Download 2SC4437 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4437 description with to-3pml package high speed high breakdown voltage high reliability applications ultrahigh-definition color display horizontal deflection output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 5 a i cm collector current-peak 16 a 3 p c collector power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pml) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4437 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma; i b =0 800 v v cesat collector-emitter saturation voltage i c =4a;i b =1a 5 v v besat base-emitter saturation voltage i c =4a;i b =1a 1.5 v i ces collector cut-off current v ce =1500v 1.0 ma i cbo collector cut-off current v cb =800v; i e =0 10 a i ebo emitter cut-off current v eb =4v; i c =0 1.0 ma h fe-1 dc current gain i c =1a ; v ce =5v 8 h fe-2 dc current gain i c =4a ; v ce =5v 4 6 switching times t stg storage time 3.0 s t f fall time i c =4a;i b1 =0.8a; i b2 =-1.6a; v cc =250v 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4437 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC4437


▲Up To Search▲   

 
Price & Availability of 2SC4437

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X