Part Number Hot Search : 
DB102 A102J FRC20 PDM1102H SK273 A102J 38000 G30F1
Product Description
Full Text Search
 

To Download 216250P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axial lead and cartridge fuses 423 www.littelfuse.com 11 axial lead and cartridge fuses designed to iec standard rohs pb ?designed to international (iec) standards for use globally. ?meets the iec 60127-2, sheet 1 specification for fast acting fuses. ?available in cartridge and axial lead form. ?available in ratings of 0.050 to 16 amperes. ?high breaking capacity. ?rohs compliant and lead-free ?improved i 2 t electrical characteristics: % of ampere ampere opening rating rating time 150% .05 6.3 60 minutes, min imum 8-16 30 minutes, min imum 210% .05 16 30 minutes, max imum 275% .05 4 0.01 sec., min. ; 2 sec. max. 5 6.3 0.01 sec., min. ; 3 sec. max. 8-16 0.04 sec., min. ; 20 sec. max. 400% .05 6.3 .003 sec., min. ; 0.3 sec. max. 8-16 .01 sec., min. ; 1.0 sec. max. 1000% .05 6.3 .02 seconds, max imum 8-16 .03 seconds, max imum interrupting rating: 0.05 - 10a 1500a @ 250 vac, 0.7-0.8 power factor 12.5 - 16a 750a @ 250 vac, 1.0 power factor 12.5 - 16a 1000a @ 125 vac, 1.0 power factor ordering information: cartridge nominal nominal catalog ampere voltage resistance melting i 2 t number rating rating cold ohms a 2 sec. 216 .050p .050 250 15.90 0.00019 216 .063p .063 250 10.45 0.00054 216 .080p .080 250 7.885 0.00084 216 .100p .100 250 5.793 0.00450 216 .125p .125 250 3.675 0.00545 216 .160p .160 250 5.349 0.00576 216 .200p .200 250 3.350 0.00438 216 .250p .250 250 2.350 0.00891 216 .315p .315 250 1.850 0.015 216 .400p .400 250 0.907 0.036 216 .500p .500 250 0.866 0.169 216 .630p .630 250 0.465 0.179 216 .800p .800 250 0.295 0.288 216 001.p 1 250 0.237 0.180 216 1.25p 1.25 250 0.153 0.477 216 01.6p 1.6 250 0.111 1.008 216 002.p 2 250 0.076 1.870 216 02.5p 2.5 250 0.058 2.697 216 3.15p 3.15 250 0.037 6.700 216 004.p 4 250 0.025 14.966 216 005.p 5 250 0.018 27.460 216 06.3p 6.3 250 0.014 56.429 216 008.p 8 250 0.012 64.316 216 010.p 10 250 0.008 154.339 216 12.5p 12.5 250 0.00615 158.5 216 015.p 15 250 0.00445 384.0 216 016.p 16 250 0.00445 384.0 environmental specifications: operating temperature: -55?c to 125?c thermal shock: mil-std-202f method 107g, test condition b: (5 cycles ?5? to +125?) vibration: mil-std-202f method 201a humidity: mil-std-202f method 103b, test condition a. high relative humidity (95%) and elevated temperature (40?) for 240 hours. salt spray: mil-std-202f method 101d, test condition b physical specifications: material: body: ceramic cap: nickel plated brass leads: tin plated copper filler sand (160ma ?16a) terminal strength: mil-std-202f method 211a, test condition a solderability: reference iec 60127 second edition 2003-01 annex a product marking: cap 1: current and voltage rating. cap 2: agency approval markings. packaging: available in bulk (v=5, h=100, m=1000 pcs/pkg) or on tape/reel (mret1=1000 pcs/reel). 5 x 20 mm fast-acting fuse 216p series
axial lead and cartridge fuses 424 www.littelfuse.com 5 x 20 mm fast-acting fuse 216p series rohs pb 0216 000p 0216. 100 xep 0216. 050 xep to 40 20+0.5 22.5 max 5.1+0.6 5.2+0.1 -0.2 5.1+0.6 6.0 max 0216 016 .xep 0216 001 .xep to 0.65* 0.65 40 22.5 max 5.8 max all dimensions in mm notes: * ratings above 6.3a have 0.8 mm dia lead agency approvals agency approvals ampere range certificate no. 2003010207079960 50ma ?800ma 2002010207007594 1a ?6.3a certificate no. su05001-2013 1a ?10a recognised file no. e10480 guide no. jdyx2 file no. 029862 acc. class no. lr1422-30 licence no. km41462 1a ?6.3a file no. 9851193, 0149272, 0147099 and 312378, 508639, 601025 certificate no. cartridge nbk250702-e10480 a & c nbk250702-e10480 e leaded nbk250702-e10480 b & d nbk250702-e10480 f 1a ?10a 50ma ?10a 50ma ?10a, 16a 50ma ?16a designed to iec standard current in amperes 0.001 0.01 0.1 0.01 0.1 1 10 100 1000 1 10 100 1000 10000 time in seconds 0.050a 0.063a 0.080a 0.100a 0.125a 0.160a 0.200a 0.250a 0.315a 0.400a 0.500a 1a 0.800a 0.630a 1.25a 1.6a 2a 2.5a 3.15a 4a 5a 6.3a 8a 10a 12.5a 16a average time current curves licence no. 40013834 50ma ?6.3a 8a - 10a* licence no. 40016442 12.5a* v de vde *approval for cartridge versions only


▲Up To Search▲   

 
Price & Availability of 216250P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X