Part Number Hot Search : 
CDBER70 TRH0703 11EWA A36AN MC34351 PSC100C TOP265EG UC3340
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N4148 silicon epitaxial planar diode for various detector, modulator, demodulator ade-208-147a (z) rev. 1 aug. 1995 features low capacitance. (c = 4.0pf max) short reverse recovery time. (t rr = 4.0ns max) high reliability with glass seal. ordering information type no. cathode band mark package code 1N4148 black h do-35 outline 1. cathode 2. anode cathode band 1 2 h type no.
1N4148 2 absolute maximum ratings (ta = 25c) item symbol value unit peak reverse voltage v rm 100 v reverse voltage v r 75 v peak forward current i fm 450 ma non-repetitive peak forward surge current i fsm *1 a average forward current i o 150 ma power dissipation pd 500 mw storage temperature tstg C65 to +200 c note: within 1s forward surge current. electrical characteristics (ta = 25c) item symbol min typ max unit test condition forward voltage v f 1.0 v i f = 10ma reverse current i r 25nav r = 20v capacitance c 4.0 pf v r = 0v, f = 1mhz reverse recovery time t rr * 4.0 ns i f = 10ma, v r = 6v, irr = 1ma, r l = 100 w note: reverse recovery time test circuit 3k w 0.1 f ro = 50 w rin = 50 w dc supply pulse generator sampling oscilloscope trigger
1N4148 3 forward voltage v (v) f 0 0.2 0.8 10 10 ? 10 ? forward current i (a) f ? 0.6 1.0 0.4 10 ? 1.2 ta = ?5 c ta = 25 c ta = 125 c ta = 75 c fig. 1 forward current vs. forward voltage reverse voltage v (v) r 020 10 10 ? 10 ? reverse current i (a) r ? 60 80 40 10 ? 10 ? 100 10 ? ta = 75 c ta = 125 c ta = 25 c fig. 2 reverse current vs. reverse voltage
1N4148 4 reverse voltage v (v) r 1.0 10 2 10 1.0 10 capacitance c (pf) ? 10 f = 1mhz fig. 3 capacitance vs. reverse voltage package dimensions 26.0 min 4.2 max 26.0 min 0.5 2.0 max f f h 1 n 4 cathode band (black) 12 1n4 148 expanded drawing of marking h hitachi code jedec code eiaj code weight (g) do-35 do-35 sc-48 0.13 1 2 cathode anode unit: mm


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X