Part Number Hot Search : 
BAS19 003775 N54LS B0922BT1 SC1631CS 03800 D2300 OAH5027T
Product Description
Full Text Search
 

To Download 0905003016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0905003016 status: active overview: ffc_fpc_throughhole description: 2.54mm (.100") vertical, zif receptacle, 16 circuits documents: 3d model product specification ps-90500-011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family ffc/fpc connectors series 90500 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 16 color - resin black contact position n/a durability (mating cycles max) 50 entry angle vertical flammability 94v-0 mated height (in) 0.346 in mated height (mm) 8.80 mm material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 120 plating min: mating (m) 3.00 plating min: termination (in) 120 plating min: termination (m) 3.00 polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 0.5a, 1a voltage - maximum 250v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90500 series
lead-free process capability wave capable (th only) material info reference - drawing numbers product specification ps-90500-011 sales drawing sd-90500-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0905003016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X