Part Number Hot Search : 
MP1499GD 2405D 8069X AQW414AX 7MBP30 0505S R8008 Q6025G
Product Description
Full Text Search
 

To Download UPB1509GV-E1-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bipolar digital integrated circuit pb1509gv 1ghz input divide by 2, 4, 8 prescaler ic for portable systems document no. p10769ej2v0ds00 (2nd edition) date published september 1997 n pb1509gv is a divide by 2, 4, 8 prescaler ic fo r portable radio or cellular telephone applications. pb1509gv is a shrink package version of pb587g so that this small package cont ributes to reduce t he mounting space. pb1509gv is manufactured using nec?s high f t nesat tm iv silicon bipolar process. this process uses silicon nitride passivation film and gold electrodes. these materials can protect chip surface from external pollution and prevent corrosion/migration. thus, this ic has excellent performance, uniformity and reliability. features ? high toggle frequency : f in = 50 mhz to 700 mhz @ 2, 50 mhz to 800 mhz @ 4, 50 mhz to 1000 mhz @ 8 ? low current consumption : 5.0 ma @ v cc = 3.0 v ? high-density surface mounting : 8 pin plastic ssop (175mil) ? supply voltage : v cc = 2.2 to 5.5 v ? selectable division : 2, 4, 8 application ? portable radio systems ? cellular/cordless telephone 2nd local prescaler and so on. ordering information part number package marking supplying form pb1509gv-e1-a 8 pin plastic ssop (175 mil) (pb-free) 1509 embossed tape 8 mm wide. pin 1 is in tape pull-out direction. 1000p/reel. remarks : to order evaluation samples, please contact your loca l nec sales office. (part number for sample order: pb1509gv-a) caution:electro-static sensitive devices
pb1509gv pin connection (top view) pin no. pin name 1 v cc1 2 in 3 in 4 gnd 5 sw1 6 sw2 7 out 8 v cc2 5 8 4 1 7 6 2 3 product line-up product no. i cc (ma) v cc (v) 2 f in (mhz) 4 f in (mhz) 8 f in (mhz) package pin connection pb587 g 5.5 2.2 to 3.5 50 to 300 50 to 600 50 to 1000 8 pin sop (225 mil) pb1509 gv 5.0 2.2 to 5.5 50 to 700 50 to 800 50 to 1000 8 pin ssop (175 mil) nec original remarks this table shows the typ values of main parameter s. please refer to electrical characteristics. pb587g is discontinued. internal block diagram d clk q q d clk q q d clk q q sw1 sw2 out in in 2
pb1509gv system application example one of the example for usage vco i q n pll pa demo pll n pb1509gv sw rx tx 0 i 90 q vco this block diagram schematically shows the pb1509gv?s location in one of the ex ample application system. the other applications are also acceptable for divider use. 3
pb1509gv pin explanations pin no. symbol applied voltage pin voltage functions and explanation 1 v cc1 2.2 to 5.5 ? power supply pin of a input amplifie r and dividers. this pin must be equipped with bypass capacitor (eg 1000 pf) to minimize ground impedance. 2 in ? 1.7 to 4.95 signal input pin. this pin shoul d be coupled to signal source with capacitor (eg 1000 pf) for dc cut. 3 in ? 1.7 to 4.95 signal input bypass pin. this pin must be equipped with bypass capacitor (eg 1000 pf) to minimize ground impedance. 4 gnd 0 ? ground pin. ground pattern on the board should be formed as wide as possible to minimize ground impedance. 5 sw1 h/l ? divide ratio control pin. divide ra tio can be determined by following applied level to these pins. 6 sw2 h/l ? these pins must be each equipped with by pass capacitor to minimize their impedance. sw2 h l h 1/2 1/4 7 out ? 1.0 to 4.7 divided frequency output pin. th is pin is designed as emitter follower output. this pin can output 0.1 v p-p min with 200 load. this pin should be coupled to load dev ice with capacitor (eg 1000 pf) for dc cut. 8 v cc2 2.2 to 5.5 ? power supply pin of output buffer amplifier. this pin must be equipped with bypass capacitor (eg 1000 pf) to minimize ground impedance. l 1/4 1/8 sw1 4
pb1509gv absolute maximum ratings parameter symbol condition ratings unit supply voltage v cc t a = +25 c 6.0 v input voltage v in t a = +25 c, sw1, sw2 pins 6.0 v total power dissipation p d mounted on double sided copper clad 50 50 1.6 mm epoxy glass pwb (t a = +85 c) 250 mw operating ambient temperature t a ?40 to +85 c storage temperature t stg ?55 to +150 c recommended operating conditions parameter symbol min. typ. max. unit notice supply voltage v cc 2.2 3.0 5.5 v operating ambient temperature t a ?40 +25 +85 c electrical characteristics (t a = ? 40 to +85 c, v cc = 2.2 to 5.5 v) parameters symbols test conditions min. typ. max. unit circuit current i cc no signals, v cc = 3.0 v 3.5 5.0 5.9 ma upper limit operating frequency 1 f in(u)1 p in = ?20 to 0 dbm 500 ? ? mhz upper limit operating frequency 2 f in(u)2 p in = ?20 to ? 5 dbm @ 2 @ 4 @ 8 700 800 1000 ? ? ? ? ? ? mhz lower limit operating frequency 1 f in(l)1 p in = ?20 to 0 dbm ? ? 50 mhz lower limit operating frequency 2 f in(l)2 p in = ?20 to ?5 dbm ? ? 500 mhz input power 1 p in1 f in = 50 mhz to 1000 mhz ?20 ? ?5 dbm input power 2 p in2 f in = 50 mhz to 500 mhz ?20 ? 0 dbm output voltage v out r l = 200 0.1 0.2 ? v p-p divide ratio control input high v ih1 connection in the test circuit v cc v cc v cc ? divide ratio control input low v il1 connection in the test circuit open or gnd open or gnd open or gnd ? divide ratio control input high v ih2 connection in the test circuit v cc v cc v cc ? divide ratio control input low v il2 connection in the test circuit open or gnd open or gnd open or gnd ? 5
pb1509gv test circuit 1 2 3 4 v cc1 in in gnd v cc2 out sw2 sw1 8 7 6 5 50 signal generator power supply oscilloscope 50 150 counter (or spectrum analizer) c1 c2 c3 c4 c5 c6 c7 high impedance r1 1000 pf equipments signal generator (hp-8665a) counter (hp-5350b) for measuring i nput sensitivity (spectrum analyz er for measuring output frequency) oscilloscope for measuring output swi ng (in measuring output power on spectrum analyzer, oscilloscope should be turned off.) divide ratio setting sw2 h l h 1/2 1/4 l 1/4 1/8 sw1 h: sw pin should be connected to v cc1 pin. l: sw pin should be opened or connected to gnd. 6
pb1509gv illustration of the test circuit assembled on evaluation board c1 c6 c2 in out 1p pb1506/08/09gv out in c3 c7 c4 r1 c5 v cc1 v cc2 sw2 sw1 component list no. value notes for evaluation board c1 to c7 1000 pf (1) 35 m thick double sided copper clad 50 50 0.4 mm polyimide board 150 note r1 (2) back side : gnd pattern (3) solder plated on pattern (4) o o : through holes (5) : remove pattern note for output load of ic, r1 is determined as follows; r1 + impedance of measurement equipment = 200 . the application circuits and their parameters are for reference only and are not intended for use in actual design-ins. the usage and applications of pb1509gv should be referred to the applic ation note (document no. p12611e). 7
pb1509gv characteristic curves 9 8 7 6 5 4 3 2 1 0 0123 supply voltage v cc (v) circuit current i cc (ma) 456 circuit current vs. supply voltage t a = +85? t a = +25? t a = ?0? recommended operating range divide by 2 mode (guaranteed operating window: v cc = 2.2 to 5.5 v, t a = ?40 to +85c) input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 guaranteed operating window t a = +25? v cc = 3.0 v t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? v cc = 2.2 v v cc = 2.2 v v cc = 3.0 v v cc = 3.0 v v cc = 5.5 v v cc = 5.5 v guaranteed operating window 8
pb1509gv input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 guaranteed operating window v cc = 2.2 v v cc = 5.5 v t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? guaranteed operating window 0.3 0.2 0.1 0 10 100 input frequency f in (mhz) output voltage swing vs. input frequency output voltage swing v p-p (v) 1000 2000 0.3 0.2 0.1 0 10 100 input frequency f in (mhz) output voltage swing vs. input frequency output voltage swing v p-p (v) 1000 2000 0.3 0.2 0.1 0 10 100 input frequency f in (mhz) output voltage swing vs. input frequency output voltage swing v p-p (v) 1000 2000 0.3 0.2 0.1 0 10 100 input frequency f in (mhz) output voltage swing vs. input frequency output voltage swing v p-p (v) 1000 2000 v cc = 3.0 v p in = 0 dbm t a = +25? p in = 0 dbm t a = ?0? p in = 0 dbm t a = +85? p in = 0 dbm t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? v cc = 2.2 v v cc = 3.0 v v cc = 5.5 v v cc = 2.2 v v cc = 3.0 v v cc = 5.5 v v cc = 2.2 v v cc = 3.0 v v cc = 5.5 v 9
pb1509gv divide by 4 mode (guaranteed operating window: v cc = 2.2 to 5.5 v, t a = ?40 to +85c) input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 guaranteed operating window guaranteed operating window t a = +25? v cc = 3.0 v t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? v cc = 2.2 v v cc = 2.2 v v cc = 3.0 v v cc = 3.0 v v cc = 5.5 v v cc = 5.5 v v cc = 5.5 v input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 guaranteed operating window guaranteed operating window v cc = 2.2 v v cc = 5.5 v t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? t a = ?0? 10
pb1509gv divide by 8 mode (guaranteed operating window: v cc = 2.2 to 5.5 v, t a = ?40 to +85c) input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 input power vs. input frequency 20 10 0 ?0 ?0 ?0 ?0 ?0 ?0 10 100 input frequency f in (mhz) input power p in (dbm) 1000 2000 guaranteed operating window guaranteed operating window guaranteed operating window guaranteed operating window t a = +25? v cc = 3.0 v v cc = 2.2 v v cc = 5.5 v t a = +85? t a = +85? t a = ?0? t a = +25? t a = +25? t a = ?0? t a = ?0? t a = +85? t a = +85? t a = +25? t a = +25? t a = +25? t a = ?0? t a = ?0? t a = +85? t a = +85? t a = +25? t a = +25? t a = ?0? t a = ?0? v cc = 2.2 v v cc = 2.2 v v cc = 3.0 v v cc = 3.0 v v cc = 5.5 v v cc = 5.5 v 11
pb1509gv s 11 vs. input frequency 1 2 3 s 11 ref 2 1.0 units/ 200.0 munits/ 55.375 ?142.79 v cc1 = v cc2 = 3.0 v, sw1 = sw2 = 3.0 v frequency mhz 100.0000 200.0000 300.0000 400.0000 500.0000 600.0000 700.0000 800.0000 900.0000 1000.0000 mag .929 .898 .866 .840 .834 .819 .803 .792 .787 .771 ang 6.7 10.5 13.6 15.9 19.1 21.9 24.7 27.0 30.0 32.7 s11 start stop 0.050000000 ghz 1.000000000 ghz marker 2 700.0 mhz s 22 vs. output frequency s 22 ref 1.0 units/ 200.0 munits/ start stop 0.050000000 ghz 0.350000000 ghz z 50 mhz 149.09 + j 14.86 350 mhz 194.21 ?j 36.64 12
pb1509gv package dimensions (unit: mm) 8 pin plastic ssop (175 mil) 85 14 3.0 max. 1.5?.1 1.8 max. 0.1?.1 0.575 max. 0.65 0.3 +0.10 ?.05 0.10 m 0.15 0.15 +0.10 ?.05 0.5?.2 3.2?.1 4.94?.2 0.87?.2 detail of lead end 3 +7 ? 13
pb1509gv note on correct use (1) observe precautions for handling because of electro-static sensitive devices. (2) form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired operation). (3) keep the wiring length of the ground pins as short as possible. (4) connect a bypass capacitor (e.g. 1000 pf) to the v cc pin. recommended soldering conditions this product should be soldered in the following recommended conditions. other solderi ng methods and conditions than the recommended conditions are to be consul ted with our sales representatives. pb1509gv recommended soldering method soldering conditions condition symbol infrared ray reflow package peak temperature: 235 c, hour: within 30 s. (more than 210 c), ir35-00-3 time: 3 times, limited days: no. * vps package peak temperature: 215 c, hour: within 40 s. (more than 200 c), time: 3 times, limited days: no. * vp15-00-3 wave soldering soldering tub temperature: less than 260 c, hour: within 10 s. time: 1 time, limited days: no. ws60-00-1 pin part heating pin area temparature: less than 300 c, hour: within 3 s./pin limited days: no. * * it is the storage days after opening a dry pack, the storage conditions are 25 c, less than 65% rh. caution the combined use of soldering method is to be avoided (however, except the pin area heating method). for details of recommended soldering conditions fo r surface mounting, refer to information document semiconductor device mounting technology manual (c10535e). 14
15 pb1509gv [memo]
pb1509gv no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. while nec corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. to minimize risks of damage or injury to persons or property arising from a defect in an nec semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. nec devices are classified into the following three quality grades: "standard", "special", and "specific". the specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. the recommended applications of a device depend on its quality grade, as indicated below. customers must check the quality grade of each device before using it in a particular application. standard: computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots special: transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) specific: aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. the quality grade of nec devices is "standard" unless otherwise specified in nec's data sheets or data books. if customers intend to use nec devices for applications other than those specified for standard quality grade, they should contact an nec sales representative in advance. anti-radioactive design is not implemented in this product. m4 96. 5


▲Up To Search▲   

 
Price & Availability of UPB1509GV-E1-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X