Part Number Hot Search : 
SM5032C MMSZ5241 CSC2313F TIL31 MG300 MIC706R CXD2401R LTC1434C
Product Description
Full Text Search
 

To Download UPB1507GV-E1-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nec's 3.0 ghz divide by 64/128/256 prescaler part number upb1506gv,upb1507gv package outline s08 symbols parameters and conditions units min typ max i cc circuit current ma 12.5 19 26.5 f in(u) upper limit operating frequency, p in = -15 to +6 dbm ghz 3.0 f in(l)1 lower limit operating frequency, p in = -10 to +6 dbm ghz 0.5 f in(l)2 lower limit operating frequency, p in = -15 to +6 dbm ghz 1.0 p in1 input power, f in = 1.0 to 3.0 ghz dbm -15 +6 p in2 input power, f in = 0.5 to 1.0 ghz dbm -10 +6 v out output voltage, c l = 0.8 pf v p-p 1.2 1.6 v in(h) division ratio control input high v v cc v in(l) division ratio control input low v open or gnd features ? high frequency operation to 3 ghz ? selectable divide ratio: 64, 128, 256 ? low current consumption: 19 ma at 5 v ? small package: 8 pin ssop ? available in tape and reel test circuit upb1506gv upb1507gv electrical characteristics (t a = -40 to +85 c, v cc = 4.5 to 5.5 v, zs = 50 ? ) c c c c = 1000 pf 10,000 pf open upb1507gv 1 2 3 4 8 7 6 5 in v cc v cc v out f in sw1 out nc sw2 gnd in please note: the followng part number from this datasheet is not recommended for new designs: upb1506gv please contact your local sales office for details: description nec's upb1506gv and upb1507gv are silicon mmic digital prescalers manufactured with the nesat? iv silicon bipolar process. they feature high frequency response to 3 ghz, selectable divide-by-64, 128, or 256 modes, and operate on a 5 volt supply while drawing only 19 ma. the devices are housed in a small 8 pin ssop package that contributes to system miniaturization. these devices are designed for use in a pll synthesizer for dbs and catv settop and wlan applications. california eastern laboratories
pin no. pin applied pin description name voltage voltage upb1506gv upb1507gv (v) (v) 2 1 in ? 2.9 signal input pin. this pin should be coupled to the source with a capacitor (eg 1000 pf). 3 8 in ? 2.9 signal input bypass pin. this pin must be equipped with a bypass capacitor (eg 1000 pf) to ground. 4 5 gnd 0 ? ground pin. ground pattern on the board should be formed as wide as possible to minimize ground impedance. 1 3 sw1 h/l ? divided ratio input pin. the ratio can be controlled by the following input data to these pins. 6 6 sw2 these pins should be equipped with a bypass capacitor (e.g. 1000 pf) to ground. 82v cc 4.5 to 5.5 ? power supply pin. this pin must be equipped with bypass capacitor (eg 1000 pf) to ground. 7 4 out ? 2.6 to 4.7 divided frequency output pin. this pin is designed as an emitter follower output. this pin can be connected to cmos input due to 1.2 vp-p min output. 5 7 nc ? ? no connection. this pin must be opened. sw2 hl h 64 128 sw1 l 128 256 absolute maximum ratings 1 (t a = 25 c) symbols parameters units ratings v cc supply voltage v -0.5 to 6.0 v in input voltage v -0.5 to vcc + 0.5 p in input power dbm +10 p d power dissipation 2 mw 250 t op operating temperature c -45 to +85 t stg storage temperature c -55 to +150 upb1506gv, upb1507gv symbol parameter units min typ max v cc supply voltage v 4.5 5.0 5.5 t op operating temperature c -40 +25 +85 recommended operating conditions notes: 1. operation in excess of any one of these parameters may result in permanent damage. 2. mounted on a double-sided copper clad 50x50x1.6 mm epoxy glass pwb (t a = +85 ? c). pin descriptions
typical performance curves (t a = +25 c unless otherwise noted) supply voltage, v cc (v) circuit current, i cc (ma) current vs. voltage and temperature no signals t a = +85 c t a = +25 c t a = -40 c 25 6 3 2 1 0 15 10 5 0 5 4 20 guaranteed operating window t a = +25 c +20 +10 0 -10 -20 -30 -40 -50 -60 4000 1000 100 v cc = 4.5 to 5.5 v v cc = 4.5 to 5.5 v guaranteed operating window +20 +10 0 -10 -20 -30 -40 -50 -60 4000 1000 100 t a = +25 c t a = +85 c t a = -40 c v cc = 4.5 to 5.5 v t a = +25 c t a = -40 c t a = +85 c t a = +25 c pin = -10 dbm 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v t a = -40 c pin = -10 dbm 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v t a = +85 c pin = -10 dbm 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v input frequency, f in (mhz) output voltage, v out (v pp ) output voltage vs. input frequency and voltage input frequency, f in (mhz) output voltage, v out (v pp ) output voltage vs. input frequency and voltage input frequency, f in (mhz) output voltage, v out (v pp ) output voltage vs. input frequency and voltage input frequency, f in (mhz) input power, p in (dbm) input power vs. input frequency and temperature input frequency, f in (mhz) input power, p in (dbm) input power vs. input frequency and voltage upb1506gv, upb1507gv
typical performance curves (t a = +25 c unless otherwise noted) guaranteed operating window t a = +25 c +20 +10 0 -10 -20 -30 -40 -50 -60 4000 1000 100 v cc = 4.5 to 5.5 v v cc = 4.5 to 5.5 v guaranteed operating window +20 +10 0 -10 -20 -30 -40 -50 -60 4000 1000 100 t a = +25 c t a = +85 c t a = -40 c v cc = 4.5 to 5.5 v t a = +25 c t a = -40 c t a = +85 c t a = +25 c p in = -10 dbm 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v t a = -40 c pin = -10 dbm 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v t a = +85 c pin = -10 dbm 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v guaranteed operating window t a = +25 c +20 +10 0 -10 -20 -30 -40 -50 -60 4000 1000 100 v cc = 4.5 to 5.5 v v cc = 4.5 to 5.5 v input frequency, f in (mhz) input frequency, f in (mhz) output voltage vs. input frequency and voltage input frequency, f in (mhz) output voltage vs. input frequency and voltage input frequency, f in (mhz) input power, p in (dbm) input power vs. input frequency and temperature input frequency, f in (mhz) input power, p in (dbm) input power vs. input frequency and voltage output voltage, v out (v pp ) output voltage, v out (v pp ) output voltage vs. input frequency and voltage output voltage, v out (v pp ) input frequency, f in (mhz) input power, p in (dbm) input power vs. input frequency and voltage upb1506gv, upb1507gv
typical performance curves (t a = +25 c unless otherwise noted) guaranteed operating window +20 +10 0 -10 -20 -30 -40 -50 -60 4000 1000 100 t a = +85 c t a = -40 c v cc = 4.5 to 5.5 v t a = +25 c t a = -40 c t a = +85 c t a = +25 c t a = +25 c p in = -10 dbm 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v t a = -40 c pin = -10 dbm 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v t a = +85 c pin = -10 dbm 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 4000 1000 100 v cc = 5.0 v v cc = 4.5 v v cc = 5.5 v input frequency, f in (mhz) input power, p in (dbm) input power vs. input frequency and voltage input frequency, f in (mhz) output voltage vs. input frequency and voltage output voltage, v out (v pp ) input frequency, f in (mhz) output voltage vs. input frequency and voltage output voltage, v out (v pp ) input frequency, f in (mhz) output voltage vs. input frequency and voltage output voltage, v out (v pp ) upb1506gv, upb1507gv
upb1506gv, upb1507gv frequency s 11 ghz mag ang 0.5 0.868 -26.6 0.6 0.828 -32.6 0.7 0.794 -37.4 0.8 0.761 -41.9 0.9 0.721 -46.5 1.0 0.706 -49.3 1.1 0.662 -54.0 1.2 0.629 -57.2 1.3 0.595 60.2 1.4 0.554 -62.9 1.5 0.516 -64.8 1.6 0.440 -61.9 1.7 0.428 51.0 1.8 0.543 -61.5 1.9 0.555 -68.4 2.0 0.560 -74.7 2.1 0.558 - 79.5 2.2 0.564 -84.9 2.3 0.570 -90.9 2.4 0.574 -98.3 2.5 0.574 -107.9 2.6 0.564 - 118.3 2.7 0.530 -131.4 2.8 0.476 - 144.6 2.9 0.411 - 159.1 3.0 0.331 - 175.8 typical scattering parameters (t a = 25 c) s 11 z ref 1.0 units 200.0 munits/ 33.881 ? -52.875 ? hp c d 4 marker 3 2.0 ghz 2 3 1 3 1 2 4 3 : 0.5 ghz : 1.0 ghz : 2.0 ghz : 3.0 ghz s 11 vs. input frequency v cc = 5.0 v start 0.500000000 ghz stop 3.000000000 ghz frequency s 22 mhz mag ang 45.0 0.542 -1.4 50.0 0.602 -0.3 55.0 0.616 0.0 60.0 0.605 1.1 65.0 0.609 0.7 70.0 0.616 0.3 75.0 0.620 0.1 80.0 0.622 0.0 85.0 0.619 0.6 90.0 0.610 0.9 95.0 0.626 -0.7 100.0 0.623 -1.7 s 22 z ref 1.0 units 200.0 munits/ 171.22 ? -04.438 ? hp c d marker 1 45.0 mhz 2 1 1 1 2 : 45 mhz : 100 mhz s 22 vs. output frequency divide by 64 mode, v cc = 5.0 v start 0.045000000 ghz stop 0.100000000 ghz upb1506gv upb1506gv
upb1506gv, upb1507gv typical scattering parameters (t a = 25 c) frequency s 22 mhz mag ang 45.0 0.590 -0.4 50.0 0.604 -1.0 55.0 0.610 -1.1 60.0 0.607 -0.8 65.0 0.548 -5.9 70.0 0.630 -0.0 75.0 0.615 -1.0 80.0 0.618 -1.4 85.0 0.617 -1.2 90.0 0.616 -2.2 95.0 0.623 -2.4 100.0 0.624 -2.3 s 22 z ref 1.0 units 200.0 munits/ 192.34 ? 03.109 ? hp c d marker 1 45.0 mhz 2 1 1 1 2 : 45 mhz : 100 mhz s 22 vs. output frequency divide by 128 mode, v cc = 5.0 v start 0.045000000 ghz stop 0.100000000 ghz frequency s 22 mhz mag ang 45.0 0.601 -0.9 50.0 0.609 -1.6 55.0 0.611 -1.5 60.0 0.620 -1.4 65.0 0.607 -2.1 70.0 0.615 -1.9 75.0 0.613 -3.2 80.0 0.611 -2.8 85.0 0.607 -2.5 90.0 0.605 -2.4 95.0 0.610 -3.0 100.0 0.608 -2.8 s 22 z ref 1.0 units 200.0 munits/ 199.25 ? -05.992 ? hp c d marker 1 45.0 ghz 2 1 1 1 2 : 45 mhz : 100 mhz s 22 vs. output frequency divide by 256 mode, v cc = 5.0 v start 0.045000000 ghz stop 0.100000000 ghz upb1506gv upb1506gv
upb1506gv, upb1507gv frequency s 11 ghz mag ang 0.5 0.857 -27.5 0.6 0.849 -32.0 0.7 0.800 -38.9 0.8 0.764 -43.8 0.9 0.725 -49.0 1.0 0.665 -50.9 1.1 0.619 -55.3 1.2 0.573 -59.3 1.3 0.531 -61.3 1.4 0.484 -62.8 1.5 0.439 -63.0 1.6 0.377 -59.1 1.7 0.340 -54.1 1.8 0.377 -54.7 1.9 0.441 -59.5 2.0 0.464 -67.2 2.1 0.443 -67.4 2.2 0.466 -74.5 2.3 0.465 -81.3 2.4 0.454 -89.4 2.5 0.433 -99.2 2.6 0.383 -109.6 2.7 0.350 -114.0 2.8 0.332 -124.2 2.9 0.271 -141.2 3.0 0.185 -163.6 typical scattering parameters (t a = 25 c) s 11 z ref 1.0 units 200.0 munits/ 38.111 ? 0.9707 ? hp c d 4 marker 4 3.0 ghz 2 3 1 4 1 2 4 3 : 0.5 ghz : 1.0 ghz : 2.0 ghz : 3.0 ghz s 11 vs. input frequency v cc = 5.0 v start 0.500000000 ghz stop 3.000000000 ghz frequency s 22 mhz mag ang 45.0 0.580 3.4 50.0 0.572 2.5 55.0 0.574 3.0 60.0 0.574 2.7 65.0 0.584 3.0 70.0 0.587 2.6 75.0 0.592 2.4 80.0 0.587 2.6 85.0 0.589 2.9 90.0 0.591 2.9 95.0 0.573 1.7 100.0 0.604 2.9 s 22 z ref 1.0 units 200.0 munits/ 185.13 ? 17.789 ? hp c d marker 1 45.0 ghz 2 1 1 1 2 : 45 mhz : 100 mhz s 22 vs. output frequency divide by 64 mode, v cc = 5.0 v start 0.045000000 ghz stop 0.100000000 ghz upb1507gv upb1507gv
upb1506gv, upb1507gv typical scattering parameters (t a = 25 c) frequency s 22 mhz mag ang 45.0 0.578 3.2 50.0 0.571 2.8 55.0 0.572 3.3 60.0 0.576 3.0 65.0 0.584 3.1 70.0 0.587 2.8 75.0 0.589 2.4 80.0 0.589 2.8 85.0 0.588 3.0 90.0 0.593 2.8 95.0 0.598 3.0 100.0 0.602 2.9 s 22 z ref 1.0 units 200.0 munits/ 185.02 ? 18.953 ? hp c d marker 1 45.0 ghz 2 1 1 1 2 : 45 mhz : 100 mhz s 22 vs. output frequency divide by 128 mode, v cc = 5.0 v start 0.045000000 ghz stop 0.100000000 ghz frequency s 22 mhz mag ang 45.0 0.580 3.0 50.0 0.572 2.8 55.0 0.571 2.9 60.0 0.576 2.9 65.0 0.585 3.2 70.0 0.590 2.8 75.0 0.589 2.5 80.0 0.590 2.6 85.0 0.588 2.9 90.0 0.597 2.9 95.0 0.600 3.1 100.0 0.601 3.1 s 22 z ref 1.0 units 200.0 munits/ 186.76 ? 17.82 ? hp c d marker 1 45.0 ghz 2 1 4 1 2 : 45 mhz : 100 mhz s 22 vs. output frequency divide by 256 mode, v cc = 5.0 v start 0.045000000 ghz stop 0.100000000 ghz upb1507gv upb1507gv
system application example upb1506gv, upb1507gv mix 1stif input from dbs converter to 2150 mhz osc to 2650 mhz loop filter high division prescaler upb1506gv or upb1507gv cmos pll synthesizer lpf bpf saw agc amp. fm demo. rf unit block of analog dbs tuners rf unit block of analog catv converter to 800 mhz osc to 2000 mhz loop filter high division prescaler upb1506gv or upb1507gv cmos pll synthesizer lpf bpf to 1300 mhz downconverter upconverter bpf
pin no. upb1506gv upb1507gv 1 sw1 in 2 in vcc 3 in sw1 4 gnd out 5 open gnd 6 sw2 sw2 7 out open 8 vcc in part number quantity marking upb1506gv-e1 1000/reel 1506 UPB1507GV-E1-A 1000/reel 1507 upb1506gv, upb1507gv internal block diagram outline dimensions (units in mm) package outline s08 ordering information note: 1. embossed tape 8 mm wide. pin 1 is in the tape pull-out direction. 1509 pin connections sw1 sw2 out d clk q in in q d clk q q d clk amp q q d clk q q d clk q q d clk q q d clk clk q q d clk q q 1 2 3 45 7 6 8 8 7 6 3.0 max 5 1 2 3 4 n 1.5 0.1 1.8 max 0.1 0.1 0.3 +0.10 -0.05 0.575 max 0.15 +0.10 -0.05 4.94 0.2 3.2 0.1 0.87 0.2 0.5 0.2 0.65 3 +7? -3? detail of lead end a business partner of nec compound semiconductor devices, ltd. 7/22/2004 life support applications these nec products are not intended for use in life support devices, appliances, or systems where the malfunction of these prod ucts can reasonably be expected to result in personal injury. the customers of cel using or selling these products for use in such applications do so at their own risk and agree to fully indemnify cel for all damages resulting from such improper use or sale.
4590 patrick henry drive santa clara, ca 95054-1817 telephone: (408) 919-2500 facsimile: ( 408 ) 988-0279 subject: compliance with eu directives cel certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction on use of hazardous substances in electrical and electronic equipment (rohs) and the requirements of eu directive 2003/11/ec restriction on penta and octa bde. cel pb-free products have the same base part number with a suffix added. the suffix ? indicates that the device is pb-free. the ?z suffix is used to designate devices containing pb which are exempted from the requirement of rohs directive (*). in all cases the devices have pb-free terminals. all devices with these suffixes meet the requirements of the rohs directive. this status is based on cel? understanding of the eu directives and knowledge of the materials that go into its products as of the date of disclosure of this information. restricted substance per rohs concentration limit per rohs (values are not yet fixed) concentration contained in cel devices -a -az lead (pb) < 1000 ppm not detected (*) mercury < 1000 ppm not detected cadmium < 100 ppm not detected hexavalent chromium < 1000 ppm not detected pbb < 1000 ppm not detected pbde < 1000 ppm not detected if you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative. important information and disclaimer: information provided by cel on its website or in other communications concerting the substan ce content of its products represents knowledge and belief as of the date that it is provided. cel bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. efforts are underway t o better integrate information from third parties. cel has taken and continues to take reasonable steps to provide representative and ac curate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. cel and ce l suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall cel? liability arising out of such information exceed the total purchase price of the cel part(s) at issue s old by cel to customer on an annual basis. see cel terms and conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of UPB1507GV-E1-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X