Part Number Hot Search : 
88502 DN2530N3 KBJ607G 1N4391 FSB127H A2011 LRI2K 00118
Product Description
Full Text Search
 

To Download TMT30515C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.tracopower.com features ultra compact, fully encapsulated plastic case single-, dual- and triple output models 2 package styles: - with screw terminal block for chassis mount - with solder pins for pcb mount din-rail mount adaptor (option) universal input 85-264vac, 50/60hz protection class ll approved to iec/ul 60950-1 and iec/ul 60601-1 medical safety standard ul 508 listed (chassis mount version) emi according to en 55022, class b and fcc level b short circuit and overload protection lead-free design C rohs compliant 3-year product warranty the tmt series power modules are ac/dc power supplies in an ultra compact fully encapsulated module. they feature easy installation with screw terminals and optional din-rail mounting adaptor or direct pcb mounting with solder pins. com - pliance with international safety standards including ul 508 listing qualify these products for worldwide markets. for application in medical instrumentation, the modules are also approved to the en/ul 60601-1 safety standard. high reliability is provided by use of industrial quality grade components and conservative temperature specifcations. these ac/dc modules offer an interest - ing power supply solution for many space critical applications in commercial and industrial electronic equipment. order code output power output 1 pcb-mount chassis mount max. with solder pins with screw terminal block tmt 10105 5 vdc/2000 ma tmt 10112 10 watt 12 vdc/840 ma tmt 10115 15 vdc/670 ma tmt 10124 24 vdc/420 ma tmt 15105 tmt 15105c 5 vdc/3000 ma tmt 15112 tmt 15112c 15 watt 12 vdc/1250 ma tmt 15115 tmt 15115c 15 vdc/1000 ma tmt 15124 tmt 15124c 24 vdc/625 ma tmt 30105 tmt 30105c 5 vdc/6000 ma tmt 30112 tmt 30112c 30 watt 12 vdc/2500 ma tmt 30115 tmt 30115c 15 vdc/2000 ma tmt 30124 tmt 30124c 24 vdc/1250 ma tmt 50105 tmt 50105c 5 vdc/9000 ma tmt 50112 tmt 50112c 12 vdc/4200 ma tmt 50115 tmt 50115c 50 watt 15 vdc/3400 ma tmt 50124 tmt 50124c 24 vdc/2300 ma tmt 50148 tmt 50148c 48 vdc/1150 ma single output models ac/dc power modules tmt series, 10 to 50 watt page 1 of 8 cb scheme ul 50 8 ul 60 95 0- 1 ul 6060 1- 1
http://www.tracopower.com ac/dc power modules tmt series 10 to 50 watt input specifications input voltage C nominal 115 / 230 vac C range 85 C 264 vac 85 C 370 vdc below 110vdc: 1.2%/v output pwer derating input frequency 47 C 63 hz input current full load 115 vac/ 230 vac 10 watt models: 210 ma/ 140 ma typ 15 watt models: 280 ma/ 180 ma typ. 30 watt models: 570 ma/ 360 ma typ. 50 watt models: 870 ma/ 540 ma typ. inrush current 115 vac/ 230 vac 24 a/ 36 a external input fuse required (recommended values) 10-15 watt models: 1.0 a slow blow 30 watt models: 2.0 a slow blow 50 watt models: 3.15 a slow blow output specifications voltage set accuracy 2 % regulation C input variation 20 mv max. C load variation single output models (0C100%): 50 mv max. dual and triple output models (min. load 10%): 500 mv max. ripple and noise (20mhz bandwidth) 150 mvpk-pk max. overload protection by current limit >105 % inom (ipeak of triple output models) automatic recovery (long term short circuit op eration may cause damage to the unit) capacitive load 10000 f max. rise time 200 ms typ. hold-up time 115 vac/ 230 vac 15/50 watt models: 25 ms/ 130 ms min. other models: 17 ms/ 93 ms min. page 2 of 8 order code output output 1 output 2 output 3 pcb-mount chassis mount with power with solder pins screw terminal block max. tmt 15212 tmt 15212c 15 watt +12 vdc/625 ma C12 vdc/625 ma tmt 15215 tmt 15215c +15 vdc/500 ma C15 vdc/500 ma tmt 30212 tmt 30212c +12 vdc/1250 ma C12 vdc/1250 ma tmt 30215 tmt 30215c +15 vdc/1000 ma C15 vdc/1000 ma tmt 30252 tmt 30252c +5 vdc/3000 ma 1) +12 vdc/1200 ma 4) tmt 30522 tmt 30522c 30 watt +5 vdc/3000 ma 1) +12 vdc/1000 ma 5) C12 vdc/250 ma 7) tmt 30515 tmt 30515c +5 vdc/3000 ma 1) +15 vdc/500 ma C15 vdc/500 ma tmt 30503 +3.3 vdc/6000 ma 2) +5 vdc/1500 ma 5) +12 vdc/250 ma 7) tmt 30505 +5 vdc/5000 ma 3) +3.3 vdc/1000 ma 6) +12 vdc/250 ma 7) dual- and triple output models peak current: 1) 4500 ma 2) 7500 ma 3) 6000 ma 4) 1800 ma 5) 2000 ma 6) 1500 ma 7) 500 ma <30 sec. 10% duty cycle max, total load not to exceed 30 watt.
http://www.tracopower.com ac/dc power modules tmt series 10 to 50 watt general specifications temperature ranges C operating C25c to +70c max. C storage (non operating) C25c to +85c derating 2.5 %/k above +50c over temperature protection tmt 50 models: at 150c other models: at 140c temperature coefficient 0.02 %/k humidity (non condensing) 85 % rel. h max. efficiency 83 % typ. switching frequency 100 khz typ. (fixed) isolation v oltage C input/output 4000 vac isolation resistance C input/output 100 mohm (500 vdc) electromagnetic compatibility (emc), emissions en 55022, level b, fcc part 15 level b ul/en 60601-1-2 (for medical equipment) electromagnetic compatibility (emc), immunity iec/en 60601-1-2 C electrostatic discharge esd iec/en 61000-4-2, 8 kv/8 kv C rf field susceptibility iec/en 61000-4-3, 3 v/m C electrical fast transients / bursts on mains line iec/en 61000-4-4, 2 kv C surge iec/en 61000-4-5, 1 kv/2 kv C immunity to conducted rf disturbances iec/en 61000-4-6, 10 v/m C power frequency field immunity iec/en 61000-4-8, 3 a/m C voltage sags iec/en 61000-4-11 protection class class ii (in closed cabinets) safety standards C information technology equipment iec/en 60950-1, ul 60950-1, csa-c22.2 no. 60950-1-03 C industrial control equipment ul/cul 508 C medical equipment iec/en 60601-1 ed.2, ul 60601-1 safety approvals C cb certificate for iec 60950-1 tmt 15 models: www.tracopower.com/products/tmt15_ cb60950.pdf (tmt 50, tmt 10 tmt 30 models: www.tracopower.com/products/tmt30_ cb60950.pdf and triple output models C cb certificate for iec 60601-1 tmt 15 models: www.tracopower.com/products/tmt15_ cb60601.pdf pending) tmt 30 models: www.tracopower.com/products/tmt30_ cb60601.pdf C ul approvals for ul 60950-1and ul 60601 www.ul.com -> certifications -> file: e188913 C ul approval for ul 508 (chassis mount version only) www.ul.com -> certifications -> file: e322109 reliability, calculated mtbf @ 25c acc. to iec 61709 >1.8 mio h. environment C vibration 3 axes, sine sweep, 0.5 mm, 10 C 55hz, 1 oct. / min, 30 min. C shock 20 g (3 directions each 3 times) soldering temperature 265c max / 10 sec page 3 of 8 all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated.
http://www.tracopower.com page 4 of 8 ac/dc power modules tmt series 10 to 50 watt outline dimensions 5.0 55.0 (2.17) 47.0 (1.85) 4.0 (0.16) (0.20) 17.5 (0.70) 45.0 (1.77) 10.0 (0.39) 10.0 (0.39) 24.0 (0.94) 5.0 (0.20) 1 2 5 4 3 bottom view 26.4 (1.04) 4.5 (0.18) 45.0 (1.77) 77.0 (3.03) 67.0 (2.64) 5.0 (0.20) 4x ? 3.5 (0.14) 4 5 2 1 nc (top view) 3 tmt 15 models with solder pins pin single dual 1 ac in ac in 2 ac in ac in 3 Cv out Cv out 4 no pin /con common 5 +v out +v out connection pin diameter: 1.0 (0.04) weight: 90 g (3.2oz) tmt 15c models with screw terminal block weight: 75 g (2.6 oz) 3.8 50.8 (2.0) 44.2 (1.74) 3.3 (0.13) (0.15) 12.7 (0.50) 33.0 (1.30) 15.24 (0.6) 21.6 (0.85) 10.9 min. (0.44) 1 2 4 3 bottom view tmt 10 models pin 1 ac in 2 ac in 3 Cv out 4 +v out connection weight: 52 g (1.8 oz) dimensions in mm, ( ) inches case tolerances: 1.0 (0.0.4) pin pich tolerance: 0.5 (0.02) mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com page 5 of 8 ac/dc power modules tmt series 10 to 50 watt outline dimensions 8.0 76.0 (2.99) 66.0 (2.60) 5.0 (0.20) (0.31) 17.5 (0.70) 51.0 (2.01) 10.0 (0.39) 10.0 (0.39) 28.0 (1.10) 5.0 (0.20) bottom view 1 2 5 4 3 7.5 96.0 (3.78) 86.0 (3.39) 5.0 (0.20) (0.30) 51.0 (2.01) 4x ? 3.5 (0.14) 29.5 (1.16) 4 5 2 nc (t op view) 1 3 weight: 180 g (6.3 oz) pin diameter: 1.0 (0.04) pin single dual 1 ac in ac in 2 ac in ac in 3 Cv out Cv out 4 no pin/con common 5 +v out +v out connection tmt 30 single output models and tmt 30212 & tmt 30215 (solder pins) tmt 30c single output models and tmt 30212c & tmt 30215c (screw terminal block) weight: 165 g (5.8 oz) dimensions in mm, ( ) inches case tolerances: 1.0 (0.0.4) pin pich tolerance: 0.5 (0.02) mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com page 6 of 8 ac/dc power modules tmt series 10 to 50 watt outline dimensions 9.0 76.0 (2.99) 86.0 (3.39) 5.0 (0.20) (0.35) 20.0 (0.79) 58.0 (2.28) 28.0 (1.10) 5.0 (0.20) bottom view 1 2 5 4 3 8 7 6 12.0 (0.47) 9.0 (0.35) 6.0 (0.24) 6.0 (0.24) 9.0 (0.35) 3.0 (0.12) 5.0 106.0 (4.17) 96.0 (3.78) 5.0 (0.20) (0.20) 58.0 (2.28) 4x ? 3.5 (0.14) 29.5 (1.16) 2 1 nc (t op view) 8 3 6 74 5 weight: 220 g (7.8 oz) pin diameter: 1.0 (0.04) pin dual triple 1 ac in ac in 2 ac in ac in 3 no pin/con. Cv out 3 4 no pin/con. +v out 3 5 Cv out 2 Cv out 2 6 +v out 2 +v out 2 7 Cv out 1 Cv out 1 8 +v out 1 +v out 1 connection tmt 30 triple output models and tmt 30252 (solder pins) tmt 30c triple output models and tmt 30252c (screw terminal block) weight: 200 g (7.1 oz) dimensions in mm, ( ) inches casing tolerances: 1.0 (0.0.4) pin pich tolerance: 0.5 (0.02) mounting hole tolerance: 0.5 (0.02)
http://www.tracopower.com page 7 of 8 10.0 89.0 (3.50) 79.0 (3.11) 5.0 (0.20) (0.39) 22.0 (0.87) 64.0 (2.52) 30.0 (1.18) 32.0 (1.26) 4.7 min. (0.19) bottom view 1 2 43 17.0 (0.69) 3.0 (1.12) 3.0 (1.12) ac/dc power modules tmt series 10 to 50 watt outline dimensions weight: 295 g (10.4 oz) pin diameter: 1.0 (0.04) pin single 1 ac in 2 ac in 3 Cv out 4 +v out connection tmt 50 models with solder pins tmt 50c models with screw terminal block 7.5 110.0 (4.33) 100.0 (3.93) 5.0 (0.20) (0.30) 64.0 (2.52) 4x ? 3.5 (0.14) 33.5 (1.32) 3 4 2 1 (t op view) 49.0 (1.93) weight: 245 g (8.6 oz) dimensions in [mm], ( ) = inches case tolerances: 1.0 (0.04) pin pich tolerance: 0.5 (0.02) mounting hole tolerance: 0.5 (0.02)
j enatschstrasse 1 ch-8002 zurich switzerland t el. +41 43 311 45 11 fax +41 43 311 45 45 info@traco.ch www .tracopower .com page 8 of 8 ac/dc power modules tmt series 10 to 50 watt din-rail mounting kit order code for models tmt-mk1 tmt 15xxxc tmt-mk2 tmt 30xxxc single & 12/15vdc tmt-mk5 tmt 50xxxc din-rail mounting kit rev. 05/09 adapter for mounting on din-rails as per en 50022-35 (snap-on mounting) specifcations can be changed any time without notice. kit contains interface plate, din-rail clip and necessary screws.


▲Up To Search▲   

 
Price & Availability of TMT30515C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X