Part Number Hot Search : 
S3SMBA EGC10MH SSP4N80 10EDA20 TA0314A M2872AF TDE1647 LVDS3
Product Description
Full Text Search
 

To Download ST5R25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/15 october 2003 n very low supply current n regulated output voltage n wide range of output voltage available (2.5v, 2.8v, 3.0v, 3.3v, 5.0v) n output voltage accuracy 5% n output current up to 100ma n lowrippleandlownoise n very low start-up voltage n high efficiency (v out = 5v typ. 87%) n few external components n very small package: sot23-5l, sot-89 description thest5r00isanhighefficiencyvfmstep-up dc/dc converter for small, low input voltage or battery powered systems with ultra low quiescent supply current. the st5rxx accept a positive input voltage from start-up voltage to v out and convert it to a higher output voltage in the 2.5 to 5v range. the st5r00 combine ultra low quiescent supply current and high efficiency to give maximum battery life. the high switching frequency and the internally limited peak inductor current, permits the use of small, low cost inductors. only three external components are needed: an inductor a diode and an output capacitor. thest5r00issuitabletobeusedinabattery powered equipment where low noise, low ripple and ultra low supply current are required. the st5r00 is available in very small packages: sot23-5l, sot-89. typical applications are pagers, cameras & video camera, cellular telephones, wireless telephones, palmtop computer, battery backup supplies, battery powered equipment. st5r00 series micropower vfm step-up dc/dc converter schematic diagram sot23-5l sot-89
st5r00 series 2/15 absolute maximum ratings (*)reducedby1.7mwforincreasingint a of 1c over 25c absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these condition is not implied. thermal data operation the st5rxx architecture is built around a vfm control logic core: switching frequency is set through a built in oscillator: t on time is fixed (typ. 5ms) while t off time is determined by the error amplifier output, a logic signal coming from the comparison made by the error amplifier stage between the signal coming from the output voltage divider network and the internal band-gap voltage reference (v ref ). t off reaches a minimum (typ. 1.7ms) when heavy load conditions are met (clock frequency 150khz). an over current conditions, through the internal power switch, causes a voltage drop v lx =r dson xi sw and the v lx limiter block forces the internal switch to be off, so narrowing t on time and limiting internal power dissipation. in this case the switching frequency may be higher than the 150khz set by the internal clock generator. vfm control ensures very low quiescent current and high conversion efficiency even with very light loads. since the output voltage pin is also used as the device supply voltage, the versions with higher output voltage present an higher internal supply voltage that results in lower power switch r dson , slightly greater output power and higher efficiency. moreover, bootstrapping allows the input voltage to sag to 0.6v (at i out =1ma) once the system is started. if the input voltage exceeds the output voltage, the output will follow the input, however, the input or output voltage must not be forced above 5.5v. typical application circuit (*) see application info. typical application efficiency symbol parameter value unit v out output voltage 5.5 v v in input voltage 5.5 v v lx lx pin voltage 5.5 v i lx lx pin output current internally limited p tot power dissipation at 25c for sot23-5l 170 (*) mw t stg storage temperature range -55 to 125 c t op operating junction temperature range -25 to 85 c symbol parameter sot23-5l sot-89 unit r thj-case thermal resistance junction-case 63 17 c/w
st5r00 series 3/15 connection diagram (top view) ordering codes typical demoboard note: drawing not in scale. sot23-5l sot-89 output voltages ST5R25m ST5R25u 2.5 v st5r28m st5r28u 2.8 v st5r30m st5r30u 3.0 v st5r33m st5r33u 3.3 v st5r50m st5r50u 5.0 v sot23-5l sot-89
st5r00 series 4/15 electrical characteristics for ST5R25 (v in =1.5v,i out = 10ma, t a = 25c, unless otherwise specified. for external components value, unless otherwise notes, refer to the typical operating circuit.) (1): the minimum input voltage for the ic start-up is strictly a function of the v f catch diode. electrical characteristics for st5r28 (v in =1.7v,i out = 10ma, t a = 25c, unless otherwise specified. for external components value, unless otherwise notes, refer to the typical operating circuit.) (1): the minimum input voltage for the ic start-up is strictly a function of the v f catch diode. electrical characteristics for st5r30 (v in =1.8v,i out = 10ma, t a = 25c, unless otherwise specified. for external components value, unless otherwise notes, refer to the typical operating circuit.) (1): the minimum input voltage for the ic start-up is strictly a function of the v f catch diode. symbol parameter test conditions min. typ. max. unit v out output voltage 2.375 2.5 2.625 v v start-up start-up voltage (v in -v f ) (1) i out = 1ma, v in = rising from 0 to 2v 0.8 1.2 v v hold hold-on voltage i out = 1ma, v in = falling from 2 to 0v 0.6 v i supply supply current to be measured at v in , no load 16 a r lx(dson) internal switch r dson i lx = 150ma 850 m w i lx(leak) internal leakage current v lx = 4v, forced v out = 3v 0.5 a f osc maximum oscillator frequency 150 khz d ty oscillator duty cycle to be measure on lx pin 77 % n output noise voltage i out = 50ma 82 % symbol parameter test conditions min. typ. max. unit v out output voltage 2.66 2.8 2.94 v v start-up start-up voltage (v in -v f ) (1) i out = 1ma, v in = rising from 0 to 2v 0.8 1.2 v v hold hold-on voltage i out = 1ma, v in = falling from 2 to 0v 0.6 v i supply supply current to be measured at v in , no load 16 a r lx(dson) internal switch r dson i lx = 150ma 850 m w i lx(leak) internal leakage current v lx = 4v, forced v out = 3.3v 0.5 a f osc maximum oscillator frequency 150 khz d ty oscillator duty cycle to be measure on lx pin 77 % n output noise voltage i out = 50ma 82 % symbol parameter test conditions min. typ. max. unit v out output voltage 2.85 3 3.15 v v start-up start-up voltage (v in -v f ) (1) i out = 1ma, v in = rising from 0 to 2v 0.8 1.2 v v hold hold-on voltage i out = 1ma, v in = falling from 2 to 0v 0.6 v i supply supply current to be measured at v in , no load 17 a r lx(dson) internal switch r dson i lx = 150ma 850 m w i lx(leak) internal leakage current v lx = 4v, forced v out = 3.5v 0.5 a f osc maximum oscillator frequency 150 khz d ty oscillator duty cycle to be measure on lx pin 77 % n output noise voltage i out = 50ma 82 %
st5r00 series 5/15 electrical characteristics for st5r33 (v in =2v,i out = 10ma, t a = 25c, unless otherwise specified. for external components value, unless otherwise notes, refer to the typical operating circuit.) (1): the minimum input voltage for the ic start-up is strictly a function of the v f catch diode. electrical characteristics for st5r50 (v in =3v,i out = 10ma, t a = 25c, unless otherwise specified. for external components value, unless otherwise notes, refer to the typical operating circuit.) (1): the minimum input voltage for the ic start-up is strictly a function of the v f catch diode. typical performance characteristics (the following plots are referred to the typical application circuit and, unless otherwise noted, at t a = 25c) figure 1 : output voltage vs output current figure 2 : output voltage vs output current symbol parameter test conditions min. typ. max. unit v out output voltage 3.135 3.3 3.465 v v start-up start-up voltage (v in -v f ) (1) i out = 1ma, v in = rising from 0 to 2v 0.8 1.2 v v hold hold-on voltage i out = 1ma, v in = falling from 2 to 0v 0.6 v i supply supply current to be measured at v in , no load 17 a r lx(dson) internal switch r dson i lx = 150ma 850 m w i lx(leak) internal leakage current v lx = 4v, forced v out = 3.8v 0.5 a f osc maximum oscillator frequency 150 khz d ty oscillator duty cycle to be measure on lx pin 77 % n output noise voltage i out = 50ma 83 % symbol parameter test conditions min. typ. max. unit v out output voltage 4.75 5.0 5.25 v v start-up start-up voltage (v in -v f ) (1) i out = 1ma, v in = rising from 0 to 2v 0.8 1.2 v v hold hold-on voltage i out = 1ma, v in = falling from 2 to 0v 0.6 v i supply supply current to be measured at v in , no load 18 a r lx(dson) internal switch r dson i lx = 150ma 700 m w i lx(leak) internal leakage current v lx = 4v, forced v out = 3.8v 0.5 a f osc maximum oscillator frequency 160 khz d ty oscillator duty cycle to be measure on lx pin 77 % n output noise voltage i out = 50ma 87 %
st5r00 series 6/15 figure 3 : output voltage vs temperature figure 4 : output voltage vs temperature figure 5 : efficiency vs temperature figure 6 : efficiency vs temperature figure 7 : efficiency vs output current figure 8 : efficiency vs output current
st5r00 series 7/15 figure 9 : maximum oscillator frequency vs temperature figure 10 : maximum oscillator frequency vs temperature figure 11 : oscillator duty cycle (@ max freq.) vs temperature figure 12 : oscillator duty cycle (@ max freq.) vs temperature figure 13 : lx switching current limit vs temperature figure 14 : lx switching current limit vs temperature
st5r00 series 8/15 figure 15 : start-up voltage (v in -v f )vs temperature figure 16 : start-up voltage (v in -v f )vs temperature figure 17 : start-up voltage (v in -v f )vs output current figure 18 : start-up voltage (v in -v f )vs output current figure 19 : minimum input voltage vs output current figure 20 : minimum input voltage vs output current
st5r00 series 9/15 figure 21 : internal switch r dson vs temperature figure 22 : internal switch r dson vs temperature figure 23 : hold-on voltage vs temperature figure 24 : hold-on voltage vs temperature figure 25 : no load input current vs temperature figure 26 : no load input current vs temperature
st5r00 series 10/15 application information pc layout and grounding hints the st5r00 high frequency operation makes pc layout important for minimizing ground bounce and noise. place external components as close as possible to the device pins. take care to the supply voltage source connections that have to be very close to the input of the application. set the output load as close as possible to the output capacitor. if possible, use a star ground connection with the centre point on the device ground pin. to maximize output power and efficiency and minimize output ripple voltage, use a ground plane and solder the ics ground pin directly to the ground plane. remember that the lx switching current flows through the ground pin, so, in order to minimize the series resistance that may cause power dissipation and decrease of the efficiency conversion, the ground pattern has to be as large as possible. inductor selection an inductor value of 47h performs well in most st5r00 applications. however, the inductance value is not critical, and the st5r00 will work with inductors in the 33h to 120h. smaller inductance values typically offer a smaller physical size for a given series resistance, allowing the smallest overall circuit dimensions. however, due to higher peak inductor currents, the output voltage ripple (ipeak x output filter capacitors esr) also tends to be higher. circuits using larger inductance values exhibit higher output current capability and larger physical dimensions for a given series resistance. in order to obtain the best application performances the inductor must respect the following condition: - the dc resistance has to be as little as possible, a good value is <0.25 w . this choice will reduce the lost power as heat in the windings. - the inductor core must not saturate at the forecast maximum lx current. this is mainly a function of the input voltage, inductor value and output current. however, it is generally acceptable to bias the inductor into saturation by as much as 20%, although this will slightly reduce efficiency. in order to calculate this parameter we have to distinguish two cases: 1) when a light load is applied on the output (discontinuous mode operation) the inductor core must not saturate at i lx(max) =(v in xt on )/l. 2) for heavy load (continuos mode operation) the inductor core must not saturate at i lx(max) =(i out xt)/t off(min) +(v in xt on )/2l where: v in is the input voltage, ton is the switch on period (typ. 5ms), l is the inductance value, i out is the maximum forecast output current, t = t on +t off(min) and t off(min) is the minimum switch off period (typ. 1.7s), - choose an inductance value in the 47h to 82h range. - for application sensitive to electromagnetic interference (emi), a pot core inductor is recommended. diode selection a schottky diode with an high switching speed and a very low forward voltage (v f ) is needed. higher v f may cause lost power as heat in the diode, with a decrease of the efficiency. moreover, since the output voltage pin is also used as the device supply voltage, the start-up voltage (see related plots) is strictly due to the diode forward voltage at the rated forward current. a good diode choice is a stps1l30a. input/output capacitors selection the output ripple voltage, as well as the efficiency, is strictly related to the behavior of these elements. the output ripple voltage is the product of the peak inductor current and the output capacitor equivalent series resistance (esr). best performances are obtained with good high frequency characteristics capacitors and low esr. the best compromise for the value of the output capacitance is 47f tantalum capacitor, lower values may cause higher output ripple voltage and lower efficiency without compromising the functionality of the device. an input capacitor is required to compensate, if present, the series impedance between the supply voltage source and the input voltage of the application. a value of 4.7f is enough to guarantee stability for distances less than 2". it could be necessary (depending on v in ,v out ,i out values) to proportionally increase the input capacitor value up to 100a for major distances. in any case we suggest to connect both capacitors, c in and c out , as close as possible to the device pins.
st5r00 series 11/15 dim. mm. mils min. typ max. min. typ. max. a 0.90 1.45 35.4 57.1 a1 0.00 0.10 0.0 3.9 a2 0.90 1.30 35.4 51.2 b 0.35 0.50 13.7 19.7 c 0.09 0.20 3.5 7.8 d 2.80 3.00 110.2 118.1 e 1.50 1.75 59.0 68.8 e0.95 37.4 h 2.60 3.00 102.3 118.1 l 0.10 0.60 3.9 23.6 sot23-5l mechanical data 7049676c .
st5r00 series 12/15 dim. mm. mils min. typ max. min. typ. max. a 1.4 1.6 55.1 63.0 b 0.44 0.56 17.3 22.0 b1 0.36 0.48 14.2 18.9 c 0.35 0.44 13.8 17.3 c1 0.35 0.44 13.8 17.3 d 4.4 4.6 173.2 181.1 d1 1.62 1.83 63.8 72.0 e 2.29 2.6 90.2 102.4 e 1.42 1.57 55.9 61.8 e1 2.92 3.07 115.0 120.9 h 3.94 4.25 155.1 167.3 l 0.89 1.2 35.0 47.2 sot-89 mechanical data p025h
st5r00 series 13/15 dim. mm. inch min. typ max. min. typ. max. a 180 7.086 c 12.8 13.0 13.2 0.504 0.512 0.519 d 20.2 0.795 n 60 2.362 t 14.4 0.567 ao 3.13 3.23 3.33 0.123 0.127 0.131 bo 3.07 3.17 3.27 0.120 0.124 0.128 ko 1.27 1.37 1.47 0.050 0.054 0.0.58 po 3.9 4.0 4.1 0.153 0.157 0.161 p 3.9 4.0 4.1 0.153 0.157 0.161 tape & reel sot23-xl mechanical data
st5r00 series 14/15 dim. mm. inch min. typ max. min. typ. max. a 180 7.086 c 12.8 13.0 13.2 0.504 0.512 0.519 d 20.2 0.795 n 60 2.362 t 14.4 0.567 ao 4.70 4.80 4.90 0.185 0.189 0.193 bo 4.30 4.40 4.50 0.169 0.173 0.177 ko 1.70 1.80 1.90 0.067 0.071 0.075 po 3.9 4.0 4.1 0.153 0.157 0.161 p 7.9 8.0 8.1 0.311 0.315 0.319 tape & reel sot89 mechanical data
st5r00 series 15/15 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2003 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states. http://www.st.com


▲Up To Search▲   

 
Price & Availability of ST5R25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X