Part Number Hot Search : 
D0G6B5 MC74HC1 HF50ACB PD100 MAX6496 2N6287 DS751 D2N103LX
Product Description
Full Text Search
 

To Download RSG-801-BJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no. ss-020 p: 1/5 data oct 30, 2003 version first specification product name :rodan spark gap type :RSG-801-BJL okaya electric america, inc.
spec no. ss-020 p: 2/5 data oct 30, 2003 version first 1. scope this specification covers rodan spark gap RSG-801-BJL. 2. type designation rsg - 801 - b j l type of wire l : with wire length:6.05 mm type of taping a:with taping b:without taping (bulk) dc breakdown voltage (v) 801:80 x10 1 = 800 (v) the 1 st figures shows valid figures of voltage value, the 3 rd shows multiplier. series name 3. appearance structure 3-1 dimension refer to drawing 4r-4198-y79 3-2 display and contents marking must not be disappeared easily, and it has to be identified. 3-3 materials ceramic, electrode, lead wire etc 3-4 plating treatment tinning 3-5 filler gas ar, mixed gas (this product doesn?t use radioisotope.) okaya electric america, inc. fig.1 example of marking month 1 2 3 4 5 6 7 8 9 10 11 12 sign a b d e f g h j k l m n brand last figure of year e.g.) year 2003
0 v =1000 v c =0.022 m f osc l =0.5 mh r=300 k w spec no. ss-020 p: 3/5 data oct 30, 2003 version first 4. electrical characteristics no. item mark test condition standard values switching times 1 s max ambient temperature room temperature 1 dc breakdown voltage ez test circuit 800 v 15 % 2 insulation resistance ir dc100 v 1000 m : min 3 electrostatic capacitance c 1.0 khz 2.0 pf max switching frequency 30hz switching times 2.5 s on / 57.5 s off ambient temperature room temperature 4 life test - test circuit *r is adjusted minimum number of switching is 2x10 5 times, according to the above condition. initial breakdown voltage 1000 v max following breakdown voltage 800 v 15 % insulation resistance 100 m : min (dc100 v) *1 the above-mentioned electric characteristics are regulations of during darkness. *2 this product may discharge less than 680 v that is lower limit of specification. this case is known as early ignition. early ignition incidence is specified as maximum of 3 % by above test condition of section1 and section4 . okaya electric america, inc. 0 osc r c=75nf v =1100 v l =0.7 m h
spec no. ss-020 p: 4/5 data oct 30, 2003 version first 5. switching frequency maximum switching frequency : 200 hz 6. operating condition operating temperature: -40c to +100c 7. storage condition storage temperature: -40c to +100c 8. about forming as regards forming of spark gap, please take distance more than 2mm from main body when you bend lead wire. when performing a forming, please hold only lead wi re and be careful not to give a stress on main body. okaya electric america, inc. 2mmmin
spec no. ss-020 p: 5/5 data oct 30, 2003 version first 9. packing put 50 pcs. of rsg series and 1pc. of product label in a vinyl bag of specified size, seal the bag with a heatseal, put bags of quantity required a box, pack and stick product label on the box. labe l labe l pack ing h eat seel product label okaya e l ec tric indu s tr i e s co . , l td pc s ty p e lo t no . o/ no. qt' y na m e tape okaya el ectr ic indu s tr i e s co . , ltd made in ja pan pcs . orderno. lo t no . quantity type de s igna t ion rodan s park ga p product labe l
2:1 rev . da ta h is to ry o f rev . da te sca le 4 ou t l ine d i men s ion p roduc t na me type na me drawing no. okaya electric america, inc. ve r . rodan spa rk gap f 8 +/- 0.25 1.0 f 6 .05+/- 0.2 4r- 4198-y79 weight: approx.2 g 25 m i n 25 m i n 2003 .5 .27 ( f8 .0 x 6 .05 l )


▲Up To Search▲   

 
Price & Availability of RSG-801-BJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X