Part Number Hot Search : 
BAV99T MBR05 IP00BM P80NF55 BFY180H 064523 IRF9511 EMIF0
Product Description
Full Text Search
 

To Download PD55015TR-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2010 doc id 12330 rev 2 1/23 23 pd55025-e pd55025s-e rf power transistor, ldmost plastic family n-channel enhancement-mo de, lateral mosfets features excellent thermal stability common source configuration p out = 25 w with 14.5db gain @ 500 mhz / 12.5 v new rf plastic package description the device is a comm on source n-channel, enhancement-mode lateral field-effect rf power transistor. it is designed for high gain, broad band commercial and industrial applications. it operates at 12 v in common source mode at frequencies up to 1 ghz. the device boasts the excellent gain, linearity and reliability of st?s latest ldmos technology mounted in the first true smd plastic rf power package, powerso-10rf. the device?s superior linearity performance makes it an ideal solution for car mobile radio. the powerso-10 plastic package, designed to offer high reliability, is the first st jedec approved, high power smd package. it has been specially optimized for rf needs and offers excellent rf performance and ease of assembly. mounting recommendations are available in www.st.com/rf/ (look for application note an1294). figure 1. pin connection powerso-10rf (formed lead) powerso-10rf (straight lead) gate source drain table 1. device summary order code package packing pd55025-e powerso-10rf (formed lead) tube pd55025s-e powerso-10rf (straight lead) tube PD55015TR-E powerso-10rf (formed lead) tape and reel pd55015str-e powerso-10rf (straight lead) tape and reel www.st.com
contents pd55025-e, pd55025s-e 2/23 doc id 12330 rev 2 contents 1 electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.1 maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.2 thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 static . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.2 dynamic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.3 moisture sensitivity level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 impedance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 4 typical performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 5 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 6 circuit layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 7 common source s-parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 8 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
pd55025-e, pd55025s-e electrical data doc id 12330 rev 2 3/23 1 electrical data 1.1 maximum ratings 1.2 thermal data table 2. absolute maximum ratings (t case = 25c) symbol parameter value unit v (br)dss drain-source voltage 40 v v gs gate-source voltage 20 v i d drain current 7 a p diss power dissipation (@ t c = 70 c) 79 w t j max. operating junction temperature 165 c t stg storage temperature -65 to +150 c table 3. thermal data symbol parameter value unit r thjc junction - case thermal resistance 1.2 c/w
electrical characteristics pd55025-e, pd55025s-e 4/23 doc id 12330 rev 2 2 electrical characteristics t case = +25 o c 2.1 static 2.2 dynamic 2.3 moisture sensitivity level table 4. static symbol test conditions min. typ. max. unit i dss v gs = 0 v ds = 28 v 1 a i gss v gs = 20 v v ds = 0 1 a v gs(q) v ds = 28 v i d = 100 ma 2.0 5.0 v v ds(on) v gs = 10 v i d = 3 a 0.7 0.8 v g fs v ds = 10 v i d = 3 a 2.5 mho c iss v gs = 0 v ds = 12.5 v f = 1 mhz 86 pf c oss v gs = 0 v ds = 12.5 v f = 1 mhz 76 pf c rss v gs = 0 v ds = 12.5 v f = 1 mhz 5.8 pf table 5. dynamic symbol test conditions min. typ. max. unit p out v dd = 12.5 v, i dq = 200 ma f = 500 mhz 25 w g p v dd = 12.5 v, i dq = 200 ma, p out = 25 w, f = 500 mhz 14.5 db h d v dd = 12.5 v, i dq = 200 ma, p out = 25 w, f = 500 mhz 50 % load mismatch v dd = 15.5 v, i dq = 200 ma, p out = 25 w, f = 500 mhz all phase angles 20:1 vswr table 6. moisture sensitivity level test methodology rating j-std-020b msl 3
pd55025-e, pd55025s-e impedance doc id 12330 rev 2 5/23 3 impedance figure 2. current conventions table 7. impedance data freq. (mhz) z in ( )z dl ( ) 175 3.20 - j 4.41 1.56 + j 2.14 480 1.01 - j 1.67 1.06 + j 0.22 500 0.93 - j 1.53 1.12 + j 0.20 520 0.88 - j 1.98 1.07 + j 0.83
typical performance pd55025-e, pd55025s-e 6/23 doc id 12330 rev 2 4 typical performance figure 3. capacitance vs supply voltage figure 4. drain current vs gate source voltage figure 5. gate-source voltage vs case temperature figure 6. output power vs input power 1 10 100 1000 0 4 8 1216202428 vds (v) c (pf) f = 1 mhz crss coss ciss 0 1 2 3 4 5 6 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 vgs (v) id (a ) vds = 10 v 0.94 0.96 0.98 1.00 1.02 1.04 -25 0 25 50 75 100 vgs (v) id (a ) vds = 10 v id = .5 a id = 1 a id = 2 a id = 3 a id = 4 a id = 5 a 0 5 10 15 20 25 30 35 40 45 0.00 1.00 2.00 3.00 4.00 5.00 6.00 pin (w) pout (w) vdd = 12.5 v id q = 200 m a 520 mhz 500 mhz 480 mhz
pd55025-e, pd55025s-e typical performance doc id 12330 rev 2 7/23 figure 7. output power vs input power figure 8. power gain vs. output power figure 9. drain efficiency vs output power f igure 10. input return loss vs output power 0 5 10 15 20 25 30 35 40 45 0123456 pin (w ) pout (w) f = 520 mhz idq = 200 m a vdd = 12.5 v vdd = 13.8 v 0 2 4 6 8 10 12 14 16 18 0 1020304050 pout (w ) gp (db) vdd = 12.5 v idq = 200 m a 520 mhz 500 mhz 480 mhz 0 10 20 30 40 50 60 70 0 1020304050 pout (w ) nd (%) vdd = 12.5 v idq = 200 m a 500 mhz 480, 520 mhz -40 -35 -30 -25 -20 -15 -10 -5 0 0 1020304050 pout (w ) rl (db) vdd = 12.5 v idq = 200 m a 520 mhz 500 mhz 480 mhz
typical performance pd55025-e, pd55025s-e 8/23 doc id 12330 rev 2 figure 11. output power vs bias current figure 12. drain efficiency vs bias current figure 13. output power vs supply voltage figure 14. drain efficiency vs supply voltage 0 5 10 15 20 25 30 35 40 0 200 400 600 800 1000 1200 id q (m a) pout (w) vdd = 12.5 v pin = 0.85 w 520 mhz 500 mhz 480 mhz 0 10 20 30 40 50 60 0 200 400 600 800 1000 1200 idq (m a) nd (%) vdd = 12.5 v pin = 0.85 w 500 mhz 480 mhz 520 mhz 0 5 10 15 20 25 30 35 5 7 9 1113151719 vdd (v) pout (w) idq = 200 m a pin = 0.85 w 520 mhz 500 mhz 480 mhz 0 10 20 30 40 50 60 70 6 8 10 12 14 16 18 vdd (v) nd (%) idq = 200 ma pin = 0.85 w 520 mhz 500 mhz 500 mhz
pd55025-e, pd55025s-e typical performance doc id 12330 rev 2 9/23 figure 15. output power vs gate bias voltage figure 16. output power vs input power (f = 175 mhz) 0 5 10 15 20 25 30 01234 vgs (v) pout (w) vdd = 12.5 v pin = 0.85 w 520 mhz 480 mhz 500 mhz 0 5 10 15 20 25 30 35 40 45 00.511.522.5 pin (w ) pout (w) vdd = 12.5 v idq = 200 m a figure 17. power gain vs output power (f = 175 mhz) figure 18. drain efficiency vs output power (f = 175 mhz) 0 5 10 15 20 25 30 0 1020304050 pout (w ) gp (w) vdd = 12.5 v idq = 200 m a 0 10 20 30 40 50 60 70 80 0 1020304050 pout (w ) nd (%) vdd = 12.5 v idq = 200 m a
typical performance pd55025-e, pd55025s-e 10/23 doc id 12330 rev 2 figure 19. input return loss vs output power (f = 175 mhz) -30 -25 -20 -15 -10 -5 0 0 1020304050 pout (w ) rl (db) vdd = 12.5 v idq = 200 m a
pd55025-e, pd55025s-e test circuit doc id 12330 rev 2 11/23 5 test circuit figure 20. 500 mhz test circ uit schematic (engineering) table 8. test circuit component part list component description b1,b2 ferrite bead c1,c13 300 pf, 100 mil chip capacitor c2,c3,c4,c12,c13,c14 1 to 20 pf trimmer capacitor c6 39 pf atc 100b surface mount ceramic chip capacitor c7, c19 120 pf 100 mil chip capacitor c10, c16 10 f, 50 v electrolytic capacitor c9, c17 0.1 mf, 100 mil chip cap c8, c18 1.000 pf 100 mil chip cap c5, c11 33 pf, 100 mil chip cap l1 56 nh, 7 turn, coilcraft n1, n2 type n flange mount r1 15 , 1 w chip resistor r2 1 k , 1 w chip resistor r3 33 k , 1 w chip resistor z1 0.471? x 0.080? microstrip z2 1.082? x 0.080? microstrip z3 0.372? x 0.080? microstrip z4,z5 0.260? x 0.223? microstrip z6 0.050? x 0.080? microstrip z7 0.551? x 0.080? microstrip z8 0.825? x 0.080? microstrip z9 0.489? x 0.080? microstrip board roger, ultra lam 2000 thk 0.030?, r = 2.55 2oz. ed cu 2 sides.
circuit layout pd55025-e, pd55025s-e 12/23 doc id 12330 rev 2 6 circuit layout figure 21. 500 mhz test circuit figure 22. 500 mhz test circuit photomaster %, $6 =' ' *1'
pd55025-e, pd55025s-e circuit layout doc id 12330 rev 2 13/23 figure 23. 175 mhz test circ uit schematic (engineering) table 9. 175 mhz test circuit component part list component description c1, c6 300 pf chip capacitor c2, c3 91 pf chip capacitor c4, c14 75 pf chip capacitor c5 1-20 pf trimmer capacitor c7 .01 f molded capacitor c8, c13 10 f electrolytic capacitor c9, c12 .1 f chip capacitor c10, c11 1000 pf chip capacitor c15, c16 1200 pf chip capacitor fb1, fb2 ferrite bead r1 33 k chip resistor r2 17 chip resistor r3 15 chip resistor r4 47 chip resistor r5 220 chip resistor l1 5 turn, 16 awg magnet wire, id = .40? , inductor board roger, ultra lam 2000, thk 0.030?, r = 2.55 2oz. ed cu 2 sides. c10 c9 ) c8 r1 c11 c12 c13 ) + v gg + v dd fb2 fb1 r2 c14 c15 r3 c1 c2 c3 r4 c7 r5 l1 c16 c4 c5 c6 rf output rf input c10 c9 ) ) c8 r1 c11 c12 c13 ) + v gg + v dd fb2 fb1 r2 c14 c15 r3 c1 c2 c3 r4 c7 r5 l1 c16 c4 c5 c6 rf output rf input
common source s-parameter pd55025-e, pd55025s-e 14/23 doc id 12330 rev 2 7 common source s-parameter table 10. s-parameter for pd55025s-e (v ds = 12.5 v i d = 500 ma) freq (mhz) is 11 i s11 < is 21 i s 21 < is 12 i s 12 < is 22 i s 22 < 50 0.837 -162 13.33 89 0.018 -1 0.780 -168 100 0.846 -169 6.51 76 0.017 -12 0.803 -172 150 0.862 -171 4.15 66 0.016 -19 0.831 -172 200 0.878 -173 2.93 58 0.015 -26 0.859 -172 250 0.895 -174 2.20 51 0.013 -31 0.874 -172 300 0.910 -174 1.71 45 0.012 -36 0.886 -173 350 0.921 -175 1.36 40 0.010 -40 0.892 -173 400 0.932 -176 1.11 35 0.009 -42 0.897 -175 450 0.941 -177 0.92 31 0.008 -43 0.915 -176 500 0.946 -178 0.78 27 0.007 -44 0.932 -177 550 0.953 -178 0.66 24 0.006 -43 0.946 -178 600 0.957 -179 0.57 21 0.005 -42 0.964 -179 650 0.960 -180 0.50 18 0.004 -39 0.975 -178 700 0.964 180 0.44 16 0.004 -34 0.976 -179 750 0.966 179 0.39 14 0.003 -29 0.981 -179 800 0.968 178 0.95 12 0.002 -15 0.979 -179 850 0.970 178 0.31 10 0.002 -2 0.964 -179 900 0.971 177 0.28 8 0.002 16 0.960 180 950 0.972 177 0.26 6 0.002 34 0.953 179 1000 0.972 176 0.23 5 0.003 45 0.940 178 table 11. s-parameter pd55025s-e (v ds = 12.5 v i d = 1.5 a) freq (mhz) is 11 i s11 < is 21 i s 21 < is 12 i s 12 < is 22 i s 22 < 50 0.876 -164 13.87 90 0.013 1 0.823 -172 100 0.880 -172 6.87 79 0.012 -7 0.838 -175 150 0.887 -174 4.46 71 0.012 -13 0.855 -176 200 0.895 -175 3.22 64 0.011 -18 0.873 -175 250 0.905 -176 2.47 58 0.010 -22 0.879 -175 300 0.915 -176 1.96 52 0.009 -25 0.885 -175 350 0.922 -177 1.60 47 0.009 -28 0.886 -175
pd55025-e, pd55025s-e common source s-parameter doc id 12330 rev 2 15/23 400 0.931 -178 1.32 42 0.008 -30 0.889 -177 450 0.938 -178 1.11 38 0.007 -31 0.906 -178 500 0.942 -179 0.95 34 0.006 -31 0.923 -179 550 0.948 -179 0.82 31 0.005 -30 0.937 -179 600 0.952 -180 0.71 28 0.005 -27 0.956 -179 650 0.954 180 0.63 25 0.004 -22 0.967 -179 700 0.959 179 0.55 22 0.003 -16 0.969 -179 750 0.961 178 0.49 20 0.003 -6 0.973 -179 800 0.963 178 0.45 17 0.003 3 0.970 -179 850 0.966 177 0.40 15 0.003 17 0.956 -180 900 0.967 177 0.36 13 0.003 27 0.952 179 950 0.968 176 0.33 11 0.003 38 0.945 179 1000 0.968 176 0.30 9 0.003 45 0.933 177 table 11. s-parameter pd55025s-e (v ds = 12.5 v i d = 1.5 a) (continued) freq (mhz) is 11 i s11 < is 21 i s 21 < is 12 i s 12 < is 22 i s 22 < table 12. s-parameter for pd55025s-e (v ds = 12.5 v i d = 3 a) freq (mhz) is 11 i s11 < is 21 i s 21 < is 12 i s 12 < is 22 i s 22 < 50 0.890 -165 13.19 91 0.012 2 0.837 -174 100 0.892 -172 6.55 81 0.011 -6 0.846 -176 150 0.898 -174 4.28 73 0.011 -12 0.865 -176 200 0.904 -175 3.11 66 0.010 -15 0.879 -176 250 0.913 -176 2.39 60 0.010 -20 0.883 -176 300 0.921 -177 1.91 54 0.009 -23 0.089 -176 350 0.926 -177 1.57 49 0.008 -25 0.887 -176 400 0.935 -178 1.31 44 0.007 -27 0.889 -177 450 0.941 -179 1.10 40 0.007 -28 0.905 -179 500 0.944 -179 0.94 36 0.006 -27 0.921 -179 550 0.949 -180 0.82 33 0.005 -25 0.936 -180 600 0.953 180 0.71 29 0.004 -21 0.954 180 650 0.955 179 0.63 26 0.004 -17 0.964 -180 700 0.959 179 0.56 24 0.003 -10 0.965 -180 750 0.961 178 0.50 21 0.003 -2 0.968 -180 800 0.963 177 0.45 19 0.003 10 0.966 -179 850 0.966 177 0.41 17 0.003 22 0.952 -180
common source s-parameter pd55025-e, pd55025s-e 16/23 doc id 12330 rev 2 900 0.967 176 0.37 15 0.003 32 0.948 180 950 0.968 176 0.34 15 0.003 41 0.942 179 1000 0.969 175 0.31 11 0.004 49 0.930 177 table 12. s-parameter for pd55025s-e (v ds = 12.5 v i d = 3 a) (continued) freq (mhz) is 11 i s11 < is 21 i s 21 < is 12 i s 12 < is 22 i s 22 < table 13. s-parameter for pd55025s-e (v ds = 13.8 v i d = 3 a) freq (mhz) is 11 i s11 < is 21 i s 21 < is 12 i s 12 < is 22 i s 22 < 50 0.849 -164 13.99 91 0.012 2 0.833 -173 100 0.881 -171 6.94 80 0.011 -6 0.841 -175 150 0.895 -173 4.51 72 0.011 -12 0.857 -175 200 0.903 -175 3.27 65 0.010 -16 0.871 -175 250 0.912 -176 2.50 58 0.010 -21 0.877 -175 300 0.921 -176 1.99 52 0.009 -24 0.882 -175 350 0.927 -177 1.62 47 0.008 -27 0.883 -176 400 0.936 -178 1.35 42 0.007 -29 0.886 -177 450 0.943 -178 1.13 38 0.006 -29 0.904 -178 500 0.946 -179 0.97 34 0.006 -29 0.920 -179 550 0.952 -180 0.83 31 0.005 -26 0.935 -179 600 0.955 180 0.72 27 0.004 -23 0.955 -180 650 0.957 179 0.64 24 0.004 -17 0.965 -179 700 0.961 179 0.56 22 0.003 -8 0.967 -179 750 0.963 178 0.50 19 0.003 2 0.970 -179 800 0.965 178 0.45 17 0.003 14 0.968 -179 850 0.968 177 0.41 15 0.003 27 0.953 -179 900 0.969 176 0.37 13 0.003 36 0.949 180 950 0.970 176 0.34 11 0.003 45 0.943 179 1000 0.971 175 0.31 9 0.003 54 0.930 178
pd55025-e, pd55025s-e package mechanical data doc id 12330 rev 2 17/23 8 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
package mechanical data pd55025-e, pd55025s-e 18/23 doc id 12330 rev 2 note: resin protrusions not included (max value: 0.15 mm per side) figure 24. package dimensions powerso-10rf formed lead table 14. powerso-10rf formed lead (gull wing) mechanical data dim. mm. inch min. typ. max. min. typ. max. a1 0 0.05 0.1 0. 0.0019 0.0038 a2 3.4 3.5 3.6 0.134 0.137 0.142 a3 1.2 1.3 1.4 0.046 0.05 0.054 a4 0.15 0.2 0.25 0.005 0.007 0.009 a0.2 0.007 b 5.4 5.53 5.65 0.212 0.217 0.221 c 0.23 0.27 0.32 0.008 0.01 0.012 d 9.4 9.5 9.6 0.370 0.374 0.377 d1 7.4 7.5 7.6 0.290 0.295 0.298 e 13.85 14.1 14.35 0.544 0.555 0.565 e1 9.3 9.4 9.5 0.365 0.37 0.375 e2 7.3 7.4 7.5 0.286 0.292 0.294 e3 5.9 6.1 6.3 0.231 0.24 0.247 f0.5 0.019 g1.2 0.047 l 0.8 1 1.1 0.030 0.039 0.042 r1 0.25 0.01 r2 0.8 0.031 t 2 deg 5 deg 8 deg 2 deg 5 deg 8 deg t1 6 deg 6 deg t2 10 deg 10 deg % ' , - )o 2 4 ! ! 4 $ 2 2 3eedetail+ $ , - # 3eedetail+ # ! $etail+ 3cale 5 4 4 % & % 2 2 ! 4 $etail+ 3cale  'augeplane % , critical dimensions: - stand-off (a1) - overall width (l)
pd55025-e, pd55025s-e package mechanical data doc id 12330 rev 2 19/23 note: resin protrusions not included (max value: 0.15 mm per side) figure 25. package dimensions powerso-10rf straight lead table 15. powerso-10rf straight lead mechanical data dim. mm. inch min. typ. max. min. typ. max. a1 1.62 1.67 1.72 0.064 0.065 0.068 a2 3.4 3.5 3.6 0.134 0.137 0.142 a3 1.2 1.3 1.4 0.046 0.05 0.054 a4 0.15 0.2 0.25 0.005 0.007 0.009 a0.2 0.007 b 5.4 5.53 5.65 0.212 0.217 0.221 c 0.23 0.27 0.32 0.008 0.01 0.012 d 9.4 9.5 9.6 0.370 0.374 0.377 d1 7.4 7.5 7.6 0.290 0.295 0.298 e 15.15 15.4 15.65 0.595 0.606 0.615 e1 9.3 9.4 9.5 0.365 0.37 0.375 e2 7.3 7.4 7.5 0.286 0.292 0.294 e3 5.9 6.1 6.3 0.231 0.24 0.247 f0.5 0.019 g1.2 0.047 r1 0.25 0.01 r2 0.8 0.031 t1 6 deg 6 deg t2 10 deg 10 deg , - # )o % 2 - , ' $ 5 ! 4 4 % % & 2 2 # ! % 4 2 ! ! $ 4 2 critical dimensions: - overall width (l)
package mechanical data pd55025-e, pd55025s-e 20/23 doc id 12330 rev 2 figure 26. tube information
pd55025-e, pd55025s-e package mechanical data doc id 12330 rev 2 21/23 figure 27. reel information
revision history pd55025-e, pd55025s-e 22/23 doc id 12330 rev 2 9 revision history table 16. document revision history date revision changes 29-apr-2006 1 initial release. 03-jun-2010 2 added: table 6: moisture sensitivity level .
pd55025-e, pd55025s-e doc id 12330 rev 2 23/23 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of PD55015TR-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X