Part Number Hot Search : 
IRL8113L 15HM5 641170 2832658 FDLL700 P50NE GIB1402 1A221M
Product Description
Full Text Search
 

To Download NMTG-S12864IMNHSGW-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lcd module specification for customer?s approval customer : module type : nmtg-s12864imnhsgw approved by: (for customer use only) approved by checked by made by web : http://www.microtips.com.tw e-mail : macros@microtips.com.tw tel: 886-2-2695-3133 fax :886-2-2695-8625 microtips technology microtips technology inc. ?h?? 16931?12 12f, no 31, lane 169, kang ning st. hsi-chih, taipei hsien, taiwan, r.o.c. ? 2007/1/19 ? 2007/1/19 ? ? 2007/1/19 ? wLc 2007/1/19
2 contents item page features 3 lcd module drawing 4 general specification 5 absolute maximum rating 5 electrical char acteristic 6 optical characteristic 6 mechanical specification 7 interface pin assignment 8 block diagram 11 power supply diagram 11 timing characteristics 12 display commands 14 memory mapping 15 address configuration of display data ram 16 reliability test 17 appearance check 17 handling precautions 18 lcd product quality standard 19 revision history 20
3 specification for liquid crystal display module model no. : nmtg-s12864imnhsgw view direction ; 6 o?clock ? 12 o?clock ? fstn positive ? fstn negative lcd type ? stn gray ? stn yellow green ; stn blue rear polarizer ? reflective ? transflective ; transmissive ; internal power ? el ; 5v input backlight type ; led ? external power ? ccfl ? 24v input backlight color ; white ? amber ? blue green ? yellow green ? other temperature range ? normal ; wide ? super wide el driver ic ? build-in ; not build-in dc-to-dc ? with ; without to be very careful ! the lcd driver ics are made by cmos process, which ar e very easy to be damaged by static charge, make sure the us er is grounded when handling the lcm.
4
5 general specification item content display resolution 128(w) 64(h) dimensional outline(mm) 93.0(w) 70.0(h) 14.5max(d) display mode transmissive type/ negative display circuit common-driver ic, segment-driver ic with build-in sram interface data (d0 d7), d/i, r/w, e, rst, cs1, cs2, v ee , v adj absolute maximun rating (1) electrical absolute ratings item symbol min. max. unit note power supply for logic v dd -v ss -0.3 6.5 volt power supply for lcd v dd -v ee -0.3 19.0 volt input voltage v i -0.3 v dd volt supply current for led backlight i led - 780 ma (2) environmental absolute maximum ratings normal temperature wide temperature operating storage operating storage item max, min. max, min. max, min. max, min. ambient temperature 0 +50 -20 +70 -20 +70 -30 +80 humidity(without condensation) note 2,4 note 3,5 note 4,5 note 4,6 note 2 ta Q 50 : 80% rh max ta>50 : absolute humidity must be lower than the humidity of 85%rh at 50 note 3 ta at -20 will be<48hrs at 70 will be <120hrs when humidity is higher than 75%. note 4 background color changes slightly depe nding on ambient temperature. this phenomenon is reversible. note 5 ta Q 70 : 75rh max ta>70 : absolute humidity must be lower than the humidity of 75%rh at 70 note 6 ta at -30 will be <48hrs, at 80 will be <120hrs when humidity is higher than 75%.
6 electrical characteristics item symbol condition min. typ max. unit note power supply for logic v dd -v ss - 4.5 5.0 5.5 volt - v il l level v ss 0.2 v dd - volt - input voltage v ih h level 0.8 v dd v dd - volt - t a -20 10.1 10.7 11.3 t a 25 9.7 10.3 10.9 lcm recommend lcd module driving voltage v dd ?v o t a 70 9.6 10.2 10.8 volt - i dd (led b/l off) - 1.5 1.8 i ee - 0.6 1.0 power supply current for lcm i led (led b/l on) v dd =5.0v t a =25 v dd -v o =10.3v v led =4.0v - 60 - ma - optical characteristics item symbol condition min. typ max. unit note f (12 o?clock) - 35 - b (6 o?clock) - 45 - l (9 o?clock) - 30 - viewing angle range r (3 o?clock) when cr R 2 - 30 - degree 9,10 rise time t r 110 165 fall time t f 250 300 ms contrast cr v dd -v o =10.3v ta=25 - 5.34 - 7
7 mechanical specification product no. nmtg-s12864imnhsgw module size 93.0(w) 70.0(h) 14.5max(d) dot size 0.50(w)mm 0.50(h)mm dot pitch 0.52(w)mm 0.52(h)mm resolution 128(w) 64(h) dots matrix duty ratio 1/64 duty stn ? gray mode ? yellow mode ; blue mode fstn ? black & white(normally white/positive image) ? black & white(normally white/negative image) lcd display mode rear polarizer: ? reflective ? transflective ; transmissive ? transflective(high transmissive) viewing direction ; 6 o?clock ? 12 o?clock ? 3 o?clock ? 9 o?clock backlight ? w/o ? ccfl ? el ; led controller ks0108 or compatible dc/dc converter optional el driver without
8 interface pin assignment pin no. pin out i/o description 1 v ss - gnd 2 v dd - logic supply voltage 3 v o - power supply for lcd panel, tuning from v dd -v ee 4 d/i i data/instruction d/i=high indicates that data of db0~db7 is display data. d/i=low indicates that data of db0~db7 is instruction. 5 r/w i read/write r/w=high data of db0~db7 can be read by cpu. r/w=low data of db0~db7 can be written into lcd driver ic at the falling edge of e when cs1 and cs2 is high. 6 e i enable when write(r/w=low) data of db0~db7 is latched at the fall of e when read(r/w=high) data is read while e is at high level. 7 | 14 db0 | db7 i/o data bus. 3-state i/o common terminal. 15 cs1 i chip-select for the left half of the display. active high. 16 cs2 i chip-select for the right half of the display. active high. 17 res i setting the res signal to low le vel can initialize the following registers. 1. on/off register 0 set(display off) 2. display start line register 0 se t(display starts from line 0) after releasing reset, this condition can be changed only by software. 18 v ee - power supply for lcd driving circuit. please refer page 11 for dc-to-dc connecting 19 bkl a - 20 bkl k power supply for backlight. (4.0v/ 60 ma dc for led backlight, ) jumper explanation:
9 [note 7] definition of operation voltage (vop) [note 8] definition of response time (tr, tf) conditions: operating voltage : vop viewing angle( , ): 0 , 0 frame frequency : 64 hz driving wave form : 1/n duty, 1/a bias [note 9] definition of viewing direction driving voltage(v) intensity cr max 100 vop selected wave n on-selected wave [positive type] cr = loff / lon driving voltage(v) intensity cr max 100 vop selected wave non-selected wave [negative type] cr = lon / loff intensity 90 100 tr 10 tf non-selected conition non-selected conition selected conition [positive type] intensity 90 100 tr 10 tf non-selected conition non-selected conition selected conition [negative type]
10 [note 10] definition of viewing angle [note 11] description of measuring equipment
11 block diagram power supply
12 timing characteristics mpu interface timing: (v ss =0v, v dd =4.5v~5.5v, t a =0 to 50 ) item symbol min. typ. max. unit e cycle time t c 1000 ns e high level width t wh 450 ns e low level width t wl 450 ns e rise time t r 25 ns e fall time t f 25 ns address setup time t asu 140 ns address hold time t ah 10 ns data setup time t dsu 200 ns data delay time t d 320 ns data hold time(write) t dhw 10 ns data hold time(read) t dhr 20 ns
13
14 display commands the display commands shown below control the inte rnal state of the lcd driver ics. commands are sent from cpu to lcd m odule for the display control. command rs r/w db7 db6 db5 db4 db3 db2 db1 db0 function display on/off 0 0 0 0 1 1 1 1 1 1/0 to control the display on or off. the internal status and display ram data are not affected. 0:off, 1:on set address (y address) 0 0 0 1 y address (0~63) to set the y address in the y address counter. set page (x address) 0 0 1 0 1 1 1 page(0~7) to set the x address at the x address register. display start line 0 0 1 1 display start line(0~63) to indicate the display data ram displayed at the top o f the screen. status read 0 1 busy 0 on/ off rese t 0 0 0 0 to read status of the lcd controller ic: busy 0:ready, 1: in operation on/off: 0:display on, 1:display off reset: 0:normal, 1:reset write display data 1 0 write data to write data into display data ram. y address is increased by 1 after this command. read display data 1 1 read data to read data from display data ram to the data bus.
15 memory mapping relationship between ram data and display ram y address(y0 ~y127) data line 0 0 1 1 1 0 0 00 1000 db0(lsb) line 1 1 0 0 0 1 0 00 1 100 db1 line 2 1 0 0 0 1 0 00 10 10 db2 line 3 1 0 0 0 1 0 00 10 10 db3 1 1 1 1 1 0 00 1000 db4 1 0 0 0 1 0 1 1 1000 db5 1 0 0 0 1 0 1 1 1000 db6 1st page(x=0) line 7 0 0 0 0 0 0 00 0000 db7(msb) line 8 1 1 1 1 0 0 0 1 1 100 db0(lsb) line 9 1 0 0 0 1 0 0 1 00 10 db1 line 10 1 0 0 0 1 0 0 1 00 10 db2 1 1 1 1 0 0 1 1 10 10 db3 1 0 0 0 1 0 0 1 00 10 db4 1 0 0 0 1 0 0 1 00 10 db5 1 1 1 1 0 0 0 1 1 100 db6 2nd page(x=1) line 15 0 0 0 0 0 0 00 0000 db7(msb) line 56 1 0 0 0 1 0 00 0000 db0(lsb) 1 0 0 0 1 0 00 0000 db1 1 0 0 0 1 0 0 1 00 10 db2 1 1 1 1 1 0 10 10 10 db3 1 0 0 0 1 0 10 0 100 db4 1 0 0 0 1 0 10 0 100 db5 line 62 1 0 0 0 1 0 0 1 10 10 db6 8th page(x=7) line 63 0 0 0 0 0 0 db7(msb)
16 address configuration of display data ram y address 0 1 2 3 ????????126 127 x=0 db0 to db7 page0 line0 to line7 x=1 db0 to db7 page1 line8 to line15 x=2 db0 to db7 page2 line16 to line23 x=3 db0 to db7 page3 lint24 to line31 x=4 db0 to db7 page4 line32 to line39 x=5 db0 to db7 page5 line40 to line47 x=6 db0 to db7 page6 line48 to line55 x=7 db0 to db7 page7 line56 to line63 address configuration of display data ram
17 reliability test no item conditions note 1 high temp. operation 70 240 hr 2 high temp. storage 80 240 hr 3 low temp. operation -20 240 hr 4 low temp. storage -30 240 hr 5 high temp./humid storage 60 90%rh 240 hr 6 thermal shock 0 ,30min +50 ,30min 10 cycles 7 vibration test ( iec-68-2-6 ) frequency : 10~55 hz duration : 20 times, 6 min/time amplitude : 0.75 mm - 8 shock ( iec 68-2-27) duration : 11 ms acceleration : 100g - x, y, z direction appearance check condiiton of appearance check: (1) specimen shall be checked by eyes in di stance of 30cm under 40w-fluorescence lamp. (2) checking direction shall be in 45 degree from perpendicular line op specimen surface.
18 handling precautions (1) treat polarizer very carefully si nce it is easy to be damaged. (2) when cleaning the display surface, use soft cl oth (e.g. gauss) with a solvent (recommended below) and wipe lightly. ethyl alcohol iso-prcolol do not wipe the display surface with dry or hard materials that will damage the polarizer surface. do not use the following solvents: water ketone aromatics (3) direct current causes electro-chemical reaction with remarkable degradation of the display quality. give careful consideration to preven t direct current at on/off timing and during operation. (4) avoid strong shock and drop from the height. (5) to prevent lcd panels from degradation, do not operate or store them exposed directly to sunshine or high temperature/humidity. (6) give careful consideration to avoid electrical static discharg e with causes uneven contrast. (7) even a small condensation on the contact pads (terminals) causes electro-chemical reaction which makes missing row and column. give caref ul attention to avoid condensation. when assembling with zebra connector, clean the surface of the pads w ith alcohol and keep the air very clean.
19 lcd product quality standard display appearance no item criteria 1 inclusions (black spot, white spot, dust) (1) round type diameter mm(a*) no of defect* a Q 0.20 neglect 0.20 a Q 0.35 5max 0.35 a none (2) linear type length mm(l) width mm(w) no. of defect na w Q 0.03 neglect l Q 3 0.03 w Q 0.08 6 3 l 0.08 w none 2 scratch 1. scratch on protective film is permitted. 2. scratch on polarizer shall be as follow: (1) round type diameter mm(a*) no of defect a Q 0.15 neglect 0.15 a Q 0.20 2 max 0.20 a none (2) linear type be judged bye 1.-(2) linear type 3 dent diameter 1.5mm 4 bubble not exceeding 0.5mm average diameter is acceptable between glass and polarizing film 5 pin hole (a+b)/2 Q 0.15mm maximum number: ignored 0.15 (a+b)/2 Q 0.20mm maximum number:10 6 dot defect (a+b)/2 Q 0.20mm maximum number: ignored 0.20 (a+b)/2 Q 0.30mm maximum number:5 x=width 7 contrast irregularity(spot) diameter spec no of defect a Q 0.50mm neglect 0.50 a Q 0.75 5 0.75 a Q 1.00 3 1.00 a none 8 dot width design width 15% 9 color tone and uniformity obvious uneven color is not permitted
20 revision history revision content page date the lcd module is compliant with rohs 3-19 2007/1/19


▲Up To Search▲   

 
Price & Availability of NMTG-S12864IMNHSGW-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X