Part Number Hot Search : 
FSQ0765R APA2603 P4435 CY7C136 D74ALV V375B LM2931 BAV21
Product Description
Full Text Search
 

To Download NEVH10M450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic 160v to 450v nevh, nehh series 5 nte electronics, inc.  voice (800) 631 - 1250 (973) 748 - 5089  fax (973) 748 - 6224  http://www.nteinc.com subminiature high voltage (nevh: radial lead, nehh: axial leads) the nevh and nehh series subminiature aluminum electrolytic capacitors are ideal for polarized capacitor applications requiring small size, high capacitance, high voltage, low cost, and depend- ability over broad temperature ranges. ratings capacitance range: 1.0 f to 470 f tolerance: - 10%, +75% voltage range: 160v to 450v performance specifications operating temperature range: ? for 160v and 250v: -40 c to +85 c ( - 40 f to +185 f) ? for 350v and 450v: -25 c to +85 c ( - 13 f to +185 f) leakage current: i 0.02cv + 100 a (measured after 3 minutes of applied voltage) i = leakage current ( a) c = nominal capacitance ( f) v = rated voltage (v) capacitance tolerance (m): at +20 c (+68 f), 120h z capacitance values through 4.7 f - 10% to +75% capacitance values above 4.7 f - 10% to +50% dissipation factor: at +20 c (+68 f),120h z rated voltage 160, 250, and 350 450 1.0 f to 470 f 0.20 0.25 impedance ratio at low temperature: 120h z comparison z wv 160 - 250 350 450 z @ - 25 c ( - 13 f)/ z @ +20 c (+68 f) 2 2 2 z @ - 40 c ( - 40 f)/ z @ +20 c (+68 f) 4 - - surge voltage: dc rated voltage 160 250 350 450 surge voltage 200 300 400 500 load life: 1000 12hrs @ +85 c (+185 f), at rated voltage leakage current: within values specified above dissipation factor: within 200% of specified value capacitance change max: see table rated voltage capacitance change max 160v to 450v within 20% of the initial value shelf life: 1000 hrs @ +85 c (+185 f), no voltage applied leakage current: within 200% of specified value dissipation factor: within 150% of specified value capacitance change max: within 20% of initial value mechanical specifications lead solderability: meets the requirements of mil - std 202, method 208 marking: consists of series type, nominal capacitance, rated voltage, temperature range, anode and/or cathode identification, vendor identification. recommended cleaning solvents: methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. halo- genated hydrocarbon cleaning agents such as freon (mf, tf, or tc), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor. case size and dimensions: d? ? = d ? + 0.5 max l? = l + 1.0 max at d ? 8.0 l? = l + 2.0 max at d ? 10.0 d? ? = d ? + 0.5 max l? = l + 1.0 max at d ? 8.0 l? = l + 2.0 max at d ? 10.0 nevh series nehh series (insulating bar = negative) insulating sleeve l 35.0 min 35.0 min l? 2.3 max d ? d ? d? ? d ? d? ? insulating sleeve d ? l l? 5.0 min 18.0 min a 0.5    ordering information nevh 47 m 160 series capacitance tolerance voltage
nevh, nehh series aluminum electrolytic 160v to 450v 6 nte electronics, inc.  voice (800) 631 - 1250 (973) 748 - 5089  fax (973) 748 - 6224  http://www.nteinc.com nevh series (radial type) dimensions: diameter (d ?) x length (l): mm wv cap ( f) 160 250 350 450 1.0 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 2.2 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 3.3 8 x 11.5 10 x 12.5 10 x 16 10 x 20 4.7 8 x 11.5 10 x 12.5 10 x 16 13 x 20 10 10 x 12.5 10 x 20 13 x 21 13 x 25 22 10 x 20 13 x 25 13 x 25 16 x 31.5 33 13 x 21 13 x 25 16 x 31.5 18 x 35.5 47 13 x 25 16 x 25 18 x 36 22 x 35 100 16 x 25 18 x 36 22 x 35 25 x 40 220 18 x 35 330 22 x 35 470 22 x 40 * these dimensions are for reference only, please consult the factory for actual size. nevh series (radial type) mechanical specifications: mm outside diameter (d ?) 6.3 8 10 13 16 18 22 25 lead spacing (a) 2.5 3.5 5 5 7.5 7.5 10 12.5 lead diameter (d ?) 0.5 0.6 0.6 0.6 0.8 0.8 0.8 1.0 * these dimensions are for reference only, please consult the factory for actual size. nehh series (axial type) dimensions: diameter (d ?) x length (l): mm wv cap ( f) 160 250 350 450 1.0 6.3 x 16 8 x 16 8 x 16 10 x 20 2.2 8 x 16 8 x 20 10 x 20 10 x 20 3.3 8 x 16 10 x 20 10 x 20 10 x 20 4.7 8 x 20 10 x 20 10 x 20 13 x 25 10 10 x 25 10 x 20 13 x 25 13 x 30 22 10 x 20 13 x 25 13 x 30 16 x 30 33 13 x 25 13 x 30 16 x 30 16 x 40 47 13 x 30 16 x 30 16 x 40 16 x 40 100 16 x 30 16 x 40 18 x 40 22 x 40 220 22 x 40 330 25 x 52 470 22 x 52 * these dimensions are for reference only, please consult the factory for actual size. nehh series (axial type) mechanical specifications: mm outside diameter (d ?) 6.3 8 10 13 16 18 22 25 lead diameter (d ?) 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 * these dimensions are for reference only, please consult the factory for actual size.


▲Up To Search▲   

 
Price & Availability of NEVH10M450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X