Part Number Hot Search : 
XCL200H5 APTM5 4504B AK4381 AK4373 1N4573 51F3A PE90GB80
Product Description
Full Text Search
 

To Download MKT469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28107 for technical questions contact: lmcaps .roeselare@visha y .com www.vishay.com revision: 29-aug-03 1 mkt 469 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type applications blocking and coupling. bypass and energy reservoir marking c-value; tolerance; rated voltage; manufacturer?s symbol; code for dielectric material and construction dielectric polyester film electrodes vacuum deposited aluminium coating flame retardant epoxy material (ul-class 94 v-0) construction wound mono construction leads tinned wire capacitance range (e12 series) 0.001 to 1.0 f capacitance tolerance 10%; 5% rated (dc) voltage 100 v; 250 v; 400 v; 630 v rated (ac) voltage 63 v; 160 v; 220 v; 250 v climatic category 55/105/56 rated temperature 85 c maximum application temperature 105 c reference specifications iec 60384-2 p erformance grade grade 1 (long life) materials qualified in accordance with ul94 v-0 features available taped and loose in box detail specification for more detailed data and test requirements see ?ype detail specification hqn-384-02/102 168x12(halfpage) 168x12(halfpage) 1.3 1.5 l l t h d t p 0.4 seating plane (1) w dimensions in mm. (1) hole ? 1.0 for d t = 0.6 mm.
www.vishay.com for technical questions contact: lmcaps .roeselare@visha y .com document number: 28107 2 revision: 29-aug-03 mkt 469 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type composition of catalog number specific reference data description value t angent of loss angle: at 1 khz at 10 khz at 100 khz c 0.1 f 75 10 ? 4 120 10 ? 4 200 10 ? 4 0.1 f < c 0.47 f 75 10 ? 4 120 10 ? 4 225 10 ? 4 0.47 f < c 1.0 f 75 10 ? 4 120 10 ? 4 ? rated voltage pulse slope (du/dt) r at 100 v (dc) at 100 v (dc) at 250 v (dc) at 400 v (dc) at 630 v (dc) 30 v/ s 120 v/ s 170 v/ s 120 v/ s r between leads, for c 0.33 f: at 100 v; 1 minute > 30000 m ? > 30000 m ? at 500 v; 1 minute > 30000 m ? rc between leads, for c > 0.33 f at 100 v; 1 minute > 5 000 s r between interconnecting leads and casing; 100 v; 1 minute > 30000 m ? > 30000 m ? > 30000 m ? > 30000 m ? withstanding (dc) voltage (cut off current 10 ma); r ise time 100 v/s 160 v; 1 minute 400 v; 1 minute 640 v; 1 minute 1008 v; 1 minute withstanding (dc) voltage between leads and case 200 v; 1 minute 500 v; 1 minute 800 v; 1 minute 1260 v; 1 minute t ype packaging lead configuration on request c-tol 100 v 250 v 400 v 630 v mkt 469 loose in box lead length 4.0 + 1.0/ ? 0.5 mm 10% 25 45 55 65 5% 26 46 56 66 lead length 22.0 4.0 mm 10% 21 41 51 61 5% 22 42 52 62 taped on reel h = 18.5 mm; p 0 = 12.7 mm; reel diameter = 500 mm 10% 28 48 58 68 5% 29 49 59 69 2222 469 xx xx x t ype and pitches 469 10.0 mm multiplier (nf) 0.1 2 1 3 10 4 100 5 capacitance (numerically) example: 104 = 10 x 10 = 100 nf
document number: 28107 for technical questions contact: lmcaps .roeselare@visha y .com www.vishay.com revision: 29-aug-03 3 mkt 469 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents u rdc = 100 v; u rac = 63 v u rdc = 250 v; u rac = 160 v c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 469 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.056 4.0 9.3 12.5 0.4 25563 2 000 1500 1500 0.068 25683 0.082 25823 0.1 25104 0.12 4.3 9.7 12.5 0.5 25124 2000 1500 1500 0.15 3.9 9.2 12.5 0.4 25154 2000 1500 1500 0.18 4.2 9.5 12.5 0.4 25184 2000 1500 1500 0.22 4.5 9.9 12.5 0.5 25224 2000 1500 1300 0.27 4.2 9.5 12.5 0.4 25274 2000 1500 1500 0.33 4.6 9.9 12.5 0.5 25334 2000 1500 1300 0.39 4.0 9.3 12.5 0.4 25394 2000 1500 1500 0.47 4.2 9.5 12.5 0.4 25474 2000 1500 1500 0.56 4.6 9.9 12.5 0.5 25564 2000 1500 1300 0.68 5.0 10.3 12.5 0.5 25684 1500 1250 1200 0.82 5.5 10.8 12.5 0.6 25824 1500 1000 1100 1.0 6.0 11.3 12.5 0.6 25105 1250 1000 1000 c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 469 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.027 4.2 9.5 12.5 0.4 45273 2000 1500 1500 0.033 4.6 9.9 12.5 0.5 45333 2000 1500 1300 0.039 4.0 9.3 12.5 0.4 45393 2000 1500 1500 0.047 4.1 9.4 12.5 0.4 45473 2000 1500 1500 0.056 4.0 9.3 12.5 0.4 45563 2000 1500 1500 0.068 4.1 9.4 12.5 0.4 45683 2000 1500 1500 0.082 4.4 9.7 12.5 0.5 45823 2000 1500 1500 0.1 4.0 9.3 12.5 0.4 45104 2000 1500 1500 0.12 4.3 9.7 12.5 0.5 45124 2000 1500 1500 0.15 4.8 10.1 12.5 0.5 45154 2000 1250 1300 0.18 5.2 10.5 12.5 0.5 45184 1500 1000 1200 0.22 5.8 11.1 12.5 0.6 45224 1500 1000 1100
www.vishay.com for technical questions contact: lmcaps .roeselare@visha y .com document number: 28107 4 revision: 29-aug-03 mkt 469 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type u rdc = 400 v; u rac = 220 v u rdc = 630 v; u rac = 250 v c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 469 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.001 4.5 9.9 12.5 0.5 55102 2 000 1500 1300 0.0012 55122 0.0015 55152 0.0018 55182 0.0022 4.0 9.3 12.5 0.4 55222 2000 1500 1500 0.0027 4.3 9.7 12.5 0.5 55272 2000 1500 1500 0.0033 4.6 9.9 12.5 0.5 55332 2000 1500 1300 0.0039 4.0 9.3 12.5 0.4 55392 2000 1500 1500 0.0047 4.1 9.5 12.5 0.4 55472 2000 1500 1500 0.0056 4.6 9.9 12.5 0.5 55562 2000 1500 1300 0.0068 4.2 9.5 12.5 0.4 55682 2000 1500 1500 0.0082 4.6 9.9 12.5 0.5 55822 2000 1500 1300 0.01 4.1 9.4 12.5 0.4 55103 2000 1500 1500 0.012 4.5 9.9 12.5 0.5 55123 2000 1500 1300 0.015 4.1 9.4 12.5 0.4 55153 2000 1500 1500 0.018 4.5 9.9 12.5 0.5 55183 2000 1500 1300 0.022 4.0 9.3 12.5 0.4 55223 2000 1500 1500 0.027 4.2 9.5 12.5 0.4 55273 2000 1500 1500 0.033 4.6 9.9 12.5 0.5 55333 2000 1500 1300 0.039 5.0 10.3 12.5 0.5 55393 1500 1250 1200 0.047 4.1 9.4 12.5 0.4 55473 2000 1500 1500 0.056 4.4 9.7 12.5 0.5 55563 2000 1500 1500 0.068 4.8 10.1 12.5 0.5 55683 2000 1250 1300 0.082 5.4 10.8 12.5 0.6 55823 1500 1000 1200 0.1 5.7 11.0 12.5 0.6 55104 1500 1000 1100 c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 469 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.01 4.1 9.4 12.5 0.4 65103 2000 1500 1500 0.012 4.5 9.9 12.5 0.5 65123 2000 1500 1300 0.015 4.9 10.2 12.5 0.5 65153 2000 1250 1200 0.018 5.4 10.8 12.5 0.6 65183 1500 1000 1100 0.022 4.8 10.1 12.5 0.5 65223 2000 1250 1300 0.027 5.3 10.7 12.5 0.6 65273 2000 1000 1200 0.033 5.9 11.2 12.5 0.6 65333 1500 1000 1100
document number: 28107 for technical questions contact: lmcaps .roeselare@visha y .com www.vishay.com revision: 29-aug-03 5 mkt 469 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents maximum rms voltage (sinewave) as a function of frequency t amb 85 c, 100 vdc ac voltage (v) 10 2 10 1 10 0 f (hz) 10 2 10 3 10 4 10 5 10 6 220 nf 1.0 f 56 nf ac voltage (v) 10 2 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 5 85 c < tamb 105 c, 100 vdc 220 nf 1.0 f 56 nf 27 nf 82 nf t amb 85 c, 250 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 6 10 2 220 nf 10 5 ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 6 10 2 10 5 85 c < tamb 105 c, 250 vdc 27 nf 82 nf 220 nf 10 nf 56 nf t amb 85 c, 400 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 6 10 2 100 nf 10 5 85 c < tamb 105 c, 400 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 6 10 2 10 5 10 nf 56 nf 100 nf
www.vishay.com for technical questions contact: lmcaps .roeselare@visha y .com document number: 28107 6 revision: 29-aug-03 mkt 469 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 6 10 2 10 5 10 nf 33 nf t amb 85 c, 630 vdc ac voltage (v) 10 3 10 1 10 0 f (hz) 10 1 10 2 10 3 10 4 10 6 10 2 10 5 33 nf 10 nf 85 c < tamb 105 c, 630 vdc capacitance f (hz) 10 2 10 3 10 4 10 5 ? c/c (%) 2 0 -1 -2 -3 1 typical 1 khz, 1 v -60 ? c/c (%) 6 2 0 -2 -4 -6 4 -20 20 60 100 t amb ( c) min. max. 400v - 630v 250v 100v impedance impedance ( ? ) 10 3 10 -2 10 1 f (hz) 10 -1 10 0 10 4 10 5 10 6 10 7 10 8 630v; 10nf 250v; 100nf 100v; 1.0 f


▲Up To Search▲   

 
Price & Availability of MKT469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X