Part Number Hot Search : 
CMP04 DM74S253 JANTX1 MAX695 NTE104 GA16A A5800 BPC25
Product Description
Full Text Search
 

To Download MKT369 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28133 for technical questions contact: lmcaps .roeselare@visha y .com www.vishay.com revision: 29-aug-03 1 mkt 369 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type applications blocking and coupling. bypass and energy reservoir marking c-value; tolerance; rated voltage dielectric polyester film electrodes vacuum deposited aluminium coating flame retardant epoxy material (ul-class 94 v-0) construction wound mono construction leads tinned wire capacitance range (e12 series) 0.001 to 1.0 f capacitance tolerance 10%; 5% rated (dc) voltage 63 v; 100 v; 250 v; 400 v; 630 v rated (ac) voltage 40 v; 63 v; 160 v; 220 v; 250 v climatic category 55/105/56 rated temperature 85 c maximum application temperature 105 c reference specifications iec 60384-2 p erformance grade grade 1 (long life) features available taped on reel and loose in box detail specification for more detailed data and test requirements see ?ype detail specification hqn-384-02/101 168x12(halfpage) 168x12(halfpage) 1.3 1.5 l l t h d t p 0.4 seating plane (1) w dimensions in mm. (1) hole ? 1.0 for d t = 0.6 mm.
www.vishay.com for technical questions contact: lmcaps .roeselare@visha y .com document number: 28133 2 revision: 29-aug-03 mkt 369 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type composition of catalog number specific reference data description value t angent of loss angle: at 1 khz at 10 khz at 100 khz c 0.47 f 75 10 ? 4 130 10 ? 4 300 10 ? 4 0.47 f < c 1.0 f 75 10 ? 4 130 10 ? 4 225 10 ? 4 c 0.1 f 75 10 ? 4 130 10 ? 4 300 10 ? 4 rated voltage pulse slope (du/dt) r at 63 v (dc) at 100 v (dc) at 250 v (dc) at 400 v (dc) at 630 v (dc) 30 v/ s 28 v/ s 70 v/ s 110 v/ s 70 v/ s r between leads, for c 0.33 f: at 10 v; 1 minute > 15000 m ? at 100 v; 1 minute > 15000 m ? > 30000 m ? > 30000 m ? at 500 v; 1 minute > 30000 m ? rc between leads, for c > 0.33 f: at 10 v; 1 minute > 5 000 s at 500 v; 1 minute > 10000 s r between interconnecting leads and casing; at 10 v; 1 minute > 30000 m ? at 100 v; 1 minute > 30000 m ? > 30000 m ? > 30000 m ? at 500 v; 1 minute > 30000 m ? withstanding (dc) voltage (cut off current 10 ma); r ise time 100 v/s 100 v; 1 minute 160 v; 1 minute 400 v; 1 minute 640 v; 1 minute 1008 v; 1 minute withstanding (dc) voltage between leads and case 200 v; 1 minute 200 v; 1 minute 500 v; 1 minute 800 v; 1 minute 1260 v; 1 minute t ype packaging lead configuration on request c-tol 63 v 100 v 250 v 400 v 630 v 369 loose in box straight leads 4.0 + 1.0/ ? 0.5 mm 10% 15 25 45 55 65 5% 16 26 46 56 66 straight leads 22.0 4.0 mm 10% 11 21 41 51 61 5% 12 22 42 52 62 taped on reel h = 18.5 mm; p 0 = 12.7 mm; reel diameter 500 mm 10% 18 28 48 58 68 5% 19 29 49 59 69 2222 369 xx xx x t ype and pitches 369 10.0 mm multiplier (nf) 0.1 2 1 3 10 4 100 5 capacitance (numerically) example: 104 = 10 x 10 = 100 nf
document number: 28133 for technical questions contact: lmcaps .roeselare@visha y .com www.vishay.com revision: 29-aug-03 3 mkt 369 metallized polyester film capacitors mkt radial epoxy lacquered type vishay bccomponents u rdc = 63 v; u rac = 40 v u rdc = 100 v; u rac = 63 v u rdc = 250 v; u rac = 160 v c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 369 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.22 4.2 9.3 12.5 0.4 15224 2000 1000 1300 0.27 3.8 9.0 12.5 0.4 15274 2000 1000 1300 0.33 4.1 9.3 12.5 0.4 15334 2000 1000 1300 0.39 4.0 9.2 12.5 0.4 15394 2000 1000 1300 0.47 4.3 9.5 12.5 0.5 15474 2000 1000 1200 0.56 4.7 9.8 12.5 0.5 15564 2000 1000 1200 0.68 5.1 10.2 12.5 0.5 15684 2000 1000 1100 0.82 5.5 10.7 12.5 0.6 15824 2000 1000 1000 1 6.0 11.1 12.5 0.7 15105 2000 1000 900 c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 369 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.056 4.0 9.1 12.5 0.4 25563 2 000 1000 1500 0.068 25683 0.082 3.7 8.8 12.5 0.4 25823 2000 1000 1500 0.1 4.0 9.0 12.5 0.4 25104 2000 1000 1500 0.12 4.3 9.3 12.5 0.4 25124 2000 1000 1500 0.15 3.9 8.9 12.5 0.4 25154 2000 1000 1500 0.18 4.2 9.2 12.5 0.5 25184 2000 1000 1300 0.22 4.5 9.4 12.5 0.5 25224 2000 1000 1200 c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 369 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.027 4.2 8.7 12.5 0.4 45273 2000 1000 1500 0.033 4.6 8.8 12.5 0.5 45333 2000 1000 1300 0.039 4.0 8.8 12.5 0.4 45393 2000 1000 1500 0.047 4.5 9.0 12.5 0.5 45473 2000 1000 1500 0.056 4.6 8.8 12.5 0.5 45563 2000 1000 1300 0.068 4.6 9.2 12.5 0.5 45683 2000 1000 1300 0.082 4.4 9.4 12.5 0.5 45823 2000 1000 1200 0.1 4.7 9.7 12.5 0.5 45104 2000 1000 1200
www.vishay.com for technical questions contact: lmcaps .roeselare@visha y .com document number: 28133 4 revision: 29-aug-03 mkt 369 vishay bccomponents metallized polyester film capacitors mkt radial epoxy lacquered type u rdc = 400 v; u rac = 220 v u rdc = 630 v; u rac = 250 v c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 369 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.001 4.5 8.7 12.5 0.5 55102 2000 1000 1500 0.0012 4.5 9.0 12.5 0.5 55122 2000 1000 1500 0.0015 4.5 8.8 12.5 0.5 55152 2000 1000 1500 0.0018 4.5 8.7 12.5 0.5 55182 2000 1000 1500 0.0022 4.0 8.6 12.5 0.5 55222 2000 1000 1500 0.0027 4.3 8.9 12.5 0.5 55272 2000 1000 1500 0.0033 4.6 9.1 12.5 0.5 55332 2000 1000 1500 0.0039 4.0 8.7 12.5 0.5 55392 2000 1000 1500 0.0047 4.1 8.8 12.5 0.5 55472 2000 1000 1500 0.0056 4.6 9.1 12.5 0.5 55562 2 000 1000 1500 0.0068 55682 0.0082 55822 0.01 55103 0.012 4.0 8.7 12.5 0.5 55123 2000 1000 1500 0.015 4.1 8.8 12.5 0.5 55153 2000 1000 1500 0.018 4.4 8.8 12.5 0.5 55183 2000 1000 1300 0.022 4.2 8.8 12.5 0.5 55223 2000 1000 1500 0.027 4.2 9.1 12.5 0.5 55273 2000 1000 1300 0.033 4.6 9.4 12.5 0.5 55333 2000 1000 1300 c ( f) dimensions w max h max l max (mm) mass (g) catalog number 2222 369 ..... and packaging loose in box reel l t = 4.0 + 1.0/ ? 0.5 mm l t = 22.0 4.0 mm c-tol = 10% last 5 digits of catalog number spq spq spq pitch = 10.0 0.4 mm; d t = 0.60 0.06 mm 0.01 4.1 8.7 12.5 0.4 65103 2000 1000 1300 0.012 4.4 8.9 12.5 0.5 65123 2000 1000 1200 0.015 4.9 9.2 12.5 0.5 65153 2000 1000 1100 0.018 5.3 9.5 12.5 0.6 65183 2000 1000 1000 0.022 5.9 9.9 12.5 0.7 65223 2000 1000 900


▲Up To Search▲   

 
Price & Availability of MKT369

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X