Part Number Hot Search : 
16LT1 TM9502 TA0228A K8VM800 SST25 001000 IH1203S FDN361
Product Description
Full Text Search
 

To Download MBRB30H30CT-1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 october, 2007 - rev. 3 1 publication order number: mbrb30h30ct-1/d MBRB30H30CT-1G, mbr30h30ctg switchmode ? power rectifiers 30 v, 30 a features and benefits ? low forward voltage ? low power loss/high efficiency ? high surge capacity ? 150 c operating junction temperature ? 30 a total (15 a per diode leg) ? guard-ring for stress protection ? this is a pb-free device* applications ? power supply - output rectification ? power management ? instrumentation mechanical characteristics: ? case: epoxy, molded ? epoxy meets ul 94 v-0 @ 0.125 in ? weight: 1.5 grams (i 2 pak) (approximately) 1.9 grams (to-220) (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds schottky barrier rectifier 30 amperes, 30 volts 1 3 2, 4 http://onsemi.com device package shipping ordering information MBRB30H30CT-1G to-262 (pb-free) 50 units/rail marking diagram i 2 pak (to-262) case 418d plastic ayww b30h30g aka 3 4 1 2 mbr30h30ctg to-220 (pb-free) 50 units/rail to-220ab case 221a plastic 3 4 1 2 ayww b30h30g aka a = assembly location y = year ww = work week b30h30 = device code g = pb-free package aka = diode polarity
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 2 maximum ratings please see the table on the following page *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 3 maximum ratings (per diode leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v average rectified forward current (rated v r ) t c = 138 c i f(av) 15 a peak repetitive forward current (rated v r , square wave, 20 khz) i frm 30 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 260 a operating junction temperature (note 1) t j -55 to +150 c storage temperature t stg  55 to +150 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s controlled avalanche energy (see test conditions in figures 9 and 10) w aval 250 mj esd ratings: machine model = c human body model = 3b > 400 > 8000 v thermal characteristics maximum thermal resistance - junction-to-case - junction-to-ambient r  jc r  ja 2.0 70 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 2) (i f = 15 a, t c = 25 c) (i f = 15 a, t c = 125 c) (i f = 30 a, t c = 25 c) (i f = 30 a, t c = 125 c) v f 0.48 0.40 0.55 0.53 v maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 25 c) (rated dc voltage, t c = 125 c) i r 0.8 130 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. the heat generated must be less than the thermal conductivity from junction-to-ambient: dp d /dt j < 1/r  ja . 2. pulse test: pulse width = 300  s, duty cycle 2.0%.
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 4 i f , instantaneous forward current (amps) figure 1. typical forward voltage figure 2. maximum forward voltage v f , instantaneous forward voltage (volts) 100 1 0.1 0.4 0 0.2 1.0 t j = 25 c 0.8 0.6 i r , reverse current (amps) figure 3. typical reverse current figure 4. maximum reverse current 5 0 v r , reverse voltage (volts) 1.0e-00 1.0e-01 1.0e-02 1.0e-05 10 t j = 125 c t j = 25 c i f , average forward current (amps) figure 5. current derating t c , case temperature ( c) 120 110 10 5 0 140 150 130 160 square wave dc p fo , average power dissipation (watts) 15 0 i o , average forward current (amps) 16 2 0 510 square figure 6. forward power dissipation 10 0.1 10 t j = 125 c 15 20 30 1.0e-04 1.0e-03 100 4 6 8 12 14 dc 30 15 25 20 20 25 25 0.3 0.5 0.7 0.9 i f , instantaneous forward current (amps) v f , instantaneous forward voltage (volts) 100 1 0.1 0.4 0 0.2 1.0 t j = 25 c 0.8 0.6 0.1 10 t j = 125 c 0.3 0.5 0.7 0.9 i r , maximum reverse current (amps) 5 0 v r , reverse voltage (volts) 1.0e-00 1.0e-01 1.0e-02 1.0e-05 10 t j = 125 c t j = 25 c 15 20 30 1.0e-04 1.0e-03 25
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 5 c, capacitance (pf) 0 v r , reverse voltage (volts) 1500 0 25 t j = 25 c figure 7. typical capacitance for mbr30h30ctg 20 10 15 3000 30 2000 2500 1000 500 5 r(t), transient thermal resistance figure 8. thermal response junction-to-case 1000 0.1 0.00001 t 1 , time (sec) 10 0.01 0.0001 0.001 0.01 1 10 100 0.000001 0.1 1 p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 single pulse 0.2 0.1 0.05 0.01
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 6 mercury switch v d i d dut 10 mh coil +v dd i l s 1 bv dut i l i d v dd t 0 t 1 t 2 t figure 9. test circuit figure 10. current-voltage waveforms the unclamped inductive switching circuit shown in figure 9 was used to demonstrate the controlled avalanche capability of this device. a mercury switch was used instead of an electronic switch to simulate a noisy environment when the switch was being opened. when s 1 is closed at t 0 the current in the inductor i l ramps up linearly; and energy is stored in the coil. at t 1 the switch is opened and the voltage across the diode under test begins to rise rapidly , due to di/dt ef fects, when this induced voltage reaches the breakdown voltage of the diode, it is clamped at bv dut and the diode begins to conduct the full load current which now starts to decay linearly through the diode, and goes to zero at t 2 . by solving the loop equation at the point in time when s 1 is opened; and calculating the energy that is transferred to the diode it can be shown that the total ener gy transferred is equal to the ener gy stored in the inductor plus a finite amount of energy from the v dd power supply while the diode is in breakdown (from t 1 to t 2 ) minus any losses due to finite component resistances. assuming the component resistive elements are small equation (1) approximates the total energy transferred to the diode. it can be seen from this equation that if the v dd voltage is low compared to the breakdown voltage of the device, the amount of energy contributed by the supply during breakdown is small and the total energy can be assumed to be nearly equal to the energy stored in the coil during the time when s 1 was closed, equation (2). w aval  1 2 li 2 lpk  bv dut bv dut Cv dd  w aval  1 2 li 2 lpk equation (1): equation (2):
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 7 package dimensions i 2 pak (to-262) case 418d-01 issue d notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. -t- w g k a c e v j h 123 4 seating plane d 3 pl dim min max min max millimeters inches a 0.335 0.380 8.51 9.65 b 0.380 0.406 9.65 10.31 c 0.160 0.185 4.06 4.70 d 0.026 0.035 0.66 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.094 0.110 2.39 2.79 j 0.013 0.025 0.33 0.64 s 0.390 ref 9.90 ref v 0.045 0.070 1.14 1.78 w 0.522 0.551 13.25 14.00 -b- m b m 0.13 (0.005) t s f f 0.122 ref 3.10 ref k 0.500 0.562 12.70 14.27
MBRB30H30CT-1G, mbr30h30ctg http://onsemi.com 8 package dimensions to-220ab case 221a-09 issue ae style 6: pin 1. anode 2. cathode 3. anode 4. cathode notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.161 3.61 4.09 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.014 0.025 0.36 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane -t- c s t u r j on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. typical parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including typicals must be validated for each custom er application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800-282-9855 toll free ?usa/canada europe, middle east and africa technical support: ?phone: 421 33 790 2910 japan customer focus center ?phone: 81-3-5773-3850 mbrb30h30ct-1/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : ?literature distribution center for on semiconductor ?p .o. box 5163, denver, colorado 80217 usa ? phone : 303-675-2175 or 800-344-3860 toll free usa/canada ? fax : 303-675-2176 or 800-344-3867 toll free usa/canada ? email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of MBRB30H30CT-1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X