Part Number Hot Search : 
LT1057 BT100 M54544L HT12F 25C320 CX25871 TA8865 23C5V1
Product Description
Full Text Search
 

To Download IXFF24N100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 - 2 ? 2000 ixys all rights reserved 022 i d25 = 22 a v dss = 1000 v r dson = 390 m  hiperfet tm power mosfet i n high voltage isoplus i4-pac tm advanced technical information ixff 24n100 features ? hiperfet tm technology - low r dson - low gate charge for high frequency operation - unclamped inductive switching (uis) capability - dv/dt ruggedness - fast intrinsic reverse diode  isoplus i4-pac tm high voltage package - isolated back surface - enlarged creepage towards heatsink - enlarged creepage between high voltage pins - application friendly pinout - high reliability - industry standard outline applications  switched mode power supplies  dc-dc converters  resonant converters 1 5 mosfets symbol conditions maximum ratings v dss t vj = 25c to 150c 1000 v v gs 20 v i d25 t c = 25c 22 a i d90 t c = 90c 15 a i f25 (diode) t c = 25c 120 a i f90 (diode) t c = 90c 75 a dv/dt v ds < v dss ; i f  100a;  di f /dt  100a/s; r g = 2  5 v/ns t vj = 150c e ar t c = 25c 64 mj symbol conditions characteristic values (t vj = 25  c, unless otherwise specified) min. typ. max. r dson v gs = 10 v; i d = i d90 390 m  v gsth v ds = 20 v; i d = 8 ma; 2.5 5 v i dss v ds = v dss ; v gs = 0 v; t vj = 25c 0.1 ma t vj = 125c 0.25 ma i gss v gs = 20 v; v ds = 0 v 200 na q g 250 nc q gs 55 nc q gd 135 nc t d(on) 35 ns t r 35 ns t d(off) 75 ns t f 21 ns v f (diode) i f = 12 a; v gs = 0 v 1.5 v t rr (diode) i f = 24 a; -di/dt = 100 a/s; v ds = 100 v 250 ns r thjc 0.32 k/w ixys reserves the right to change limits, test conditions, and dimensions.
2 - 2 ? 2000 ixys all rights reserved ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 ixff 24n100 component symbol conditions maximum ratings t vj -55...+150  c t stg -55...+125  c v isol i isol  1 ma; 50/60 hz 2500 v~ f c mounting force with clip 20...120 n symbol conditions characteristic values min. typ. max. d s ,d a d pin - s pin 7.0 mm d s ,d a pin - backside metal 5.5 mm r thch with heatsink compound 0.15 k/w weight 9g dimensions in mm (1 mm = 0.0394")


▲Up To Search▲   

 
Price & Availability of IXFF24N100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X