Part Number Hot Search : 
IRF74 IDTQS3VH MCSOF 05NH45 10101 FDKCORP TVR1447 10567A
Product Description
Full Text Search
 

To Download EDS2732CABH-1A-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document no. e0397e40 (ver. 4.0) date published september 2004 (k) japan url: http://www.elpida.com ? elpida memory, inc. 2003-2004 data sheet 256m bits sdram eds2732cabh (8m words 32 bits) description the eds2732ca is a 256m bits sdram organized as 2,097,152 words 32 bits 4 banks. all inputs and outputs are synchronized with the positive edge of the clock. it is packaged in 90-ball fbga. features ? 2.5v power supply ? clock frequency: 133mhz/100mhz (max.) ? single pulsed /ras ? 32 organization ? 4 banks can operate simultaneously and independently ? burst read/write operation and burst read/single write operation capability ? programmable burst length (bl): 1, 2, 4, 8 and full page ? 2 variations of burst sequence ? sequential (bl = 1, 2, 4, 8, full page) ? interleave (bl = 1, 2, 4, 8) ? programmable /cas latency (cl): 2, 3 ? byte control by dqm ? address ? 8k row address /256 column address ? refresh cycles ? 4096 refresh cycles/64ms ? 2 variations of refresh ? auto refresh ? self refresh ? fbga package with lead free solder (sn-ag-cu) pin configurations /xxx indicate active low signal. dq26 1 a b c d e f g h j k l m n p r 23456789 dq28 vssq vssq vddq vss a4 a7 clk dq24 vddq dq27 dq29 dq31 dqm3 a5 a8 cke vss vssq dq25 dq30 nc a3 a6 a12 a9 vdd vddq dq22 dq17 nc a2 a10 nc ba0 dq23 vssq dq20 dq18 dq16 dqm2 a0 ba1 /cs dq21 dq19 vddq vddq vssq vdd a1 a11 /ras (top view) dqm1 nc nc /cas /we dqm0 vddq dq8 vss vdd dq7 vssq vssq dq10 dq9 dq6 dq5 vddq vssq dq12 dq14 dq1 dq3 vddq dq11 vddq vssq vddq vssq dq4 dq13 dq15 vss vdd dq0 dq2 90-ball fbga address inputs bank select address data-input/output chip select row address strobe column address strobe write enable dq mask enable clock enable clock input power for internal circuit ground for internal circuit power for dq circuit ground for dq circuit no connection a0 to a12 ba0, ba1 dq0 to dq31 /cs /ras /cas /we dqm0 to dqm3 cke clk vdd vss vddq vssq nc
eds2732cabh data sheet e0397e40 (ver. 4.0) 2 ordering information part number supply voltage organization (words bits) internal banks clock frequency mhz (max.) /cas latency package eds2732cabh-75-e 2.5v 8m 32 4 133 100 3 2 90-ball fbga EDS2732CABH-1A-E 100 2, 3 eds2732cabh-75l-e 133 100 3 2 eds2732cabh-1al-e 100 2, 3 part number environment code e: lead free elpida memory density / bank 27: 256m/4-bank, 8k rows bit organization 32: x32 voltage, interface c: 2.5v, lvttl die rev. package bh: fbga(board type) speed 75: 133mhz/cl3 100mhz/cl2 1a: 100mhz/cl2,cl3 power consumption blank: normal l: low power product code s: sdram type d: monolithic device e d s 27 32 c a bh - 75 l - e
eds2732cabh data sheet e0397e40 (ver. 4.0) 3 contents description.................................................................................................................... .................................1 features....................................................................................................................... ..................................1 pin configurations ............................................................................................................. ............................1 ordering information........................................................................................................... ...........................2 part number .................................................................................................................... ..............................2 electrical specifications...................................................................................................... ...........................4 block diagram .................................................................................................................. .............................9 pin function................................................................................................................... ..............................10 command operation .............................................................................................................. .....................11 simplified state diagram ....................................................................................................... ......................19 mode register configuration.................................................................................................... ...................20 power-up sequence.............................................................................................................. .......................22 operation of the sdram......................................................................................................... ....................23 timing waveforms............................................................................................................... ........................39 package drawing ................................................................................................................ ........................45 recommended soldering conditions ............................................................................................... ...........46
eds2732cabh data sheet e0397e40 (ver. 4.0) 4 electrical specifications ? all voltages are referenced to vss (gnd). ? after power up, execute power up sequence and initialization sequence before proper device operation is achieved (refer to the power up sequence). absolute maximum ratings parameter symbol rating unit note voltage on any pin relative to vss vt ?0.5 to +3.6 v supply voltage relative to vss vdd ?0.5 to +3.6 v short circuit output current ios 50 ma power dissipation pd 1.0 w operating ambient temperature ta 0 to +70 c storage temperature tstg ?55 to +125 c caution exposing the device to stress above those listed in absolute maximum ratings could cause permanent damage. the device is not meant to be operated under conditions outside the limits described in the operational section of this specification. exposure to absolute maximum rating conditions for extended periods may affect device reliability. recommended dc operating conditions (ta = 0 to +70 c) parameter symbol min. max. unit notes supply voltage vdd, vddq 2.3 2.7 v 1 vss, vssq 0 0 v 2 input high voltage vih 1.7 vdd + 0.3 v 3 input low voltage vil ?0.3 0.7 v 4 notes: 1. the supply voltage with all vdd and vddq pins must be on the same level. 2. the supply voltage with all vss and vssq pins must be on the same level. 3. vih (max.) = vdd + 1.5v (pulse width 5ns). 4. vil (min.) = vss ? 1.5v (pulse width 5ns).
eds2732cabh data sheet e0397e40 (ver. 4.0) 5 dc characteristics 1 (ta = 0 to +70 c, vdd, vddq = 2.5v 0.2v, vss, vssq = 0v) parameter /cas latency symbol grade max. unit test condition notes operating current idd1 105 ma burst length = 1 trc = trc (min.) 1, 2, 3 standby current in power down idd2p 3 ma cke = vil, tck = tck (min.) 6 standby current in power down (input signal stable) idd2ps 2 ma cke = vil, tck = 7 standby current in non power down idd2n 20 ma cke, /cs = vih, tck = tck (min.) 4 standby current in non power down (input signal stable) idd2ns 9 ma cke = vih, tck = , /cs = vih 8 active standby current in power down idd3p 4 ma cke = vil, tck = tck (min.) 1, 2, 6 active standby current in power down (input signal stable) idd3ps 3 ma cke = vil, tck = 2, 7 active standby current in non power down idd3n 50 ma cke, /cs = vih, tck = tck (min.) 1, 2, 4 active standby current in non power down (input signal stable) idd3ns 30 ma cke = vih, tck = , /cs = vih 2, 8 burst operating current idd4 -75 -1a 155 125 ma tck = tck (min.), bl = 4 1, 2, 5 refresh current idd5 -75 -1a 265 255 ma trc = trc (min.) 3 self refresh current idd6 3 ma vih vdd ? 0.2v vil 0.2v self refresh current (l-version) idd6 -xxl 1 ma vih vdd ? 0.2v vil 0.2v notes: 1. idd depends on output load condition when the device is selected. idd (max.) is specified at the output open condition. 2. one bank operation. 3. input signals are changed once per one clock. 4. input signals are changed once per two clocks. 5. input signals are changed once per four clocks. 6. after power down mode, clk operating current. 7. after power down mode, no clk operating current. 8. input signals are vih or vil fixed.
eds2732cabh data sheet e0397e40 (ver. 4.0) 6 dc characteristics 2 (ta = 0 to +70 c, vdd, vddq = 2.5v 0.2v, vss, vssq = 0v) parameter symbol min. max. unit test condition notes input leakage current ili ?1 1 a 0 vin vdd output leakage current ilo ?1.5 1.5 a 0 vout vdd, dq = disable output high voltage voh 2.0 ? v ioh = ?1 ma output low voltage vol ? 0.4 v iol = 1 ma pin capacitance (ta = 25c, vdd, vddq = 2.5v 0.2v) parameter symbol pins min. typ. max. unit notes input capacitance ci1 clk 1.5 ? 3.0 pf 1, 2, 4 ci2 address, cke, /cs, /ras, /cas, /we, dqm 1.5 ? 3.0 pf 1, 2, 4 data input/output capacitance ci/o dq 3.0 ? 5.5 pf 1, 2, 3, 4 notes: 1. capacitance measured with boonton meter or effective capacitance measuring method. 2. measurement condition: f = 1mhz, 1.2v bias, 200mv swing. 3. dqm = vih to disable dout. 4. this parameter is sampled and not 100% tested.
eds2732cabh data sheet e0397e40 (ver. 4.0) 7 ac characteristics (ta = 0 to +70 c, vdd, vddq = 2.5v 0.2v, vss, vssq = 0v) -75 -1a parameter symbol min. max. min. max. unit notes system clock cycle time (cl = 2) tck 10 ? 10 ? ns 1 (cl = 3) tck 7.5 ? 10 ? ns 1 clk high pulse width tch 2.5 ? 3 ? ns 1 clk low pulse width tcl 2.5 ? 3 ? ns 1 access time from clk tac ? 5.4 ? 6 ns 1, 2 data-out hold time toh 2.0 ? 2.0 ? ns 1, 2 clk to data-out low impedance tlz 0 ? 0 ? ns 1, 2, 3 clk to data-out high impedance thz ? 5.4 ? 6 ns 1, 4 input setup time tsi 1.5 ? 2 ? ns 1 input hold time thi 0.8 ? 1 ? ns 1 ref/active to ref/active command period trc 67.5 ? 70 ? ns 1 active to precharge command period tras 45 120000 50 120000 ns 1 active command to column command (same bank) trcd 20 ? 20 ? ns 1 precharge to active command period trp 20 ? 20 ? ns 1 write recovery or data-in to precharge lead time tdpl 15 ? 20 ? ns 1 last data into active latency tdal 2clk + 20ns ? 2clk + 20ns ? active (a) to active (b) command period trrd 15 ? 20 ? ns 1 transition time (rise and fall) tt 0.5 5 0.5 5 ns refresh period (4096 refresh cycles) tref ? 64 ? 64 ms notes: 1. ac measurement assumes tt = 0.5ns. reference level for timing of input signals is 1.2v. 2. access time is measured at 1.2v. load condition is cl = 30pf. 3. tlz (min.) defines the time at which the outputs achieves the low impedance state. 4. thz (max.) defines the time at which the outputs achieves the high impedance state.
eds2732cabh data sheet e0397e40 (ver. 4.0) 8 test conditions ? input and output timing reference levels: 1.2v ? input waveform and output load: see following figures tt 2.1v 1.7v 0.7v 0.3v input t t i/o cl output load relationship between frequency and minimum latency parameter -75 -1a frequency (mhz) 133 100 tck (ns) symbol 7.5 10 unit notes active command to column command (same bank) l rcd 3 2 tck 1 active command to active command (same bank) l rc 9 7 tck 1 active command to precharge command (same bank) l ras 6 5 tck 1 precharge command to active command (same bank) l rp 3 2 tck 1 write recovery or data-in to precharge command (same bank) l dpl 2 2 tck 1 active command to active command (different bank) l rrd 2 2 tck 1 self refresh exit time l srex 1 1 tck 2 last data in to active command (auto precharge, same bank) l dal 5 4 tck = [ l dpl + l rp] self refresh exit to command input l sec 9 7 tck = [ l rc] 3 precharge command to high impedance (cl = 2) l hzp ? 2 tck (cl = 3) l hzp 3 3 tck last data out to active command (auto precharge, same bank) l apr 1 1 tck last data out to precharge (early precharge) (cl = 2) l ep ? ?1 tck (cl = 3) l ep ?2 ?2 tck column command to column command l ccd 1 1 tck write command to data in latency l wcd 0 0 tck dqm to data in l did 0 0 tck dqm to data out l dod 2 2 tck cke to clk disable l cle 1 1 tck register set to active command l mrd 2 2 tck /cs to command disable l cdd 0 0 tck power down exit to command input l pec 1 1 tck notes: 1. l rcd to l rrd are recommended value. 2. be valid [desl] or [nop] at next command of self refresh exit. 3. except [desl] and [nop]
eds2732cabh data sheet e0397e40 (ver. 4.0) 9 block diagram clock generator mode register command decoder control logic row address buffer & refresh counter column address buffer & burst counter data control circuit latch circuit input & output buffer dq dqm clk cke address /cs /ras /cas /we bank 3 bank 2 bank 1 sense amplifier column decoder & latch circuit bank 0 row decoder
eds2732cabh data sheet e0397e40 (ver. 4.0) 10 pin function clk (input pin) clk is the master clock input. other inputs signals are referenced to the clk rising edge. cke (input pins) cke determine validity of the next clk (clock). if cke is high, the next clk rising edge is valid; otherwise it is invalid. if the clk rising edge is invalid, the internal clock is not issued and the synchronous dram suspends operation. when the synchronous dram is not in burst mode and cke is negated, the device enters power down mode. during power down mode, cke must remain low. /cs (input pins) /cs low starts the command input cycle. when /cs is high, commands are ignored but operations continue. /ras, /cas, and /we (input pins) /ras, /cas and /we have the same symbols on conventional dram but different functions. for details, refer to the command table. a0 to a12 (input pins) row address is determined by a0 to a12 at the clk (clock) rising edge in the active command cycle. column address is determined by a0 to a7 at the clk rising edge in the read or write command cycle. a10 defines the precharge mode. when a10 is high in the precharge command cycle, all banks are precharged; when a10 is low, only the bank selected by ba0 and ba1 is precharged. when a10 is high in read or write command cycle, the precharge starts automatically after the burst access. ba0 and ba1 (input pin) ba0 and ba1 are bank select signal. (see bank select signal table) [bank select signal table] ba0 ba1 bank 0 l l bank 1 h l bank 2 l h bank 3 h h remark: h: vih. l: vil. dqm (input pins) dqm controls i/o buffers. dqm0 controls dq0 to 7, dqm1 controls dq8 to dq15, dqm2 controls dq16 to dq23, dqm3 controls dq24 to dq31. in read mode, dqm controls the output buffers like a conventional /oe pin. dqm high and dqm low turn the output buffers off and on, respectively. the dqm latency for the read is two clocks. in write mode, dqm controls the word mask. input data is written to the memory cell if dqm is low but not if dqm is high. the dqm latency for the write is zero. dq0 to dq31 (input/output pins) dq pins have the same function as i/o pins on a conventional dram. vdd, vss, vddq, vssq (power supply) vdd and vss are power supply pins for internal circuits. vddq and vssq are power supply pins for the output buffers.
eds2732cabh data sheet e0397e40 (ver. 4.0) 11 command operation command truth table the sdram recognizes the following commands specified by the /cs, /ras, /cas, /we and address pins. cke function symbol n ? 1 n /cs /ras /cas /we ba1,ba0 a10 a0 to a12 device deselect desl h h no operation nop h l h h h burst stop bst h l h h l read read h l h l h v l v read with auto precharge reada h l h l h v h v write writ h l h l l v l v write with auto precharge writa h l h l l v h v bank activate act h l l h h v v v precharge select bank pre h l l h l v l precharge all banks pall h l l h l h mode register set mrs h l l l l l l v remark: h: vih. l: vil. : vih or vil. v: valid address input. device deselect command [desl] when this command is set (/cs is high), the sdram ignore command input at the clock. however, the internal status is held. no operation [nop] this command is not an execution command. however, the internal operations continue. burst stop command [bst] this command can stop the current burst operation. column address strobe and read command [read] this command starts a read operation. in addition, the start address of burst read is determined by the column address (see address pins table in pin function) and the bank select address (ba0, ba1). after the read operation, the output buffer becomes high-z. read with auto-precharge [reada] this command automatically performs a precharge operation after a burst read with a burst length of 1, 2, 4 or 8. column address strobe and write command [writ] this command starts a write operation. when the burst write mode is selected, the column address (see address pins table in pin function) and the bank select address (ba0, ba1) become the burst write start address. when the single write mode is selected, data is only written to the location specified by the column address (see address pins table in pin function) and the bank select address (ba0, ba1). write with auto-precharge [writa] this command automatically performs a precharge operation after a burst write with a length of 1, 2, 4 or 8, or after a single write operation.
eds2732cabh data sheet e0397e40 (ver. 4.0) 12 row address strobe and bank activate [act] this command activates the bank that is selected by ba0, ba1 and determines the row address (a0 to a12). (see bank select signal table) precharge selected bank [pre] this command starts precharge operation for the bank selected by ba0, ba1. (see bank select signal table) [bank select signal table] ba0 ba1 bank 0 l l bank 1 h l bank 2 l h bank 3 h h remark: h: vih. l: vil. precharge all banks [pall] this command starts a precharge operation for all banks. refresh [ref/self] this command starts the refresh operation. there are two types of refresh operation, the one is auto-refresh, and the other is self-refresh. for details, refer to the cke truth table section. mode register set [mrs] the sdram has a mode register that defines how it operates. the mode register is specified by the address pins (a0 to ba0 and ba1) at the mode register set cycle. for details, refer to the mode register configuration. after power on, the contents of the mode register are undefined, execute the mode register set command to set up the mode register.
eds2732cabh data sheet e0397e40 (ver. 4.0) 13 dqm truth table cke dqm function symbol n ? 1 n 0 1 2 3 data write / output enable enb h l l l l data mask / output disable mask h h h h h dq0 to dq7 write enable/output enable enb0 h l dq8 to dq15 write enable/output enable enb1 h l dq16 to dq23 write enable/output enable enb2 h l dq24 to dq31 write enable/output enable enb3 h l dq0 to dq7 write inhibit/output disable mask0 h h dq8 to dq15 write inhibit/output disable mask 1 h h dq16 to dq23 write inhibit/output disable mask 2 h h dq24 to dq31 write inhibit/output disable mask 3 h h remark: h: vih. l: vil. : vih or vil write: l did is needed. read: l dod is needed. cke truth table cke current state function symbol n ? 1 n /cs /ras /cas /we address activating clock suspend mode entry h l any clock suspend mode l l clock suspend clock suspend mode exit l h idle cbr (auto) refresh command ref h h l l l h idle self refresh entry self h l l l l h self refresh self refresh exit l h l h h h l h h idle power down entry h l l h h h h l h power down power down exit l h h l h l h h h remark: h: vih. l: vil. : vih or vil
eds2732cabh data sheet e0397e40 (ver. 4.0) 14 function truth table the following table shows the operations that are performed when each command is issued in each mode of the sdram. the following table assumes that cke is high. current state /cs /ras /cas /we address command operation precharge h desl enter idle after trp l h h h nop enter idle after trp l h h l bst illegal l h l h ba, ca, a10 read/reada illegal* 3 l h l l ba, ca, a10 writ/writa illegal* 3 l l h h ba, ra act illegal* 3 l l h l ba, a10 pre, pall nop* 5 l l l h ref, self illegal l l l l mode mrs illegal idle h desl nop l h h h nop nop l h h l bst illegal l h l h ba, ca, a10 read/reada illegal* 4 l h l l ba, ca, a10 writ/writa illegal* 4 l l h h ba, ra act bank and row active l l h l ba, a10 pre, pall nop l l l h ref, self refresh l l l l mode mrs mode register set* 8 row active h desl nop l h h h nop nop l h h l bst illegal l h l h ba, ca, a10 read/reada begin read* 6 l h l l ba, ca, a10 writ/writa begin write* 6 l l h h ba, ra act other bank active illegal on same bank* 2 l l h l ba, a10 pre, pall precharge* 7 l l l h ref, self illegal l l l l mode mrs illegal read h desl continue burst to end l h h h nop continue burst to end l h h l bst burst stop l h l h ba, ca, a10 read/reada continue burst read to /cas latency and new read l h l l ba, ca, a10 writ/writa term burst read/start write l l h h ba, ra act other bank active illegal on same bank* 2 l l h l ba, a10 pre, pall term burst read and precharge l l l h ref, self illegal l l l l mode mrs illegal
eds2732cabh data sheet e0397e40 (ver. 4.0) 15 current state /cs /ras /cas /we address command operation read with auto- precharge h desl continue burst to end and precharge l h h h nop continue burst to end and precharge l h h l bst illegal l h l h ba, ca, a10 read/reada illegal* 3 l h l l ba, ca, a10 writ/writa illegal* 3 l l h h ba, ra act other bank active illegal on same bank* 2 l l h l ba, a10 pre, pall illegal* 3 l l l h ref, self illegal l l l l mode mrs illegal write h desl continue burst to end l h h h nop continue burst to end l h h l bst burst stop l h l h ba, ca, a10 read/reada term burst and new read l h l l ba, ca, a10 writ/writa term burst and new write l l h h ba, ra act other bank active illegal on same bank* 3 l l h l ba, a10 pre, pall term burst write and precharge* 1 l l l h ref, self illegal l l l l mode mrs illegal write with auto- precharge h desl continue burst to end and precharge l h h h nop continue burst to end and precharge l h h l bst illegal l h l h ba, ca, a10 read/reada illegal* 3 l h l l ba, ca, a10 writ/writa illegal* 3 l l h h ba, ra act other bank active illegal on same bank* 3 l l h l ba, a10 pre, pall illegal* 3 l l l h ref, self illegal l l l l mode mrs illegal refresh (auto-refresh) h desl enter idle after trc l h h h nop enter idle after trc l h h l bst illegal l h l h ba, ca, a10 read/reada illegal* 4 l h l l ba, ca, a10 writ/writa illegal* 4 l l h h ba, ra act illegal* 4 l l h l ba, a10 pre, pall illegal* 4 l l l h ref, self illegal l l l l mode mrs illegal
eds2732cabh data sheet e0397e40 (ver. 4.0) 16 current state /cs /ras /cas /we address command operation mode register set h desl nop l h h h nop nop l h h l bst illegal l h l h ba, ca, a10 read/reada illegal* 4 l h l l ba, ca, a10 writ/writa illegal* 4 l l h h ba, ra act bank and row active* 9 l l h l ba, a10 pre, pall nop l l l h ref, self refresh* 9 l l l l mode mrs mode register set* 8 remark: h: vih. l: vil. : vih or vil notes: 1. an interval of tdpl is required between the final valid data input and the precharge command. 2. if trrd is not satisfied, this operation is illegal. 3. illegal for same bank, except for another bank. 4. illegal for all banks. 5. nop for same bank, except for another bank. 6. illegal if trcd is not satisfied. 7. illegal if tras is not satisfied. 8. mrs command must be issued after dout finished, in case of dout remaining. 9. illegal if l mrd is not satisfied.
eds2732cabh data sheet e0397e40 (ver. 4.0) 17 command truth table for cke cke current state n ? 1 n /cs /ras /cas /we address operation notes self refresh h invalid, clk (n ? 1) would exit self refresh l h h self refresh recovery l h l h h self refresh recovery l h l h l illegal l h l l illegal l l continue self refresh self refresh recovery h h h idle after t rc h h l h h idle after t rc h h l h l illegal h h l l illegal h l h illegal h l l h h illegal h l l h l illegal h l l l illegal power down h invalid, clk (n ? 1) would exit power down l h h exit power down l h l h h h exit power down l l continue power down mode all banks idle h h h refer to operations in function truth table h h l h refer to operations in function truth table h h l l h refer to operations in function truth table h h l l l h cbr (auto) refresh h h l l l l opcode refer to operations in function truth table h l h begin power down next cycle h l l h refer to operations in function truth table h l l l h refer to operations in function truth table h l l l l h self refresh 1 h l l l l l opcode refer to operations in function truth table l h exit power down next cycle l l power down 1 row active h refer to operations in function truth table l clock suspend 1 any state other than h h refer to operations in function truth table listed above h l begin clock suspend next cycle 2 l h exit clock suspend next cycle l l maintain clock suspend remark: h: vih. l: vil. : vih or vil notes: 1. self refresh can be entered only from the all banks idle state. power down can be entered only from all banks idle. clock suspend can be entered only from following states, row active, read, read with auto- precharge, write and write with auto precharge. 2. must be legal command as defined in function truth table.
eds2732cabh data sheet e0397e40 (ver. 4.0) 18 clock suspend mode entry the sdram enters clock suspend mode from active mode by setting cke to low. if command is input in the clock suspend mode entry cycle, the command is valid. the clock suspend mode changes depending on the current status (1 clock before) as shown below. active clock suspend this suspend mode ignores inputs after the next clock by internally maintaining the bank active status. read suspend and read with auto-precharge suspend the data being output is held (and continues to be output). write suspend and writ with auto-precharge suspend in this mode, external signals are not accepted. however, the internal state is held. clock suspend during clock suspend mode, keep the cke to low. clock suspend mode exit the sdram exits from clock suspend mode by setting cke to high during the clock suspend state. idle in this state, all banks are not selected, and completed precharge operation. auto-refresh command [ref] when this command is input from the idle state, the sdram starts auto-refresh operation. (the auto-refresh is the same as the cbr refresh of conventional drams.) during the auto-refresh operation, refresh address and bank select address are generated inside the sdram. for every auto-refresh cycle, the internal address counter is updated. accordingly, 4096 times are required to refresh the entire memory. before executing the auto-refresh command, all the banks must be in the idle state. in addition, since the precharge for all banks is automatically performed after auto-refresh, no precharge command is required after auto-refresh. self-refresh entry [self] when this command is input during the idle state, the sdram starts self-refresh operation. after the execution of this command, self-refresh continues while cke is low. since self-refresh is performed internally and automatically, external refresh operations are unnecessary. power down mode entry when this command is executed during the idle state, the sdram enters power down mode. in power down mode, power consumption is suppressed by cutting off the initial input circuit. self-refresh exit when this command is executed during self-refresh mode, the sdram can exit from self-refresh mode. after exiting from self-refresh mode, the sdram enters the idle state. power down exit when this command is executed at the power down mode, the sdram can exit from power down mode. after exiting from power down mode, the sdram enters the idle state.
eds2732cabh data sheet e0397e40 (ver. 4.0) 19 simplified state diagram precharge write suspend read suspend row active idle idle power down auto refresh self refresh mode register set power on writea writea suspend reada reada suspend active clock suspend sr entry sr exit mrs refresh cke cke_ active write read write with ap read with ap power applied cke cke_ cke cke_ cke cke_ cke cke_ cke cke_ precharge ap read write write with ap read with read with ap write with ap precharge precharge precharge bst bst *1 read read write write automatic transition after completion of command. transition resulting from command input. note: 1. after the auto-refresh operation, precharge operation is performed automatically and enter the idle state.
eds2732cabh data sheet e0397e40 (ver. 4.0) 20 mode register configuration the mode register is set by the input to the address pins (a0 to a12, ba0 and ba1) during mode register set cycles. the mode register consists of five sections, each of which is assigned to address pins. ba1, ba0, a8, a9, a10, a11, a12: (opcode): the sdram has two types of write modes. one is the burst write mode, and the other is the single write mode. these bits specify write mode. burst read and burst write: burst write is performed for the specified burst length starting from the column address specified in the write cycle. burst read and single write: data is only written to the column address specified during the write cycle, regardless of the burst length. a7: keep this bit low at the mode register set cycle. if this pin is high, the vender test mode is set. a6, a5, a4: (lmode): these pins specify the /cas latency. a3: (bt): a burst type is specified. a2, a1, a0: (bl): these pins specify the burst length. a2 a1 a0 burst length 00 0 1 00 1 2 01 0 4 01 1 8 11 1 bt=0 bt=1 10 0 r 11 0 r f.p. 1 2 4 8 r r r a3 0 sequential 1 interleave burst type a6 a5 a4 cas latency 00 0 r 00 1 r 01 0 2 01 1 3 1xx r a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 opcode 0 lmode bt bl a9 0 0r write mode a8 0 0 burst read and burst write 0 0 0r 0 10 1 r r f.p.: full page r is reserved (inhibit) x: 0 or 1 a11 a10 a10 x x x a11 x x x 00 a12 ba0 ba1 ba1 ba0 1 0 1 0 0 1 1 0 a12 x x x 0r 1 1 burst read and single write 0 1r 1 x x x x x x x x x x x x x x x 0 r mode register set timing
eds2732cabh data sheet e0397e40 (ver. 4.0) 21 a2 a1 a0 addressing(decimal) 00 0 00 1 01 0 01 1 11 1 interleave sequential 10 0 11 0 10 1 starting ad. 0, 1, 2, 3, 4, 5, 6, 7, 1, 2, 3, 4, 5, 6, 7, 2, 3, 4, 5, 6, 7, 3, 4, 5, 6, 7, 4, 5, 6, 7, 5, 6, 7, 6, 7, 7, 0, 0, 1, 0, 1, 2, 0, 1, 2, 3, 0, 1, 2, 3, 4, 0, 1, 2, 3, 4, 5, 0, 1, 2, 3, 4, 5, 6, 0, 1, 2, 3, 4, 5, 6, 7, 1, 0, 3, 2, 5, 4, 7, 2, 3, 0, 1, 6, 7, 3, 2, 1, 0, 7, 4, 5, 6, 7, 5, 4, 7, 6, 7, 7, 6, 4, 5, 6, 5, 4, 0, 1, 2, 3, 6, 1, 0, 3, 2, 4, 5, 2, 3, 0, 1, 6, 5, 4, 3, 2, 1, 0, burst length = 8 a1 a0 addressing(decimal) 00 01 10 11 interleave sequential starting ad. 0, 1, 2, 3, 1, 2, 3, 0, 2, 3, 0, 1, 3, 0, 1, 2, 0, 1, 2, 3, 1, 0, 3, 2, 2, 3, 0, 1, 3, 2, 1, 0, burst length = 4 a0 addressing(decimal) 0 1 interleave sequential starting ad. 0, 1, 1, 0, 0, 1, 1, 0, burst length = 2 burst sequence full page burst is available only for sequential addressing. the addressing sequence is started from the column address that is asserted by read/write command. and the address is increased one by one. it is back to the address 0 when the address reaches at the end of address 511. ?full page burst? stops the burst read/write with burst stop command.
eds2732cabh data sheet e0397e40 (ver. 4.0) 22 power-up sequence power-up sequence the sdram should be goes on the following sequence with power up. the clk, cke, /cs, dqm and dq pins keep low till power stabilizes. the clk pin is stabilized within 100 s after power stabilizes before the following initialization sequence. the cke and dqm is driven to high between power stabilizes and the initialization sequence. this sdram has vdd clamp diodes for clk, cke, address, /ras, /cas, /we, /cs, dqm and dq pins. if these pins go high before power up, the large current flows from these pins to vdd through the diodes. initialization sequence when 200 s or more has past after the above power-up sequence, all banks must be precharged using the precharge command (pall). after trp delay, set 8 or more auto refresh commands (ref). set the mode register set command (mrs) to initialize the mode register. we recommend that by keeping dqm and cke to high, the output buffer becomes high-z during initialization sequence, to avoid dq bus contention on memory system formed with a number of device. vdd, vddq power up sequence initialization sequence 100 power-up sequence and initialization sequence
eds2732cabh data sheet e0397e40 (ver. 4.0) 23 operation of the sdram read/write operations bank active before executing a read or write operation, the corresponding bank and the row address must be activated by the bank active (act) command. an interval of trcd is required between the bank active command input and the following read/write command input. read operation a read operation starts when a read command is input. output buffer becomes low-z in the (/cas latency - 1) cycle after read command set. the sdram can perform a burst read operation. the burst length can be set to 1, 2, 4 and 8. the start address for a burst read is specified by the column address and the bank select address at the read command set cycle. in a read operation, data output starts after the number of clocks specified by the /cas latency. the /cas latency can be set to 2 or 3. when the burst length is 1, 2, 4 and 8 the dout buffer automatically becomes high-z at the next clock after the successive burst-length data has been output. the /cas latency and burst length must be specified at the mode register. read clk command dq act row column address cl = 2 cl = 3 out 0 out 1 out 2 out 3 out 0 out 1 out 2 out 3 trcd cl = /cas latency burst length = 4 /cas latency read clk command dq act row column out 0 out 6 out 7 address out 0 out 1 out 4 out 5 out 0 out 1 out 2 out 3 bl = 1 out 0 out 1 out 2 out 3 bl = 2 bl = 4 bl = 8 trcd bl : burst length /cas latency = 2 burst length
eds2732cabh data sheet e0397e40 (ver. 4.0) 24 write operation burst write or single write mode is selected by the opcode of the mode register. 1. burst write: a burst write operation is enabled by setting opcode (a9, a8) to (0, 0). a burst write starts in the same clock as a write command set. (the latency of data input is 0 clock.) the burst length can be set to 1, 2, 4 and 8, like burst read operations. the write start address is specified by the column address and the bank select address at the write command set cycle. writ clk command dq act row column in 0 in 6 in 7 address in 1 in 4 in 5 in 3 bl = 1 bl = 2 bl = 4 bl = 8 trcd in 0 in 0 in 0 in 1 in 1 in 2 in 2 in 3 cl = 2, 3 burst write 2. single write: a single write operation is enabled by setting opcode (a9, a8) to (1, 0). in a single write operation, data is only written to the column address and the bank select address specified by the write command set cycle without regard to the burst length setting. (the latency of data input is 0 clock). writ clk command dq act row column in 0 address trcd single write
eds2732cabh data sheet e0397e40 (ver. 4.0) 25 auto precharge read with auto-precharge in this operation, since precharge is automatically performed after completing a read operation, a precharge command need not be executed after each read operation. the command executed for the same bank after the execution of this command must be the bank active (act) command. in addition, an interval defined by l apr is required before execution of the next command. [clock cycle time] /cas latency precharge start cycle 3 2 cycle before the final data is output 2 1 cycle before the final data is output clk l apr l ras l apr cl=2 command cl=3 command dq dq note: internal auto-precharge starts at the timing indicated by " ". and an interval of tras ( l ras) is required between previous active (act) command and internal precharge " ". act reada act out3 out2 out1 out0 l ras act reada act out3 out2 out1 out0 burst read (bl = 4) write with auto-precharge in this operation, since precharge is automatically performed after completing a burst write or single write operation, a precharge command need not be executed after each write operation. the command executed for the same bank after the execution of this command must be the bank active (act) command. in addition, an interval of l dal is required between the final valid data input and input of next command. clk command dq l dal l ras act writa in0 in1 in2 in3 act note: internal auto-precharge starts at the timing indicated by " ". and an interval of tras ( l ras) is required between previous active (act) command and internal precharge " ". burst write (bl = 4)
eds2732cabh data sheet e0397e40 (ver. 4.0) 26 clk command dq l dal l ras act writa in act note: internal auto-precharge starts at the timing indicated by " ". and an interval of tras ( l ras) is required between previous active (act) command and internal precharge " ". single write
eds2732cabh data sheet e0397e40 (ver. 4.0) 27 burst stop command during a read cycle, when the burst stop command is issued, the burst read data are terminated and the data bus goes to high-z after the /cas latency from the burst stop command. clk command dq (cl = 2) dq (cl = 3) read bst out out out out out out high-z high-z burst stop at read during a write cycle, when the burst stop command is issued, the burst write data are terminated and data bus goes to high-z at the same clock with the burst stop command. clk command dq in in in bst write in high-z burst stop at write
eds2732cabh data sheet e0397e40 (ver. 4.0) 28 command intervals read command to read command interval 1. same bank, same row address: when another read command is executed at the same row address of the same bank as the preceding read command execution, the second read can be performed after an interval of no less than 1 clock. even when the first command is a burst read that is not yet finished, the data read by the second command will be valid. clk command dq out b3 address out b1 out b2 bs act row column a read read column b out a0 out b0 bank0 active column =a read column =b read column =a dout column =b dout cl = 3 bl = 4 bank 0 read to read command interval (same row address in same bank) 2. same bank, different row address: when the row address changes on same bank, consecutive read commands cannot be executed; it is necessary to separate the two read commands with a precharge command and a bank active command. 3. different bank: when the bank changes, the second read can be performed after an interval of no less than 1 clock, provided that the other bank is in the bank active state. even when the first command is a burst read that is not yet finished, the data read by the second command will be valid. clk command dq out b3 address out b1 out b2 bs act row 0 row 1 act read column a out a0 out b0 bank0 active bank3 active bank0 read bank3 read read column b bank0 dout bank3 dout cl = 3 bl = 4 read to read command interval (different bank)
eds2732cabh data sheet e0397e40 (ver. 4.0) 29 write command to write command interval 1. same bank, same row address: when another write command is executed at the same row address of the same bank as the preceding write command, the second write can be performed after an interval of no less than 1 clock. in the case of burst writes, the second write command has priority. clk command dq in b3 address in b1 in b2 bs act row column a writ writ column b in a0 in b0 bank0 active column =a write column =b write burst write mode bl = 4 bank 0 write to write command interval (same row address in same bank) 2. same bank, different row address: when the row address changes, consecutive write commands cannot be executed; it is necessary to separate the two write commands with a precharge command and a bank active command. 3. different bank: when the bank changes, the second write can be performed after an interval of no less than 1 clock, provided that the other bank is in the bank active state. in the case of burst write, the second write command has priority. clk command dq in b3 address in b1 in b2 bs act row 0 row 1 act writ column a in a0 in b0 bank0 active bank3 active bank0 write bank3 write writ column b burst write mode bl = 4 write to write command interval (different bank)
eds2732cabh data sheet e0397e40 (ver. 4.0) 30 read command to write command interval 1. same bank, same row address: when the write command is executed at the same row address of the same bank as the preceding read command, the write command can be performed after an interval of no less than 1 clock. however, dqm must be set high so that the output buffer becomes high-z before data input. clk command dq (output) in b2 in b3 read writ in b0 in b1 high-z dq (input) cl=2 cl=3 dqm bl = 4 burst write read to write command interval (1) clk command dq read writ cl=2 cl=3 dqm 2 clock out out out out out in in in in in in in in read to write command interval (2) 2. same bank, different row address: when the row address changes, consecutive write commands cannot be executed; it is necessary to separate the two commands with a precharge command and a bank active command. 3. different bank: when the bank changes, the write command can be performed after an interval of no less than 1 cycle, provided that the other bank is in the bank active state. however, dqm must be set high so that the output buffer becomes high-z before data input.
eds2732cabh data sheet e0397e40 (ver. 4.0) 31 write command to read command interval: 1. same bank, same row address: when the read command is executed at the same row address of the same bank as the preceding write command, the read command can be performed after an interval of no less than 1 clock. however, in the case of a burst write, data will continue to be written until one clock before the read command is executed. clk command dq (input) writ read in a0 out b1 out b2 out b3 out b0 dq (output) column = a write column = b read column = b dout /cas latency dqm burst write mode cl = 2 bl = 4 bank 0 write to read command interval (1) clk command dq (input) writ read in a0 out b1 out b2 out b3 out b0 dq (output) column = a write column = b read column = b dout /cas latency in a1 dqm burst write mode cl = 2 bl = 4 bank 0 write to read command interval (2) 2. same bank, different row address: when the row address changes, consecutive read commands cannot be executed; it is necessary to separate the two commands with a precharge command and a bank active command. 3. different bank: when the bank changes, the read command can be performed after an interval of no less than 1 clock, provided that the other bank is in the bank active state. however, in the case of a burst write, data will continue to be written until one clock before the read command is executed (as in the case of the same bank and the same address).
eds2732cabh data sheet e0397e40 (ver. 4.0) 32 read with auto precharge to read command interval 1. different bank: when some banks are in the active state, the second read command (another bank) is executed. even when the first read with auto-precharge is a burst read that is not yet finished, the data read by the second command is valid. the internal auto-precharge of one bank starts at the next clock of the second command. clk command bs dq reada read out a0 out a1 out b0 out b1 cl= 3 bl = 4 bank0 read a bank3 read note: internal auto-precharge starts at the timing indicated by " ". read with auto precharge to read command interval (different bank) 2. same bank: the consecutive read command (the same bank) is illegal. write with auto precharge to write command interval 1. different bank: when some banks are in the active state, the second write command (another bank) is executed. in the case of burst writes, the second write command has priority. the internal auto-precharge of one bank starts 2 clocks later from the second command. clk command bs dq writa writ in b1 in b2 in b3 in a0 in a1 in b0 bl= 4 bank0 write a bank3 write note: internal auto-precharge starts at the timing indicated by " ". write with auto precharge to write command interval (different bank) 2. same bank: the consecutive write command (the same bank) is illegal.
eds2732cabh data sheet e0397e40 (ver. 4.0) 33 read with auto precharge to write command interval 1. different bank: when some banks are in the active state, the second write command (another bank) is executed. however, dqm must be set high so that the output buffer becomes high-z before data input. the internal auto- precharge of one bank starts at the next clock of the second command. clk command bs dq (output) dq (input) cl = 2 cl = 3 reada writ in b0 in b1 in b2 in b3 bl = 4 bank0 reada bank3 write note: internal auto-precharge starts at the timing indicated by " ". dqm high-z read with auto precharge to write command interval (different bank) 2. same bank: the consecutive write command from read with auto precharge (the same bank) is illegal. it is necessary to separate the two commands with a bank active command. write with auto precharge to read command interval 1. different bank: when some banks are in the active state, the second read command (another bank) is executed. however, in case of a burst write, data will continue to be written until one clock before the read command is executed. the internal auto-precharge of one bank starts at 2 clocks later from the second command. clk command bs dq (output) dq (input) writa read out b0 out b1 out b2 out b3 cl = 3 bl = 4 bank0 writea bank3 read note: internal auto-precharge starts at the timing indicated by " ". dqm in a0 write with auto precharge to read command interval (different bank) 2. same bank: the consecutive read command from write with auto precharge (the same bank) is illegal. it is necessary to separate the two commands with a bank active command.
eds2732cabh data sheet e0397e40 (ver. 4.0) 34 read command to precharge command interval (same bank) when the precharge command is executed for the same bank as the read command that preceded it, the minimum interval between the two commands is one clock. however, since the output buffer then becomes high-z after the clocks defined by l hzp, there is a case of interruption to burst read data output will be interrupted, if the precharge command is input during burst read. to read all data by burst read, the clocks defined by l ep must be assured as an interval from the final data output to precharge command execution. clk command dq read pre/pall out a0 out a1 out a2 out a3 cl=2 l ep = -1 cycle read to precharge command interval (same bank): to output all data (cl = 2, bl = 4) clk command dq read pre/pall out a0 out a1 out a2 out a3 cl=3 l ep = -2 cycle read to precharge command interval (same bank): to output all data (cl = 3, bl = 4) clk command dq read pre/pall out a0 high-z l hzp = 2 read to precharge command interval (same bank): to stop output data (cl = 2, bl = 1, 2, 4, 8) clk command dq read pre/pall out a0 l hzp =3 high-z read to precharge command interval (same bank): to stop output data (cl = 3, bl = 1, 2, 4, 8)
eds2732cabh data sheet e0397e40 (ver. 4.0) 35 write command to precharge command interval (same bank) when the precharge command is executed for the same bank as the write command that preceded it, the minimum interval between the two commands is 1 clock. however, if the burst write operation is unfinished, the input data must be masked by means of dqm for assurance of the clock defined by tdpl. clk in a0 in a1 in a2 command dq writ pre/pall dqm tdpl write to precharge command interval (same bank) (bl = 4 (to stop write operation)) clk in a0 in a1 in a2 command dq writ pre/pall in a3 dqm tdpl write to precharge command interval (same bank) (bl = 4 (to write all data))
eds2732cabh data sheet e0397e40 (ver. 4.0) 36 bank active command interval 1. same bank: the interval between the two bank active commands must be no less than trc. 2. in the case of different bank active commands: the interval between the two bank active commands must be no less than trrd. clk command address bs bank 0 active act row act row bank 0 active trc bank active to bank active for same bank clk command address bs bank 0 active bank 3 active act row:0 act row:1 trrd bank active to bank active for different bank mode register set to bank active command interval the interval between setting the mode register and executing a bank active command must be no less than l mrd. clk command address mode register set bank active mrs l mrd act bs & row opcode mode register set to bank active command interval
eds2732cabh data sheet e0397e40 (ver. 4.0) 37 dqm control the dqm mask the dq data. the udqm and ldqm mask the upper and lower bytes of the dq data, respectively. the timing of udqm/ldqm is different during reading and writing. reading when data is read, the output buffer can be controlled by dqm. by setting dqm to low, the output buffer becomes low-z, enabling data output. by setting dqm to high, the output buffer becomes high-z, and the corresponding data is not output. however, internal reading operations continue. the latency of dqm during reading is 2 clocks. writing input data can be masked by dqm. by setting dqm to low, data can be written. in addition, when dqm is set to high, the corresponding data is not written, and the previous data is held. the latency of dqm during writing is 0 clock. clk dq out 0 out 1 l dod = 2 latency out 3 dqm high-z reading clk dq in 0 in 1 l did = 0 latency in 3 dqm writing
eds2732cabh data sheet e0397e40 (ver. 4.0) 38 refresh auto-refresh all the banks must be precharged before executing an auto-refresh command. since the auto-refresh command updates the internal counter every time it is executed and determines the banks and the row addresses to be refreshed, external address specification is not required. the refresh cycles are required to refresh all the row addresses within tref (max.). the output buffer becomes high-z after auto-refresh start. in addition, since a precharge has been completed by an internal operation after the auto-refresh, an additional precharge operation by the precharge command is not required. self-refresh after executing a self-refresh command, the self-refresh operation continues while cke is held low. during self- refresh operation, all row addresses are refreshed by the internal refresh timer. a self-refresh is terminated by a self-refresh exit command. before and after self-refresh mode, execute auto-refresh to all refresh addresses in or within tref (max.) period on the condition 1 and 2 below. 1. enter self-refresh mode within time as below* after either burst refresh or distributed refresh at equal interval to all refresh addresses are completed. 2. start burst refresh or distributed refresh at equal interval to all refresh addresses within time as below*after exiting from self-refresh mode. note: tref (max.) / refresh cycles. others power-down mode the sdram enters power-down mode when cke goes low in the idle state. in power down mode, power consumption is suppressed by deactivating the input initial circuit. power down mode continues while cke is held low. in addition, by setting cke to high, the sdram exits from the power down mode, and command input is enabled from the next clock. in this mode, internal refresh is not performed. clock suspend mode by driving cke to low during a bank active or read/write operation, the sdram enters clock suspend mode. during clock suspend mode, external input signals are ignored and the internal state is maintained. when cke is driven high, the sdram terminates clock suspend mode, and command input is enabled from the next clock. for details, refer to the "cke truth table".
eds2732cabh data sheet e0397e40 (ver. 4.0) 39 timing waveforms read cycle bank 0 active bank 0 read bank 0 precharge clk cke /cs tras trcd thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi /ras /cas /we bs a10 address dqm dq (input) dq (output) thi tsi tch t tck t ac t ac cl t ac t oh t oh t oh t oh t rp trc /cas latency = 2 burst length = 4 bank 0 access = vih or vil = voh or vol thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi t t lz vih t hz ac
eds2732cabh data sheet e0397e40 (ver. 4.0) 40 write cycle clk cke /cs tras trcd /ras /cas /we bs a10 address dq (input) dq (output) tch t tck thi thi cl thi thi tsi tsi tsi tsi trp trc tdpl bank 0 write thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi thi tsi tsi bank 0 active bank 0 precharge vih cl = 2 bl = 4 bank 0 access = vih or vil dqm thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi thi tsi mode register set cycle 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clk cke /cs /ras /cas /we bs address dqm dq (input) dq (output) high-z b b+3 b? b?+1 b?+2 b?+3 l mrd valid c: b? code l rcd l rp precharge if needed mode register set bank 3 active bank 3 read r: b c: b output mask vih l rcd = 3 /cas latency = 3 burst length = 4 = vih or vil
eds2732cabh data sheet e0397e40 (ver. 4.0) 41 read cycle/write cycle 0 1 2 3 4 5 6 7 8 9 1011121314151617181920 r:a c:a r:b c:b c:b' c:b" a a+1 a+2 a+3 b b+1 b+2 b+3 b' b'+1 b" b"+1 b"+2 b"+3 cke /ras /cs /cas /we address dqm dq (output) dq (input) clk bs r:a c:a r:b c:b c:b' c:b" a a+1 a+2 a+3 b b+1 b+2 b+3 b' b'+1 b" b"+1 b"+2 b"+3 bank 0 active bank 0 read bank 3 active bank 3 read bank 3 read bank 3 read bank 0 precharge bank 3 precharge bank 0 active bank 0 write bank 3 active bank 3 write bank 3 write bank 3 write bank 0 precharge bank 3 precharge cke /ras /cs /cas /we address dqm dq (input) dq (output) bs high-z high-z vih read cycle /ras-/cas delay = 3 /cas latency = 3 burst length = 4 = vih or vil write cycle /ras-/cas delay = 3 /cas latency = 3 burst length = 4 = vih or vil vih read/single write cycle 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 r:a c:a r:b c:a' r:a c:a c:a a a a a bank 0 active bank 0 read bank 3 active bank 0 write bank 0 precharge bank 3 precharge bank 0 active bank 0 read bank 0 write bank 0 precharge r:b bank 3 active c:a bank 0 read a a+1 a+2 a+3 bank 0 write bank 0 write cke /ras /cs /cas /we address dqm dq (input) dq (output) clk bs cke /ras /cs /cas /we address dqm bs c:b bc a+1 a+3 a+1 a+2 a+3 c:c v ih v ih read/single write /ras-/cas delay = 3 /cas latency = 3 burst length = 4 = vih or vil dq (input) dq (output)
eds2732cabh data sheet e0397e40 (ver. 4.0) 42 read/burst write cycle 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 r:a c:a r:b c:a' r:a c:a c:a a a+1 a+2 a+3 a+1 a a+1 a+2 a+3 bank 0 active bank 0 read bank 0 write bank 0 precharge r:b bank 3 active cke /ras /cs /cas /we address dqm clk bs cke /ras /cs /cas /we address dqm bs a+1 a+2 a+3 a a+3 a bank 0 active bank 0 read bank 3 active clock suspend bank 0 write bank 0 precharge bank 3 precharge vi h read/burst write /ras-/cas delay = 3 /cas latency = 3 burst length = 4 = vih or vil dq (input) dq (output) dq (input) dq (output) auto refresh cycle 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 clk cke /cs /cas /we bs address dqm dq (input) dq (output) high-z rp precharge if needed auto refresh active bank 0 t rc t rc t auto refresh read bank 0 r:a c:a a10=1 /ras a a+1 vih refresh cycle and read cycle /ras-/cas delay = 2 /cas latency = 2 burst length = 4 = vih or vil
eds2732cabh data sheet e0397e40 (ver. 4.0) 43 self refresh cycle clk cke /cs /ras /cas /we bs address dqm dq (input) dq (output) precharge command if needed self refresh entry command auto refresh self refresh exit ignore command or no operation cke low a10=1 rc t rp t self refresh cycle /ras-/cas delay = 3 cl = 3 bl = 4 = vih or vil high-z next clock enable rc t next clock enable lsrex self refresh entry command clock suspend mode 0123 4 5 6 7 8 9 1011121314151617181920 r:a c:a r:b a a+1 a+2 a+3 b b+1 b+2 r:a c:a r:b c:b a a+1 a+2 b b+1 b+2 b+3 c:b bank0 active active clock suspend start active clock supend end bank0 read bank3 active read suspend start read suspend end bank0 precharge bank3 read earliest bank3 precharge bank0 write bank0 active active clock suspend start active clock suspend end bank3 active write suspend start write suspend end bank3 write bank0 precharge earliest bank3 precharge b+3 cke /ras /cs /cas /we address dqm clk bs cke /ras /cs /cas /we address dqm bs a+3 high-z high-z thi tsi tsi read cycle /ras-/cas delay = 2 /cas latency = 2 burst length = 4 = vih or vil write cycle /ras-/cas delay = 2 /cas latency = 2 burst length = 4 = vih or vil dq (output) dq (input) dq (output) dq (input)
eds2732cabh data sheet e0397e40 (ver. 4.0) 44 power down mode clk cke /cs /ras /cas /we bs address dqm dq (input) dq (output) precharge command if needed power down entry active bank 0 power down mode exit cke low r: a a10=1 rp t high-z power down cycle /ras-/cas delay = 3 /cas latency = 3 burst length = 4 = vih or vil initialization sequence 78910 52 53 54 48 49 50 51 auto refresh bank active if needed rc t rc t auto refresh valid 0 123456 clk cke /cs /ras /cas /we address dqm dq valid l mrd trp all banks precharge mode register set v ih vih 55 high-z code
eds2732cabh data sheet e0397e40 (ver. 4.0) 45 package drawing 90-ball fbga solder ball: lead free (sn-ag-cu) 90-
eds2732cabh data sheet e0397e40 (ver. 4.0) 46 recommended soldering conditions please consult with our sales offices for soldering conditions of the eds2732cabh. type of surface mount device eds2732cabh: 90-ball fbga < lead free (sn-ag-cu) >
eds2732cabh data sheet e0397e40 (ver. 4.0) 47 notes for cmos devices 1 precaution against esd for mos devices exposing the mos devices to a strong electric field can cause destruction of the gate oxide and ultimately degrade the mos devices operation. steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it, when once it has occurred. environmental control must be adequate. when it is dry, humidifier should be used. it is recommended to avoid using insulators that easily build static electricity. mos devices must be stored and transported in an anti-static container, static shielding bag or conductive material. all test and measurement tools including work bench and floor should be grounded. the operator should be grounded using wrist strap. mos devices must not be touched with bare hands. similar precautions need to be taken for pw boards with semiconductor mos devices on it. 2 handling of unused input pins for cmos devices no connection for cmos devices input pins can be a cause of malfunction. if no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. cmos devices behave differently than bipolar or nmos devices. input levels of cmos devices must be fixed high or low by using a pull-up or pull-down circuitry. each unused pin should be connected to v dd or gnd with a resistor, if it is considered to have a possibility of being an output pin. the unused pins must be handled in accordance with the related specifications. 3 status before initialization of mos devices power-on does not necessarily define initial status of mos devices. production process of mos does not define the initial operation status of the device. immediately after the power source is turned on, the mos devices with reset function have not yet been initialized. hence, power-on does not guarantee output pin levels, i/o settings or contents of registers. mos devices are not initialized until the reset signal is received. reset operation must be executed immediately after power-on for mos devices having reset function. cme0107
eds2732cabh data sheet e0397e40 (ver. 4.0) 48 m01e0107 no part of this document may be copied or reproduced in any form or by any means without the prior written consent of elpida memory, inc. elpida memory, inc. does not assume any liability for infringement of any intellectual property rights (including but not limited to patents, copyrights, and circuit layout licenses) of elpida memory, inc. or third parties by or arising from the use of the products or information listed in this document. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of elpida memory, inc. or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of the customer's equipment shall be done under the full responsibility of the customer. elpida memory, inc. assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. [product applications] elpida memory, inc. makes every attempt to ensure that its products are of high quality and reliability. however, users are instructed to contact elpida memory's sales office before using the product in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment, medical equipment for life support, or other such application in which especially high quality and reliability is demanded or where its failure or malfunction may directly threaten human life or cause risk of bodily injury. [product usage] design your application so that the product is used within the ranges and conditions guaranteed by elpida memory, inc., including the maximum ratings, operating supply voltage range, heat radiation characteristics, installation conditions and other related characteristics. elpida memory, inc. bears no responsibility for failure or damage when the product is used beyond the guaranteed ranges and conditions. even within the guaranteed ranges and conditions, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the equipment incorporating elpida memory, inc. products does not cause bodily injury, fire or other consequential damage due to the operation of the elpida memory, inc. product. [usage environment] this product is not designed to be resistant to electromagnetic waves or radiation. this product must be used in a non-condensing environment. if you export the products or technology described in this document that are controlled by the foreign exchange and foreign trade law of japan, you must follow the necessary procedures in accordance with the relevant laws and regulations of japan. also, if you export products/technology controlled by u.s. export control regulations, or another country's export control laws or regulations, you must follow the necessary procedures in accordance with such laws or regulations. if these products/technology are sold, leased, or transferred to a third party, or a third party is granted license to use these products, that third party must be made aware that they are responsible for compliance with the relevant laws and regulations. the information in this document is subject to change without notice. before using this document, confirm that this is the late st version.


▲Up To Search▲   

 
Price & Availability of EDS2732CABH-1A-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X