Part Number Hot Search : 
HD74HC 1078M 14051 C2SS001A EM8620L SB16100 10D121KJ MV313VCN
Product Description
Full Text Search
 

To Download DSEE15-06CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hiperdynfred tm epitaxial diode isoplus220 tm electrically isolated back surface notes: data given for t vj = 25 o c and per diode unless otherwise specified  diodes connected in series  pulse test: pulse width = 5 ms, duty cycle < 2.0 %  pulse test: pulse width = 300 s, duty cycle < 2.0 % ixys reserves the right to change limits, test conditions and dimensions. features  silicon chip on direct-copper-bond substrate - high power dissipation - isolated mounting surface - 2500v electrical isolation  low cathode to tab capacitance (<15pf)  planar passivated chips  very short recovery time  extremely low switching losses  low i rm -values  soft recovery behaviour  epoxy meets ul 94v-0 applications  antiparallel diode for high frequency switching devices  antisaturation diode  snubber diode  free wheeling diode in converters and motor control circuits  rectifiers in switch mode power supplies (smps)  inductive heating  uninterruptible power supplies (ups)  ultrasonic cleaners and welders advantages  avalanche voltage rated for reliable operation  soft reverse recovery for low emi/rfi  low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch i fav = 15 a v rrm = 600 v  t rr = 30 ns v rrm  v rrm type v v 1200 600 DSEE15-06CC symbol conditions maximum ratings i frms 35 a i favm  t c = 115c; rectangular, d = 0.5 15 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 110 a e as t vj = 25c; non-repetitive 0.8 mj i as = 2.5 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.2 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c t l 1.6 mm (0.063 in) from case for 10 s 260 c p tot t c = 25c 95 w v isol 50/60 hz rms; i isol 1 ma 2500 v~ f c mounting force 11...65 / 2.5...15 n / lb weight typical 2 g symbol conditions characteristic values typ. max. i r  t vj = 25c v r = v rrm 100 a t vj = 150c v r = v rrm  0.5 ma v f i f = 15 a; t vj = 125c 1.25 v t vj = 25c 1.7 v r thjc 1.6 k/w r thch 0.6 k/w t rr i f = 1 a; -di/dt = 200 a/s; 30 ns v r = 30 v i rm v r = 100 v; i f = 25 a; -di f /dt = 100 a/s 2 2.7 a t vj = 100c 98827 (05/01) ? 2001 ixys all rights reserved DSEE15-06CC advance technical information 1 2 3 * patent pending isoplus220 tm 3 2 isolated back surface * 1
DSEE15-06CC isoplus220 outline note: all terminals are solder plated. 1 - cathode 2 - anode/cathode 3 - anode


▲Up To Search▲   

 
Price & Availability of DSEE15-06CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X