Part Number Hot Search : 
SMBJ5 LM5964 STPS2 BYV26 D13003 FX465 SZ5227 B2005
Product Description
Full Text Search
 

To Download C20042103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c2004.21.03 product sku: hook-up wire, ul 1007, ul 1569, csa tr-64, gauge size (awg): 22, conductor/strands: solid, product description: jacket: premium grade pvc, temperature range: -20aoc to +105aoc - red - 1000 ft. spool product category: electronics - hook-up wire - ul 1007, ul 1569, csa tr-64 - solid conductors - red product construction: conductor: 24 thru 16 awg fully-annealed, tinned copper per astm b-33 solid or stranded insulation: color code: see chart below premium grade color-coded pvc temperature range: -20ac to +105ac product specification: conductor size (awg): 22 conductor/strands: solid no. of pairs: 1 jacket color: red nominal insulation thickness 0.016 (in): nominal insulation thickness 0.40 (mm): nominal outside diameter (in): 0.057 nominal outside diameter 1.45 (mm): standard packaging: 1000' spool
standard package quantity: 1 upc #: 079407765317 put-up: 1000 scc-14: 50079407765311 cube: 204.723 weight per unit of measure: .0043 coloroption: red product information: applications: internal wiring of electrical and electronic equipment internal wiring of panels and meters point-to-point wiring suggested voltage rating: 300 volts compliances: csa tr-64 - 90aoc, 300v designed to meet ul vw-1 vertical wire flame test ul style 1007 - 80ac, 300v ul style 1569 - 105ac, 300v packaging: 10,000 foot (3048m) reels 1000' (305m) spools other put-ups available- consult customer service reference charts color code chart technical specifications unit conversion factors cable design equations - balanced pair insulation and jacket properties temperature conversion chart decimal and unit conversion factors cable design equations - braid shield
awg conductor chart conduit capacity chart cable design equations - coaxial cable engineering prefixes coax connector cross reference glossary


▲Up To Search▲   

 
Price & Availability of C20042103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X