Part Number Hot Search : 
MPC8275 SKY7752 UFT40140 SC2642 MNR4G DLG3416 KMM5364 3DD13
Product Description
Full Text Search
 

To Download AAT1126IGV-06-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 1 switchreg ? general description the aat1126 switchreg? is a member of analogictech's total power management ic? (tpmic?) product family. it is a 1mhz step-down converter with an input voltage range of 2.7v to 5.5v and output as low as 0.6v. its low supply cur- rent, small size, and high switching frequency make the aat1126 the ideal choice for portable applications. the aat1126 is available in either a fixed version with internal feedback or a programmable version with external feedback resistors. it can deliver up to 600ma of load current while maintaining a low 25a no load quiescent current. the 1mhz switch- ing frequency minimizes the size of external com- ponents while keeping switching losses low. the aat1126 feedback and control delivers excellent load regulation and transient response with a small output inductor and capacitor. the aat1126 is designed to maintain high efficien- cy throughout the operating range and provides fast turn-on time. the aat1126 is available in a pb-free, space-sav- ing sot23-5 package and is rated over the -40c to +85c temperature range. features ?v in range: 2.7v to 5.5v ?v out adjustable down to 0.6v ? fixed or adjustable version ? fast turn-on time (100s typical) ? 25a no load quiescent current ? up to 97% efficiency ? output current up to 600ma ? 1mhz switching frequency ? soft start ? over-temperature protection ? current limit protection ? 100% duty cycle low-dropout operation ? 0.1a shutdown current ? sot23-5 package ? temperature range: -40c to +85c applications ? cellular phones ? digital cameras ? handheld instruments ? microprocessor / dsp core / io power ? pdas and handheld computers ? usb devices typical application (fixed output voltage) 4.7h l1 10f c1 4.7f c2 en 2 out 4 vin 5 lx 3 gnd 1 aat1126 u1 v in v o
pin descriptions pin configuration sot23-5 (top view) pin # symbol function 1 gnd ground pin. 2 en enable pin. 3 lx switching node. connect the inductor to this pin. it is internally connected to the drain of both high- and low-side mosfets. 4 out feedback input pin. this pin is connected either directly to the converter output or to an external resistive divider for an adjustable output. 5 vin input supply voltage for the converter. aat1126 600ma, 1mhz step-down converter 2 1126.2006.05.1.1 en vin out lx gnd 1 2 3 4 5
absolute maximum ratings 1 thermal information symbol description value units p d maximum power dissipation (sot23-5) 667 mw ja thermal resistance 2 ( sot23-5) 150 c/w symbol description value units v in input voltage gnd 6.0 v v lx l x to gnd -0.3 to v in + 0.3 v v out out to gnd -0.3 to v in + 0.3 v v en en to gnd -0.3 to 6.0 v t j operating junction temperature range -40 to 150 c t lead maximum soldering temperature (at leads, 10 sec) 300 c aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 3 1. stresses above those listed in absolute maximum ratings may cause permanent damage to the device. functional operation at c ondi- tions other than the operating conditions specified is not implied. only one absolute maximum rating should be applied at any one time. 2. mounted on an fr4 board.
electrical characteristics 1 t a = -40c to +85c, unless otherwise noted. typical values are t a = 25c, v in = 3.6v. symbol description conditions min typ max units step-down converter v in input voltage 2.7 5.5 v v in rising 2.6 v v uvlo uvlo threshold hysteresis 100 mv v in falling 1.8 v v out output voltage tolerance i out = 0 to 600ma, -3.5 +3.5 % v in = 2.7v to 5.5v v out output voltage range 0.6 v in v i q quiescent current no load, 0.6v adjustable 25 50 a version i shdn shutdown current en = agnd = pgnd 1.0 a i out_x maximum load current 600 ma r ds(on)h high side switch on resistance 0.45 r ds(on)l low side switch on resistance 0.40 i lxleak lx leakage current v in = 5.5v, v lx = 0 to v in , 1a en = gnd v linereg line regulation v in = 2.7v to 5.5v 0.5 %/v v out out threshold voltage accuracy 0.6v output, no load 591 600 609 mv t a = 25c i out out leakage current 0.6v output 0.2 a r out out impedance >0.6v output 250 k t s start-up time from enable to output 100 s regulation f osc oscillator frequency t a = 25c 0.7 1.0 1.5 mhz t sd over-temperature shutdown threshold 140 c t hys over-temperature shutdown hysteresis 15 c en v en(l) enable threshold low 0.6 v v en(h) enable threshold high 1.4 v i en input low current v in = v fb = 5.5v -1.0 1.0 a aat1126 600ma, 1mhz step-down converter 4 1126.2006.05.1.1 1. the aat1126 is guaranteed to meet performance specifications over the -40c to +85c operating temperature range and is assu red by design, characterization, and correlation with statistical process controls.
aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 5 typical characteristics dc regulation (v out = 1.5v; l = 4.7 h) output current (ma) output error (%) -3.0 -2.0 -1.0 0.0 1.0 2.0 3.0 0.1 1 10 100 1000 v in = 3.6v v in = 4.2v v in = 2.7v efficiency vs. load (v out = 1.5v; l = 4.7 h) output current (ma) efficiency (%) 50 60 70 80 90 100 0.1 1 10 100 1000 v in = 3.6v v in = 4.2v v in = 2.7v dc regulation (v out = 2.5v; l = 10 h) output current (ma) output error (%) -3.0 -2.0 -1.0 0.0 1.0 2.0 3.0 0.1 1 10 100 1000 v in = 3.6v v in = 3.3v v in = 3.0v efficiency vs. load (v out = 2.5v; l = 10 h) output current (ma) efficiency (%) 60 70 80 90 100 0.1 1 10 100 1000 v in = 3.0v v in = 3.6v v in = 3.3v dc regulation (v out = 3.3v; l = 10 h) output current (ma) output error (%) -3.0 -2.0 -1.0 0.0 1.0 2.0 3.0 0.1 1 10 100 1000 v in = 4.2v v in = 3.9v efficiency vs. load (v out = 3.3v; l = 10 h) output current (ma) efficiency (%) 60 70 80 90 100 0.1 1 10 100 1000 v in = 3.9v v in = 4.2v
typical characteristics aat1126 600ma, 1mhz step-down converter 6 1126.2006.05.1.1 n-channel r ds(on) vs. input voltage input voltage (v) r ds(on) (m ) 300 350 400 450 500 550 600 650 700 750 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 25 c 120 c 100 c 85 c p-channel r ds(on) vs. input voltage input voltage (v) r ds(on) (m ) 300 350 400 450 500 550 600 650 700 750 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 25 c 120 c 100 c 85 c quiescent current vs. input voltage (v o = 1.8v) input voltage (v) supply current ( a) 85 c 25 c -40 c 15 20 25 30 35 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 switching frequency vs. temperature (v in = 3.6v; v o = 1.5v) temperature ( c) variation (%) -0.20 -0.10 0.00 0.10 0.20 -40 -20 0 20 40 60 80 100 output voltage error vs. temperature (v in = 3.6v; v o = 2.5v) temperature ( c) output error (%) -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 2.0 1.5 -40 -20 0 20 40 60 80 100 frequency vs. input voltage (v out = 1.8v) input voltage (v) frequency variation (%) -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5
typical characteristics aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 7 load transient response (30ma - 300ma; v in = 3.6v; v out = 2.5v; c1 = 22 f) output voltage (top) (v) load and inductor current (200ma/div) (bottom) time (25 2.05 2.15 2.25 2.35 2.45 2.55 2.65 -0.1 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 30ma 300ma load transient response (30ma - 300ma; v in = 3.6v; v out = 1.5v; c1 = 22 f) output voltage (top) (v) load and inductor current (200ma/div) (bottom) time (25 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 -0.1 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 30ma 300ma soft start (v in = 3.6v; v out = 1.5v; l = 4.7 h) enable and output voltage (top) (v) inductor current (bottom) (a) time (50 -4.0 -3.0 -2.0 -1.0 0.0 1.0 2.0 3.0 4.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 output ripple (v in = 3.6v; v out = 1.8v; 400ma) output voltage (ac coupled) (top) (mv) inductor current (bottom) (a) time (250ns/div) -120 -100 -80 -60 -40 -20 0 20 40 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 line regulation (v out = 1.5v) input voltage (v) accuracy (%) -1 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 i out = 600ma i out = 100ma i out = 10ma line transient (v out = 2.5v @ 500ma) output voltage (top) (v) input voltage (bottom) (v) time (25 s/div) 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
functional block diagram aat1126 600ma, 1mhz step-down converter 8 1126.2006.05.1.1 functional description the aat1126 is a high performance 600ma 1mhz monolithic step-down converter. it has been designed with the goal of minimizing external com- ponent size and optimizing efficiency over the com- plete load range. apart from the small bypass input capacitor, only a small l-c filter is required at the out- put. typically, a 4.7h inductor and a 10f ceramic capacitor are recommended (see table of values). the fixed output version requires only three external power components (c in , c out , and l). the adjustable version can be programmed with external feedback to any voltage, ranging from 0.6v to the input voltage. an additional feed-forward capacitor can also be added to the external feedback to pro- vide improved transient response (see figure 1). at dropout, the converter duty cycle increases to 100% and the output voltage tracks the input volt- age minus the r dson drop of the p-channel high- side mosfet. the input voltage range is 2.7v to 5.5v. the con- verter efficiency has been optimized for all load conditions, ranging from no load to heavy load. the internal error amplifier and compensation pro- vides excellent transient response, load, and line regulation. soft start eliminates any output voltage overshoot when the enable or the input voltage is applied. en lx err . amp logic dh dl gnd vin out voltage reference input see note note: for adjustable version, the internal feedback divider is omitted and the out pin is tied directly to the internal error amplifier.
control loop the aat1126 is a peak current mode step-down converter. the current through the p-channel mosfet (high side) is sensed for current loop control, as well as short circuit and overload pro- tection. a fixed slope compensation signal is added to the sensed current to maintain stability for duty cycles greater than 50%. the peak current mode loop appears as a voltage-programmed current source in parallel with the output capacitor. the output of the voltage error amplifier programs the current mode loop for the necessary peak switch current to force a constant output voltage for all load and line conditions. internal loop compen- sation terminates the transconductance voltage error amplifier output. for fixed voltage versions, the error amplifier reference voltage is internally set to program the converter output voltage. for the adjustable output, the error amplifier reference is fixed at 0.6v. soft start / enable soft start limits the current surge seen at the input and eliminates output voltage overshoot. when pulled low, the enable input forces the aat1126 into a low-power, non-switching state. the total input current during shutdown is less than 1a. the aat1126 provides turn-on within 100s (typi- cal) of the enable input transition. current limit and over-temperature protection for overload conditions, the peak input current is limited. to minimize power dissipation and stresses under current limit and short-circuit conditions, switching is terminated after entering current limit for a series of pulses. switching is terminated for seven consecutive clock cycles after a current limit has been sensed for a series of four consecutive clock cycles. thermal protection completely disables switching when internal dissipation becomes excessive. the junction over-temperature threshold is 140c with 15c of hysteresis. once an over-temperature or over-current fault conditions is removed, the output voltage automatically recovers. under-voltage lockout internal bias of all circuits is controlled via the v in input. under-voltage lockout (uvlo) guarantees sufficient v in bias and proper operation of all inter- nal circuitry prior to activation. aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 9 figure 1: enhanced transient response schematic. c4 100pf v in v out = 1.8v gnd 1 2 3 enable jp1 r1 118k l1 4.7h gnd 1 en 2 lx 3 vin 5 out 4 aat1126 c2 4.7f c1 10f r2 59k c3 n/a lx l1 cdrh3d16-4r7 u1 aat1126 sot23-5 c1 10 f 10v 0805 x5r c2 4.7 f 10v 0805 x5 r
aat1126 600ma, 1mhz step-down converter 10 1126.2006.05.1.1 applications information inductor selection the step-down converter uses peak current mode control with slope compensation to maintain stability for duty cycles greater than 50%. the output induc- tor value must be selected so the inductor current down slope meets the internal slope compensation requirements. the internal slope compensation for the adjustable and low-voltage fixed versions of the aat1126 is 0.24a/sec. this equates to a slope compensation that is 75% of the inductor current down slope for a 1.5v output and 4.7h inductor. this is the internal slope compensation for the adjustable (0.6v) version or low-voltage fixed ver- sions. when externally programming the 0.6v ver- sion to 2.5v, the calculated inductance is 7.5h. in this case, a standard 10h value is selected. for high-voltage fixed versions (2.5v and above), m = 0.48a/sec. table 1 displays inductor values for the aat1126 fixed and adjustable options. manufacturer's specifications list both the inductor dc current rating, which is a thermal limitation, and the peak current rating, which is determined by the saturation characteristics. the inductor should not show any appreciable saturation under normal load conditions. some inductors may meet the peak and average current ratings yet result in excessive loss- es due to a high dcr. always consider the losses associated with the dcr and its effect on the total converter efficiency when selecting an inductor. the 4.7h cdrh3d16 series inductor selected from sumida has a 105m dcr and a 900ma dc current rating. at full load, the inductor dc loss is 17mw which gives a 2.8% loss in efficiency for a 400ma, 1.5v output. input capacitor select a 4.7f to 10f x7r or x5r ceramic capac- itor for the input. to estimate the required input capacitor size, determine the acceptable input rip- ple level (v pp ) and solve for c. the calculated value varies with input voltage and is a maximum when v in is double the output voltage. always examine the ceramic capacitor dc voltage coefficient characteristics when selecting the prop- er value. for example, the capacitance of a 10f, 6.3v, x5r ceramic capacitor with 5.0v dc applied is actually about 6f. table 1: inductor values. configuration output voltage inductor slope compensation 0.6v adjustable with 0.6v to 2.0v 4.7h 0.24a/sec external resistive divider 2.5v to 3.3v 10h 0.24a/sec fixed output 0.6v to 2.0v 4.7h 0.24a/sec 2.5v to 3.3v 4.7h 0.48a/sec c in(min) = 1 ?? - esr 4 f s ?? v pp i o ?? 1 - = for v in = 2 v o ?? v o v in v o v in 1 4 ?? 1 - ?? v o v in c in = v o v in ?? - esr f s ?? v pp i o 0.75 ? v o l = = 3 ? v o = 3 ? 2.5v = 7.5 h m 0.75 ? v o 0.24a sec a sec a a sec 0.75 ? v o m = = = 0.24 l 0.75 ? 1.5v 4.7 h a sec
aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 11 the maximum input capacitor rms current is: the input capacitor rms ripple current varies with the input and output voltage and will always be less than or equal to half of the total dc load current. for v in = 2 x v o the term appears in both the input volt- age ripple and input capacitor rms current equations and is a maximum when v o is twice v in . this is why the input voltage ripple and the input capacitor rms current ripple are a maximum at 50% duty cycle. the input capacitor provides a low impedance loop for the edges of pulsed current drawn by the aat1126. low esr/esl x7r and x5r ceramic capacitors are ideal for this function. to minimize stray inductance, the capacitor should be placed as closely as possible to the ic. this keeps the high frequency content of the input current local- ized, minimizing emi and input voltage ripple. the proper placement of the input capacitor (c2) can be seen in the evaluation board layout in figure 2. figure 2: aat1126 evaluation board figure 3: exploded view of evaluation top side. board top side layout. figure 4: aat1126 evaluation board bottom side. ?? 1 - ?? v o v in v o v in i o rms(max) i 2 = ?? 1 - = d (1 - d) = 0.5 2 = ?? v o v in v o v in 1 2 ?? i rms = i o 1 - ?? v o v in v o v in
a laboratory test set-up typically consists of two long wires running from the bench power supply to the evaluation board input voltage pins. the induc- tance of these wires, along with the low-esr ceramic input capacitor, can create a high q net- work that may affect converter performance. this problem often becomes apparent in the form of excessive ringing in the output voltage during load transients. errors in the loop phase and gain measurements can also result. since the inductance of a short pcb trace feeding the input voltage is significantly lower than the power leads from the bench power supply, most applications do not exhibit this problem. in applications where the input power source lead inductance cannot be reduced to a level that does not affect the converter performance, a high esr tantalum or aluminum electrolytic should be placed in parallel with the low esr, esl bypass ceramic. this dampens the high q network and stabilizes the system. output capacitor the output capacitor limits the output ripple and provides holdup during large load transitions. a 22f x5r or x7r ceramic capacitor provides suffi- cient bulk capacitance to stabilize the output during large load transitions and has the esr and esl characteristics necessary for low output ripple. the output voltage droop due to a load transient is dominated by the capacitance of the ceramic out- put capacitor. during a step increase in load cur- rent, the ceramic output capacitor alone supplies the load current until the loop responds. within two or three switching cycles, the loop responds and the inductor current increases to match the load current demand. the relationship of the output volt- age droop during the three switching cycles to the output capacitance can be estimated by: once the average inductor current increases to the dc load level, the output voltage recovers. the above equation establishes a limit on the minimum value for the output capacitor with respect to load transients. the internal voltage loop compensation limits the minimum output capacitor value to 10f. this is due to its effect on the loop crossover frequency (bandwidth), phase margin, and gain margin. increased output capacitance will reduce the crossover frequency with greater phase margin. the maximum output capacitor rms ripple current is given by: dissipation due to the rms current in the ceramic output capacitor esr is typically minimal, resulting in less than a few degrees rise in hot-spot temperature. adjustable output resistor selection for applications requiring an adjustable output volt- age, the 0.6v version can be externally pro- grammed. resistors r1 and r2 of figure 5 program the output to regulate at a voltage higher than 0.6v. to limit the bias current required for the external feedback resistor string while maintaining good noise immunity, the minimum suggested value for r2 is 59k . although a larger value will further reduce quiescent current, it will also increase the impedance of the feedback node, making it more sensitive to external noise and interference. table 2 summarizes the resistor values for various output voltages with r2 set to either 59k for good noise immunity or 221k for reduced no load input current. the adjustable version of the aat1126, combined with an external feedforward capacitor (c4 in figure 1), delivers enhanced transient response for extreme pulsed load applications. the addition of the feedforward capacitor typically requires a larg- er output capacitor c1 for stability. aat1126 600ma, 1mhz step-down converter 12 1126.2006.05.1.1 ?? ?? r1 = -1 r2 = - 1 59k = 88.5k v out v ref ?? ?? 1.5v 0.6v 1 23 v out (v in(max) - v out ) rms(max) i l f v in(max) = c out = 3 i load v droop f s
aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 13 table 2: adjustable resistor values for use with 0.6v step-down converter. thermal calculations there are three types of losses associated with the aat1126 step-down converter: switching losses, conduction losses, and quiescent current losses. conduction losses are associated with the r ds(on) characteristics of the power output switching devices. switching losses are dominated by the gate charge of the power output switching devices. at full load, assuming continuous conduction mode (ccm), a simplified form of the losses is given by: i q is the step-down converter quiescent current. the term t sw is used to estimate the full load step- down converter switching losses. for the condition where the step-down converter is in dropout at 100% duty cycle, the total device dis- sipation reduces to: r2 = 59k r2 = 221k v out (v) r1 (k ) r1 (k ) 0.8 19.6 75 0.9 29.4 113 1.0 39.2 150 1.1 49.9 187 1.2 59.0 221 1.3 68.1 261 1.4 78.7 301 1.5 88.7 332 1.8 118 442 1.85 124 464 2.0 137 523 2.5 187 715 3.3 267 1000 figure 5: aat1126 adjustable evaluation board schematic. p total = i o 2 r dson(hs) + i q v in p total i o 2 (r dson(hs) v o + r dson(ls) [v in - v o ]) v in = + (t sw f i o + i q ) v in v out v in 1 2 3 enable jp1 r1 118k l1 4.7h gnd 1 en 2 lx 3 vin 5 out 4 aat1126 c2 4.7f c1 10f r2 59k gnd lx l1 cdrh3d16-4r7 u1 aat1126 sot23-5 c2 4.7f 10v 0805 x5r c1 10f 6.3v 0805 x5r
since r ds(on) , quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input voltage range. given the total losses, the maximum junction tem- perature can be derived from the ja for the sot23-5 package which is 150c/w. layout the suggested pcb layout for the aat1126 is shown in figures 2, 3, and 4. the following guide- lines should be used to help ensure a proper layout. 1. the input capacitor (c2) should connect as close- ly as possible to v in (pin 3) and gnd (pin 1). 2. c1 and l1 should be connected as closely as possible. the connection of l1 to the lx pin should be as short as possible. 3. the feedback trace or out pin (pin 4) should be separate from any power trace and connect as closely as possible to the load point. sensing along a high-current load trace will degrade dc load regulation. if external feedback resistors are used, they should be placed as closely as possible to the out pin (pin 4) to minimize the length of the high impedance feedback trace. 4. the resistance of the trace from the load return to gnd (pin 1) should be kept to a minimum. this will help to minimize any error in dc regulation due to differences in the potential of the load return and the aat1126 ground. aat1126 600ma, 1mhz step-down converter 14 1126.2006.05.1.1 t j(max) = p total ja + t amb
step-down converter design example specifications v o = 1.8v @ 400ma (adjustable using 0.6v version), pulsed load i load = 300ma v in = 2.7v to 4.2v (3.6v nominal) f s = 1.0mhz t amb = 85c 1.8v output inductor (see table 1) for sumida inductor cdrh3d16, 4.7h, dcr = 105m . 1.8v output capacitor v droop = 0.05v aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 15 1 23 1 1.8v (4.2v - 1.8v) 4.7 h 1.0mhz 4.2v 23 rms i l1 f v in(max) = 3 i load v droop f s 3 0.3a 0.05v 1mhz c out = = = 18.0 f = 63marms (v o ) (v in(max) - v o ) = p esr = esr i rms 2 = 5m (63ma) 2 = 20 w v o v o 1.8 v 1.8v i l1 = ? 1 - = ? 1 - = 218ma l1 ? f v in 4.7 h ? 1.0mhz 4.2v i pkl1 = i o + i l1 = 0.4a + 0.11a = 0.51a 2 p l1 = i o 2 ? dcr = 0.4a 2 ? 105m = 17mw ? ? ? ? ? ? ? ? l1 = 3 ? v o2 = 3 ? 1.8v = 5.4 h sec a sec a
input capacitor input ripple v pp = 25mv aat1126 losses aat1126 600ma, 1mhz step-down converter 16 1126.2006.05.1.1 t j(max) = t amb + ja p loss = 85 c + (150 c/w) 76mw = 96.4 c p total + (t sw f i o + i q ) v in i o 2 (r dson(hs) v o + r dson(ls) [v in -v o ] ) v in = = + (5ns 1.0mhz 0.4a + 50 a) 4.2v = 76mw 0.4 2 (0.45 1.8v + 0.4 [4.2v - 1.8v]) 4.2v i o rms i p = esr i rms 2 = 5m (0.2a) 2 = 0.2mw 2 = = 0.2arms c in = = = 4.75 f 1 ?? - esr 4 f s ?? v pp i o 1 ?? - 5m 4 1mhz ?? 25mv 0.4a
table 3: evaluation board component values. table 4: typical surface mount inductors. inductance max dc dcr size (mm) manufacturer part number (h) current (a) ( ) lxwxh type sumida cdrh3d16-4r7 4.7 0.90 0.11 4.0x4.0x1.8 shielded sumida cdrh3d16/hp-100 10 0.84 0.23 4.0x4.0x1.8 shielded murata lqh32cn4r7m33 4.7 0.65 0.15 2.5x3.2x2.0 non-shielded murata lqh32cn4r7m53 4.7 0.65 0.15 2.5x3.2x1.55 non-shielded coilcraft lpo6610-472 4.7 1.10 0.20 5.5x6.6x1.0 1mm coilcraft lpo3310-472 4.7 0.80 0.27 3.3x3.3x1.0 1mm coiltronics sdrc10-4r7 4.7 1.53 0.117 4.5x3.6x1.0 1mm shielded coiltronics sdr10-4r7 4.7 1.30 0.122 5.7x4.4x1.0 1mm shielded coiltronics sd3118-4r7 4.7 0.98 0.122 3.1x3.1x1.85 shielded coiltronics sd18-4r7 4.7 1.77 0.082 5.2x5.2x1.8 shielded v out (v) r1 (k ) r1 (k ) l1 (h) adjustable version r2 = 59k r2 = 221k 1 1 (0.6v device) 0.8 19.6 75.0 4.7 0.9 29.4 113 4.7 1.0 39.2 150 4.7 1.1 49.9 187 4.7 1.2 59.0 221 4.7 1.3 68.1 261 4.7 1.4 78.7 301 4.7 1.5 88.7 332 4.7 1.8 118 442 4.7 1.85 124 464 4.7 2.0 137 523 4.7 or 6.8 2.5 187 715 10 3.3 267 1000 10 v out (v) r1 (k ) l1 (h) fixed version r2 not used 0.6-3.3v 0 4.7 aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 17 1. for reduced quiescent current r2 = 221k .
table 5: surface mount capacitors. manufacturer part number value voltage temp. co. case murata grm21br60j226me39 22f 6.3v x5r 0805 murata grm21br60j106ke19 10f 6.3v x5r 0805 aat1126 600ma, 1mhz step-down converter 18 1126.2006.05.1.1
ordering information package information sot23-5 all dimensions in millimeters. output voltage 1 package marking 2 part number (tape and reel) 3 adj. 0.6 sot23-5 qpxyy aat1126igv-0.6-t1 aat1126 600ma, 1mhz step-down converter 1126.2006.05.1.1 19 1. contact sales for other voltage options. 2. xyy = assembly and date code. 3. sample stock is generally held on part numbers listed in bold . 4 4 0.15 0.07 0.45 0.15 0.10 bsc 1.20 0.25 1.575 0.125 2.80 0.20 0.40 0.10 0.60 ref 2.85 0.15 1.90 bsc 0.95 bsc 1.10 0.20 10 5 gauge plane 0.075 0.075 0.60 ref all analogictech products are offered in pb-free packaging. the term ?pb-free? means semiconductor products that are in compliance with current rohs standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. for more information, please visit our website at http://www.analogictech.com/pbfree.
aat1126 600ma, 1mhz step-down converter 20 1126.2006.05.1.1 advanced analogic technologies, inc. 830 e. arques avenue, sunnyvale, ca 94085 phone (408) 737-4600 fax (408) 737-4611 ? advanced analogic technologies, inc. analogictech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an analogictech pr oduct. no circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. analogictech reserves the right to make changes to their products or specifi cations or to discontinue any product or service without notice. customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information b eing relied on is current and complete. all products are sold sub- ject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. analogictech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with anal ogictech?s standard warranty. testing and other quality con- trol techniques are utilized to the extent analogictech deems necessary to support this warranty. specific testing of all param eters of each device is not necessarily performed. analogictech and the analogictech logo are trademarks of advanced analogic technologies incorporated. all other brand and produ ct names appearing in this document are regis- tered trademarks or trademarks of their respective holders.


▲Up To Search▲   

 
Price & Availability of AAT1126IGV-06-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X