Part Number Hot Search : 
HD74LV 0512E EPA1990A HCS41001 2SC4981 25DMB TLGC191P TG25E
Product Description
Full Text Search
 

To Download A78R12PIC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-i0s002-006 1 a78rxxpic ldo fixed regulator ic description the a78rxx series is a low dropout voltage regulator suitable for various electronic equipments. it provides constant voltage power source with to-220f-4sl lead fu ll-mold package. dropout voltage of a78rxx series is below max.0.5v in full rated current (1.0a). this regulat or has various functions such as current limit protection, over voltage protection and output on/off control. features pin connection ? 1.0a output low dropout regulator ? to-220f-4sl full-mold package (4pin) ? current limit protection ? over voltage protection ? thermal shutdown protection ? with output on/off control (at typical 1.5v) ? control pin open or high signal, output on device selection guide device output voltage a78r33pic 3.3v a78r35pic 3.5v a78r05pic 5.0v a78r06pic 6.0v a78r08pic 8.0v a78r09pic 9.0v A78R12PIC 12.0v product marking package a78rxxpic a78rxxpi to-220f-4sl 1 1. input 2. output 3. ground 4. on/off control 2 3 4 a78rxxpi( ) yyww( ) ordering information device code year & week code
ksd-i0s002-006 2 a78rxxpic block diagram absolute maximum ratings [ta=25 ] characteristic symbol rating unit 18(all others) v input voltage v i 25(A78R12PIC) v control input voltage v ct 18 v p d1 (no heatsink) 2.0 w power dissipation p d2 (with heatsink) 20 w junction temperature t j 150 c operating temperature range t opr -20 ~ 80 c storage temperature range t stg -55 ~ 150 c
ksd-i0s002-006 3 a78rxxpic electrical characteristics (v i = v o +2v, io = 500ma, v ct(high) =2.7v, t a = 25c, unless otherwise specified) electric characteristic symbol conditions min. typ. max. unit a78r33pic - 3.22 3.3 3.38 v a78r35pic - 3.41 3.5 3.59 v a78r05pic - 4.88 5.0 5.12 v a78r06pic - 5.85 6.0 6.15 v a78r08pic - 7.80 8.0 8.20 v a78r09pic - 8.78 9.0 9.22 v output voltage v o A78R12PIC - 11.7 12.0 12.3 v line regulation v o( vi) note1, i o =500ma - 0.5 2.5 % load regulation v o( il) 5ma i o 1.0a - 0.1 2.0 % quiescent current i qc i o =0ma - - 10 ma ripple rejection ratio rr (v o +2v) v i 12v, i o =50ma f=120hz 45 55 - db dropout voltage v drop i o =1.0a - - 0.5 v control voltage high v ct(high) i o =0ma, output on 2.0 - - v control voltage low v ct(low) i o =0ma, output off - - 0.8 v control bias current high i ct(high) v ct(high) = 2.7v - - 20 a control bias current low i ct(low) v ct(low) = 0.4v - - -0.4 ma note 1. a78r33: v i =4.3v~12v a78r35: v i =4.5v~12v a78r05: v i =6v~12v a78r06: v i =7v~15v a78r08: v i =9v~16v a78r09: v i =10v~16v a78r12: v i =12v~16v ? ? ? test circuit of a78rxxpic
ksd-i0s002-006 4 a78rxxpic electrical characteristic curves fig.2 t a vs. p d ambient temperature t a [ ? c] 100 50 25 25 15 125 75 150 20 5 10 0 0 power dissipation p d [w] without heat sink relative output voltage [%] output current i o [a] 1.0 0.5 1.5 0 3.0 2.5 2.0 100 60 80 40 20 0 a78rxxpic fig.1 i o vs. v o fig.4 v i vs. i qc quiescent current i qc [ma] 30 18 24 12 6 0 4 2 6 0 12 10 8 input voltage v i [v] i o =0.5a i o =1.0a a78r05pic v i =0v~12v i o =0.0a fig.3 v i vs. i qc quiescent current i qc [ma] 30 18 24 12 6 0 4 2 6 0 12 10 8 input voltage v i [v] a78r33pic v i =0v~12v i o =0.0a fig.5 v i vs. i qc quiescent current i qc [ma] 30 18 24 12 6 0 5.0 2.5 7.5 0 15.0 12.5 10.0 input voltage v i [v] a78r08pic v i =0v~15v i o =0.0a fig.6 v i vs. i qc quiescent current i qc [ma] 30 18 24 12 6 0 5.0 2.5 7.5 0 15.0 12.5 10.0 input voltage v i [v] a78r09pic v i =0v~15v i o =0.0a 3.5
ksd-i0s002-006 5 a78rxxpic electrical characteristic curves relative output voltage [%] control voltage v ct [v] 1.0 0.5 1.5 0 3.0 2.5 2.0 125 75 100 50 25 0 a78rxxpic fig.9 v ct vs. v o fig.10 t j vs. v o output voltage v o [v] 5.2 5.0 5.1 4.9 4 .8 4.7 25 0 50 -25 125 100 75 junction temperature t j [ ] a78r05pic i o =0.5a fig.8 t j vs. i qc quiescent current i qc [ma] 5 3 4 2 1 0 25 0 50 -25 125 100 75 junction temperature t j [ ] a78rxxpic i o =0.0a fig.7 v i vs. i qc quiescent current i qc [ma] 50 30 40 20 10 0 8 4 12 0 24 20 16 input voltage v i [v] A78R12PIC v i =0v~20v i o =0.0a
ksd-i0s002-006 6 a78rxxpic outline dimension
ksd-i0s002-006 7 a78rxxpic the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of A78R12PIC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X