Part Number Hot Search : 
FRM140R FA107 BYT43A FSS12 NZT751 93LC66CE T74LS13 MA250
Product Description
Full Text Search
 

To Download 2SK2115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sk2114, 2SK2115 silicon n-channel mos fet november 1996 application high speed power switching features low on-resistance high speed switching low drive current no secondary breakdown suitable for switching regulator outline 1 2 3 to-220cfm 1. gate 2. drain 3. source d g s
2sk2114, 2SK2115 2 ordering information type no. v dss 2sk2114 450 v 2SK2115 500 v absolute maximum ratings (ta = 25 c) item symbol ratings unit drain to source voltage 2sk2114 v dss 450 v 2SK2115 v dss 500 gate to source voltage v gss 30 v drain current i d 5a drain peak current i d(pulse) * 1 20 a body to drain diode reverse drain current i dr 5a channel dissipation pch* 2 35 w channel temperature tch 150 c storage temperature tstg C55 to +150 c notes 1. pw 10 m s, duty cycle 1 % 2. value at tc = 25 c
2sk2114, 2SK2115 3 electrical characteristics (ta = 25 c) item symbol min typ max unit test conditions drain to source breakdown voltage 2sk2114 v (br)dss 450 v i d = 10 ma, v gs = 0 2SK2115 500 gate to source breakdown voltage v (br)gss 30v i g = 100 m a, v ds = 0 gate to source leak current i gss 10 m av gs = 25 v, v ds = 0 zero gate voltage drain current 2sk2114 i dss 250 m av ds = 360 v, v gs = 0 2SK2115 v ds = 400 v, v gs = 0 gate to source cutoff voltage v gs(off) 2.0 3.0 v i d = 1 ma, v ds = 10 v static drain to source on state resistance 2sk2114 r ds(on) 1.0 1.4 w i d = 2.5 a, v gs = 10 v* 1 2SK2115 1.2 1.5 forward transfer admittance |y fs | 2.5 4.0 s i d = 2.5 a v ds = 10 v* 1 input capacitance ciss 640 pf v ds = 10 v v gs = 0 f = 1 mhz output capacitance coss 160 pf reverse transfer capacitance crss 20 pf turn-on delay time t d(on) 10nsi d = 2.5 a v gs = 10 v r l = 12 w rise time t r 25ns turn-off delay time t d(off) 50ns fall time t f 30ns body to drain diode forward voltage v df 0.95 v i f = 5 a, v gs = 0 body to drain diode reverse recovery time t rr 300 ns i f = 5 a, v gs = 0, dif / dt = 100 a / m s note 1. pulse test see characteristics curve of 2sk1155, 2sk1156.
2sk2114, 2SK2115 4 60 40 20 channel dissipation pch (w) 50 100 150 case temperature tc (?) power vs. temperature derating 0 10 1 0.2 0.05 10 100 1,000 drain to source voltage v ds (v) drain current i d (a) maximum safe operation area 5 0.5 0.1 1 3 30 300 ta = 25? 10 m s 100 m s 1 ms dc operation (t c = 25?) pw = 10 ms (1 shot) operation in this area is limited by r ds (on) 20 50 2 2sk1627 2sk1626 3 pulse width pw (s) normalized transient thermal impedance g s (t) 1.0 0.1 0.3 10 m 0.03 0.01 100 m 10 m 100 m 1 10 1 m t c = 25? t pw p dm d = t pw q ch? (t) = g s (t) ? q ch? q ch? = 3.57?/w, t c = 25? normalized transient thermal impedance vs. pulse width d=1 0.5 0.2 0.1 0.05 0.02 0.01 1 shot pulse
2sk2114, 2SK2115 5 notice when using this document, keep the following in mind: 1. this document may, wholly or partially, be subject to change without notice. 2. all rights are reserved: no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without hitachis permission. 3. hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the users unit according to this document. 4. circuitry and other examples described herein are meant merely to indicate the characteristics and performance of hitachis semiconductor products. hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. no license is granted by implication or otherwise under any patents or other rights of any third party or hitachi, ltd. 6. medical applications: hitachis products are not authorized for use in medical applications without the written consent of the appropriate officer of hitachis sales company. such use includes, but is not limited to, use in life support systems. buyers of hitachis products are requested to notify the relevant hitachi sales offices when planning to use the products in medical applications. hitachi, ltd. semiconductor & ic div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 for further information write to: hitachi america, ltd. semiconductor & ic div. 2000 sierra point parkway brisbane, ca. 94005-1835 u s a tel: 415-589-8300 fax: 415-583-4207 hitachi europe gmbh electronic components group continental europe dornacher stra? 3 d-85622 feldkirchen m?nchen tel: 089-9 91 80-0 fax: 089-9 29 30 00 hitachi europe ltd. electronic components div. northern europe headquarters whitebrook park lower cookham road maidenhead berkshire sl6 8ya united kingdom tel: 0628-585000 fax: 0628-778322 hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 0104 tel: 535-2100 fax: 535-1533 hitachi asia (hong kong) ltd. unit 706, north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon hong kong tel: 27359218 fax: 27306071


▲Up To Search▲   

 
Price & Availability of 2SK2115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X