Part Number Hot Search : 
UMH2N M3307 TLYU267 0F0E0 A100K M5324 11123SCL HCT138
Product Description
Full Text Search
 

To Download 115D15VFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 100vfi model 1.5 watt dc/dcs are specially designed to provide ultra-high levels of isolation 6000vdc in a low profile 24 pin dip package. the series consists of 18 models with input voltages of 5v, 12v and 15v, and offers regulated output volt ages of 5v, 12v, 15v , 5v, 12v and 15v. the 100vfi series is an excellent selection for railroad/ transportation equipment, medical equipment subsystems, process/machine control equipment and automatic test instrumentation. d d e e s s c c r r i i p p t t i i o o n n s s 100vfi series ? ? h h i i g g h h i i s s o o l l a a t t i i o o n n - - 6 6 0 0 0 0 0 0 v v d d c c ? ? u u p p t t o o 7 7 5 5 % % e e f f f f i i c c i i e e n n c c y y ? ? s s i i n n g g l l e e a a n n d d d d u u a a l l o o u u t t p p u u t t , , 1 1 . . 5 5 w w a a t t t t c c o o n n v v e e r r t t e e r r ? ? a a v v a a i i l l a a b b l l e e i i n n 5 5 , , 1 1 2 2 , , a a n n d d 1 1 5 5 v v d d c c i i n n p p u u t t s s ? ? s s h h o o r r t t c c i i r r c c u u i i t t p p r r o o t t e e c c t t i i o o n n ? ? l l o o w w i i s s o o l l a a t t i i o o n n c c a a p p a a c c i i t t a a n n c c e e f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage 5 vdc input models vdc 12 vdc input models vdc 15 vdc input models vdc input fuse requirements 5 vdc input models ma; slow blow type 12 vdc input models ma; slow blow type 15 vdc input models ma; slow blow type reverse polarity input current amp short circuit input power mw input filter pi filter unit/comments output voltage set point % output voltage at nominal line & fl output voltage balance % equal output (duals) loads line regulation %; % change / percentage change in input voltage load regulation (5 vout) % output voltage measured from fl to 20% load load regulation (5 v out) load regulation (12,12 v out) load regulation (15,15 v out) ripple/noise mv p-p, nom.line @fl, 20mhz b.w., using 1 f bypass capacitor ripple/noise mv p-p, over line, load & temp., 20 mhz b.w., using 1 f bypass capacitor overload protection %rated output load short circuit protection continuous, automatic recovery temperature coefficient % per degree c min 120 typ 2.0 0.5 1.2 7.0 8.0 6.0 4.0 30 0.01 max 4.0 2.0 1.5 10.0 12.0 8.0 6.0 40 50 0.02 single & dual output dc/dc converter min 4.5 10.8 13.5 typ 5 12 15 1000 250 250 max 5.5 13.2 16.5 0.5 1000 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency khz test isolation voltage vdc, 1 minute rated isolation voltage vdc, 1 minute isolation resistance mohm, 500vdc isolation capacitance pf, 100khz, 1volt mtbf (mil-hbk-217f) million hours, +25 o c, ground benign min 50 8,000 6,000 10,000 2 typ 10 max 100 15 >> b-17 www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. p p i i n n o o u u t t c c h h a a r r t t pins 1 2 11 12 13 14 15 23 24 single +vin +vin + vout + vout - vout - vout no pin - vin - vin dual + vin + vin + vout + vout common common - vout -vin - vin p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 1.25 x 0.8 x 0.4 inches (31.8 x 20.3 x 10.2 mm) non-conductive black plastic ul94v-0 12 grams 1.25 (31.8) 0.15 (3.8) bottom view 0.40 (10.2) side view 0.020(0.50) pin dia. 0.600 (15.22) 1 2 case size case material flammability weight unit/comments o c; ambient o c % humidity; non- condensing free-air convection operating temp. range storage temp. range relative humidity cooling min -40 -55 typ max +85 +125 +95 24 23 11 12 15 14 13 0.80 (20.3) 0.100 (2.54) 0.10 (2.5) 0.08 (2.0) notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 x.xxx= 0.010 x.xx = 0.25 pin : 0.002 0.05 >> b-18 www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 1 xx s xx vfi - output voltage series h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) output voltage (vdc) full load output current (ma) no load input current (ma) full load input current (ma) reflected ripple current (ma) efficiency @fl (%) 105s5vfi 112s5vfi 115s5vfi 105d5vfi 112d5vfi 115d5vfi 105s12vfi 112s12vfi 115s12vfi 105d12vfi 112d12vfi 115d12vfi 105s15vfi 112s15vfi 115s15vfi 105d15vfi 112d15vfi 115D15VFI 5 5 5 5 5 5 12 12 12 12 12 12 15 15 15 15 15 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 300 125 100 150 63 50 300 125 100 150 63 50 300 125 100 150 63 50 50 50 50 50 50 50 30 30 30 30 30 30 30 30 30 30 30 30 400 400 400 400 400 400 167 167 167 167 167 167 133 133 133 133 133 133 30 30 30 30 30 30 25 25 25 25 25 25 20 20 20 20 20 20 75 75 75 75 75 75 75 75 75 75 75 75 75 75 75 75 75 75 output configuration (s=single, d=dual) wattage=1.5w nominal input voltage y rohs compliant >> b-19 www.make-ps.com e-mail:info@make-ps.com
d d e e r r a a t t i i n n g g c c u u r r v v e e s s -40 50 60 70 80 90 100 110 pout % temperature c model 100vfi natural convection 400lfm 200lfm 100lfm 100 90 80 70 60 50 40 30 20 10 0 >> b-20 www.make-ps.com e-mail:info@make-ps.com make power world-class design, development and manufacturing team stands ready to work with you to deliver the exact power converter you need for your ready to work with you to deliver the exact power converter you need for your demanding, large volume, oem applications. and ... we ll do it on time and within budget our experienced applications and design staffs; quick-turn prototype capability; highly automated, smt assembly facilities; and in-line spc quality-control techniques combine to give us the unique ability to design and deliver any quantity of power converters to the highest standards of quality and reliability. we have compiled a large library of dc/dc designs that are currently used in a variety of telecom, medical, computer, railway, aerospace and industrial applications. we may already have the converter you need. contact us. our goal is to provide you the highest-quality, most cost-effective power converters available. custom capabilities all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation.


▲Up To Search▲   

 
Price & Availability of 115D15VFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X