Part Number Hot Search : 
LT1130A 10211 E121EI 1N4376 01089 DWR2G EPIH3D28 SSI22106
Product Description
Full Text Search
 

To Download XP1001000M-03R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  xpor t embedded device server minimal engineering effort required to web-enable virtually any electronic device remote command and control of edge devices real-time edge device status via e-mail alerts 256-bit aes encryption for secure communications emc/emi-compliant; rohs-compliant everything you need ?all in a single rj45 package full networking in a tiny package xport removes the complexity C of designing network connectivity into a product by incorporating all of the required hardware and software inside a single embedded solution. smaller than your thumb, it includes all essential networking features, including a 10base- t/100base-tx ethernet connection, proven operating system, an embedded web server, e-mail alerts, a full tcp/ip protocol stack, and 256-bit aes encryption for secure communications. this easy-to-embed networking processor module enables engineers to focus on their core competency while reducing development time and cost and increasing product value. integrated network communications module xport is powered by our dstni ? network processor soc, which includes a 10/100 mac/phy and 256 kb of sram. it features a built-in web server for communications with a device via a standard internet browser. web capability can be used for remote configuration, real-time monitoring or troubleshooting. xport has 512 kb of on- module flash for web pages and software upgrades. it acts as a dedicated co-processor that optimizes network activities permitting the host microprocessor to function at maximum efficiency. building intelligent devices with xport you can embed intelligence into any electronic product for applications such as: ? remote diagnostics and upgrades ? asset tracking and replenishment ? automation and control ? power management ? remote collaboration ? personalized content delivery robust, feature-rich software suite eliminating the need to negotiate the intricacies of transmission control protocol (tcp) or internet protocol (ip), xport incorporates: ? robust real time operating system (rtos) ? full-featured network protocol stack ? proven, ready-to-use serial-to-wireless application ? built-in web server for device communication and configuration via a standard browser the windows-based deviceinstaller ? makes configuring one or more xports in a subnet quick and easy. ? install and configure xport and load firmware ? assign ip & other network specific addresses ? set wireless parameters ? load custom web pages and view specific device data ? enable web-based configuration of the device ? ping or query the attached device(s) over the network ? allow telnet communication with the device(s) xport ? is a compact, integrated solution to web-enable any device with serial capability. by incorporating xport to a product design, manufacturers can offer network connectivity as a standard feature within weeks so they can be accessed and controlled over the internet. build network connectivity into your products, quickly and simply embedded device server xport
embedded device server xport 15353 barranca parkway | irvine | ca 92618 | usa | tel: 800.526.8764 | fax: 949.450.7249 | www.lantronix.com ?2008, lantronix, inc. lantronix and xport are registered trademarks, and dstni and deviceinstaller are trademarks of lantronix , inc. all other trademarks are the property of their respective owners. specifications subject to change without notice. all rights reserved. 910-430 03/08 dgs2500 features and specifications serial interface interface : cmos (asynchronous, 5v tolerant) data rates: 300 bps to 921,600 bps characters: 7 or 8 data bits parity: odd, even, none stop bits: 1 or 2 control signals: dtr/dcd, cts, rts flow control: xon/xoff, rts/cts programmable i/o: 3 pio pins (software selectable) network interface interface: ethernet 10base-t or 100base-tx (auto-sensing) connector: rj45 protocols: tcp/ip, udp/ip, arp, icmp, snmp,tftp,telnet, dhcp, bootp, http and autoip indicators (led) 10base-t connection 100base-tx connection link & activity indicator - full/half duplex management snmp,telnet, serial, internal web server, and microsoft windows -based utility for configuration security password protection optional 256-bit aes rijndael encryption internal web server storage capacity: 384 kb for web pages architecture cpu: based on the dstni-ex enhanced 16-bit, 48mhz or 88mhz x86 architecture memory: 256 kb sram and 512 kb flash firmware: upgradeable via tftp and serially power input voltage : 3.3 vdc environmental extended temp: -40 to 85c (-40 to 185?) commercial temp: 0 to 70c (32 to 158?) storage: -40 to 85c (-40 to 185?) packaging dimensions : 33.9 x 16.25 x 13.5 mm (1.33 x .64 x .53 in) weight: 9.6 g (0.34 oz) warranty 2-year limited warranty included software ms windows-based deviceinstaller software and ms windows-based com port redirector ex chip hardware diagram internal software portfolio 186 core 16-bit cpu 24-bit address 16k bytes boot rom 256 kbytes sram i/o lines serial peripheral interface (spi) timing and control address/data bus cpu timers uart dma intrpt cntlr watch dog 10/100 mbs ethernet interface phy oem specific device server application operating system snmp, dhcp smtp, rijndael tcp, udp ip, icmp ethernet web server, tftp, telnet drivers ex chip external reset serial data in serial data out configurable pin 1 configurable pin 2 configurable pin 3 3.3 vdc power signal ground power filters 25 mhz clock 1.8 vdc regulator 512 kbytes flash memory isolation & filtering magnetics chassis (earth) ground ethernet transmit & receive rj45 wiper contacts 10/100 mbit link status led full/half duplex activity led xport hardware and software xport evaluation kit the xport evaluation kit includes everything you need to integrate the xport into your next product design, including: ? an xport evaluation board and reference design including cad pcb files and complete bom ? universal ac power adapter ? network (cat5) and serial cable ? connector adapter ? data sheet ? lantronix utilities cd containing new com port redirector, deviceinstaller ? sample code and application notes ? complete user manual 13.5 mm 16.25 mm xport actual size 33.9 mm the included deviceinstaller software makes configuring xport quick and easy! model part number description xport xe xp1001000-03r xport rohs extended temperature min. quantity: 50 units xp1001001-03r xport rohs commercial temperature XP1001000M-03R xport xe rohs extended temperature, with modbus xport se xp1002000-03r xport rohs extended temperature, with encryption min. quantity: 50 units xp1002001-03r xport rohs commercial temperature, with encryption xport se smpl xp100200s-03r xport rohs extended temperature, with encryption - sample xport 485 xp1004000-03r xport rs-485 rohs extended temperature, with encryption min. quantity: 50 units xport 485 smpl xp100400s-03r xport rs-485 rohs extended temperature, with encryption - sample xport evaluation kit xp100200k-03 xport evaluation kit, with encryption


▲Up To Search▲   

 
Price & Availability of XP1001000M-03R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X