Part Number Hot Search : 
DS51331B SC3BH1 SC3BH1 AN581 1S924 SFH340 SC3BH1 HD74AL
Product Description
Full Text Search
 

To Download V23101-D0101-A201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  telecom-, signal and rf relays axicom w11 relay v23101 108-98010 ? aug. 08 ? rev. d ? ecoc: jm10
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 2 of 13 telecom-, signal and rf relays w11 relay v23101 index dimensions 4 coil data and operating range 6 relay code 9 contact data 10 insulation / general data 11 ul 508 file no. e 111441 disclaimer while tyco electronics has made every reasonable effort to ensure the accuracy of the information in this datasheet, tyco electronics does not guarantee that it is error-free, nor does tyco electronics make any other representati - on, warranty or guarantee that the information is accurate, correct, reliable or current. tyco electronics reserves the right to make any adjustments to the information contai - ned herein at any time without notice. tyco electronics expressly disclaims all implied warranties (and all express warranties, except as otherwise stated in this datasheet) regarding the information contained herein, including but not limited to any implied warranties or merchantability or ftness for a particular purpose. it is recommended that you test any new or replacement product before incorpo - rating into a system. the dimensions in this datasheet are for reference purpo - se only and are subject to change without notice. specif - cations are subject to change without notice.
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 3 of 13 telecom-, signal and rf relays w11 relay v23101 1 pole pcb relay, non-polarized, through hole type (tht) rohs compliant (directive 2002/95/ec) as per product date code 0401. features ? multi purpose relay ? small size permitting high packing density ? 1 changeover contact (1 form c / spdt) ? 200 mw and 450 mw coils ? 1 a and 3 a contacts ? high shock resistance of 30 g ? ambient temperature for sensitive version up to 85 c ? immersion cleanable typical applications ? security devices ? electric door openers ? duplex intercommunication systems ? measurement and controls relay types ? non-latching, 1 coil ? terminal assignments ? symmetrical or asymmetrical ? 5- or 6-pin version
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 4 of 13 telecom-, signal and rf relays w11 relay v23101 dimensions dimensions in mm tht v23101-dxxx-xxxx mm inch l w 15.5 0.1 10.5 0.1 0.610 0.004 0.413 0.004 h t 11.5 - 0.2 3.5 - 0.2 0.453 - 0.008 0.138 - 0.008 tht version mounting hole layout view onto the component side of the pcb (top view) version: 6 pins version: 5 pins (without pin no. 6)
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 5 of 13 telecom-, signal and rf relays w11 relay v23101 relay C top view v23101-d0 xxx-axxx v23101-d0 xxx-bxxx v23101-d1 xxx-axxx v23101-d1 xxx-bxxx 6 pin version with symmetrical coil assignment 6 pin version with asymmetrical coil assignment 5 pin version with symmetrical coil assignment 5 pin version with asymmetrical coil assignment terminal assignment
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 6 of 13 telecom-, signal and rf relays w11 relay v23101 nominal voltage unom vdc operating voltage range release/ reset voltage minimum vdc coil power mw coil resistance ? 15% relay code tyco part number minimum voltage umin vdc maximum voltage umax vdc coil data (values at 20 c) ordering information 6 pin version with symmetrical coil assignment, 450 mw nom. power consumption, agpd+au contacts 1.5 1.3 2.6 0.15 375 6 v23101-d0001-a201 1393779-1 3 2.1 4.7 0.30 450 20 v23101-d0002-a201 1393779-3 5 3.5 7.9 0.50 446 56 v23101-d0003-a201 1393779-5 6 4.2 9.5 0.60 450 80 v23101-d0004-a201 1393779-8 9 6.3 14.2 0.90 450 180 v23101-d0005-a201 1-1393779-1 12 8.4 19.0 1.20 450 320 v23101-d0006-a201 1-1393779-3 24 16.8 38.0 2.40 450 1280 v23101-d0007-a201 1-1393779-8 6 pin version with asymmetrical coil assignment, 450 mw nom. power consumption, agpd+au contacts 1.5 1.3 2.6 0.15 375 6 v23101-d0001-b201 1393779-2 3 2.1 4.7 0.30 450 20 v23101-d0002-b201 1393779-4 5 3.5 7.9 0.50 446 56 v23101-d0003-b201 1393779-6 6 4.2 9.5 0.60 450 80 v23101-d0004-b201 1-1393779-0 9 6.3 14.2 0.90 450 180 v23101-d0005-b201 1-1393779-2 12 8.4 19.0 1.20 450 320 v23101-d0006-b201 1-1393779-6 24 16.8 38.0 2.40 450 1280 v23101-d0007-b201 2-1393779-2 6 pin version with symmetrical coil assignment, 450 mw nom. power consumption, agni contacts 12 8.4 19.0 0.20 450 320 v23101-d0006-a301 4-1419172-4 6 pin version with asymmetrical coil assignment, 450 mw nom. power consumption, agni contacts 5 3.5 7.9 0.50 446 56 v23101-d0003-b301 1393779-7 12 8.4 19.0 1.20 450 320 v23101-d0006-b301 1-1393779-7 24 16.8 38.0 2.40 450 1280 v23101-d0007-b301 2-1393779-1 6 pin version with symmetrical coil assignment, 450 mw nom. power consumption, agni+au contacts 5 3.5 7.9 0.50 446 56 v23101-d0003-a401 1422028-2 12 8.4 19.0 1.20 450 320 v23101-d0006-a401 1422028-3 24 16.8 38.0 2.40 450 1280 v23101-d0007-a401 1422028-5 6 pin version with asymmetrical coil assignment, 450 mw nom. power consumption, agni+au contacts 12 8.4 19.0 1.20 450 320 v23101-d0006-b401 1422028-4 24 16.8 38.0 2.40 450 1280 v23101-d0007-b401 1422028-6 5 pin version with symmetrical coil assignment, 450 mw nom. power consumption, agpd+au contacts 12 8.4 19.0 1.20 450 320 v23101-d1006-a201 4-1393779-1 5 pin version with asymmetrical coil assignment, 450 mw nom. power consumption, agpd+au contacts 5 3.5 7.9 0.50 446 56 v23101-d1003-b201 4-1393779-0 12 8.4 19.0 1.20 450 320 v23101-d1006-b201 4-1393779-2 24 16.8 38.0 2.40 450 1280 v23101-d1007-b201 1413012-1 5 pin version with symmetrical coil assignment, 450 mw nom. power consumption, agni+au contacts 12 8.4 19.0 1.20 450 320 v23101-d1006-a401 1-1422028-2 5 pin version with asymmetrical coil assignment, 450 mw nom. power consumption, agni+au contacts 12 8.4 19.0 1.20 450 320 v23101-d1006-b401 1-1422028-3
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 7 of 13 telecom-, signal and rf relays w11 relay v23101 coil data (values at 20 c) ordering information nominal voltage unom vdc operating voltage range release/ reset voltage minimum vdc coil power mw coil resistance ? 15% relay code tyco part number minimum voltage umin vdc maximum voltage umax vdc 6 pin version with symmetrical coil assignment, 200 mw nom. power consumption, agpd+au contacts 1.5 1.1 3.6 0.15 188 12 V23101-D0101-A201 2-1393779-2 3 2.3 7.1 0.30 200 45 v23101-d0102-a201 2-1393779-4 5 3.8 11.6 0.50 208 120 v23101-d0103-a201 2-1393779-6 6 4.5 14.2 0.60 200 180 v23101-d0104-a201 2-1393779-8 9 6.8 21.2 0.90 203 400 v23101-d0105-a201 3-1393779-0 12 9.0 28.0 1.20 206 700 v23101-d0106-a201 3-1393779-2 24 18.0 56.0 2.40 206 2800 v23101-d0107-a201 3-1393779-5 18 13.5 33.0 1.80 200 1620 v23101-d0108-a201 3-1393779-9 6 pin version with asymmetrical coil assignment, 200 mw nom. power consumption, agpd+au contacts 1.5 1.1 3.6 0.15 188 12 v23101-d0101-b201 2-1393779-3 3 2.3 7.1 0.30 200 45 v23101-d0102-b201 2-1393779-5 5 3.8 11.6 0.50 208 120 v23101-d0103-b201 2-1393779-7 6 4.5 14.2 0.60 200 180 v23101-d0104-b201 2-1393779-9 9 6.8 21.2 0.90 203 400 v23101-d0105-b201 3-1393779-1 12 9.0 28.0 1.20 206 700 v23101-d0106-b201 3-1393779-3 24 18.0 56.0 2.40 206 2800 v23101-d0107-b201 3-1393779-8 6 pin version with symmetrical coil assignment, 200 mw nom. power consumption, agni contacts 12 9.0 28.0 1.20 206 700 v23101-d0106-a301 1422037-2 24 18.0 56.0 2.40 206 2800 v23101-d0107-a301 3-1393779-7 6 pin version with asymmetrical coil assignment, 200 mw nom. power consumption, agni contacts 12 9.0 28.0 1.20 206 700 v23101-d0106-b301 3-1393779-4 6 pin version with symmetrical coil assignment, 200 mw nom. power consumption, agni+au contacts 5 3.8 11.6 0.50 208 120 v23101-d0103-a401 1422028-7 12 9.0 28.0 1.20 203 700 v23101-d0106-a401 1422028-8 24 18.0 56.0 2.40 206 2800 v23101-d0107-a401 1422028-9 18 13.5 33.0 1.80 200 1620 v23101-d0108-a401 1-1422028-1 6 pin version with asymmetrical coil assignment, 200 mw nom. power consumption, agni+au contacts 24 18.0 56.0 2.40 206 2800 v23101-d0107-b401 1-1422028-0 5 pin version with symmetrical coil assignment, 450 mw nom. power consumption, agpd+au contacts 12 9.0 28.0 1.20 203 700 v23101-d1106-a201 4-1393779-3 24 18.0 56.0 2.40 206 2800 v23101-d1107-a201 4-1393779-6 5 pin version with asymmetrical coil assignment, 450 mw nom. power consumption, agpd+au contactsw 12 9.0 28.0 1.20 203 700 v23101-d1106-b201 4-1393779-4 24 18.0 56.0 2.40 206 2800 v23101-d1107-b201 4-1393779-7 5 pin version with asymmetrical coil assignment, 200 mw nom. power consumption, agni contacts 12 9.0 28.0 1.20 203 700 v23101-d1106-b301 4-1393779-5 5 pin version with symmetrical coil assignment, 200 mw nom. power consumption, agni+au contacts 12 9.0 28.0 1.20 203 700 v23101-d1106-a401 1-1422028-4 5 pin version with asymmetrical coil assignment, 200 mw nom. power consumption, agni+au contacts 12 9.0 28.0 1.20 203 700 v23101-d1106-b401 1-1422028-5
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 8 of 13 telecom-, signal and rf relays w11 relay v23101 unom = nominal coil voltage umax. = upper limit of the operative range of the coil voltage (limiting voltage) uop. min. = lower limit of the operative range of the coil voltage (reliable operate voltage) for latching relays uset min. resp. ureset min. urel. min. = lower limit of the operative range of the coil voltage (reliable release voltage) coil operating range u nom. nominal coil voltage u op. min. u rel. min. u max. at 0 a u max. at 1.25 a ambient temperature [c] coil voltage [u/u nom ] 200 mw coil 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 2 . 2 2 . 4 2 . 6 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 u nom. nominal coil voltage u op. min. u rel. min. u max. at 0 a u max. at 1.25 a ambient temperature [c] coil voltage [u/u nom ] 450 mw coil 0 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 1 . 6 1 . 8 2 2 . 2 2 . 4 2 . 6 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 9 of 13 telecom-, signal and rf relays w11 relay v23101 coil number standard version 001 = 1.5 v nominal voltage 002= 3 v 003 = 5 v 004 = 6 v 005 = 9 v 006 = 12 v 007 = 24 v v23101 identifcation of the relay w11 - 1 changeover contact pin version d0 = standard 6 pins d1 = 5-pin version (without pin no. 6) coil assignment a = symmetrical b = asymmetrical contact / material 201 = agpd, gold plated 301 = agni 401 = agni, gold plated ordering example: v23101-d0104-b401 small relay w11 - 1 changeover contact, standard pin version (6 pins), sensitive version, coil 6 v nominal voltage, termi - nal assignment b, contact material agni, gold plated. note: special designs can be carried out to customer specifcations. please contact your local representative. relay code sensitive version 101 = 1.5 v nominal voltage 102= 3 v 103 = 5 v 104 = 6 v 105 = 9 v 106 = 12 v 107 = 24 v
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 10 of 13 telecom-, signal and rf relays w11 relay v23101 contact data number of contacts and type 1 changeover contacts contact assembly single contacts contact material agpd, gold plated agni, gold plated agni limiting continuous current at max. ambient temperature 1.25 a 3 a maximum switching current (see load limit diagram) 1.25 a 3 a maximum swichting voltage 120 vdc 125 vac 120 vdc 125 vac maximum switching capacity 30 w / 62.5 va 72 w / 360 va thermoelectric potential < 10 v < 10 v initial contact resistance / measuring condition: 10 ma / 20 mv 100 m 100 m electrical endurance standard: at 24 vdc / 1.25 a at 24 vdc / 3 a at 120 vac / 1.25 a at 120 vac / 3 a min. 3 x 10 5 operations min. 1.5 x 10 5 operations min. 2 x 10 5 operations min. 4 x 10 5 operations sensitive: at 24 vdc / 1.25 a at 24 vdc / 3 a at 120 vac / 1.25 a at 120 vac / 3 a min. 2 x 10 5 operations min. 1 x 10 5 operations min. 1 x 10 5 operations min. 3 x 10 5 operations mechanical endurance, typ 10 7 operations max. dc load breaking capacity dc voltage [vdc] dc current [a]
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 11 of 13 telecom-, signal and rf relays w11 relay v23101 general data operate time at unom typ./ max. 5 ms / 7 ms release time without diode in parallel, typ. / max. 3 ms / 5 ms release time with diode in parallel, typ. / max. 10 ms / 12 ms bounce time at closing contact, typ. / max. 1 ms / 2 ms no contact 5 ms / 10 ms at nc conctact maximum switching rate without load 20 operations/s ambient temperature -40 c ... +70 c / 85 c, standard / sensitive coil thermal resistance < 125 k/w maximum permissible coil temperature 130 c vibration resistance (function) 10 g, 10 to 200 hz shock resistance, half sinus, 11 ms 30 g (function) 100 g (damage) degree of protection immersion cleanable, ip 67 needle fame test application time 20 s, burning time < 15 s mounting position any processing information ultrasonic cleaning is not recommended weight (mass) max. 4 g terminal coating sncu 0,7 resistance to soldering heat 265 c / 10 s packing dimensions in mm tube dimensions 25 relays per tube 625 relays per box insulation insulation resistance at 500 vdc > 10 9 dielectric test voltage (1 min) between coil and contacts between open contacts 1000 vrms 750 vrms high frequency data capacitance between coil and contacts between open contacts max. 10 pf max. 2 pf
108-98010 rev. d all specifcations subject to change. consult tyco electronics for latest specifcations. 12 of 13 telecom-, signal and rf relays w11 relay v23101 im relays 4th generation slim line C low profle polarized 2 c/o telecom signal relay with bifurcated contacts, available as non latching or latching relay with 1 coil. nominal voltage range from 1.5 ... 24 v, coil power consumption of 50 ... 200 mw, latching relays with 1 coil 100 mw. the im relay is available as through hole and surface mount type (j-legs and gull wings) and capable to switch loads up to 60 w/62,5 va. it is currently the only 2 a rated 4g relay on the market. dielectric strength fulflls the telcordia requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the im relay is tested according cecc/iecq and certifed in accordance with iec/en 60950 and ul 60950. dimensions approx. 10 x 6 mm board space and 5.65 mm height. p2 relays 3rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 24 v, coil power consumption 140 mw, latching relays with 1 coil 70 mw. the p2 relay is available as through hole or surface mount type and capable to switch currents up to 5 a. dielectric strength fulflls the telcordia requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the p2 relay is tested according cecc/iecq and certifed in accordance with iec/en 60950 and ul 60950. dimensions approx. 15 x 7,5 mm board space and 10 mm height. fx2 relays 3rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. nominal voltage range from 3 ... 48 v, coil power consumption of 80 ... 260 mw for the high sensitive version, 140... 300 mw for the standard version, latching relays with 1 coil 100 mw. the fx2 relay is available as through hole type and capable to switch loads up to 60 w/62,5 va. dielectric strength fulflls the telcordia requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the fx2 relay is tested according cecc/ iecq and certifed in accordance with iec/en 60950 and ul 60950. dimensions approx. 15 x 7,5 mm board space and 10,7 mm height. ft2 / fu2 relays 3rd generation non polarized, non latching 2 c/o telecom relay with bifurca - ted contacts. nominal voltage range from 3 ... 48 v, coil power consumption 200 ... 300 mw. most sensitive 48 v relay. available as through hole and surface mount type. dielectric strength fulflls the telcordia requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the ft2/fu2 relay is tested according cecc/iecq and certifed in accordance with iec/en 60950 and ul 60950. dimensions approx. 15 x 7,5 mm board space and 10 mm height. fp2 relays 3rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 48 v, coil power consumption of 80 ... 260 mw for the high sensitive version, 140... 300 mw for the standard version, latching relays with 1 coil 100 mw.. the fp2 relay is available as through hole type and capable to switch loads up to 60 w/62,5 va. dielectric strength fulflls fcc part 68 (1,5 kv C 10 / 160 s). the fp2 is tested according cecc/iecq approved. dimensions approx. 14 x 9 mm board space and 5 mm height. mt2 2nd generation non polarized, non latching 2 c/o telecom and si - gnal relay with bifurcated contacts. nominal voltage range from 3 ... 48 v, coil power consumption 150/200/300/400 and 550 mw. dielectric strength fulfills the requirements according fcc part 68 (1,5 kv C 10 / 160 s). dimensions approx. 20 x 10 mm board space and 11 mm height. d2n relays 2nd generation non polarized 2 c/o relay for telecom and various other ap - plications. nominal voltage range from 3 ... 48 v, coil power consumption from 150 .... 500 mw. the d2n relay is capable to switch currents up to 3 a. dielectric strength fulflls the requirements according fcc part 68 (1,5 kv C 10 / 160 s). dimensions approx. 20 x10 mm board space and 11 mm height. p1 relays extremely sensitive, polarized 1 c/o relay with bifurcated contacts for a wide range of applications, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 24 v, coil power consumption 65 mw, latching relays with 1 coil 30 mw. the p1 relay is available as through hole or surface mount type and capable to switch currents up to 1 a. dielectric strength fulflls the requirements according fcc part 68 (1,5 kv C 10 / 160 s). dimensions approx. 13 x 7,6 mm board space and 7 mm height for tht or 8 mm height for smt version. w11 relays low cost, non polarized 1 c/o relay for various applications. nominal voltage range from 3 ... 24 v, coil power consumption 450 mw, sensitive versions 200 mw. the w11 relay is capable to switch currents up to 3 a. dielectric strength 1000 vrms. dimensions approx. 15,6 x 10,6 mm board space and 11,5 mm height. reed relays high sensitive, non polarized relay for telecom and various other applica - tions, available with 1 n/o, 2 n/o or 1c/o contacts. nominal voltage range from 5 ... 24 v, coil power consumption 50...280 mw for 1 n/o and 125 ... 280 mw for 2 n/o or 1 c/o versions. reedrelays are available in dip or sil housing and capable to switch currents up to 0,5 a. integrated diode and/or electrostatic shield optional. dielectric strength 1500 vdc. dimen - sions approx. 19,3 x 7 mm board space and 5 ... 7,5 mm height for dip or 19,8 x 5 mm board space and 7,8 mm height for sil version. cradle relays extremely reliable and mature relay family of 1st generation for various signal switching applications. available as non polarized, polarized / latching and relay with ac coil. the beneft is the possibility of combining various contact sets from 1 up to 6 poles, single and bifurcated contacts, different contact materials with a coil voltage range from 1,5 vdc to 220 vac. cradle relays are available as dust protected and hermetically sealed versions, with plug in or solder terminals and are capable to switch currents up to 5 a. forcibly guided (linked) contact sets optional. dielectric strength 500 vrms. dimensions from approx. 19 x 24 to 19x35 mm board space and 30 mm height. other relays we offer a variety of different relay families for maintenance and replace - ment purposes. these relays are up to 60 years old now, such as card relay sn (v23030 series), small general purpose relay (v23006 series), small polarized relay (v23063 ... v23067 and v23163 ... v23167 series). accessories like sockets, hold down springs, etc. optional. high frequency relays hf3 / hf3s / hf6 series rf relays offering excellent rf characteristics in a small package. all hf series relays are suitable for smd soldering processes. available as non latching or latching versions with 1 or 2 coils and a nominal coil voltage range from 3 24 v, a coil power consumption of 140 mw or 70 mw (single coil latching types). low cost rf relay suitable up to 3 ghz. impedance 50 and 75 ohm. 50 w hot switching and 50 w rf power carry capability. dimensions 14.6 x 7.3 x 10.3 mm. high performance, high power rf relay suitable up to 3 ghz, 50 w hot switching and 150 w rf power carry capability. dimensions 15 x 7.6 x 10.6 mm. high performance, high power rf relay suitable up to 6 ghz, 50 w hot switching and 50 w rf power carry capability. dimensions 15 x 7.6 x 10.6 mm.
telecom-, signal and rf relays axicom tyco electronics logistics ag werk axicom au seestrasse 295 ch-8804 au-w?denswil / switzerland phone +41 44 782 91 11 fax +41 44 782 90 00 e-mail: axicom@tycoelectronics.com tyco electronics paulsternstrasse 26 d-13629 berlin / germany phone +49 30 386 38573 fax +49 30 386 38575 e-mail: axicom@tycoelectronics.com tyco electronics ec trutnov s.r.o. komenskho 821 cz-541 01 trutnov / czech republic e-mail: axicom@tycoelectronics.com tyco electronics corporation pob 3608, harrisburg, pa 17105, usa phone +1 800-522-6752


▲Up To Search▲   

 
Price & Availability of V23101-D0101-A201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X